Part Number Hot Search : 
3AA13 2SC37 2SC3923 BAT54 1N966B MBR520 B0967 324C8
Product Description
Full Text Search
 

To Download 2SC3679 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC3679 description ? with to-3pn package ? high voltage switching transistor applications ? for switching regulator and general purpose applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current (dc) 5 a i cm collector current -peak 10 a i b base current (dc) 2.5 a p c collector power dissipation t c =25 ?? 100 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC3679 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 800 v v cesat collector-emitter saturation voltage i c =2a; i b =0.4a 0.5 v v besat base-emitter saturation voltage i c =2a ;i b =0.4a 1.2 v i cbo collector cut-off current v cb =800v ;i e =0 0.1 ma i ebo emitter cut-off current v eb =7v; i c =0 0.1 ma h fe dc current gain i c =2a ; v ce =4v 10 30 f t transition frequency i c =0.5a ; v ce =12v 6 mhz c ob collector output capacitance f=1mhz;v cb =10v 75 pf switching times t on turn-on time 1.0 | s t s storage time 5.0 | s t f fall time i c =2.0a i b1 =0.3a ,i b2 =-1a v cc =250v, r l =125 |? 1.0 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SC3679 package outline fig.2 outline dimentions (unindicated tolerance: ? 0.10 mm)
inchange semiconductor product specification 4 silicon npn power transistors 2SC3679


▲Up To Search▲   

 
Price & Availability of 2SC3679

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X