Part Number Hot Search : 
MAN8010 154CSW 514280 NM65N LT455IW RFZ24N SP682CU LT143233
Product Description
Full Text Search
 

To Download 05W580EWC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led specification page: 1 part no. 05W580EWC features z single color z high bright output z medium power consumption z high reliability and long life descriptions z dice material gainn z emitting color super bright white z device outline 5mm round type z lens type water clear note: z all dimensions are millimetre z tolerance is +/-0.25mmunless otherwise noted max cathode relative luminous radiation angle ta=25? ? c if=20ma directivity 90? ? 60? ? 30? ? 0? ? 0 0.5 1.0 1.0 0.5 30? ? 60? ? 90? ? 0? ?
led specification page: 2 part no. 05W580EWC absolute maximum ratings ta = 25 value parameter symbol test condition min. max. unit reverse voltage v r i r = 30 a 5 -- v forward current i f ---- ---- 10 0 ma power dissipation pd ---- ---- 4.8 w pulse current ipeak duty=0.1ms 1khz ---- 200 ma operating temperature topr ---- -20 +85 storage temperature tstr ---- -25 +100 electrical and optical characteristics ta = 25 value parameter symbol test condition min. typ. max. unit forward voltage v f i f = 100ma v10~v12 v reverse current i r v r = 5v ---- ---- 30 a luminous flux v i f = 100ma n,ae,af lm viewing angle 2 1/2 i f = 100ma 70 90 deg. color temperature cct i f = 10 0ma w3~w8
led specification page: 3 part no. 05W580EWC bin code c temp (k ) bin code c temp (k) w0 <3000 w6 6000~7000 w1 3000~3500 w7 7000~8000 w2 3500~4000 w8 8000~10000 w3 4000~4500 w9 10000~15000 w4 4500~5000 w10 15000~20000 w5 5000~6000 w00 >20000 bin code lumens bin code lumens a <0.46 m 6.0~7.8 b 0.46~0.60 n 7.8~10.0 c 0.60~0.77 ae 10~13 d 0.77~1.0 af 13~17 e 1.0~1.3 ag 17~22 f 1.3~1.7 ah 22~28 g 1.7~2.2 aj 28~36 h 2.2~2.8 ak 36~47 j 2.8~3.6 al 47~60 k 3.6~4.7 am 60~78 l 4.7~6.0 a n 78~100 bin code vf (v) bin code vf (v) v1 1.6-1.8 v9 3.2-3.4 v2 1.8-2.0 v10 3.4-3.6 v3 2.0-2.2 v11 3.6-3.8 v4 2.2-2.4 v12 3.8-4.0 v5 2.4-2.6 v13 4.0-4.2 v6 2.6-2.8 v14 4.2-4.4 v7 2.8-3.0 v15 4.4-4.6 v8 3.0-3.2 v16 4.6-4.8 color temperature bin flux bin forward voltage (vf) bin
led specification page: 4 part no. 05W580EWC ta=25 700 650 600 550 500 450 1. 2 0. 8 1. 0 0. 2 0. 4 0. 6 400 0 w avel engt h ( nm) rel at i v e l um inous intensity 4.4 250 200 4.0 150 0 0 200 250 2.0 1.5 0.5 100 50 3.6 0 2.4 2.8 3.2 forward current(ma) luminous intensity relative value at if=20ma 1.0 150 2.5 2.0 1.5 100 2.5 100 80 60 0.5 20 0 -20 100 -40 60 80 20 40 0 0 ambient temperature t a (? ? ) ambient temperature t a (? ? ) 40 relative luminous intensity forward current(ma) 50 1.0 if-forward current (ma) forward voltage(v) 100 50 150 200 250 300


▲Up To Search▲   

 
Price & Availability of 05W580EWC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X