Part Number Hot Search : 
MIC809JU 01502 01502 GRM316R LF301RW 1H220M HCTL2000 2N7000K
Product Description
Full Text Search
 

To Download TMCJG6SA101AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com k snap-acting kC 11 c&k tm series miniature snap-acting switches features/benefits ? high electrical life up to 15 amps ? broad range of operating forces available ? w ide variety of actuator and terminal styles ? cost-effective solution typical applications ? pumps and motors ? white goods ? consumer appliances specifications contact rating: from low level* to 15 amps @ 250 v ac. electrical life: 150,000 cycles at 15 amps @ 250 v ac, models with 150 grams operating force. 350,000 cycles at 10 amps @ 250 v ac, models with 75 grams operating force. insulation resistance: 1,000 m ohm min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: C7?oto 302? o?5?Ctoo150?). operating force: 50, 75 and 150 grams at actuator available; refer to chart for lever style forces. mounting: torque screws 2-5 in/lbs. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. materials switch housing: thermoplastic or general purpose phenolic (ul 94v-0). actuator button: thermoplastic (ul 94v-0). spring: copper alloy. pivot: brass alloy. movable contacts: gold alloy for ratings 1 amp @ 125 v ac or less. fine silver for ratings greater than 1 amp @ 125 v ac. stationary contacts: gold alloy for ratings 1 amp or less. fine silver for ratings greater than 1 amp. terminals: brass alloy for ratings up to 10 amps @ 250 v ac. copper alloy for 15 amps @ 250 v ac ratings. note: for the latest information regarding rohs compliance, please go to: www .ittcannon.com/rohs. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages k-12 thr ough k-16. for additional options not shown in catalog, consult customer service center . available extended electrical life per ul 1054, rated for 100,000 operations, consult factory. series tm sp , mom. operating force cg 2.65 oz./75 grams cj 5.29 oz.,/150 grams cf 1.76 oz./50 grams electrical rating d6 1o a @ 125 & 250 v ac; 1/3 hp @ 125 & 25o v ac;1/2 a @ 125 v dc; 1/4 a @ 250 v dc g6 15 a @ 125 & 250 v ac; 1/4 a @ 250 v dc; 1/2 a @ 125 v dc; 1/2 hp @ 125 & 250 v ac; 3 a @ 125 v ac f5 1 a @ 125 v ac; 1 a @ 30 v dc h3 5 a @ 250 v ac; 1/6 hp @ 125 & 25o v ac actuator p00 pin plunger a10 .81" lever roller, high force a15 1.34" lever roller, high force a20 1.02" lever roller, low force a25 1.56" lever roller, low force t10 .84" lever , high force t13 1.34" simulated roller, high force t14 1.29" simula ted roller, high force t15 1.40" lever, high force t16 2.34" lever , high force t17 2.00" lever, high force t18 2.75" lever, high force t20 1.06" lever, low force t23 1.56" simulated roller, low force t24 1.50" simula ted roller , low force t25 1.62" lever , low force t26 2.56" lever, low force t27 2.22" lever, low force t28 2.97" lever , lo w force terminations 40 .187" quick connect 10 solder 4a .250" quick connect 60 screw circuitry c spdt w spst n.c. y spst n.o. mounting style s standard v metric t m
kC2 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com k snap-acting c&k tm series miniature snap-acting switches series operating force electrical rating tm miniature snap-acting switches Csp momentary all models with all options. contact customer service center for availability and delivery of nonstandard ratings. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. 1.76 50 cf 5.29 150 cj 2.65 75 cg basic switch operating force (oz./grams) option code operating force option f?ot available with ?1, t27 and t28 actuator options. operating for ce varies with actuator option, see actuator option section. option code rohs compliant * rohs compatible * movable contact stationary contact electrical rating d6 ye s ye s fine silver fine silver 10 amps @ 125 & 250 v ac; 1/3 hp @ 125 & 250 v ac; 1/2 amp @ 125 v dc; 1/4 amp @ 250 v dc. f5 ye s ye s gold alloy gold alloy from low level* to 1 amp @ 125 v ac, 1 amp @ 30 v dc. g6 y es y es 15 amps @ 125 & 250 v ac; 0.25 amp @ 250 v dc; 0.5 amp @ 125 v dc; 1/2 hp @ 125 & 250 v ac; 3 amps @ 125 v ac ? h3 y es y es 5 amps @ 250 v ac; 1/6 hp @ 125 & 250 v ac. contact material fine silver fine silver * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications.
dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com k snap-acting kC 13 c&k tm series miniature snap-acting switches electrical rating mounting style v metric s standard ? available x not available ?? h3 xx ? g6 ?? f5 ?? d6 maximum operating force (oz./grams) 1.76/50 2.65/75 5.29/150 cf cg cj electrical rating available combinations all models with all options. contact customer service center for availability and delivery of nonstandard ratings. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. recommended maximum scr ew size: 4-40. note: torque mounting screws 2-5 in/lbs. recommended maximum scr ew size: 3 mm.
kC4 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com k snap-acting c&k tm series miniature snap-acting switches actuator fig. 3 a b c lever fig. 4 a b c d simulated ro ller .600 .080 (15,24 2,03) .58 (14,7) 1.62 (41,1) 3 t25 .25 dia. (6,4?) .740 .090 (18,80 2,29) .58 (14,7) 1.50 (38,1) 4 t24 .19 dia. (4,8?) .810 .065 (20,57 1,65) .58 (14,7) 1.56 (39,6) 4 t23 .600 .045 (15,24 1,14) .58 (14,7) 1.06 (26,9) 3 t20 .600 .093 (15,24 2,36) .36 (9,1) 2.75 (69,9) 3 t18 .600 .052 (15,24 1,57) .36 (9,1) 2.00 (50,8) 3 t17 .600 .062 (15,24 1,57) .36 (9,1) 2.34 (59,4) 3 t16 .600 .040 (15,24 1,02) .36 (9,1) 1.40 (35,6) 3 t15 .25 dia. (6,4?) .740 .050 (18,8 1,3) .36 (9,1) 1.29 (32,8) 4 t14 .19 dia. (4,8?) .810 .040 (20,57 1,02) .36 (9,1) 1.34 (34,0) 4 t13 .600 .020 (15,24 0,51) .36 (9,1) .84 (21,3) 3 t10 2.56 (65,0) t26 high force, low motion pivot position low force, high motion pivot position note: lever actuator options ar e available in either of two pivot positions. levers located in the forward pivot position have lower forces and higher motions. levers located in the rear pivot position have higher forces and lower motions. available with actuators a10, a15, t10, t13, t14, t15, t16, t17 and t18. available with actuators a20, a25, t20, t23, t24, t25, t26, t27 and t28. fig. 1 a b c d lever roller fig. 2 a c pin roller .19 dia. (4,8?) .810 .080 (20,57 2,03) .58 (14,7) 1.56 (39,6) 1 a25 .19 dia. (4,8?) .810 .050 (20,57 1,27) .58 (14,7) 1.03 (26,2) 1 a20 .19 dia. (4,8?) .810 .040 (20,57 1,02) .36 (9,1) 1.34 (34,0) 1 a15 .19 dia. (4,8?) .810 .020 (20,57 0,51) .36 (9,1) .81 (20,6) 1 a10 .578 .015 (14,68 0,38) .80 (20,3) 2 p00 dim. d dim. c dim. b dim. a fig. option code 3 .56 (14,7) .600?125 (15,24 3.18) 2.22 (56,4) t27 3 .58 (14,7) .600 .125 (15,24 ?.18) 2.97 (75,4) t28 3 .58 (14,7) .600 ?187 (15,24?.75)
dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com k snap-acting kC 15 c&k tm series miniature snap-acting switches actuator no te : for basic swit c h operating for ce s , se e page k-12. .280 (7, 11 ) .750 (19 ,0 5) .187 (4, 75 ) n/ a .04 .07 12 n/ a .07 .14 24 .200 (5, 08 ) .500 (12 ,7 0) .125 (3, 18 ) n/ a .04 .11 13 n/ a .11 .21 36 .60 .88 17 25 .035 (0, 89 ) .056 (1, 42 ) .013 (0, 33 ) .35 .53 1.06 10 15 30 .71 .99 2.1 2 20 28 60 1.76 2.65 5. 29 50 75 150 p0 0 .125 (3, 18 ) .312 (7, 92 ) .070 (1, 78 ) .04 .07 .18 125 .11 .18 .35 3510 .53 1.06 1.59 15 30 45 a2 5 .060 (1, 52 ) .140 (3, 56 ) .025 (0, 64 ) .11 .18 .35 3510 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 a2 0 .065 (1, 65 ) .160 (4, 06 ) .030 (0, 76 ) .11 .14 .35 3410 .21 .35 .7 1 6 10 20 1.06 1.59 2. 82 30 45 80 a1 5 .035 (0, 89 ) .070 (1, 78 ) .013 (0, 33 ) .25 .53 1.06 7 15 30 .49 .99 1.6 9 14 28 48 2.12 3.17 6. 35 60 90 180 a1 0 n/ a .42 .63 12 18 t28 n/ a t27 .100 (2, 54 ) .330 (8, 38 ) .070 (1, 78 ) .04 .07 .16 1 2 4.5 .07 .14 .32 249 .71 1.06 1.41 20 30 40 t25 .110 (2, 79 ) .312 (7, 92 ) .080 (2, 03 ) .05 .07 .18 1.5 2 5 .11 .18 .3 5 3510 .53 1.23 1.7 6 15 35 50 t24 .125 (3, 18 ) .312 (7, 92 ) .070 (1, 78 ) .0 4 .07 .18 125 .1 1 .18 .3 5 3510 .5 3 1.06 1.5 9 15 30 45 t23 .065 (1, 65 ) .160 (4, 06 ) .030 (0, 76 ) .11 .18 .35 3 510 .21 .32 .7 1 6 920 1.06 1.59 3. 17 3 0 45 90 t20 .160 (4, 06 ) .375 (9, 52 ) .078 (1, 98 ) n/ a .04 .14 14 n/ a .14 .28 48 n/ a .71 1.23 20 35 t18 .110 (2, 79 ) .220 (5, 59 ) .062 (1, 57 ) .07 .07 .21 226 .14 .21 .4 2 4612 .71 .88 1.7 6 20 25 50 t17 .140 (3, 56 ) .312 (7, 92 ) .090 (2, 29 ) .05 .07 .18 1.5 2 5 .11 .18 .3 5 3510 .53 .71 1.4 1 15 20 40 t16 .075 (1, 90 ) .160 (4, 06 ) .032 (0, 81 ) .11 .14 .35 3410 .21 .32 .7 1 6920 1.06 1.59 2. 28 30 45 80 t15 .062 (1, 57 ) .140 (3, 56 ) .050 (1, 27 ) .11 .14 .35 3410 .25 .35 .7 1 7 10 20 1.06 1.76 3. 17 30 50 90 t13 .065 (1, 65 ) .160 (4, 06 ) .030 (0, 76 ) .11 .14 .35 3 410 .21 .35 .7 1 6 10 20 1.06 1.59 2. 82 3 0 45 80 t13 .035 (0, 89 ) .080 (2, 03 ) .013 (0, 33 ) .25 .53 1.06 7 15 30 .49 .99 1.6 9 14 28 48 2.12 3.17 6. 35 60 90 180 t10 mi ni mu m ov e rtra ve l all fo r ce s ma x im u m pretra ve l all fo r ce s ma x im u m di f fe r en t ia l tra ve l all fo r ce s min i mu m retu rn fo r ce (o z ./ g ra m s) min im um re l ea se for c e (o z ./gram s ) ma xim um operating fo r ce (oz./ g rams) cf cg cj (50) (7 5 ) ( 1 50) option co d e swi t ch ch a ra c ter i st ic s cf cg cj (50) (7 5 ) ( 1 50) cf cg cj (50) (7 5 ) ( 1 50) t26 n/ a .35 10 .71 20 n/ a .07 2 .18 5 n/ a .04 1 .07 2 .110 (2 ,7 9) .500 (1 2, 7) .250 (6 ,3 5)
kC6 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com k snap-acting c&k tm series miniature snap-acting switches circuitr y terminations 10 solder 60 screw terminals 4a .250" quick connect 40 .187" quick connect y spst n.o. (single pole, single thr ow , normally open) w spst n.c. (single pole, single throw, normally closed) c spdt (single pole, double throw) not available with 5?ating option. not available with 5?ating option. not available with 5?ating option.


▲Up To Search▲   

 
Price & Availability of TMCJG6SA101AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X