Part Number Hot Search : 
TEF3718 M9435 XCWB2269 TPS820 NTE1795 000WD CX28342 68HC90
Product Description
Full Text Search
 

To Download SSM3K15FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3K15FU 2002-04-01 1 toshiba field effect transistor silicon n channel mos type SSM3K15FU high speed switching applications analog switch applications  small package  low on resistance : r on = 4.0 ? (max) (@v gs = 4 v) : r on = 7.0 ? (max) (@v gs = 2.5 v) maximum ratings (ta     25c) characteristics symbol rating unit drain-source voltage v ds 30 v gate-source voltage v gss  20 v dc i d 100 drain current pulse i dp 200 ma drain power dissipation (ta  25  c) p d (note) 150 mw channel temperature t ch 150  c storage temperature t stg  55~150  c note: mounted on fr4 board (25.4 mm  25.4 mm  1.6 t, cu pad: 0.6 mm 2  3) marking equivalent circuit handling precaution when handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm jedec D jeita sc-70 toshiba 2-2e1e weight: 0.006 g (typ.) 0.6 mm 1.0 mm d p 1 2 3 12 3
SSM3K15FU 2002-04-01 2 electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   16 v, v ds  0    1  a drain-source breakdown voltage v (br) dss i d  0.1 ma, v gs  0 30   v drain cut-off current i dss v ds  30 v, v gs  0   1  a gate threshold voltage v th v ds  3 v, i d  0.1 ma 0.8  1.5 v forward transfer admittance  y fs  v ds  3 v, i d  10 ma 25   ms i d  10 ma, v gs  4 v  2.2 4.0 drain-source on resistance r ds (on) i d  10 ma, v gs  2.5 v  4.0 7.0 input capacitance c iss v ds  3 v, v gs  0, f  1 mhz  7.8  pf reverse transfer capacitance c rss v ds  3 v, v gs  0, f  1 mhz  3.6  pf output capacitance c oss v ds  3 v, v gs  0, f  1 mhz  8.8  pf turn-on time t on  50  switching time turn-off time t off v dd  5 v, i d  10 ma, v gs  0~5 v   180  ns switching time test circuit (a) test circuit (b) v in precaution v th can be expressed as voltage between gate and source when low operating current value is i d = 1 00  a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off)  v th  v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of 2.5 v or higher to turn on this product. (c) v out t on 90% 10% 0 v 5 v 10% 90% t off t r t f v dd v ds ( on ) v dd  5 v d.u.
  1% input: t r , t f
5 ns (z out  50 ) common source ta  25c v dd output input 5 v 0 10  s 50  r l
SSM3K15FU 2002-04-01 3 drain-source on resistance r ds (on) (  ) drain-source on resistance r ds (on) (  ) drain-source voltage v ds (v) i d ? v ds drain current i d (ma) gate-source voltage v gs (v) i d ? v gs drain current i d (ma) drain current i d (ma) r ds (on) ? i d drain-source on resistance r ds (on) (  ) gate-source voltage v gs (v) r ds (on) ? v gs ambient temperature ta (c) r ds (on) ? ta ambient temperature ta (c) v th ? ta gate threshold voltage v th (v) 0  25 0.4 2 50 150 125 0 0.2 1.2 1.6 75 1 common source i d  0.1 ma v ds  3 v 0.8 1.8 25 100 0.6 1.4 0 0 100 250 12 1.5 0.5 50 150 200 v gs  2.1 v 2.3 2.5 2.7 common source ta  25c 3 4 10 0 0 2 6 410 8 2 1 4 5 6 3 25c ta  100c  25c common source i d  10 ma 0  25 2 8 50 150 125 0 1 5 6 75 4 4 v v gs  2.5 v common source i d  10 ma 3 7 25 100 0.01 0 1 1000 24 3 1 0.1 10 100 ta  100c common source v ds  3 v  25c 25c 4 v vgs  2.5 v 0 0 4 10 80 200 160 40 2 6 8 120 common source ta  25c
SSM3K15FU 2002-04-01 4 capacitance c (pf) switching time t (ns) drain current i d (ma) y fs ? i d forward transfer admittance  y fs  (ms) drain-source voltage v ds (v) i dr ? v ds drain reveres current i dr (ma) drain current i d (ma) t ? i d switching time t (ns) drain current i d (ma) t ? i d drain-source voltage v ds (v) c ? v ds ambient temperature ta (c) p d ? ta drain power dissipation p d (mw) 1 1 10 30 1000 100 1000 10 100 3 5 50 300 500 common source v ds  3 v ta  25c 10 0.1 100 300 10000 1000 100 1 10 30 50 500 3000 5000 common source v dd  5 v v gs  0~5 v ta  25c t r t on t f t of f 10 0.1 100 300 10000 1000 100 110 30 50 500 3000 5000 common source v dd  3 v v gs  0~2.5 v ta  25c t r t on t f t of f 0.1 0.1 1 3 100 10 100 1 10 0.3 0.5 5 30 50 common source v gs  0 v f  1 mhz ta  25c c rss c oss c iss 0 0 100 250 160 40 50 150 200 20 60 80 100 140 120 mounted on fr4 board (25.4 mm  25.4 mm  1.6 t cu pad: 0.6 mm 2  3) 0 100 250 50 150 200 0  1.4  0.4  0.2  0.6  0.8  1  1.2 common source v gs  0 v ta  25c g d s i dr
SSM3K15FU 2002-04-01 5  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of SSM3K15FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X