SSM3K15FS 2001-12-04 1 toshiba field effect transistor silicon n channel mos type SSM3K15FS high speed switching applications analog switching applications compact package suitable for high-density mounting low on-resistance : r on = 4.0 ? (max) (@v gs = 4 v) : r on = 7.0 ? (max) (@v gs = 2.5 v) maximum ratings (ta 25c) characteristic symbol rating unit drain-source voltage v ds 30 v gate-source voltage v gss 20 v dc i d 100 drain current pulse i dp 200 ma drain power dissipation (ta 25c) p d 100 mw channel temperature t ch 150 c storage temperature range t stg 55~150 c marking equivalent circuit handling precaution when handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm jedec D jeita D toshiba 2-2h1b weight: 2.4 mg (typ.) d p 1 2 3 12 3
SSM3K15FS 2001-12-04 2 electrical characteristics (ta 25c) characteristic symbol test condition min typ. max unit gate leakage current i gss v gs 16 v, v ds 0 1 a drain-source breakdown voltage v (br) dss i d 0.1 ma, v gs 0 30 v drain cut-off current i dss v ds 30 v, v gs 0 1 a gate threshold voltage v th v ds 3 v, i d 0.1 ma 0.8 1.5 v forward transfer admittance |y fs | v ds 3 v, i d 10 ma 25 ms i d 10 ma, v gs 4 v 2.2 4.0 drain-source on resistance r ds (on) i d 10 ma, v gs 2.5 v 4.0 7.0 input capacitance c iss v ds 3 v, v gs 0, f 1 mhz 7.8 pf reverse transfer capacitance c rss v ds 3 v, v gs 0, f 1 mhz 3.6 pf output capacitance c oss v ds 3 v, v gs 0, f 1 mhz 8.8 pf turn-on time t on 50 switching time turn-off time t off v dd 5 v, i d 10 ma, v gs 0~5 v 180 ns switching time test circuit (a) test circuit (b) v in precaution v th can be expressed as voltage between gate and source when low operating current value is i d 1 00 a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off) v th v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of 2.5 v or higher to turn on this product. v dd 5 v d.u. 1% v in : t r , t f 5 ns (z out 50 ) common source ta 25c v dd out in 5 v 0 10 s 50 r l (c) v out t on 90% 10% 0 v 5 v 10% 90% t off t r t f v dd v ds ( on )
SSM3K15FS 2001-12-04 3 drain-source on resistance r ds (on) ( ) drain-source on resistance r ds (on) ( ) drain-source voltage v ds (v) i d ? v ds drain current i d (ma) i d ? v gs drain current i d (ma) drain current i d (ma) r ds (on) ?i d drain-source on resistance r ds (on) ( ) gate-source voltage v gs (v) gate-source voltage v gs (v) ambient temperature ta (c) r ds (on) ? ta ambient temperature ta (c) v th ? ta gate threshold voltage v th (v) r ds (on) ? v gs 0 0 100 250 12 1.5 0.5 50 150 200 v gs 2.1 v 2.3 2.5 2.7 common source ta 25c 3 4 10 0.01 0 1 1000 24 3 1 0.1 10 100 ta 100c common source v ds 3 v 25c 25c 4 v vgs 2.5 v 0 0 4 10 80 200 160 40 2 6 8 120 common source ta 25c 0 0 2 6 410 8 2 1 4 5 6 3 25c ta 100c 25c common source i d 10 ma 0 25 2 8 50 150 125 0 1 5 6 75 4 4 v v gs 2.5 v common source i d 10 ma 3 7 25 100 0 25 0.4 2 50 150 125 0 0.2 1.2 1.6 75 1 common source i d 0.1 ma v ds 3 v 0.8 1.8 25 100 0.6 1.4
SSM3K15FS 2001-12-04 4 drain current i d (ma) y fs ? i d forward transfer admittance y fs (ms) t ? i d switching time t (ns) i dr ? v ds drain reverse current i dr (ma) drain-source voltage v ds (v) drain current i d (ma) ambient temperature ta (c) p d ? ta drain power dissipation p d (mw) c ? v ds capacitance c (pf) drain-source voltage v ds (v) t ? i d switching time t (ns) drain current i d (ma) 1 1 10 30 1000 100 1000 10 100 3 5 50 300 500 common source v ds 3 v ta 25c 0 0 100 250 1.4 0.4 50 150 200 0.2 0.6 0.8 1 1.2 common source v gs 0 v ta 25c g d s i dr 10 0.1 100 300 10000 1000 100 1 10 30 50 500 3000 5000 common source v dd 5 v v gs 0~5 v ta 25c t r t on t f t of f 10 0.1 100 300 10000 1000 100 110 30 50 500 3000 5000 common source v dd 3 v v gs 0~2.5 v ta 25c t r t on t f t of f 0.1 0.1 1 3 100 10 100 1 10 0.3 0.5 5 30 50 common source v gs 0 v f 1 mhz ta 25c c rss c oss c iss 0 0 100 250 160 40 50 150 200 20 60 80 100 140 120
SSM3K15FS 2001-12-04 5 toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others. the information contained herein is subject to change without notice. 000707ea a restrictions on product use
|