Part Number Hot Search : 
04500 9NC60 SK70WT12 TQ3631 NDP6060L 5KP12A K570ABM ESD3V
Product Description
Full Text Search
 

To Download SR360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical specifica tions of schottky barrier rectifier vol t age range - 50 to 100 v olts current - 3.0 amperes features * fast switching * low switching noise * low forward voltage drop * high current capability * high switching capability * high reliability * high surge capability mechanical data maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * mounting position: any * weight: 1.18 grams sr350 thru sr3100 notes : 1. thermal resistance (junction to ambient): vertical pc board mounting, 0.5*(12.7mm) lead length. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. dimensions in inches and (millimeters) maximum dc reverse current at rated dc blocking voltage v f i r mamps maximum instantaneous forward voltage at 3.0a dc volts 3.0 30 @t a = 25 o c @t a = 100 o c .75 .85 mamps maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375*(9.5mm) lead length peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1) typical junction capacitance (note 2) symbol v rrm v dc i fsm c j t stg v rms units volts volts volts amps 3.0 80 30 200 amps 0 c/w 0 c storage temperature range r ja i o pf operating temperature range t j sr350 sr380 sr3100 SR360 50 80 100 60 35 56 70 42 -65 to + 150 -65 to + 150 0 c rectifier specialists r dc components co., l td. do-27 50 80 100 60 * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end q 26
r dc components co., l td. rating and characteristic curves (sr350 thru sr3100) 27


▲Up To Search▲   

 
Price & Availability of SR360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X