Part Number Hot Search : 
90ARZ B210LP ALVC16 UP6055 PT2313 K1459 34S181K STV6415A
Product Description
Full Text Search
 

To Download LS5D18-270-RN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com features ? will handle up to 1.95a ? economical design ? suitable for pick and place ? withstands solder refow ? shielded design applications ? dc/dc converters ? output power chokes ? handheld and pda applications ? battery powered or low voltage applications mechanical electrical specifcations 1. tested @ 10khz, 0.1vrms. 2. inductance drop = 35% at rated i dc max. 3. electrical specifcations at 25oc. 4. operating temperature range: -40oc to +85oc. 5. meets ul 94v-0. 6. optional tolerances: 10%(k), 15%(l), and 20%(m). packaging ? reel diameter: 330mm ? reel width: 12.3mm ? pieces per reel: 2000 part 6 number inductance 1 (h+/-30%) test frequency (khz) i dc max 2 (a) dcr max () ls5d18-4r1-rn ls5d18-5r4-rn ls5d18-6r2-rn ls5d18-8r9-rn ls5d18-100-rn ls5d18-120-rn ls5d18-150-rn ls5d18-180-rn ls5d18-220-rn LS5D18-270-RN ls5d18-330-rn ls5d18-390-rn ls5d18-470-rn ls5d18-560-rn ls5d18-680-rn ls5d18-820-rn ls5d18-101-rn ls5d18-121-rn ls5d18-151-rn ls5d18-181-rn ls5d18-221-rn ls5d18-271-rn ls5d18-331-rn 4.1 5.4 6.2 8.9 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 0.057 0.076 0.096 0.116 0.124 0.153 0.196 0.210 0.290 0.330 0.386 0.520 0.595 0.665 0.840 0.978 1.20 1.50 1.71 2.24 2.44 3.38 4.34 1.95 1.60 1.40 1.25 1.20 1.10 0.97 0.85 0.80 0.75 0.65 0.57 0.54 0.50 0.43 0.41 0.36 0.33 0.31 0.28 0.23 0.21 0.18 6.3 2.0 2.15(x2) 5.7 +/- 0.3 5 .7 + / - 0 . 3 xxx 2.0 max 2.0 ref. 8.2 max unit= mm ls5d18 series surface mount power inductors 56 (04/08) ls-10


▲Up To Search▲   

 
Price & Availability of LS5D18-270-RN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X