Part Number Hot Search : 
1C102 STUS021 2HR5201P V585M CH5008 E001003 29F016 2300S
Product Description
Full Text Search
 

To Download LS127-390-RM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com features ? will handle up to 9.8a ? economical design ? suitable for pick and place ? shielded design applications ? dc/dc converters ? output power chokes ? handheld and pda applications ? battery powered or low voltage applications electrical specifcations mechanical top view 5.4 2.9 7.0 xxx 12.3 max 12.3 max gs xxx 5.0 ref 7.6 ref 8.0 max xxx part 6 number inductance 1 (h +/- 20%) test frequency (khz) i dc max 2 (a) dcr max ( ) packaging ? reel diameter: 330mm ? reel width: 24.3mm ? pieces per reel: 500 1. test voltage: 1r2-7r6: 0.1vrms 100-102: 0.25vrms 2. inductance drop = 10% at rated i dc max. 3. electrical specifcations at 25oc. 4. operating temperature range: -40oc to +85oc. 5. meets ul 94v-0. 6. optional tolerances: 10%(k), 15%(l), and 30%(n). ls127-1r2-rm ls127-2r4-rm ls127-3r5-rm ls127-4r7-rm ls127-6r1-rm ls127-7r6-rm ls127-100-rm ls127-120-rm ls127-150-rm ls127-180-rm ls127-220-rm ls127-270-rm ls127-330-rm LS127-390-RM ls127-470-rm ls127-560-rm ls127-680-rm ls127-820-rm ls127-101-rm ls127-121-rm ls127-151-rm ls127-181-rm ls127-221-rm ls127-271-rm ls127-331-rm ls127-391-rm ls127-471-rm ls127-561-rm ls127-681-rm ls127-821-rm ls127-102-rm 1.2 2.4 3.5 4.7 6.1 7.6 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 100 100 100 100 100 100 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.007 0.0115 0.0135 0.0158 0.0176 0.0200 0.0216 0.0243 0.0270 0.0392 0.0432 0.0459 0.0648 0.0729 0.10 0.11 0.14 0.16 0.22 0.25 0.28 0.35 0.39 0.56 0.64 0.70 0.98 1.07 1.46 1.64 1.82 9.80 8.00 7.50 6.80 6.60 5.90 5.40 4.90 4.50 3.90 3.60 3.40 3.00 2.75 2.50 2.35 2.10 1.95 1.70 1.60 1.42 1.30 1.16 1.06 0.95 0.88 0.79 0.73 0.67 0.60 0.55 unit: mm ls127 series surface mount power inductors 53 (04/08) ls-7


▲Up To Search▲   

 
Price & Availability of LS127-390-RM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X