Part Number Hot Search : 
MAX851 16101BAN SMAJ15 4538BF BUTW92 HA118059 64T1280 FR151
Product Description
Full Text Search
 

To Download LP6100P300-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage multipliers inc. 8711 w. roosevelt ave. visalia, ca 93291 tel 559-651-1402 fax 559-651-0740 www.voltagemultipliers.com dimensions: in. (mm) ? data subject to change without notice. xrs035n100 xrs040n200 lp6 series the lp6 series of power supplies is designed for critical helium neon laser applications. standard features include short circuit protection, 75% or higher efficiency, and excellent regulation. the lps is especially suitable for precision applications where low ripple is essential. rugged and light weight, the lps series is extremely reliable. hene laser power supply ? low ripple current ? high efficiency ? excellent load & line regulation ? short circuit protection features specifications electrical lp6100p series input voltage: 5, 12, 15, or 24v dc start voltage: > 10kv run current: 2.0 to 5.0 ma run voltage: 1000-1750vdc current ripple: < 0.1%rms current regulation: +/- 0.1ma efficiency >= 75% power 6w input/output ? input connector molex 09-50-7031 ? output lead #22awg, 20kv, pvc wire ? output connector optional, contact factory environmental ? storage temperature -40c to +75c ? operating temperature -5c to +60c complete part number specification yy = vindc -05 = 5v -12 = 12v -15 = 15v -24 = 24v 10.0kv start voltage output polarity p = positive series name laser power supply, 6w xxx = run current range = 200 to 500 (ex. 200 = 2.0ma 500 = 5.0ma) lp6 100 p xxx yy
182 lp6 series 12.00 .50 (304.80 12.70) .3(7.6) (nominal) 9.45 .50 (240.03 12.70) .200 (5.08) .141(3.58) dia. thru (2 pl) 2.30 +.005 (58.42 +.127) potted surface 4.30 (109.22) .457 (11.61) 1.50 (38.10) 1.00 .015 (25.4 .381) p/n date code s/n danger high voltage red blk red blk 22awg red wire 22awg blk wire 22awg, 20kv wire t u p n i l a n i m o n v n i c d e g n a r d e r v 5 +v 0 . 6 o t v 5 7 . 4 v 2 1 +v 2 . 3 1 o t v 8 . 0 1 v 5 1 +v 5 . 6 1 o t v 5 . 3 1 v 4 2 +v 4 . 6 2 o t v 6 . 1 2 k c a l bd n g


▲Up To Search▲   

 
Price & Availability of LP6100P300-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X