Part Number Hot Search : 
RTC4573 P1300 0RPEL 1E331 HMC28308 E47N50 ESD3V3D7 MC33063
Product Description
Full Text Search
 

To Download LP07-451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com features ? low cost design ? saturation current rating up to 85a ? low dcr ? suitable for pick and place applica - tions mechanical schematic applications ? ac/dc and dc/dc converters ? servers/workstations ? telecom switches ? voltage regulator modules electrical specifications packaging reel diameter: 13, reel width: 24mm, pieces/reel: 350 lp07-181 0.18 0.32 0.45 85 45 LP07-451 0.45 0.69 0.90 53 40 lp07-801 0.80 1.20 1.40 36 31 lp07-142 1.40 1.90 2.20 28 26 lp07-202 2.00 2.60 3.00 24 21 lp07-282 2.80 3.90 4.30 20 17 lp07-392 3.90 4.50 5.25 16 16 part number dcr (m ,max) dcr (m , typ) isat 5 (a) idc 6 (a) recommended pcb layout lp07-xxx yyww 13.0 max 6.5 max s f 2.5 6.5 4.6 1. tested at 100khz, 0.1vrms. 2. electrical specifcations at 25c. 3. operating range: -40c to +130c. this is a combina- tion of ambient plus temperature rise. 4. meets ul 94v-0. 5. isat is the dc current required to reduce to nominal inductance by 20% at an ambient temperature of 25c. 6. idc is the dc current required to produce a temperature rise of 40c at an ambient temperature of 25c. 7. inductance tolerance is +/-20%. 8. for lead free components, please add -lf as suffx. inductance 1 (h,nom.) unit: mm a= lp07-181: 15.3mm max LP07-451 ~ 801: 15.0mm max lp07-142 ~ 392: 14.5mm max a lp07 series smt high current inductors 14 (02/08) lp07-1


▲Up To Search▲   

 
Price & Availability of LP07-451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X