Part Number Hot Search : 
TFS300F 17256EPC AX407 02LSN15 TSOP2 35PD10M M050B ERIES
Product Description
Full Text Search
 

To Download JHM10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dcdc specification 10 watts ? international medical approvals ? 4000 vac reinforced insulation ? meets iec606011, 3 rd edition ? 2 a patient leakage current ? dip24 package ? en55011 level a with no external components ? 3 year warranty JHM10 series input input voltage range ? 5 v (4.5-9 vdc) 12 v (9-18 vdc) 24 v (18-36 vdc) input current ? see table inrush current ? 20 a max at 36 v input filter ? pi network patient leakage ? 2 a max current undervoltage lockout ? 5 v models, on at >4.4 v, off <4.2 v 12 v models, on at >8.8 v, off <8.3 v 24 v models, on at >17.5 v, off <17.0 v input surge ? 5 v models 15 v for 3 s 12 v models 25 v for 3 s 24 v models 50 v for 3 s output output voltage ? see table output voltage trim ? 10% minimum load ? no minimum load required initial set accuracy ? 1% max on v1, 2% max on v2 start up delay ? 5 ms typical start up rise time ? 2 ms typical line regulation ? 0.3% max load regulation ? 2% max 0% to 10% load, 1% max 10% to 100% load cross regulation ? 4% max on dual with one output set to 50% load and the other varied from 10% to 100% load (d05 is 20% to 100%) transient response ? 4% max deviation, recovery to within 1% in <500 s for a 50% load change at 0.25 a/s rate ripple & noise ? 1% pk-pk max at 20 mhz bandwidth overload protection ? 120% - 200%, trip and restart overvoltage protection ? 115% - 140% temperature ? 0.03/c max coefficient short circuit protection ? trip and restart (hiccup mode), auto recovery xppower.com general efficiency ? see tables isolation ? 4000 vac for 1 min. double/reinforced with a working voltage of 250 vac. meets 2 x mopp per 3rd edition of iec60601-1 5000 vac for 10 ms in accordance with iec60664-1 input to output ? 20 pf max capacitance switching frequency ? 80 khz to 1.2 mhz variable power density ? 20.0 w/in 3 mtbf ? >1 mhrs typical to mil-std-217f at 25 c, gb environmental operating temperature ? -40 c to +80 c, see derating curve case temperature ? +100 c max storage temperature ? -40 c to +100 c operating humidity ? 5-90%, non-condensing cooling ? natural convection emc & safety emissions ? en55011 & en55022 level a conducted & radiated with no external components immunity ? iec60601-1-2, en61204-3 esd immunity ? en61000-4-2, level 2, perf criteria a radiated immunity ? en61000-4-3, 10 v/m perf criteria a eft/burst ? en61000-4-4, level 2 perf criteria a surge ? en61000-4-5, level 1 perf criteria a conducted immunity ? en61000-4-6, 10 vm, perf criteria a magnetic field ? en61000-4-8, 3 a/m perf criteria a safety approvals ? ul60601-1 1 st edition, csa-22.2 no.601.1-m90, 2005 iec60601-1 3 rd edition www.datasheet.co.kr datasheet pdf - http://www..net/
21-jan-11 dcdc JHM10 mechanical details application notes models and ratings notes notes 1. all dimensions are in inches (mm) 2. weight: 0.04 lbs (20 g) approx. 3. pin diameter: 0.02 0.002 (0.5 0.05) 4. pin pitch tolerance: 0.01 (0.25) 5. case tolerance: 0.02 (0.5) bottom view 1.25 (31.75) 0.90 (22.86) 0.80 (20.32) 0.60 (15.24) 0.18 (4.57) 0.10 (2.54) 0.50 (12.7) 0.15 (3.8) min. 0.20 (5.08) 2 10 3 22 16 14 23 9 11 notes: 1. pin diameter: 0.02 ?.002 (0.5 ?.05) 2. pin pitch tolerance: ?.01 (?.25) 3. case tolerance: ?.02 (?.5) JHM1012/24 s05, s12,s15, d12, d15 1 JHM1012/24 d05, JHM1005s05, s12, s15, d12, d15 2 JHM1005d05 3 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 2 4 6 8 10 ambient temperature (c) load (w) 1 2 3 pin connections pin single dual 2 -vin -vin 3 -vin -vin 9 no pin common 10 trim trim 11 no pin -vout 14 +vout +vout 16 -vout common 22 +vin +vin 23 +vin +vin input voltage output voltage output current input current maximum capacitive load efficiency (3) model number no load (1) full load (2) 4.5-9 v 5.0 v 2000 ma 100 ma 2690 ma 2200 f 83.5% JHM1005s05 12.0 v 833 ma 115 ma 2640 ma 1000 f 85.0% JHM1005s12 15.0 v 666 ma 115 ma 2640 ma 680 f 85.0% JHM1005s15 5.0 v 1000 ma 130 ma 2760 ma 1000 f 81.5% JHM1005d05 12.0 v 420 ma 115 ma 2695 ma 470 f 84.0% JHM1005d12 15.0 v 333 ma 115 ma 2670 ma 470 f 84.0% JHM1005d15 9-18 v 5.0 v 2000 ma 50 ma 1310 ma 2200 f 86.0% JHM1012s05 12.0 v 833 ma 50 ma 1280 ma 1000 f 88.0% JHM1012s12 15.0 v 666 ma 50 ma 1265 ma 680 f 89.0% JHM1012s15 5.0 v 1000 ma 50 ma 1345 ma 1000 f 84.0% JHM1012d05 12.0 v 420 ma 50 ma 1290 ma 470 f 88.0% JHM1012d12 15.0 v 333 ma 50 ma 1280 ma 470 f 88.0% JHM1012d15 18-36 v 5.0 v 2000 ma 25 ma 645 ma 2200 f 87.0% JHM1024s05 12.0 v 833 ma 20 ma 630 ma 1000 f 89.0% JHM1024s12 15.0 v 666 ma 20 ma 630 ma 680 f 89.0% JHM1024s15 5.0 v 1000 ma 20 ma 660 ma 1000 f 85.0% JHM1024d05 12.0 v 420 ma 25 ma 640 ma 470 f 88.0% JHM1024d12 15.0 v 333 ma 25 ma 635 ma 470 f 88.0% JHM1024d15 1. input current measured at nominal input voltage. 2. input current measured at lowest input voltage. 3. typical values. derating curve for 5 v output: trim +10%, r = 3.4 k typical trim -10%, r = 1 k typical for 12 v output: trim +10%, r = 5.9 k typical trim -10%, r = 11.3 k typical for 15 v output: trim +10%, r = 8.3 k typical trim -10%, r = 10 k typical for 5 v output: trim +10%, r = 12.0 k typical trim -10%, r = 8.0 k typical for 12 v output: trim +10%, r = 12.8 k typical trim -10%, r = 9.5 k typical for 15 v output: trim +10%, r = 18 k typical trim -10%, r = 14.8 k typical trim trim up -vout + vout trim down trim external output trim www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of JHM10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X