Part Number Hot Search : 
S12864 SP800 H1093 CV110J BL8530 SQD41Y32 S12864 M4003
Product Description
Full Text Search
 

To Download DS3656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tl/f/5818 DS3656 quad peripheral driver march 1990 DS3656 quad peripheral driver general description the DS3656 is a quad peripheral driver designed for use in automotive applications. logically it is an open collector nand function with all inputs compatible with 74ls and cmos series products. an enable input is provided that is common to each driver. when taken to a logic zero level all outputs will turn off. also, overvoltage is detected. the DS3656 has features associated with the output struc- ture that make it highly versatile to many applications. each output is capable of 600 ma sink currents and offers 65v standoff voltage in non-inductive applications. a clamp net- work capable of handling 800 ma is incorporated in each output which eliminates the need of an external network to quench the high voltage backswing caused when switching inductive loads up to 30v (reference an-213). the DS3656 is intended to operate from a 12v automotive battery. internal to the device is its own voltage regulator which permits the device to operate during the wide voltage variation seen in many automotive applications. an over- voltage-protection circuit is incorporated that will cause the outputs to turn off when the supply exceeds 30v. the circuit is designed to withstand worst case fault conditions that occur in automotive applications, such as high voltage tran- sients and reverse battery connection. in this type of envi- ronment an external 100 x resistor must be connected in series with the v cc line. the molded package is specifically constructed to allow in- creased power dissipation over conventional packages. the four ground pins are directly connected to the device chip with a special copper lead frame. when the quad driver is soldered into a copper pc board the power rating of the device will significantly improve. features y quad automotive peripheral driver y 600 ma output current capability y high voltage outputse65v y clamp diode provided for inductive loads y built in regulator y overvoltage failsafe y ttl/ls/cmos compatible diode clamped inputs y high power dissipation package y guaranteed to withstand worst case fault conditions connection diagram dual-in-line package tl/f/5818 1 top view order number DS3656n see ns package number n16a truth table enable in x out x hhl hlz lxz h e high level l e low level x e irrelevant z e high impedance state c 1995 national semiconductor corporation rrd-b30m105/printed in u. s. a.
absolute maximum ratings (note 1) if military/aerospace specified devices are required, please contact the national semiconductor sales office/distributors for availability and specifications. supply voltage, v cc (note 2) 65v input voltage 7v output voltage 65v continuous output current 1.2a junction temperature 150 c thermal resistance (junction to ambient) DS3656n plugged in a socket 60 c/w DS3656n soldered in a pc board 35 c/w DS3656n soldered in a pc board with 6 in 2 cn foil 20 c/w lead temperature (soldering, 4 seconds) 260 c operating conditions min max units supply voltage, v cc 10.5 17.0 v temperature b 40 105 c electrical characteristics (notes 2 and 3) symbol parameter conditions min max units v cc power supply voltage 10.5 17 v i cc power supply current 65 ma v ih high level input voltage 2.0 v v il low level input voltage 0.8 v i ih high level input current v in e 2.7v 20 m a i il low level input current v in e 0.4v b 360 m a v icl input clamp voltage i in eb 10 ma b 1.5 v v ol low level output voltage i l e 600 ma, v cc e 10.5v 1.5 v i oh high level leakage current v oh e 65v 1.0 ma v f output diode forward voltage i f e 800 ma 2.5 v i r output diode reverse leakage v r e 65v 1.0 ma b vcer v oh1 switching capacitive or resistive load 65 v l vceo v oh2 switching inductive clamped load 30 v switching characteristics v cc e 13.2v, t a e 25 c symbol parameter conditions min max units t plh propagation delay time v cc e 13.2v, r l e 30 x ,c l e 15 pf 10 m s low to high level output t phl propagation delay time v cc e 13.2v, r l e 30 x ,c l e 15 pf 10 m s high to low level output t tlh transition time v cc e 13.2v, r l e 30 x ,c l e 15 pf 500 ns low to high level output t thl transition time v cc e 13.2v, r l e 30 x ,c l e 15 pf 500 ns high to low level output t plh enable to output v cc e 13.2v, r l e 30 x ,c l e 15 pf 10 m s t phl enable to output v cc e 13.2v, r l e 30 x ,c l e 15 pf 10 m s note 1: ``absolute maximum ratings'' are those values beyond which the safety of the device cannot be guaranteed. except for ``operating temperature range'' they are not meant to imply that the devices should be operated at these limits. the table of ``electrical characteristics'' provides conditions for actual device operation. note 2: voltage values are with respect to network ground terminal unless otherwise specified. note 3: unless otherwise specified min/max limits apply across the b 40 cto a 105 c temperature range. 2
3
DS3656 quad peripheral driver physical dimensions inches (millimeters) molded dual-in-line package (n) order number DS3656n ns package number n16a life support policy national's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of national semiconductor corporation. as used herein: 1. life support devices or systems are devices or 2. a critical component is any component of a life systems which, (a) are intended for surgical implant support device or system whose failure to perform can into the body, or (b) support or sustain life, and whose be reasonably expected to cause the failure of the life failure to perform, when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can effectiveness. be reasonably expected to result in a significant injury to the user. national semiconductor national semiconductor national semiconductor national semiconductor corporation europe hong kong ltd. japan ltd. 1111 west bardin road fax: ( a 49) 0-180-530 85 86 13th floor, straight block, tel: 81-043-299-2309 arlington, tx 76017 email: cnjwge @ tevm2.nsc.com ocean centre, 5 canton rd. fax: 81-043-299-2408 tel: 1(800) 272-9959 deutsch tel: ( a 49) 0-180-530 85 85 tsimshatsui, kowloon fax: 1(800) 737-7018 english tel: ( a 49) 0-180-532 78 32 hong kong fran 3 ais tel: ( a 49) 0-180-532 93 58 tel: (852) 2737-1600 italiano tel: ( a 49) 0-180-534 16 80 fax: (852) 2736-9960 national does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and national reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of DS3656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X