Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download BAW56W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free gree n ds30064 rev. 8 - 2 1 of 3 baw56w www.diodes.com  diodes incorporated baw56w dual surface mount switching diode  case: sot-323  case material: molded plastic, "green" molding compound, note 5. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  polarity: see diagram  marking: date code and type code, see page 3  type code: kjc  weight: 0.006 grams (approximate) mechanical data a m j l e d b c h k g top view features  fast switching speed  ultra-small surface mount package  for general purpose switching applications  high conductance  lead free/rohs compliant (note 3)  "green" device (note 4 and 5) characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 ma average rectified output current (note 1) i o 150 ma non-repetitive peak forward surge current @ t = 1.0  s (note 1) @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 75  v i r = 2.5  a forward voltage v f  0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma reverse current (note 2) i r  2.5 50 30 25  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified note: 1. mounted on fr4 pc board with recommended pad layout which can be be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. no purposefully added lead. 4. diodes inc.'s "green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. product manufactured with date code 0627 (week 27, 2006) and newer are built with green molding compound. product manufac tured prior to date code 0627 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm
ds30064 rev. 8 - 2 2 of 3 baw56w www.diodes.com 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g . 1 forward characteristics f t = -40oc a t = 150oc a t = 75oc a t = 25oc a t = 0oc a 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) fig. 2 typical reverse characteristics r i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t=0oc a 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2 . 0 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) fi g .3 t y pical capacitance vs. reverse volta g e r f = 1.0mhz 04 6 8 2 10 i , forward current (ma) fig. 4 reverse recovery time vs. forward current f t rr , reverse recovery time (ns) 0 0.5 1.0 1.5 2.0 2 .5 0 50 100 150 200 2 5 0 0 40 80 120 160 200 p , power dissipation (mw) d t , ambient temperature ( c) fi g . 5 power deratin g curve, total packa g e a note 1
ds30064 rev. 8 - 2 3 of 3 baw56w www.diodes.com ordering information (note 5 and 6) device packaging shipping BAW56W-7-F sot-323 3000/tape & reel notes: 5. product manufactured with date code 0627 (week 27, 2006) and newer are built with green molding compound. pro duct manufactured prior to date code 0627 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. 6. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information kjc ym kjc = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code lmn p rstuvwxyz important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of BAW56W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X