|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
preliminary this document contains information on a product under development at advanced micro devices. the information is intended to help you evaluate this product. amd reserves the right to change or discontinue work on this proposed product without notice. publication# 22230 rev: a amendment/ 0 issue date: august 1998 refer to amds website (www.amd.com) for the latest information. am29sl800c 8 megabit (1 m x 8-bit/512 k x 16-bit) cmos 1.8 volt-only super low voltage flash memory distinctive characteristics n single power supply operation 1.8 to 2.2 v for read, program, and erase operations ideal for battery-powered applications n manufactured on 0.32 m process technology compatible with 0.35 m am29sl800b device n high performance access times as fast as 100 ns n ultra low power consumption (typical values at 5 mhz) 65 na automatic sleep mode current 65 na standby mode current 5 ma read current 10 ma program/erase current n flexible sector architecture one 16 kbyte, two 8 kbyte, one 32 kbyte, and fifteen 64 kbyte sectors (byte mode) one 8 kword, two 4 kword, one 16 kword, and fifteen 32 kword sectors (word mode) supports full chip erase sector protection features: a hardware method of locking a sector to prevent any program or erase operations within that sector sectors can be locked in-system or via programming equipment temporary sector unprotect feature allows code changes in previously locked sectors n unlock bypass program command reduces overall programming time when issuing multiple program command sequences n top or bottom boot block configurations available n embedded algorithms embedded erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors embedded program algorithm automatically writes and verifies data at specified addresses n minimum 1,000,000 write cycle guarantee per sector n package option 48-pin tsop 48-ball fbga n compatibility with jedec standards pinout and software compatible with single- power supply flash superior inadvertent write protection n data# polling and toggle bits provides a software method of detecting program or erase operation completion n ready/busy# pin (ry/by#) provides a hardware method of detecting program or erase cycle completion n erase suspend/erase resume suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation n hardware reset pin (reset#) hardware method to reset the device to reading array data
2 am29sl800c preliminary general description the am29sl800c is an 8 mbit, 1.8 v volt-only flash memory organized as 1,048,576 bytes or 524,288 words. the device is offered in 48-pin tsop and 48- ball fbga packages. the word-wide data (x16) appears on dq15Cdq0; the byte-wide (x8) data appears on dq7Cdq0. this device is designed to be programmed and erased in-system with a single 1.8 volt v cc supply. no v pp is for write or erase operations. the device can also be programmed in standard eprom programmers. the standard device offers access times of 100, 120, and 150 ns, allowing high speed microprocessors to operate without wait states. to eliminate bus contention the device has separate chip enable (ce#), write enable (we#) and output enable (oe#) controls. the device requires only a single 1.8 volt power sup- ply for both read and write functions. internally gener- ated and regulated voltages are provided for the program and erase operations. the device is entirely command set compatible with the jedec single-power-supply flash standard . com- mands are written to the command register using standard microprocessor write timings. register con- tents serve as input to an internal state-machine that controls the erase and programming circuitry. write cycles also internally latch addresses and data needed for the programming and erase operations. reading data out of the device is similar to reading from other flash or eprom devices. device programming occurs by executing the program command sequence. this initiates the embedded program algorithman internal algorithm that auto- matically times the program pulse widths and verifies proper cell margin. the unlock bypass mode facili- tates faster programming times by requiring only two write cycles to program data instead of four. device erasure occurs by executing the erase command sequence. this initiates the embedded erase algo- rithman internal algorithm that automatically prepro- grams the array (if it is not already programmed) before executing the erase operation. during erase, the device automatically times the erase pulse widths and verifies proper cell margin. the host system can detect whether a program or erase operation is complete by observing the ry/by# pin, or by reading the dq7 (data# polling) and dq6 (toggle) status bits . after a program or erase cycle has been completed, the device is ready to read array data or accept another command. the sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. the device is fully erased when shipped from the factory. hardware data protection measures include a low v cc detector that automatically inhibits write opera- tions during power transitions. the hardware sector protection feature disables both program and erase operations in any combination of the sectors of mem- ory. this can be achieved in-system or via program- ming equipment. the erase suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. true background erase can thus be achieved. the hardware reset# pin terminates any operation in progress and resets the internal state machine to reading array data. the reset# pin may be tied to the system reset circuitry. a system reset would thus also reset the device, enabling the system microprocessor to read the boot-up firmware from the flash memory. the device offers two power-saving features. when ad- dresses have been stable for a specified amount of time, the device enters the automatic sleep mode . the system can also place the device into the standby mode . power consumption is greatly reduced in both these modes. amds flash technology combines years of flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effective- ness. the device electrically erases all bits within a sector simultaneously via fowler-nordheim tun- neling. the data is programmed using hot electron injection. am29sl800c 3 preliminary product selector guide note: see ac characteristics for full specifications. block diagram family part number am29sl800c speed options 100 120 150 max access time, ns (t acc ) 100 120 150 max ce# access time, ns (t ce ) 100 120 150 max oe# access time, ns (t oe ) 35 50 65 input/output buffers x-decoder y-decoder chip enable output enable logic erase voltage generator pgm voltage generator timer v cc detector state control command register v cc v ss we# byte# ce# oe# stb stb dq0 C dq15 (a-1) sector switches ry/by# reset# data latch y-gating cell matrix address latch a0Ca18 22230a-1 4 am29sl800c preliminary connection diagrams a1 a15 a18 a14 a13 a12 a11 a10 a9 a8 nc nc we# reset# nc nc ry/by# a17 a7 a6 a5 a4 a3 a2 1 16 2 3 4 5 6 7 8 17 18 19 20 21 22 23 24 9 10 11 12 13 14 15 a16 dq2 byte# v ss dq15/a-1 dq7 dq14 dq6 dq13 dq9 dq1 dq8 dq0 oe# v ss ce# a0 dq5 dq12 dq4 v cc dq11 dq3 dq10 48 33 47 46 45 44 43 42 41 40 39 38 37 36 35 34 25 32 31 30 29 28 27 26 a1 a15 a18 a14 a13 a12 a11 a10 a9 a8 nc nc we# reset# nc nc ry/by# a17 a7 a6 a5 a4 a3 a2 1 16 2 3 4 5 6 7 8 17 18 19 20 21 22 23 24 9 10 11 12 13 14 15 a16 dq2 byte# v ss dq15/a-1 dq7 dq14 dq6 dq13 dq9 dq1 dq8 dq0 oe# v ss ce# a0 dq5 dq12 dq4 v cc dq11 dq3 dq10 48 33 47 46 45 44 43 42 41 40 39 38 37 36 35 34 25 32 31 30 29 28 27 26 22230a-2 reverse tsop standard tsop am29sl800c 5 preliminary connection diagrams special handling instructions for fbga packages special handling is required for flash memory products in fbga packages. flash memory devices in fbga packages may be damaged if exposed to ultrasonic cleaning methods. the package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 c for prolonged periods of time. a1 b1 c1 d1 e1 f1 g1 h1 a2 b2 c2 d2 e2 f2 g2 h2 a3 b3 c3 d3 e3 f3 g3 h3 a4 b4 c4 d4 e4 f4 g4 h4 a5 b5 c5 d5 e5 f5 g5 h5 a6 b6 c6 d6 e6 f6 g6 h6 dq15/a-1 v ss byte# a16 a15 a14 a12 a13 dq13 dq6 dq14 dq7 a11 a10 a8 a9 v cc dq4 dq12 dq5 nc nc reset# we# dq11 dq3 dq10 dq2 nc a18 nc ry/by# dq9 dq1 dq8 dq0 a5 a6 a17 a7 oe# v ss ce# a0 a1 a2 a4 a3 22230a-3 48-ball fbga (bottom view) 6 am29sl800c preliminary pin configuration a0Ca18 = 19 addresses dq0Cdq14 = 15 data inputs/outputs dq15/a-1 = dq15 (data input/output, word mode), a-1 (lsb address input, byte mode) byte# = selects 8-bit or 16-bit mode ce# = chip enable oe# = output enable we# = write enable reset# = hardware reset pin, active low ry/by# = ready/busy# output v cc = 1.8C2.2 v single power supply v ss = device ground nc = pin not connected internally logic symbol 22230a-4 19 16 or 8 dq0Cdq15 (a-1) a0Ca18 ce# oe# we# reset# byte# ry/by# am29sl800c 7 preliminary ordering information standard products amd standard products are available in several packages and operating ranges. the order number (valid combi- nation) is formed by a combination of the elements below. valid combinations valid combinations list configurations planned to be sup- ported in volume for this device. consult the local amd sales office to confirm availability of specific valid combinations and to check on newly released combinations. device number/description am29sl800c 8 megabit (1 m x 8-bit/512 k x 16-bit) cmos flash memory 1.8 volt-only read, program, and erase c e 100 am29sl800c t optional processing blank = standard processing b = burn-in (contact an amd representative for more information) temperature range c= commercial (0c to +70c) i = industrial (C40c to +85c) package type e = 48-pin thin small outline package (tsop) standard pinout (ts 048) f = 48-pin thin small outline package (tsop) reverse pinout (tsr048) wb = 48-ball fine-pitch ball grid array (fbga) 0.80 mm pitch, 6 x 9 mm package speed option see product selector guide and valid combinations boot code sector architecture t = top sector b = bottom sector valid combinations am29sl800ct100, am29sl800cb100 ec, ei, fc, fi, wbc, wbi am29sl800ct120, am29sl800cb120 am29sl800ct150, am29sl800cb150 8 am29sl800c preliminary device bus operations this section describes the requirements and use of the device bus operations, which are initiated through the internal command register. the command register it- self does not occupy any addressable memory loca- tion. the register is composed of latches that store the commands, along with the address and data informa- tion needed to execute the command. the contents of the register serve as inputs to the internal state ma- chine. the state machine outputs dictate the function of the device. table 1 lists the device bus operations, the inputs and control levels they require, and the resulting output. the following subsections describe each of these operations in further detail. table 1. am29sl800c device bus operations legend: l = logic low = v il , h = logic high = v ih , v id = 10 1.0 v, x = dont care, a in = address in, d in = data in, d out = data out notes: 1. addresses are a18:a0 in word mode (byte# = v ih ), a18:a-1 in byte mode (byte# = v il ). 2. the sector protect and sector unprotect functions may also be implemented via programming equipment. see the sector protection/unprotection section. word/byte configuration the byte# pin controls whether the device data i/o pins dq15Cdq0 operate in the byte or word configuration. if the byte# pin is set at logic 1, the device is in word configu- ration, dq15Cdq0 are active and controlled by ce# and oe#. if the byte# pin is set at logic 0, the device is in byte con- figuration, and only data i/o pins dq0Cdq7 are active and controlled by ce# and oe#. the data i/o pins dq8Cdq14 are tri-stated, and the dq15 pin is used as an input for the lsb (a-1) address function. requirements for reading array data to read array data from the outputs, the system must drive the ce# and oe# pins to v il . ce# is the power control and selects the device. oe# is the output control and gates array data to the output pins. we# should remain at v ih . the byte# pin determines whether the device outputs array data in words or bytes. the internal state machine is set for reading array data upon device power-up, or after a hardware reset. this en- sures that no spurious alteration of the memory content oc- curs during the power transition. no command is necessary in this mode to obtain array data. standard mi- croprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. the device remains enabled for read access until the command register contents are altered. see reading array data for more information. refer to the ac read operations table for timing specifications and to figure 13 for the timing diagram. i cc1 in the dc charac- teristics table represents the active current specification for reading array data. writing commands/command sequences to write a command or command sequence (which in- cludes programming data to the device and erasing sectors of memory), the system must drive we# and ce# to v il , and oe# to v ih . operation ce# oe# we# reset# addresses (note 1) dq0C dq7 dq8Cdq15 byte# = v ih byte# = v il read l l h h a in d out d out dq8Cdq14 = high-z, dq15 = a-1 write l h l h a in d in d in standby v cc 0.3 v xx v cc 0.3 v x high-z high-z high-z output disable l h h h x high-z high-z high-z reset x x x l x high-z high-z high-z sector protect (note 2) l h l v id sector address, a6 = l, a1 = h, a0 = l d in xx sector unprotect (note 2) l h l v id sector address, a6 = h, a1 = h, a0 = l d in xx temporary sector unprotect x x x v id a in d in d in high-z am29sl800c 9 preliminary for program operations, the byte# pin determines whether the device accepts program data in bytes or words. refer to word/byte configuration for more infor- mation. the device features an unlock bypass mode to facilitate faster programming. once the device enters the unlock bypass mode, only two write cycles are required to pro- gram a word or byte, instead of four. the word/byte pro- gram command sequence section has details on programming data to the device using both standard and unlock bypass command sequences. an erase operation can erase one sector, multiple sectors, or the entire device. tables 2 and 3 indicate the address space that each sector occupies. a sector address con- sists of the address bits required to uniquely select a sector. the command definitions section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. after the system writes the autoselect command se- quence, the device enters the autoselect mode. the sys- tem can then read autoselect codes from the internal register (which is separate from the memory array) on dq7Cdq0. standard read cycle timings apply in this mode. refer to the autoselect mode and autoselect command sequence sections for more information. i cc2 in the dc characteristics table represents the active current specification for the write mode. the ac charac- teristics section contains timing specification tables and timing diagrams for write operations. program and erase operation status during an erase or program operation, the system may check the status of the operation by reading the status bits on dq7Cdq0. standard read cycle timings and i cc read specifications apply. refer to write operation status for more information, and to ac characteristics for timing di- agrams. standby mode when the system is not reading or writing to the device, it can place the device in the standby mode. in this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the oe# input. the device enters the cmos standby mode when the ce# and reset# pins are both held at v cc 0.3 v. (note that this is a more restricted voltage range than v ih .) if ce# and reset# are held at v ih , but not within v cc 0.3 v, the de- vice will be in the standby mode, but the standby current will be greater. the device requires standard access time (t ce ) for read access when the device is in either of these standby modes, before it is ready to read data. the device also enters the standby mode when the re- set# pin is driven low. refer to the next section, reset#: hardware reset pin. if the device is deselected during erasure or programming, the device draws active current until the operation is com- pleted. i cc3 in the dc characteristics table represents the standby current specification. automatic sleep mode the automatic sleep mode minimizes flash device energy consumption. the device automatically enables this mode when addresses remain stable for t acc + 50 ns. the automatic sleep mode is independent of the ce#, we#, and oe# control signals. standard address access timings provide new data when addresses are changed. while in sleep mode, output data is latched and always available to the system. i cc4 in the dc characteristics table represents the automatic sleep mode current specification. reset#: hardware reset pin the reset# pin provides a hardware method of resetting the device to reading array data. when the reset# pin is driven low for at least a period of t rp , the device immedi- ately terminates any operation in progress, tristates all output pins, and ignores all read/write commands for the duration of the reset# pulse. the device also resets the internal state machine to reading array data. the operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity. current is reduced for the duration of the reset# pulse. when reset# is held at v ss 0.3 v, the device draws cmos standby current (i cc4 ). if reset# is held at v il but not within v ss 0.3 v, the standby current will be greater. the reset# pin may be tied to the system reset circuitry. a system reset would thus also reset the flash memory, enabling the system to read the boot-up firmware from the flash memory. if reset# is asserted during a program or erase opera- tion, the ry/by# pin remains a 0 (busy) until the internal reset operation is complete, which requires a time of t ready (during embedded algorithms). the system can thus monitor ry/by# to determine whether the reset oper- ation is complete. if reset# is asserted when a program or erase operation is not executing (ry/by# pin is 1), the reset operation is completed within a time of t ready (not during embedded algorithms). the system can read data t rh after the reset# pin returns to v ih . refer to the ac characteristics tables for reset# param- eters and to figure 14 for the timing diagram. output disable mode when the oe# input is at v ih , output from the device is dis- abled. the output pins are placed in the high impedance state. 10 am29sl800c preliminary table 2. am29sl800ct top boot block sector address table sector a18 a17 a16 a15 a14 a13 a12 sector size (kbytes/ kwords) address range (in hexadecimal) (x8) address range (x16) address range sa00000xxx 64/32 00000hC0ffffh 00000hC07fffh sa10001xxx 64/32 100 00hC1ffffh 08000hC0ffffh sa20010xxx 64/32 200 00hC2ffffh 10000hC17fffh sa30011xxx 64/32 300 00hC3ffffh 18000hC1ffffh sa40100xxx 64/32 400 00hC4ffffh 20000hC27fffh sa50101xxx 64/32 500 00hC5ffffh 28000hC2ffffh sa60110xxx 64/32 600 00hC6ffffh 30000hC37fffh sa70111xxx 64/32 700 00hC7ffffh 38000hC3ffffh sa81000xxx 64/32 800 00hC8ffffh 40000hC47fffh sa91001xxx 64/32 900 00hC9ffffh 48000hC4ffffh sa10 1010xxx 64/32 a00 00hCaffffh 50000hC57fffh sa11 1011xxx 64/32 b00 00hCbffffh 58000hC5ffffh sa12 1100xxx 64/32 c00 00hCcffffh 60000hC67fffh sa13 1101xxx 64/32 d00 00hCdffffh 68000hC6ffffh sa14 1110xxx 64/32 e00 00hCeffffh 70000hC77fffh sa15 11110xx 32/16 f00 00hCf7fffh 78000hC7bfffh sa16 1111100 8/4 f80 00hCf9fffh 7c000hC7cfffh sa17 1111101 8/4 f a000hCfbfffh 7d000hC7dfffh sa18 111111x 16/8 fc0 00hCfffffh 7e000hC7ffffh am29sl800c 11 preliminary table 3. am29sl800cb bottom boot block sector address table note for tables 2 and 3: address range is a18:a-1 in byte mode and a18:a0 in word mode. see word/byte configuration section for more information. sector a18 a17 a16 a15 a14 a13 a12 sector size (kbytes/ kwords) address range (in hexadecimal) (x8) address range (x16) address range sa0000000x 16/8 00000hC03fffh 00000hC01fffh sa10000010 8/4 040 00hC05fffh 02000hC02fffh sa20000011 8/4 060 00hC07fffh 03000hC03fffh sa300001xx 32/16 080 00hC0ffffh 04000hC07fffh sa40001xxx 64/32 100 00hC1ffffh 08000hC0ffffh sa50010xxx 64/32 200 00hC2ffffh 10000hC17fffh sa60011xxx 64/32 300 00hC3ffffh 18000hC1ffffh sa70100xxx 64/32 400 00hC4ffffh 20000hC27fffh sa80101xxx 64/32 500 00hC5ffffh 28000hC2ffffh sa90110xxx 64/32 600 00hC6ffffh 30000hC37fffh sa10 0111xxx 64/32 700 00hC7ffffh 38000hC3ffffh sa11 1000xxx 64/32 800 00hC8ffffh 40000hC47fffh sa12 1001xxx 64/32 900 00hC9ffffh 48000hC4ffffh sa13 1010xxx 64/32 a00 00hCaffffh 50000hC57fffh sa14 1011xxx 64/32 b00 00hCbffffh 58000hC5ffffh sa15 1100xxx 64/32 c00 00hCcffffh 60000hC67fffh sa16 1101xxx 64/32 d00 00hCdffffh 68000hC6ffffh sa17 1110xxx 64/32 e00 00hCeffffh 70000hC77fffh sa18 1111xxx 64/32 f00 00hCfffffh 78000hC7ffffh 12 am29sl800c preliminary autoselect mode the autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on dq7Cdq0. this mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. however, the autoselect codes can also be accessed in-system through the command register. when using programming equipment, the autoselect mode requires v id on address pin a9. address pins a6, a1, and a0 must be as shown in table 4. in addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits (see tables 2 and 3). table 4 shows the remaining address bits that are dont care. when all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on dq7Cdq0. to access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in table 5. this method does not require v id . see command definitions for details on using the autoselect mode. table 4. am29sl800c autoselect codes (high voltage method) l = logic low = v il , h = logic high = v ih , sa = sector address, x = dont care. sector protection/unprotection the hardware sector protection feature disables both program and erase operations in any sector. the hard- ware sector unprotection feature re-enables both pro- gram and erase operations in previously protected sectors. sector protection/unprotection can be imple- mented via two methods. the primary method requires v id on the reset# pin only, and can be implemented either in-system or via programming equipment. figure 1 shows the algo- rithms and figure 23 shows the timing diagram. this method uses standard microprocessor bus cycle tim- ing. for sector unprotect, all unprotected sectors must first be protected prior to the first sector unprotect write cycle. the alternate method intended only for programming equipment requires v id on address pin a9 and oe#. this method is compatible with programmer routines written for earlier 3.0 volt-only amd flash devices. pub- lication number 21622 contains further details. contact an amd representative to request the document con- taining further details. the device is shipped with all sectors unprotected. amd offers the option of programming and protecting sectors at its factory prior to shipping the device through amds expressflash? service. contact an amd representative for details. it is possible to determine whether a sector is protected or unprotected. see autoselect mode for details. temporary sector unprotect this feature allows temporary unprotection of previ- ously protected sectors to change data in-system. the sector unprotect mode is activated by setting the re- set# pin to v id . during this mode, formerly protected sectors can be programmed or erased by selecting the sector addresses. once v id is removed from the re- set# pin, all the previously protected sectors are protected again. figure 2 shows the algorithm, and figure 22 shows the timing diagrams, for this feature. description mode ce# oe# we# a18 to a12 a11 to a10 a9 a8 to a7 a6 a5 to a2 a1 a0 dq8 to dq15 dq7 to dq0 manufacturer id : amd l l h x x v id xlxll x 01h device id: am29sl800c (top boot block) word l l h xxv id xlxlh 22h eah byte l l h x eah device id: am29sl800c (bottom boot block) word l l h xxv id xlxlh 22h 6bh byte l l h x 6bh sector protection verification l l h sa x v id xlxhl x 01h (protected) x 00h (unprotected) am29sl800c 13 preliminary figure 1. in-system sector protect/unprotect algorithms sector protect: write 60h to sector address with a6 = 0, a1 = 1, a0 = 0 set up sector address wait 150 s verify sector protect: write 40h to sector address with a6 = 0, a1 = 1, a0 = 0 read from sector address with a6 = 0, a1 = 1, a0 = 0 start plscnt = 1 reset# = v id wait 1 m s first write cycle = 60h? data = 01h? remove v id from reset# write reset command sector protect complete yes yes no plscnt = 25? yes device failed increment plscnt temporary sector unprotect mode no sector unprotect: write 60h to sector address with a6 = 1, a1 = 1, a0 = 0 set up first sector address wait 15 ms verify sector unprotect: write 40h to sector address with a6 = 1, a1 = 1, a0 = 0 read from sector address with a6 = 1, a1 = 1, a0 = 0 start plscnt = 1 reset# = v id wait 1 m s data = 00h? last sector verified? remove v id from reset# write reset command sector unprotect complete yes no plscnt = 1000? yes device failed increment plscnt temporary sector unprotect mode no all sectors protected? yes protect all sectors: the indicated portion of the sector protect algorithm must be performed for all unprotected sectors prior to issuing the first sector unprotect address set up next sector address no yes no yes no no yes no sector protect algorithm sector unprotect algorithm first write cycle = 60h? protect another sector? reset plscnt = 1 22230a-5 14 am29sl800c preliminary figure 2. temporary sector unprotect operation hardware data protection the command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent writes (refer to table 5 for com- mand definitions). in addition, the following hardware data protection measures prevent accidental erasure or programming, which might otherwise be caused by spurious system level signals during v cc power-up and power-down transitions, or from system noise. low v cc write inhibit when v cc is less than v lko , the device does not ac- cept any write cycles. this protects data during v cc power-up and power-down. the command register and all internal program/erase circuits are disabled, and the device resets. subsequent writes are ignored until v cc is greater than v lko . the system must provide the proper signals to the control pins to prevent uninten- tional writes when v cc is greater than v lko . write pulse glitch protection noise pulses of less than 5 ns (typical) on oe#, ce# or we# do not initiate a write cycle. logical inhibit write cycles are inhibited by holding any one of oe# = v il , ce# = v ih or we# = v ih . to initiate a write cy- cle, ce# and we# must be a logical zero while oe# is a logical one. power-up write inhibit if we# = ce# = v il and oe# = v ih during power up, the device does not accept commands on the rising edge of we#. the internal state machine is automatically reset to reading array data on power-up. command definitions writing specific address and data commands or se- quences into the command register initiates device op- erations. table 5 defines the valid register command sequences. writing incorrect address and data val- ues or writing them in the improper sequence resets the device to reading array data. all addresses are latched on the falling edge of we# or ce#, whichever happens later. all data is latched on the rising edge of we# or ce#, whichever happens first. refer to the appropriate timing diagrams in the ac characteristics section. reading array data the device is automatically set to reading array data after device power-up. no commands are required to retrieve data. the device is also ready to read array data after completing an embedded program or em- bedded erase algorithm. after the device accepts an erase suspend com- mand, the device enters the erase suspend mode. the system can read array data using the standard read timings, except that if it reads at an address within erase-suspended sectors, the device outputs status data. after completing a programming opera- tion in the erase suspend mode, the system may once again read array data with the same exception. see erase suspend/erase resume commands for more information on this mode. the system must issue the reset command to re-ena- ble the device for reading array data if dq5 goes high, or while in the autoselect mode. see the reset com- mand section, next. see also requirements for reading array data in the device bus operations section for more information. the read operations table provides the read parame- ters, and figure 13 shows the timing diagram. reset command writing the reset command to the device resets the de- vice to reading array data. address bits are dont care for this command. start perform erase or program operations reset# = v ih temporary sector unprotect completed (note 2) reset# = v id (note 1) notes: 1. all protected sectors unprotected. 2. all previously protected sectors are protected once again. 22230a-6 am29sl800c 15 preliminary the reset command may be written between the se- quence cycles in an erase command sequence before erasing begins. this resets the device to reading array data. once erasure begins, however, the device ig- nores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in a program command sequence be- fore programming begins. this resets the device to reading array data (also applies to programming in erase suspend mode). once programming begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in an autoselect command sequence. once in the autoselect mode, the reset command must be written to return to reading array data (also applies to autoselect during erase suspend). if dq5 goes high during a program or erase operation, writing the reset command returns the device to read- ing array data (also applies during erase suspend). autoselect command sequence the autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. table 5 shows the address and data requirements. this method is an alternative to that shown in table 4, which is intended for prom programmers and requires v id on address bit a9. the autoselect command sequence is initiated by writ- ing two unlock cycles, followed by the autoselect com- mand. the device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. a read cycle at address xx00h retrieves the manufac- turer code. a read cycle at address 01h in word mode (or 02h in byte mode) returns the device code. a read cycle containing a sector address (sa) and the address 02h in word mode (or 04h in byte mode) returns 01h if that sector is protected, or 00h if it is unprotected. refer to tables 2 and 3 for valid sector addresses. the system must write the reset command to exit the autoselect mode and return to reading array data. word/byte program command sequence the system may program the device by word or byte, depending on the state of the byte# pin. program- ming is a four-bus-cycle operation. the program com- mand sequence is initiated by writing two unlock write cycles, followed by the program set-up command. the program address and data are written next, which in turn initiate the embedded program algorithm. the system is not required to provide further controls or tim- ings. the device automatically generates the program pulses and verifies the programmed cell margin. table 5 shows the address and data requirements for the byte program command sequence. when the embedded program algorithm is complete, the device then returns to reading array data and ad- dresses are no longer latched. the system can deter- mine the status of the program operation by using dq7, dq6, or ry/by#. see write operation status for in- formation on these status bits. any commands written to the device during the em- bedded program algorithm are ignored. note that a hardware reset immediately terminates the program- ming operation. the byte program command se- quence should be reinitiated once the device has reset to reading array data, to ensure data integrity. programming is allowed in any sequence and across sector boundaries. a bit cannot be programmed from a 0 back to a 1. attempting to do so may halt the operation and set dq5 to 1, or cause the data# polling algorithm to indicate the operation was suc- cessful. however, a succeeding read will show that the data is still 0. only erase operations can convert a 0 to a 1. unlock bypass command sequence the unlock bypass feature allows the system to pro- gram bytes or words to the device faster than using the standard program command sequence. the unlock by- pass command sequence is initiated by first writing two unlock cycles. this is followed by a third write cycle containing the unlock bypass command, 20h. the de- vice then enters the unlock bypass mode. a two-cycle unlock bypass program command sequence is all that is required to program in this mode. the first cycle in this sequence contains the unlock bypass program command, a0h; the second cycle contains the program address and data. additional data is programmed in the same manner. this mode dispenses with the initial two unlock cycles required in the standard program command sequence, resulting in faster total program- ming time. table 5 shows the requirements for the com- mand sequence. during the unlock bypass mode, only the unlock by- pass program and unlock bypass reset commands are valid. to exit the unlock bypass mode, the system must issue the two-cycle unlock bypass reset com- mand sequence. the first cycle must contain the data 90h; the second cycle the data 00h. addresses are dont cares. the device then returns to reading array data. figure 3 illustrates the algorithm for the program oper- ation. see the erase/program operations table in ac characteristics for parameters, and to figure 17 for timing diagrams. 16 am29sl800c preliminary note: see table 5 for program command sequence. figure 3. program operation chip erase command sequence chip erase is a six bus cycle operation. the chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the embedded erase algorithm. the device does not require the system to preprogram prior to erase. the embedded erase algo- rithm automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. the system is not required to provide any con- trols or timings during these operations. table 5 shows the address and data requirements for the chip erase command sequence. any commands written to the chip during the embed- ded erase algorithm are ignored. note that a hardware reset during the chip erase operation immediately ter- minates the operation. the chip erase command se- quence should be reinitiated once the device has returned to reading array data, to ensure data integrity. the system can determine the status of the erase op- eration by using dq7, dq6, dq2, or ry/by#. see write operation status for information on these sta- tus bits. when the embedded erase algorithm is com- plete, the device returns to reading array data and addresses are no longer latched. figure 4 illustrates the algorithm for the erase opera- tion. see the erase/program operations tables in ac characteristics for parameters, and to figure 18 for timing diagrams. sector erase command sequence sector erase is a six bus cycle operation. the sector erase command sequence is initiated by writing two un- lock cycles, followed by a set-up command. two addi- tional unlock write cycles are then followed by the address of the sector to be erased, and the sector erase command. table 5 shows the address and data requirements for the sector erase command sequence. the device does not require the system to preprogram the memory prior to erase. the embedded erase algo- rithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. the system is not required to provide any controls or tim- ings during these operations. after the command sequence is written, a sector erase time-out of 50 s begins. during the time-out period, additional sector addresses and sector erase com- mands may be written. loading the sector erase buffer may be done in any sequence, and the number of sec- tors may be from one sector to all sectors. the time be- tween these additional cycles must be less than 50 s, otherwise the last address and command might not be accepted, and erasure may begin. it is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. the interrupts can be re-enabled after the last sector erase command is written. if the time between additional sector erase commands can be assumed to be less than 50 s, the system need not monitor dq3. any command other than sector erase or erase suspend during the time-out period resets the device to reading array data. the system must rewrite the command sequence and any additional sector addresses and commands. the system can monitor dq3 to determine if the sector erase timer has timed out. (see the dq3: sector erase timer section.) the time-out begins from the rising edge of the final we# pulse in the command sequence. once the sector erase operation has begun, only the erase suspend command is valid. all other commands are ignored. note that a hardware reset during the sector erase operation immediately terminates the op- eration. the sector erase command sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity. start write program command sequence data poll from system verify data? no yes last address? no yes programming completed increment address embedded program algorithm in progress 22230a-7 am29sl800c 17 preliminary when the embedded erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. the system can determine the sta- tus of the erase operation by using dq7, dq6, dq2, or ry/by#. (refer to write operation status for informa- tion on these status bits.) figure 4 illustrates the algorithm for the erase opera- tion. refer to the erase/program operations tables in the ac characteristics section for parameters, and to figure 18 for timing diagrams. erase suspend/erase resume commands the erase suspend command allows the system to in- terrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. this command is valid only during the sector erase operation, including the 50 s time-out period during the sector erase command sequence. the erase suspend command is ignored if written during the chip erase operation or embedded program algo- rithm. writing the erase suspend command during the sector erase time-out immediately terminates the time-out period and suspends the erase operation. ad- dresses are dont-cares when writing the erase sus- pend command. when the erase suspend command is written during a sector erase operation, the device requires a maximum of 20 s to suspend the erase operation. however, when the erase suspend command is written during the sector erase time-out, the device immediately ter- minates the time-out period and suspends the erase operation. after the erase operation has been suspended, the system can read array data from or program data to any sector not selected for erasure. (the device erase suspends all sectors selected for erasure.) normal read and write timings and command definitions apply. reading at any address within erase-suspended sec- tors produces status data on dq7Cdq0. the system can use dq7, or dq6 and dq2 together, to determine if a sector is actively erasing or is erase-suspended. see write operation status for information on these status bits. after an erase-suspended program operation is com- plete, the system can once again read array data within non-suspended sectors. the system can determine the status of the program operation using the dq7 or dq6 status bits, just as in the standard program oper- ation. see write operation status for more informa- tion. the system may also write the autoselect command sequence when the device is in the erase suspend mode. the device allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory array. when the device exits the autoselect mode, the device reverts to the erase suspend mode, and is ready for another valid operation. see autoselect command sequence for more information. the system must write the erase resume command (address bits are dont care) to exit the erase suspend mode and continue the sector erase operation. further writes of the resume command are ignored. another erase suspend command can be written after the de- vice has resumed erasing. notes: 1. see table 5 for erase command sequence. 2. see dq3: sector erase timer for more information. figure 4. erase operation start write erase command sequence data poll from system data = ffh? no yes erasure completed embedded erase algorithm in progress 22230a-8 18 am29sl800c preliminary table 5. am29sl800c command definitions legend: x = dont care ra = address of the memory location to be read. rd = data read from location ra during read operation. pa = address of the memory location to be programmed. addresses latch on the falling edge of the we# or ce# pulse, whichever happens later. pd = data to be programmed at location pa. data latches on the rising edge of we# or ce# pulse, whichever happens first. sa = address of the sector to be verified (in autoselect mode) or erased. address bits a18Ca12 uniquely select any sector. notes: 1. see table 1 for description of bus operations. 2. all values are in hexadecimal. 3. except when reading array or autoselect data, all bus cycles are write operations. 4. data bits dq15Cdq8 are dont cares for unlock and command cycles. 5. address bits a18Ca11 are dont cares for unlock and command cycles, unless sa or pa required. 6. no unlock or command cycles required when reading array data, unless sa or pa required. 7. the reset command is required to return to reading array data when device is in the autoselect mode, or if dq5 goes high (while the device is providing status data). 8. the fourth cycle of the autoselect command sequence is a read cycle. 9. the data is 00h for an unprotected sector and 01h for a protected sector. see autoselect command sequence for more information. 10. the unlock bypass command is required prior to the unlock bypass program command. 11. the unlock bypass reset command is required to return to reading array data when the device is in the unlock bypass mode. 12. the system may read and program in non-erasing sectors, or enter the autoselect mode, when in the erase suspend mode. the erase suspend command is valid only during a sector erase operation. 13. the erase resume command is valid only during the erase suspend mode. command sequence (note 1) bus cycles (notes 2-5) first second third fourth fifth sixth addr data addr data addr data addr data addr data addr data read (note 6) 1 ra rd reset (note 7) 1 xxx f0 manufacturer id word 4 555 aa 2aa 55 555 90 x00 01 byte aaa 555 aaa device id, top boot block word 4 555 aa 2aa 55 555 90 x01 22ea byte aaa 555 aaa x02 ea device id, bottom boot block word 4 555 aa 2aa 55 555 90 x01 226b byte aaa 555 aaa x02 6b sector protect verify (note 9) word 4 555 aa 2aa 55 555 90 (sa) x02 xx00 xx01 byte aaa 555 aaa (sa) x04 00 01 program word 4 555 aa 2aa 55 555 a0 pa pd byte aaa 555 aaa unlock bypass word 3 555 aa 2aa 55 555 20 byte aaa 555 aaa unlock bypass program (note 10) 2 xxx a0 pa pd unlock bypass reset (note 11) 2 xxx 90 xxx 00 chip erase word 6 555 aa 2aa 55 555 80 555 aa 2aa 55 555 10 byte aaa 555 aaa aaa 555 aaa sector erase word 6 555 aa 2aa 55 555 80 555 aa 2aa 55 sa 30 byte aaa 555 aaa aaa 555 erase suspend (note 12) 1 xxx b0 erase resume (note 13) 1 xxx 30 cycles autoselect (note 8) am29sl800c 19 preliminary write operation status the device provides several bits to determine the sta- tus of a write operation: dq2, dq3, dq5, dq6, dq7, and ry/by#. table 6 and the following subsections de- scribe the functions of these bits. dq7, ry/by#, and dq6 each offer a method for determining whether a program or erase operation is complete or in progress. these three bits are discussed first. dq7: data# polling the data# polling bit, dq7, indicates to the host system whether an embedded algorithm is in progress or com- pleted, or whether the device is in erase suspend. data# polling is valid after the rising edge of the final we# pulse in the program or erase command sequence. during the embedded program algorithm, the device outputs on dq7 the complement of the datum pro- grammed to dq7. this dq7 status also applies to pro- gramming during erase suspend. when the embedded program algorithm is complete, the device outputs the datum programmed to dq7. the system must provide the program address to read valid status information on dq7. if a program address falls within a protected sector, data# polling on dq7 is active for ap- proximately 1 s, then the device returns to reading array data. during the embedded erase algorithm, data# polling produces a 0 on dq7. when the embedded erase al- gorithm is complete, or if the device enters the erase suspend mode, data# polling produces a 1 on dq7. this is analogous to the complement/true datum output described for the embedded program algorithm: the erase function changes all the bits in a sector to 1; prior to this, the device outputs the complement, or 0. the system must provide an address within any of the sectors selected for erasure to read valid status in- formation on dq7. after an erase command sequence is written, if all sec- tors selected for erasing are protected, data# polling on dq7 is active for approximately 100 s, then the de- vice returns to reading array data. if not all selected sectors are protected, the embedded erase algorithm erases the unprotected sectors, and ignores the se- lected sectors that are protected. when the system detects dq7 has changed from the complement to true data, it can read valid data at dq7C dq0 on the following read cycles. this is because dq7 may change asynchronously with dq0Cdq6 while output enable (oe#) is asserted low. figure 19, data# polling timings (during embedded algorithms), in the ac characteristics section illustrates this. table 6 shows the outputs for data# polling on dq7. figure 5 shows the data# polling algorithm. dq7 = data? yes no no dq5 = 1? no yes yes fail pass read dq7Cdq0 addr = va read dq7Cdq0 addr = va dq7 = data? start notes: 1. va = valid address for programming. during a sector erase operation, a valid address is an address within any sector selected for erasure. during chip erase, a valid address is any non-protected sector address. 2. dq7 should be rechecked even if dq5 = 1 because dq7 may change simultaneously with dq5. 22230a-9 figure 5. data# polling algorithm 20 am29sl800c preliminary ry/by#: ready/busy# the ry/by# is a dedicated, open-drain output pin that indicates whether an embedded algorithm is in progress or complete. the ry/by# status is valid after the rising edge of the final we# pulse in the command sequence. since ry/by# is an open-drain output, sev- eral ry/by# pins can be tied together in parallel with a pull-up resistor to v cc . if the output is low (busy), the device is actively erasing or programming. (this includes programming in the erase suspend mode.) if the output is high (ready), the device is ready to read array data (including during the erase suspend mode), or is in the standby mode. table 6 shows the outputs for ry/by#. figures 14, 17 and 18 shows ry/by# for reset, program, and erase operations, respectively. dq6: toggle bit i toggle bit i on dq6 indicates whether an embedded program or erase algorithm is in progress or complete, or whether the device has entered the erase suspend mode. toggle bit i may be read at any address, and is valid after the rising edge of the final we# pulse in the command sequence (prior to the program or erase op- eration), and during the sector erase time-out. during an embedded program or erase algorithm op- eration, successive read cycles to any address cause dq6 to toggle (the system may use either oe# or ce# to control the read cycles). when the operation is com- plete, dq6 stops toggling. after an erase command sequence is written, if all sec- tors selected for erasing are protected, dq6 toggles for approximately 100 s, then returns to reading array data. if not all selected sectors are protected, the em- bedded erase algorithm erases the unprotected sec- tors, and ignores the selected sectors that are protected. the system can use dq6 and dq2 together to deter- mine whether a sector is actively erasing or is erase- suspended. when the device is actively erasing (that is, the embedded erase algorithm is in progress), dq6 toggles. when the device enters the erase suspend mode, dq6 stops toggling. however, the system must also use dq2 to determine which sectors are erasing or erase-suspended. alternatively, the system can use dq7 (see the subsection on dq7: data# polling). if a program address falls within a protected sector, dq6 toggles for approximately 1 s after the program command sequence is written, then returns to reading array data. dq6 also toggles during the erase-suspend-program mode, and stops toggling once the embedded pro- gram algorithm is complete. table 6 shows the outputs for toggle bit i on dq6. fig- ure 6 shows the toggle bit algorithm. figure 20 in the ac characteristics section shows the toggle bit timing diagrams. figure 21 shows the differences between dq2 and dq6 in graphical form. see also the subsec- tion on dq2: toggle bit ii. dq2: toggle bit ii the toggle bit ii on dq2, when used with dq6, indi- cates whether a particular sector is actively erasing (that is, the embedded erase algorithm is in progress), or whether that sector is erase-suspended. toggle bit ii is valid after the rising edge of the final we# pulse in the command sequence. the device toggles dq2 with each oe# or ce# read cycle. dq2 toggles when the system reads at addresses within those sectors that have been selected for eras- ure. but dq2 cannot distinguish whether the sector is actively erasing or is erase-suspended. dq6, by com- parison, indicates whether the device is actively eras- ing, or is in erase suspend, but cannot distinguish which sectors are selected for erasure. thus, both sta- tus bits are required for sector and mode information. refer to table 6 to compare outputs for dq2 and dq6. figure 6 shows the toggle bit algorithm in flowchart form, and the section dq2: toggle bit ii explains the algorithm. see also the dq6: toggle bit i subsection. figure 20 shows the toggle bit timing diagram. figure 21 shows the differences between dq2 and dq6 in graphical form. reading toggle bits dq6/dq2 refer to figure 6 for the following discussion. whenever the system initially begins reading toggle bit status, it must read dq7Cdq0 at least twice in a row to determine whether a toggle bit is toggling. typically, the system would note and store the value of the toggle bit after the first read. after the second read, the system would com- pare the new value of the toggle bit with the first. if the toggle bit is not toggling, the device has completed the program or erase operation. the system can read array data on dq7Cdq0 on the following read cycle. however, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the sys- tem also should note whether the value of dq5 is high (see the section on dq5). if it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as dq5 went high. if the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. if it is still toggling, the device did not completed the operation successfully, and the system must write the reset command to return to reading array data. am29sl800c 21 preliminary the remaining scenario is that the system initially de- termines that the toggle bit is toggling and dq5 has not gone high. the system may continue to monitor the toggle bit and dq5 through successive read cycles, de- termining the status as described in the previous para- graph. alternatively, it may choose to perform other system tasks. in this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation (top of figure 6). dq5: exceeded timing limits dq5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. under these conditions dq5 produces a 1. this is a failure condition that indicates the program or erase cycle was not successfully completed. the dq5 failure condition may appear if the system tries to program a 1 to a location that is previously pro- grammed to 0. only an erase operation can change a 0 back to a 1. under this condition, the device halts the operation, and when the operation has ex- ceeded the timing limits, dq5 produces a 1. under both these conditions, the system must issue the reset command to return the device to reading array data. dq3: sector erase timer after writing a sector erase command sequence, the system may read dq3 to determine whether or not an erase operation has begun. (the sector erase timer does not apply to the chip erase command.) if additional sectors are selected for erasure, the entire time-out also applies after each additional sector erase command. when the time-out is complete, dq3 switches from 0 to 1. if the time between additional sector erase com- mands from the system can be assumed to be less than 50 s, the system need not monitor dq3. see also the sector erase command sequence section. after the sector erase command sequence is written, the system should read the status on dq7 (data# poll- ing) or dq6 (toggle bit i) to ensure the device has ac- cepted the command sequence, and then read dq3. if dq3 is 1, the internally controlled erase cycle has be- gun; all further commands (other than erase suspend) are ignored until the erase operation is complete. if dq3 is 0, the device will accept additional sector erase commands. to ensure the command has been accepted, the system software should check the status of dq3 prior to and following each subsequent sector erase command. if dq3 is high on the second status check, the last command might not have been ac- cepted. table 6 shows the outputs for dq3. start no yes yes dq5 = 1? no yes toggle bit = toggle? no program/erase operation not complete, write reset command program/erase operation complete read dq7Cdq0 toggle bit = toggle? read dq7Cdq0 twice read dq7Cdq0 notes: 1. read toggle bit twice to determine whether or not it is toggling. see text. 2. recheck toggle bit because it may stop toggling as dq5 changes to 1 . see text. 22230a-10 figure 6. toggle bit algorithm (notes 1, 2) (note 1) 22 am29sl800c preliminary table 6. write operation status notes: 1. dq5 switches to 1 when an embedded program or embedded erase operation has exceeded the maximum timing limits. see dq5: exceeded timing limits for more information. 2. dq7 and dq2 require a valid address when reading status information. refer to the appropriate subsection for further details. operation dq7 (note 2) dq6 dq5 (note 1) dq3 dq2 (note 2) ry/by# standard mode embedded program algorithm dq7# toggle 0 n/a no toggle 0 embedded erase algorithm 0 toggle 0 1 toggle 0 erase suspend mode reading within erase suspended sector 1 no toggle 0 n/a toggle 1 reading within non-erase suspended sector data data data data data 1 erase-suspend-program dq7# toggle 0 n/a n/a 0 am29sl800c 23 preliminary absolute maximum ratings storage temperature plastic packages . . . . . . . . . . . . . . . C65 c to +150 c ambient temperature with power applied. . . . . . . . . . . . . . C65 c to +125 c voltage with respect to ground v cc (note 1) . . . . . . . . . . . . . . . . C0.5 v to +2.5 v a9 , oe# , and reset# (note 2) . . . . . . . . C0.5 v to +11.0 v all other pins (note 1) . . . . . C0.5 v to v cc +0.5 v output short circuit current (note 3) . . . . . . 100 ma notes: 1. minimum dc voltage on input or i/o pins is C0.5 v. during voltage transitions, input or i/o pins may overshoot v ss to C2.0 v for periods of up to 20 ns. see figure 7. maximum dc voltage on input or i/o pins is v cc +0.5 v. during voltage transitions, input or i/o pins may overshoot to v cc +2.0 v for periods up to 20 ns. see figure 8. 2. minimum dc input voltage on pins a9, oe#, and reset# is C0.5 v. during voltage transitions, a9, oe#, and reset# may overshoot v ss to C2.0 v for periods of up to 20 ns. see figure 7. maximum dc input voltage on pin a9 is +11.0 v which may overshoot to 12.5 v for periods up to 20 ns. 3. no more than one output may be shorted to ground at a time. duration of the short circuit should not be greater than one second. stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability. figure 7. maximum negative overshoot waveform figure 8. maximum positive overshoot waveform operating ranges commercial (c) devices ambient temperature (t a ) . . . . . . . . . . . 0c to +70c industrial (i) devices ambient temperature (t a ) . . . . . . . . . C40c to +85c v cc supply voltages v cc , all speed options . . . . . . . . . . . .+1.8 v to +2.2 v operating ranges define those limits between which the func- tionality of the device is guaranteed. 20 ns 20 ns 0.0 v C0.5 v 20 ns C2.0 v 22230a-11 20 ns 20 ns v cc +2.0 v v cc +0.5 v 20 ns 2.0 v 22230a-12 24 am29sl800c preliminary dc characteristics cmos compatible notes: 1. the i cc current listed is typically less than 1 ma/mhz, with oe# at v il . typical v cc is 2.0 v. 2. the maximum i cc specifications are tested with v cc = v cc max. 3. i cc active while embedded erase or embedded program is in progress. 4. automatic sleep mode enables the low power mode when addresses remain stable for t acc + 50 ns. 5. not 100% tested. parameter description test conditions min typ max unit i li input load current v in = v ss to v cc , v cc = v cc max 1.0 a i lit a9 input load current v cc = v cc max ; a9 = 11.0 v 35 a i lo output leakage current v out = v ss to v cc , v cc = v cc max 1.0 a i cc1 v cc active read current (notes 1, 2) ce# = v il, oe# = v ih, byte mode 5 mhz 5 10 ma 1 mhz 1 3 ce# = v il, oe# = v ih, word mode 5 mhz 5 10 1 mhz 1 3 i cc2 v cc active write current (notes 2, 3, 5) ce# = v il, oe# = v ih 20 25 ma i cc3 v cc standby current (note 2) ce#, reset# = v cc 0.3 v 1 5 a i cc4 v cc reset current (note 2) reset# = v ss 0.3 v 1 5 a i cc5 automatic sleep mode (notes 2, 3) v ih = v cc 0.3 v; v il = v ss 0.3 v 15a v il input low voltage C0.5 0.2 x v cc v v ih input high voltage 0.8 x v cc v cc + 0.3 v v id voltage for autoselect and temporary sector unprotect v cc = 2.0 v 9.0 11.0 v v ol1 output low voltage i ol = 2.0 ma, v cc = v cc min 0.25 v v ol2 i ol = 100 m a, v cc = v cc min 0.1 v oh1 output high voltage i oh = C2.0 ma, v cc = v cc min 0.7 x v cc v v oh2 i oh = C100 m a, v cc = v cc min v cc C0.1 v lko low v cc lock-out voltage (note 4) 1.2 1.5 v am29sl800c 25 preliminary dc characteristics (continued) zero power flash 20 15 10 5 0 0 500 1000 1500 2000 2500 3000 3500 4000 supply current in ma time in ns note: addresses are switching at 1 mhz 22230a-13 figure 9. i cc1 current vs. time (showing active and automatic sleep currents) 10 8 4 0 1 2345 frequency in mhz supply current in ma note: t = 25 c 22230a-14 figure 10. typical i cc1 vs. frequency 1.8 v 2.2 v 2 6 26 am29sl800c preliminary test conditions table 7. test specifications key to switching waveforms c l device under te s t 22230a-15 figure 11. test setup test condition 100 120, 150 unit output load 1 ttl gate output load capacitance, c l (including jig capacitance) 30 100 pf input rise and fall times 5 ns input pulse levels 0.0C2.0 v input timing measurement reference levels 1.0 v output timing measurement reference levels 1.0 v ks000010-pal waveform inputs outputs steady changing from h to l changing from l to h dont care, any change permitted changing, state unknown does not apply center line is high impedance state (high z) 2.0 v 0.0 v 1.0 v 1.0 v output measurement level input 22230a-16 figure 12. input waveforms and measurement levels am29sl800c 27 preliminary ac characteristics read operations notes: 1. not 100% tested. 2. see figure 11 and table 7 for test specifications. parameter description speed option jedec std test setup 100 120 150 unit t avav t rc read cycle time (note 1) min 100 120 150 ns t avqv t acc address to output delay ce# = v il oe# = v il max 100 120 150 ns t elqv t ce chip enable to output delay oe# = v il max 100 120 150 ns t glqv t oe output enable to output delay max 35 50 65 ns t ehqz t df chip enable to output high z (note 1) max 50 60 60 ns t ghqz t df output enable to output high z (note 1) max 50 60 60 ns t oeh output enable hold time (note 1) read min 0 ns toggle and data# polling min 30 ns t axqx t oh output hold time from addresses, ce# or oe#, whichever occurs first (note 1) min 0 ns t ce outputs we# addresses ce# oe# high z output valid high z addresses stable t rc t acc t oeh t oe 0 v ry/by# reset# t df t oh 22230a-17 figure 13. read operations timings 28 am29sl800c preliminary ac characteristics hardware reset (reset#) note: not 100% tested. parameter description all speed options jedec std test setup unit t ready reset# pin low (during embedded algorithms) to read or write (see note) max 20 s t ready reset# pin low (not during embedded algorithms) to read or write (see note) max 500 ns t rp reset# pulse width min 500 ns t rh reset# high time before read (see note) min 200 ns t rpd reset# low to standby mode min 20 s t rb ry/by# recovery time min 0 ns reset# ry/by# ry/by# t rp t ready reset timings not during embedded algorithms t ready ce#, oe# t rh ce#, oe# reset timings during embedded algorithms reset# t rp t rb 22230a-18 figure 14. reset# timings am29sl800c 29 preliminary ac characteristics word/byte configuration (byte#) parameter description 100 120 150 jedec std unit t elfl/ t elfh ce# to byte# switching low or high max 10 ns t flqz byte# switching low to output high z max 50 60 60 ns t fhqv byte# switching high to output active min 100 120 150 ns dq15 output data output (dq0Cdq7) ce# oe# byte# t elfl dq0Cdq14 data output (dq0Cdq14) dq15/a-1 address input t flqz byte# switching from word to byte mode dq15 output data output (dq0Cdq7) byte# t elfh dq0Cdq14 data output (dq0Cdq14) dq15/a-1 address input t fhqv byte# switching from byte to word mode 22230a-19 figure 15. byte# timings for read operations note: refer to the erase/program operations table for t as and t ah specifications. 22230a-20 figure 16. byte# timings for write operations ce# we# byte# the falling edge of the last we# signal t hold (t ah ) t set (t as ) 30 am29sl800c preliminary ac characteristics erase/program operations notes: 1. not 100% tested. 2. see the erase and programming performance section for more information. parameter 100 120 150 jedec std description unit t avav t wc write cycle time (note 1) min 100 120 150 ns t av wl t as address setup time min 0 ns t wlax t ah address hold time min 50 60 70 ns t dvwh t ds data setup time min 50 60 70 ns t whdx t dh data hold time min 0 ns t oes output enable setup time min 0 ns t ghwl t ghwl read recovery time before write (oe# high to we# low) min 0 ns t elwl t cs ce# setup time min 0 ns t wheh t ch ce# hold time min 0 ns t wlwh t wp write pulse width min 50 60 70 ns t whwl t wph write pulse width high min 30 ns t whwh1 t whwh1 programming operation (notes 1, 2) byte typ 10 s word typ 12 t whwh2 t whwh2 sector erase operation (notes 1, 2) typ 2 sec t vcs v cc setup time min 50 s t rb recovery time from ry/by# min 0 ns t busy program/erase valid to ry/by# delay min 200 ns am29sl800c 31 preliminary ac characteristics oe# we# ce# v cc data addresses t ds t ah t dh t wp pd t whwh1 t wc t as t wph t vcs 555h pa pa read status data (last two cycles) a0h t ghwl t cs status d out program command sequence (last two cycles) ry/by# t rb t busy t ch pa notes: 1. pa = program address, pd = program data, d out is the true data at the program address. 2. illustration shows device in word mode. 22230a-21 figure 17. program operation timings 32 am29sl800c preliminary ac characteristics oe# ce# addresses v cc we# data 2aah sa t ghwl t ah t wp t wc t as t wph 555h for chip erase 10 for chip erase 30h t ds t vcs t cs t dh 55h t ch in progress complete t whwh2 va va erase command sequence (last two cycles) read status data ry/by# t rb t busy notes: 1. sa = sector address (for sector erase), va = valid address for reading status data (see write operation status). 2. illustration shows device in word mode. 22230a-22 figure 18. chip/sector erase operation timings am29sl800c 33 preliminary ac characteristics we# ce# oe# high z t oe high z dq7 dq0Cdq6 ry/by# t busy complement true addresses va t oeh t ce t ch t oh t df va va status data complement status data true valid data valid data t acc t rc note: va = valid address. illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle. 22230a-23 figure 19. data# polling timings (during embedded algorithms) we# ce# oe# high z t oe dq6/dq2 ry/by# t busy addresses va t oeh t ce t ch t oh t df va va t acc t rc valid data valid status valid status (first read) (second read) (stops toggling) valid status va note: va = valid address; not required for dq6. illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle. 22230a-24 figure 20. toggle bit timings (during embedded algorithms) 34 am29sl800c preliminary ac characteristics temporary sector unprotect parameter all speed options jedec std description unit t vidr v id rise and fall time min 500 ns t rsp reset# setup time for temporary sector unprotect min 4 s note: the system may use ce# or oe# to toggle dq2 and dq6. dq2 toggles only when read at an address within an erase-suspended sector. 22230a-25 figure 21. dq2 vs. dq6 enter erase erase erase enter erase suspend program erase suspend read erase suspend read erase we# dq6 dq2 erase complete erase suspend suspend program resume embedded erasing reset# t vidr 10 v 0 or 1.8 v ce# we# ry/by# t vidr t rsp program or erase command sequence 0 or 1.8 v 22230a-26 figure 22. temporary sector unprotect timing diagram am29sl800c 35 preliminary ac characteristics sector protect: 150 s sector unprot ect: 15 ms 1 s reset# sa, a6, a1, a0 data ce# we# oe# 60h 60h 40h valid* valid* valid* status sector protect/unprotect verify v id v ih * for sector protect, a6 = 0, a1 = 1, a0 = 0. for sector unprotect, a6 = 1, a1 = 1, a0 = 0. 22230a-27 figure 23. sector protect/unprotect timing diagram 36 am29sl800c preliminary ac characteristics alternate ce# controlled erase/program operations notes: 1. not 100% tested. 2. see the erase and programming performance section for more information. parameter 100 120 150 jedec std description unit t avav t wc write cycle time (note 1) min 100 120 150 ns t ave l t as address setup time min 0 ns t elax t ah address hold time min 50 60 70 ns t dveh t ds data setup time min 50 60 70 ns t ehdx t dh data hold time min 0 ns t oes output enable setup time min 0 ns t ghel t ghel read recovery time before write (oe# high to we# low) min 0 ns t wlel t ws we# setup time min 0 ns t ehwh t wh we# hold time min 0 ns t eleh t cp ce# pulse width min 50 60 70 ns t ehel t cph ce# pulse width high min 30 ns t whwh1 t whwh1 programming operation (notes 1, 2) byte typ 10 s word typ 12 t whwh2 t whwh2 sector erase operation (notes 1, 2) typ 2 sec am29sl800c 37 preliminary ac characteristics t ghel t ws oe# ce# we# reset# t ds data t ah addresses t dh t cp dq7# d out t wc t as t cph pa data# polling a0 for program 55 for erase t rh t whwh1 or 2 ry/by# t wh pd for program 30 for sector erase 10 for chip erase 555 for program 2aa for erase pa for program sa for sector erase 555 for chip erase t busy notes: 1. pa = program address, pd = program data, dq7# = complement of the data written, d out = data written 2. figure indicates the last two bus cycles of command sequence. 3. word mode address used as an example. 22230a-28 figure 24. alternate ce# controlled write operation timings 38 am29sl800c preliminary erase and programming performance notes: 1. typical program and erase times assume the following conditions: 25 c, 2.0 v v cc , 1,000,000 cycles. additionally, programming typicals assume checkerboard pattern. 2. under worst case conditions of 90c, v cc = 1.8 v, 1,000,000 cycles. 3. the typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program times listed. 4. in the pre-programming step of the embedded erase algorithm, all bytes are programmed to 00h before erasure. 5. system-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. see table 5 for further information on command definitions. 6. the device has a minimum guaranteed erase and program cycle endurance of 1,000,000 cycles. latchup characteristics includes all pins except v cc . test conditions: v cc = 1.8 v, one pin at a time. tsop pin capacitance notes: 1. sampled, not 100% tested. 2. test conditions t a = 25c, f = 1.0 mhz. data retention parameter typ (note 1) max (note 2) unit comments sector erase time 2 15 s excludes 00h programming prior to erasure (note 4) chip erase time 38 s byte programming time 10 300 s excludes system level overhead (note 5) word programming time 12 360 s chip programming time (note 3) byte mode 10 80 s word mode 7 60 s description min max input voltage with respect to v ss on all pins except i/o pins (including a9, oe#, and reset#) C1.0 v 11.0 v input voltage with respect to v ss on all i/o pins C0.5 v v cc + 0.5 v v cc current C100 ma +100 ma parameter symbol parameter description test setup typ max unit c in input capacitance v in = 0 6 7.5 pf c out output capacitance v out = 0 8.5 12 pf c in2 control pin capacitance v in = 0 7.5 9 pf parameter test conditions min unit minimum pattern data retention time 150 c 10 years 125 c 20 years am29sl800c 39 preliminary physical dimensions* ts 04848-pin standard tsop (measured in millimeters) * for reference only. bsc is an ansi standard for basic space centering tsr04848-pin reverse tsop (measured in millimeters) * for reference only. bsc is an ansi standard for basic space centering. 48 25 1 24 18.30 18.50 19.80 20.20 11.90 12.10 0.05 0.15 0.50 bsc 0.95 1.05 16-038-ts48-2 ts 048 da101 8-8-94 ae pin 1 i.d. 1.20 max 0.50 0.70 0.10 0.21 0.25mm (0.0098") bsc 0 5 0.08 0.20 48 25 1 24 18.30 18.50 19.80 20.20 11.90 12.10 seating plane 0.05 0.15 0.50 bsc 0.95 1.05 16-038-ts48 tsr048 da104 8-8-94 ae pin 1 i.d. 1.20 max 0.50 0.70 0.10 0.21 0.25mm (0.0098") bsc 0 5 0.08 0.20 40 am29sl800c preliminary physical dimensions fgb04848-ball fine-pitch ball grid array (fbga) 6 x 9 mm (measured in millimeters) 5.80 6.20 8.80 9.20 datum b datum a index 0.025 chamfer 0.15 m z b m 0.15 m z b m 5.60 bsc 0.40 4.00 bsc 0.08 m za b 0.10 z 0.25 0.45 0.80 detail a 0.20 z detail a 1.20 max 0.40 0.08 (48x) 0.40 16-038-fgb-2 eg137 12-2-97 lv am29sl800c 41 preliminary trademarks copyright ? 1998 advanced micro devices, inc. all rights reserved. amd, the amd logo, and combinations thereof are registered trademarks of advanced micro devices, inc. expressflash is a trademark of advanced micro devices, inc. product names used in this publication are for identification purposes only and may be trademarks of their respective companies . |
Price & Availability of AM29SL800CT150WBC |