Part Number Hot Search : 
AZ10E142 NTE30111 RB153 E13009F S9S08L 2SC1060 01580 CE66P2
Product Description
Full Text Search
 

To Download 126LH0182000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  etri http://www.etrinet.com e-mail: info@etrinet.com etri is a trade mark of ecofit, group etri 3.15" x 1.5" [ 80x80x38 mm ] series 126 a c axial fans non contractual document. specifications are subject to change without prior notice. pictures for information only. edition n2/ 01-rev.1 r ac motor electrical protection: impedance protected housing material: zamak impeller material: plastic ul 94 vo weight: 0,4 kg life expectancy l-10 life at 40c: 80 000 hours (ball bearings) 50 000 hours (sleeve bearings) additional versions: shock and vibration protected - wide temperature range sleeve bearings - plastic filter p/n : f80/t102 - metal mesh filter p/n : 80-g accessories: - rubber mounts p/n : am-10 - plastic finger guards p/n : pfg-80 and 81-53 - metal finger guard p/n : 12601-43 v l/s db(a) rpm hz f w ma ma ball sleeve leads terminals min. c max. c 126LH0182000 115 6 10 1350 50 1 5 50 60 x x - 10 70 7 11 1550 60 1 4 50 60 x x - 10 70 126lh0181000 208-240 6,5 14 1550 50 1 7 35 40 x x - 10 70 8 18 1850 60 1 6 30 35 x x - 10 70 126lj0182000 115 9 22 2000 50 1 7 75 80 x x - 10 70 11 25 2400 60 1 6 65 70 x x - 10 70 126lj0181000 208-240 9 22 2000 50 1 8 45 50 x x - 10 70 11 25 2400 60 1 7 40 45 x x - 10 70 126lf0182000 115 12,5 30 2750 50 1 10 130 170 x x - 10 70 15 35 3250 60 1 8 100 140 x x - 10 70 126lf0181000 208-240 12,5 30 2750 50 1 12 75 90 x x - 10 70 15 35 3250 60 1 9 60 70 x x - 10 70 part number nominal voltage airflow noise level nominal speed frequency phases capacitor input power nominal current starting current bearing system connection type operating temperature approvals ga m t1 listed static pressure airflow 0 1 2 3 4 024681012 [l/s] [mmh 2 o] 0,00 0,05 0,10 0,15 0 5 10 15 20 25 [cfm] [in.h 2 o] 0,0 0,5 1,0 1,5 2,0 0246810 [l/s] [mmh 2 o] 0,00 0,02 0,04 0,06 0,08 0 5 10 15 20 [cfm] [in.h 2 o] 0,0 2,0 4,0 6,0 8,0 0,0 4,0 8,0 12,0 16,0 [l/s] [mmh 2 o] 0,00 0,05 0,10 0,15 0,20 0,25 0,30 0 5 10 15 20 25 30 [cfm] [in.h 2 o] 126lh 50 hz 60 hz 126lj 50 hz 60 hz 126lf 50 hz 60 hz (208-240v)


▲Up To Search▲   

 
Price & Availability of 126LH0182000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X