Part Number Hot Search : 
V421BA60 MF4740A LA5521D JRC386D SP490EC HAT1089C X8902A LBS08030
Product Description
Full Text Search
 

To Download W78E516BP-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w78e516b 8 - bit microcontrolle r publication release date: february 2000 - 1 - revision a3 general description the w78e516b is an 8 - bit microcontroller which has an in - system programmable mtp - rom for firmware updating. the instruction set of the w78e516b is fully compatible with the standard 8052. the w78e516b contains a 64k bytes of main mtp - r om and a 4k bytes of auxiliary mtp - rom which allows the contents of the 64kb main mtp - rom to be updated by the loader program located at the 4kb auxiliary mtp - rom; 512 bytes of on - chip ram; four 8 - bit bi - directional and bit - addressable i/o ports; an additional 4 - bit port p4; three 16 - bit timer/counters; a serial port. these peripherals are supported by a eight sources two - level interrupt capability. to facilitate programming and verification, the mtp - rom inside the w78e516b allows the program memory to be p rogrammed and read electronically. once the code is confirmed, the user can protect the code for security. the w78e516b microcontroller has two power reduction modes, idle mode and power - down mode, both of which are software selectable. the idle mode turns off the processor clock but allows for continued peripheral operation. the power - down mode stops the crystal oscillator for minimum power consumption. the external clock can be stopped at any time and in any state without affecting the processor. feature s fully static design 8 - bit cmos microcontroller up to 40 mhz. 64k bytes of in - system programmable mtp - rom for application program (aprom). 4k bytes of auxiliary mtp - rom for loader program (ldrom). 512 bytes of on - chip ram. (including 256 bytes of aux - ram, software selectable) 64k bytes program memory address space and 64k bytes data memory address space. four 8 - bit bi - directional ports. one 4 - bit multipurpose programmable port. three 16 - bit timer/counters one full duplex serial port s ix - sources, two - level interrupt capability built - in power management code protection packaged in - dip 40: w78e516b - 24/40 - plcc 44: w78e516bp - 24/40
w78e516b - 2 - p in configurations vdd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 39 40 34 35 36 37 38 30 31 32 33 26 27 28 29 21 22 23 24 25 p0.0, ad0 p0.1, ad1 p0.2, ad2 p0.3, ad3 p0.4, ad4 p0.5, ad5 p0.6, ad6 p0.7, ad7 ea ale psen p2.5, a13 p2.6, a14 p2.7, a15 p2.0, a8 p2.1, a9 p2.2, a10 p2.3, a11 p2.4, a12 t2, p1.0 40-pin dip (w78e516b) p1.2 p1.3 p1.4 p1.5 p1.6 rxd, p3.0 txd, p3.1 p1.7 rst int0, p3.2 int1, p3.3 t0, p3.4 t1, p3.5 wr, p3.6 rd, p3.7 xtal1 xtal2 vss t2ex, p1.1 44-pin plcc (w78e516bp) 40 2 1 44 43 42 41 6 5 4 3 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 10 9 8 7 14 13 12 11 16 15 p1.5 p1.6 p1.7 rst rxd, p3.0 txd, p3.1 int0, p3.2 int1, p3.3 t0, p3.4 t1, p3.5 a d 3 , p 0 . 3 t 2 , p 1 . 0 p 1 . 2 v d d a d 2 , p 0 . 2 a d 1 , p 0 . 1 a d 0 , p 0 . 0 t 2 e x , p 1 . 1 p 1 . 3 p 1 . 4 x t a l 1 v s s p 2 . 4 , a 1 2 p 2 . 3 , a 1 1 p 2 . 2 , a 1 0 p 2 . 1 , a 9 p 2 . 0 , a 8 x t a l 2 p 3 . 7 , / r d p 3 . 6 , / w r p0.4, ad4 p0.5, ad5 p0.6, ad6 p0.7, ad7 ea ale psen p2.7, a15 p2.6, a14 p2.5, a13 p4.1 p 4 . 0 p4.3 p 4 . 2
w78e516b publication release date: february 2000 - 3 - revision a3 pin description symbol type descriptions ea i external access enable: this pin forces the processor to execute the external rom. the rom address and data will not be presented on the bus if the ea pin is high. psen o h program store enable: psen enables the external rom data in the port 0 address/data bus. when internal rom access is performed, no psen strobe signal outputs originate from this pin. ale o h address latch enable: ale is used to enable the address latch that separates the address from the data on port 0. ale runs at 1/6th of the oscillator frequency. rst i l reset: a high on this pin for two machine cycles while the oscillator is running resets the device. xtal1 i crystal 1: this is the crystal oscillato r input. this pin may be driven by an external clock. xtal2 o crystal 2: this is the crystal oscillator output. it is the inversion of xtal1. v ss i ground: ground potential. v dd i power supply: supply voltage for operation. p0.0 - p0.7 i/o d port 0: function is the same as that of standard 8052. p1.0 - p1.7 i/o h port 1: function is the same as that of standard 8052. p2.0 - p2.7 i/o h port 2: port 2 is a bi - directional i/o port with internal pull - ups. this port also provides the upper address bits for acces ses to external memory. p3.0 - p3.7 i/o h port 3: function is the same as that of the standard 8052. p4.0 - p4.3 i/o h port 4: a bi - directional i/o. see details below. * note: type i: input, o: output, i/o: bi - directional, h: pull - high, l: pull - low, d: open drain port4 another bit - addressable port p4 is also available and only 4 bits (p4<3:0>) can be used. this port address is located at 0d8h with the same function as that of port p1, example: p4 reg 0d8h mov p4, #0ah ; output data "a" th rough p4.0 - p4.3. mov a, p4 ; read p4 status to accumulator. setb p4.0 ; set bit p4.0 clr p4.1 ; clear bit p4.1
w78e516b - 4 - block diagram p3.0 p3.7 p1.0 p1.7 alu port 0 latch port 1 latch timer 1 timer 0 timer 2 port 1 uart xtal1 psen ale vss vcc rst xtal2 oscillator interrupt psw instruction decoder & sequencer reset block bus & clock controller sfr ram address power control 512 bytes ram & sfr stack pointer b addr. reg. incrementor pc dptr temp reg. t2 t1 acc port 3 latch port 4 latch port 3 port 2 latch p4.0 p4.3 port 4 port 0 port 2 p2.0 p2.7 p0.0 p0.7 64kb mtp-rom 4kb mtp-rom functional descripti on the w78e516b architecture consists of a core controller surrounded by various registers, four general purpose i/o ports, one special purpose programmable 4 - bits i/o port, 512 bytes of ram, three timer/counters, a serial port and an internal 74373 latch and 74244 buffer which can be switched to port2. the proces sor supports 111 different opcodes and references both a 64k program address space and a 64k data storage space. ram the internal data ram in the w78e516b is 512 bytes. it is divided into two banks: 256 bytes of scratchpad ram and 256 bytes of aux - ram. these rams are addressed by different ways. ram 0h - 127h can be addressed directly and indirectly as the same as in 8051. address pointers are r0 and r1 of the selected register bank. ram 128h - 255h can only be addressed indirectly as the same as in 8051 . address pointers are r0, r1 of the selected registers bank.
w78e516b publication release date: february 2000 - 5 - revision a3 aux - ram 0h - 255h is addressed indirectly as the same way to access external data memory with the movx instruction. address pointer are r0 and r1 of the selected register bank and dptr register. an access to external data memory locations higher than 255h will be performed with the movx instruction in the same way as in the 8051. the aux - ram is disable after a reset. setting the bit 4 in chpcon register will enable the access to aux - ram. whe n aux - ram is enabled the instructions of "movx @ri" will always access to on - chip aux - ram. when executing from internal program memory, an access to aux - ram will not affect the ports p0, p2, wr and rd . timers 0, 1, and 2 timers 0, 1, and 2 each consist of two 8 - bit data registers. these are called tl0 and th0 for timer 0, tl1 and th1 for timer 1, and tl2 and th2 for timer 2. the tcon and tmod registers provide control functions for timers 0, 1. the t2con register provi des control functions for timer 2. rcap2h and rcap2l are used as reload/capture registers for timer 2. the operations of timer 0 and timer 1 are the same as in the w78c51. timer 2 is a 16 - bit timer/counter that is configured and controlled by the t2con register. like timers 0 and 1, timer 2 can operate as either an external event counter or as an internal timer, depending on the setting of bit c/t2 in t2con. timer 2 has three operating modes: capture, auto - reload, and baud rate generator. the clock speed at capture or auto - reload mode is the same as that of timers 0 and 1. clock the w78e516b is designed with either a crystal oscillator or an external clock. internally, the clock is divided by two before it is used by default. this makes the w78e516b relatively insensitive to duty cycle variations in the clock. crystal oscillator the w78e516b incorporates a built - in crystal oscillator. to make the oscillator work, a crystal must be connected across pins xtal1 and xtal2. in addition, a load capacitor must be co nnected from each pin to ground, and a resistor must also be connected from xtal1 to xtal2 to provide a dc bias when the crystal frequency is above 24 mhz. external clock an external clock should be connected to pin xtal1. pin xtal2 should be left unconnected. the xtal1 input is a cmos - type input, as required by the crystal oscillator. as a result, the external clock signal should have an input one level of greater than 3.5 volts. power management idle mode setting the idl bit in the pcon register enters t he idle mode. in the idle mode, the internal clock to the processor is stopped. the peripherals and the interrupt logic continue to be clocked. the processor will exit idle mode when either an interrupt or a reset occurs. power - down mode when the pd bit in the pcon register is set, the processor enters the power - down mode. in this mode all of the clocks are stopped, including the oscillator. to exit from power - down mode is by a hardware reset or external interrupts int0 to int1 when enabled and set to level triggered. reduce emi emission the w78e516b allows user to diminish the gain of on - chip oscillator amplifier by using programmer
w78e516b - 6 - to clear the b7 bit of security register. once b7 is set to 0, a half of gain will be decreased. care must be taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may affect the external crystal operating improperly at high frequency above 24 mhz. the value of r and c1, c2 may need some adjustment while runni ng at lower gain. reset the external reset signal is sampled at s5p2. to take effect, it must be held high for at least two machine cycles while the oscillator is running. an internal trigger circuit in the reset line is used to deglitch the reset line when the w78e516b is used with an external rc network. the reset logic also has a special glitch removal circuit that ignores glitches on the reset line. during reset, the ports are initialized to ffh, the stack pointer to 07h, pcon (with the except ion of bit 4) to 00h, and all of the other sfr registers except sbuf to 00h. sbuf is not reset. w78e516b special function registers (sfrs) and reset values f8 ff f0 +b 00000000 chpenr 00000000 f7 e8 ef e0 +acc 00000000 e7 d8 +p4 xxxx1111 df d0 +psw 00000000 d7 c8 +t2con 00000000 rcap2l 00000000 rcap2h 00000000 tl2 00000000 th2 00000000 cf c0 xicon 00000000 sfral 00000000 sfrah 00000000 sfrfd 00000000 sfrcn 00000000 c7 b8 +ip 00000000 chpcon 0xx00000 bf b0 +p3 00000000 b7 a8 +ie 00000000 af a0 +p2 11111111 a7 98 +scon 00000000 sbuf xxxxxxxx 9f 90 +p1 11111111 97 88 +tcon 00000000 tmod 00000000 tl0 00000000 tl1 00000000 th0 00000000 th1 00000000 8f 80 +p0 11111111 sp 00000111 dpl 00000000 dph 00000000 pcon 00110000 87 notes: 1.the sfrs marked with a plus sign(+) are both byte - and bit - addressable. 2. the text of sfr with bold type characters are extension function registers.
w78e516b publication release date: february 2000 - 7 - revision a3 port 4 (d8h ) bit name function 7 - reserve 6 - reserve 5 - reserve 4 - reserve 3 p43 port 4 data bit which outputs to pin p4.3. 2 p42 port 4 data bit. which outputs to pin p4.2. 1 p41 port 4 data bit. which outputs to pin p4.1. 0 p40 port 4 data bit which outputs to pin p4.0. in - system programming (isp) mode the w78e516b equips one 64k byte of main mtp - rom bank for application program (called aprom) and one 4k byte of auxiliary mtp - rom bank for loader program (called ldrom). in the normal operation, the micr ocontroller executes the code in the aprom. if the content of aprom needs to be modified, the w78e516b allows user to activate the in - system programming (isp) mode by setting the chpcon register. the chpcon is read - only by default, software must write two specific values 87h, then 59h sequentially to the chpenr register to enable the chpcon write attribute. writing chpenr register with the values except 87h and 59h will close chpcon register write attribute. the w78e516b achieves all in - system programming o perations including enter/exit isp mode, program, erase, read ... etc, during device in the idle mode. setting the bit chpcon.0 the device will enter in - system programming mode after a wake - up from idle mode. because device needs proper time to complete the isp operations before awaken from idle mode, software may use timer interrupt to control the duration for device wake - up from idle mode. to perform isp operation for revising contents of aprom, software located at aprom setting the chpcon register then e nter idle mode, after awaken from idle mode the device executes the corresponding interrupt service routine in ldrom. because the device will clear the program counter while switching from aprom to ldrom, the first execution of reti instruction in interrupt service routine will jump to 00h at ldrom area. the device offers a software reset for switching back to aprom while the content of aprom has been updated completely. setting chpcon register bit 0, 1 and 7 to logic - 1 will result a software reset to reset the cpu . the software reset serves as a external reset. this in - system programming feature makes the job easy and efficient in which the application needs to update firmware frequently. in some applications, the in - system programming feature make it possible to easily update the system firmware without opening the chassis. sfrah, sfral: the objective address of on - chip mtp - rom in the in - system programming mode. sfrfah contains the high - order byte of address, sfrfal contains the low - order byte of address. sfrfd: the programming data for on - chip mtp - rom in programming mode. sfrcn: the control byte of on - chip mtp - rom programming mode.
w78e516b - 8 - sfrcn (c7) bit name function 7 - reserve. 6 wfwin on - chip mtp - rom bank select for in - system programming. = 0: 64k bytes mtp - rom bank is selected as destination for re - programming. = 1: 4k bytes mtp - rom bank is selected as destination for re - programming. 5 oen mtp - rom output enable. 4 cen mtp - rom chip enable. 3, 2, 1, 0 ctrl[3:0] the flash control signals mode w fwin ctrl<3:0> oen cen sfrah, sfral sfrfd erase 64kb aprom 0 0010 1 0 x x program 64kb aprom 0 0001 1 0 address in data in read 64kb aprom 0 0000 0 0 address in data out erase 4kb ldrom 1 0010 1 0 x x program 4kb ldrom 1 0001 1 0 address in data in read 4kb ldrom 1 0000 0 0 address in data out in - system programming control register (chpcon) chpcon (bfh) bit name function 7 swreset (f04kmode) when this bit is set to 1, and both fbootsl and fprogen are set to 1. it will enforce microcontroller rese t to initial condition just like power on reset. this action will re - boot the microcontroller and start to normal operation. to read this bit in logic - 1 can determine that the f04kboot mode is running. 6 - reserve. 5 - reserve. 4 enauxram 1: enable on - chip aux - ram. 0: disable the on - chip aux - ram 3 0 must set to 0. 2 0 must set to 0. 1 fbootsl the program location select. 0: the loader program locates at the 64 kb aprom. 4kb ldrom is destination for re - programming. 1: the loader pro gram locates at the 4 kb memory bank. 64kb aprom is destination for re - programming.
w78e516b publication release date: february 2000 - 9 - revision a3 chpcon (bfh), continued bit name function 0 fprogen mtp - rom programming enable. = 1: enable. the microcontroller enter the in - system programming mode after entering the idle mode and wake - up from interrupt. during in - system programming mode, the operation of erase, program and read are achieve when device enters idle mode. = 0: disable. the on - chip flash memory is read - only. in - system pr ogrammability is disabled. f04kboot mode (boot from ldrom) by default, the w78e516b boots from aprom program after a power on reset. on some occasions, user can force the w78e516b to boot from the ldrom program via following settings . the possible situation that you need to enter f04kboot mode when the aprom program can not run properly and device can not jump back to ldrom to execute in - system programming function. then you can use this f04kboot mode to force the w78e516b jumps to ldrom and executes in - system programming procedure. when you design your system, you may reserve the pins p2.6, p2.7 to switches or jumpers. for example in a cd - rom system, you can connect the p2.6 and p2.7 to play and eject buttons on the panel. when the aprom program fails to execute the normal application program. user can press both two buttons at the same time and then turn on the power of the personal computer to force the w78e516b to enter the f04kboot mode. after power on of personal computer, you can release both button s and finish the in - system programming procedure to update the aprom code. in application system design, user must take care of the p2, p3, ale, ea and psen pin value at reset to prevent from accidentally activating the programming mode or f04kboot mode. f04kboot mode p4.3 p2.7 p2.6 mode x l l fo4kboot l x x fo4kboot p2.7 p2.6 rst 30 ms hi-z the reset timing for entering f04kboot mode 10 ms hi-z
w78e516b - 10 - start the algorithm of in-system programming enter in-system programming mode ? (conditions depend on user's application) setting control registers mov chpenr,#87h mov chpenr,#59h mov chpcon,#03h setting timer (about 1.5 us) and enable timer interrupt start timer and enter idle mode. (cpu will be wakened from idle mode by timer interrupt, then enter in-system programming mode) execute the normal application program no yes end cpu will be wakened by interrupt and re-boot from 4kb ldrom to execute the loader program. go part 1:64kb aprom procedure of entering in-system programming mode
w78e516b publication release date: february 2000 - 11 - revision a3 part 2: 4kb ldrom procedure of updating the 64kb aprom go timer interrupt service routine: stop timer & disable interrupt is f04kboot mode? (chpcon.7=1) reset the chpcon register: mov chpenr,#87h mov chpenr,#59h mov chpcon,#03h no yes setting timer and enable timer interrupt for wake-up . (15 ms for erasing operation) setting erase operation mode: mov sfrcn,#22h (erase 64kb aprom) start timer and enter idle mode. (erasing...) end of erase operation. cpu will be wakened by timer interrupt. pgm pgm setting timer and enable timer interrupt for wake-up . (50us for program operation) end of programming ? get the parameters of new code (address and data bytes) through i/o ports, uart or other interfaces. is currently in the f04kboot mode ? setting control registers for programming: mov sfrah,#address_h mov sfral,#address_l mov sfrfd,#data mov sfrcn,#21h software reset cpu and re-boot from the 64kb aprom. mov chpenr,#87h mov chpenr,#59h mov chpcon,#83h end executing new code from address 00h in the 64kb aprom. hardware reset to re-boot from new 64 kb aprom. (s/w reset is invalid in f04kboot mode) yes no yes no
w78e516b - 12 - security during the on - chip mtp - rom programming mode, the mtp - rom can be programmed and verified r epeatedly. until the code inside the mtp - rom is confirmed ok, the code can be protected. the protection of mtp - rom and those operations on it are described below. the w78e516b has several special setting registers, including the security register and company/device id registers, which can not be accessed in programming mode. those bits of the security registers can not be changed once they have been programmed from high to low. they can only be reset through erase - all operation. the contents of the company id and device id registers have been set in factory. the security register is located at the 0ffffh of the ldrom space. b0 b1 b0: lock bit, logic 0: active b1: movc inhibit, logic 0: the movc instruction in external memory cannot access the code in internal memory. logic 1: no restriction. default 1 for all security bits. special setting registers company id (#dah) d7 d6 d5 d4 d3 d2 d1 d0 1 1 0 1 1 0 1 0 device id (#62h) 0 1 1 1 0 0 0 security bits 0 4kb mtp rom program memory reserved security register ffffh 0000h 0fffh reserved b2 b2: encryption logic 0: the encryption logic enable logic 1: the encryption logic disable reserved bits must be kept in logic 1. b7 b07: osillator control logic 0: 1/2 gain logic 1: full gain ldrom reserved 64kb mtp rom program memory aprom lock bit this bit is used to protect the customer's program code in the w78e516b. it may be set after the programmer finishes the programming and verifies sequence. once this bit is set to logic 0, both the mtp rom data and special setting registers can not be accessed again. movc inhibit this bit is used to restrict the accessible region of the movc instruction. it ca n prevent the movc instruction in external program memory from reading the internal program code. when this bit is set to logic 0, a movc instruction in external program memory space will be able to access code only in the external memory, not in the internal memory. a movc instruction in internal program memory space will always be able to access the rom data in both internal and external memory. if this bit is logic 1, there are no restrictions on the movc instruction. encryption this bit is used to enabl e/disable the encryption logic for code protection. once encryption feature is enabled, the data presented on port 0 will be encoded via encryption logic. only whole chip erase will reset this bit.
w78e516b publication release date: february 2000 - 13 - revision a3 oscillator control w78e516b/e516 allow user to diminish the gain of on - chip oscillator amplifier by using programmer to set the bit b7 of security register. once b7 is set to 0, a half of gain will be decreased. care must be taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may improperly affect the external crystal operation at high frequency above 24 mhz. the value of r and c1, c2 may need some adjustment while running at lower gain. absolute maximum rat ings parameter symbol min. max. unit dc power supply v dd - v ss - 0.3 +6.0 v input voltage v in v ss - 0.3 v dd +0.3 v operating temperature t a 0 70 c storage temperature t st - 55 +150 c note: exposure to conditions beyond those listed under absolute maximum ratings may adversely affect the life and reliability of the device. d.c. electrical characteristics (v dd - v ss = 5v 10%, t a = 25 c, fosc = 20 mhz, unless otherwise specified.) parameter sym. specification test conditions min. max. unit operating voltage v dd 4.5 5.5 v rst = 1, p0 = v dd operating current i dd - 20 ma no load v dd = 5.5v idle current i idle - 6 ma idle mode v dd = 5.5v power down current i pwdn - 50 m a power - down mode v dd = 5.5v input current p1, p2, p3, p4 i in1 - 50 +10 m a v dd = 5.5v v in = 0v or v dd input current rst i in2 - 10 +300 m a v dd = 5.5v 0< v in w78e516b - 14 - d.c. electrical characteristics, continued parameter sym. specification test conditions min. max. unit input low voltage rst v il2 0 0.8 v v dd = 4.5v input low voltage xtal1 [*4] v il3 0 0.8 v v dd = 4.5v input high voltage p0, p1, p2, p3, p4, ea v ih1 2.4 v dd +0.2 v v dd = 5.5v input high voltage rst v ih2 3.5 v dd +0.2 v v dd = 5.5v input high voltage xtal1 [*4] v ih3 3.5 v dd +0.2 v v dd = 5.5v output low voltage p1, p2, p3, p4 v ol1 - 0.45 v v dd = 4.5v i ol = +2 ma output low voltage p0, ale, psen [*3] v ol2 - 0.45 v v dd = 4.5v i ol = +4 ma sink current p1, p3, p4 isk1 4 12 ma v dd = 4.5v v in = 0.45v sink current p0, p2, ale, psen isk2 10 20 ma v dd = 4.5v v in = 0.45v output high voltag e p1, p2, p3, p4 v oh1 2.4 - v v dd = 4.5v i oh = - 100 m a output high voltage p0, ale, psen [*3] v oh2 2.4 - v v dd = 4.5v i oh = - 400 m a source current p1, p2, p3, p4 isr1 - 120 - 250 m a v dd = 4.5v v in = 2.4v source current p0, p2, ale, psen isr2 - 8 - 20 ma v dd = 4.5v v in = 2.4v notes: *1. rst pin is a schmitt trigger input. *3. p0, ale and psen are tested in the external access mode. *4. xtal1 is a cmos input. *5. pins of p1, p2, p3 , p4 can source a transition c urrent when they are being externally driven from 1 to 0. the transition current reaches its maximum value when v in approximates to 2v.
w78e516b publication release date: february 2000 - 15 - revision a3 ac characteristics the ac specifications are a function of the particular process used to manufacture the part, the ratings of the i/o buffers, the capacitive load, and the internal routing capacitance. most of the specifications can be expressed in terms of multiple input clock periods (t cp ), and actual parts will usually experience less than a 20 ns variation. the numb ers below represent the performance expected from a 0.6 micron cmos process when using 2 and 4 ma output buffers. clock input waveform t t xtal1 f ch cl op, t cp parameter symbol min. typ. max. unit notes operating speed fop 0 - 40 mhz 1 clock period tcp 25 - - ns 2 clock high tch 10 - - ns 3 clock low tcl 10 - - ns 3 notes: 1. the clock may be stopped indefinitely in either state. 2. the t cp specification is used as a reference in other specifications. 3. there are no duty cycle requirements on the xtal1 input. program fetch cycle parameter symbol min. typ. max. unit notes address valid to ale low t aas 1 t cp - d - - ns 4 address hold from ale low t aah 1 t cp - d - - ns 1, 4 ale low to psen low t apl 1 t cp - d - - ns 4 psen low to data valid t pda - - 2 t cp ns 2 data hold after psen high t pdh 0 - 1 t cp ns 3 data float after psen high t pdz 0 - 1 t cp ns ale pulse width t alw 2 t cp - d 2 t cp - ns 4 psen pulse width t psw 3 t cp - d 3 t cp - ns 4 notes: 1. p0.0 - p0.7, p2.0 - p2.7 remain stable throughout en tire memory cycle. 2. memory access time is 3 t cp . 3. data have been latched internally prior to psen going high. 4. " d " (due to buffer driving delay and wire loading) is 20 ns.
w78e516b - 16 - data read cycle parameter symbol min. typ. max. unit notes ale low to rd low t dar 3 t cp - d - 3 t cp+ d ns 1, 2 rd low to data valid t dda - - 4 t cp ns 1 data hold from rd high t ddh 0 - 2 t cp ns data float from rd high t ddz 0 - 2 t cp ns rd pulse width t drd 6 t cp - d 6 t cp - ns 2 notes: 1. data memory access time is 8 t cp . 2 . " d " (due to buffer driving delay and wire loading) is 20 ns. data write cycle parameter symbol min. typ. max. unit ale low to wr low t daw 3 t cp - d - 3 t cp + d ns data valid to wr low t dad 1 t cp - d - - ns data hold from wr high t dwd 1 t cp - d - - ns wr pulse width t dwr 6 t cp - d 6 t cp - ns note: " d " (due to buffer driving delay and wire loading) is 20 ns. port access cycle parameter symbol min. typ. max. unit port input setup to ale low t pds 1 tcp - - ns port input hold from ale low t pdh 0 - - ns port ou tput to ale t pda 1 tcp - - ns note: ports are read during s5p2, and output data becomes available at the end of s6p2. the timing data are referenced to ale, since it provides a convenient reference.
w78e516b publication release date: february 2000 - 17 - revision a3 timing waveforms program fetch cycle s1 xtal1 s2 s3 s4 s5 s6 s1 s2 s3 s4 s5 s6 ale port 2 a0-a7 a0-a7 data a0-a7 code t a0-a7 data code port 0 psen pdh, t pdz t pda t aah t aas t psw t apl t alw data read cycle s2 s3 s5 s6 s1 s2 s3 s4 s5 s6 s1 s4 xtal1 ale psen data a8-a15 port 2 port 0 a0-a7 rd t ddh, t ddz t dda t drd t dar
w78e516b - 18 - timing waveforms, continued data write cycle s2 s3 s5 s6 s1 s2 s3 s4 s1 s5 s6 s4 xtal1 ale psen a8-a15 data out port 2 port 0 a0-a7 wr t t daw dad t dwr t dwd port access cycle xtal1 ale s5 s6 s1 data out t t port input t sample pda pdh pds
w78e516b publication release date: february 2000 - 19 - revision a3 typical application circuit expanded external program memory and crystal ad0 a0 a0 a0 10 a1 9 a2 8 a3 7 a4 6 a5 5 a6 4 a7 3 a8 25 a9 24 a10 21 a11 23 a12 2 a13 26 a14 27 a15 1 ce 20 oe 22 o0 11 o1 12 o2 13 o3 15 o4 16 o5 17 o6 18 o7 19 27512 ad0 d0 3 q0 2 d1 4 q1 5 d2 7 q2 6 d3 8 q3 9 d4 13 q4 12 d5 14 q5 15 d6 17 q6 16 d7 18 q7 19 oc 1 g 11 74ls373 ad0 ea 31 xtal1 19 xtal2 18 rst 9 int0 12 int1 13 t0 14 t1 15 p1.0 1 p1.1 2 p1.2 3 p1.3 4 p1.4 5 p1.5 6 p1.6 7 p1.7 8 39 38 37 36 35 34 33 32 21 22 23 24 25 26 27 28 17 wr p0.0 p0.1 p0.2 p0.3 p0.4 p0.5 p0.6 p0.7 p2.0 p2.1 p2.2 p2.3 p2.4 p2.5 p2.6 p2.7 rd 16 psen 29 ale 30 txd 11 rxd 10 w78e516b 10 u 8.2 k v crystal c1 c2 r ad1 ad2 ad3 ad4 ad5 ad6 ad7 a8 ad1 ad2 ad3 ad4 ad5 ad6 ad7 gnd a1 a2 a3 a4 a5 a6 a7 a1 a2 a3 a4 a5 a6 a7 a8 a9 ad1 ad2 ad3 ad4 ad5 ad6 ad7 a10 a11 a12 a13 a14 a15 gnd a9 a10 a11 a12 a13 a14 a15 dd figure a crysta l c1 c2 r 6 mhz 47p 47p - 16 mhz 30p 30p - 24 mhz 15p 10p - 32 mhz 10p 10p 6.8k 40 mhz 5p 5p 4.7k above table shows the reference values for crystal applications. notes: 1. c1, c2, r components refer to figure a 2. crystal layout must get close to xtal1 and xtal2 pins on user's application board.
w78e516b - 20 - tipical application circuit, continued expanded external d ata memory and oscillator 10 u 8.2 k v oscillator ea 31 xtal1 19 xtal2 18 rst 9 int0 12 int1 13 t0 14 t1 15 p1.0 1 p1.1 2 p1.2 3 p1.3 4 p1.4 5 p1.5 6 p1.6 7 p1.7 8 p0.0 39 p0.1 38 p0.2 37 p0.3 36 p0.4 35 p0.5 34 p0.6 33 p0.7 32 p2.0 21 p2.1 22 p2.2 23 p2.3 24 p2.4 25 p2.5 26 p2.6 27 p2.7 28 rd 17 wr 16 psen 29 ale 30 txd 11 rxd 10 w78e516b ad0 ad1 ad2 ad3 ad4 ad5 ad6 ad7 ad0 ad1 ad2 ad3 ad4 ad5 ad6 ad7 a0 a1 a2 a3 a4 a5 a6 a7 d0 3 q0 2 d1 4 q1 5 d2 7 q2 6 d3 8 q3 9 d4 13 q4 12 d5 14 q5 15 d6 17 q6 16 d7 18 q7 19 oc 1 g 11 74ls373 a0 a1 a2 a3 a4 a5 a6 a7 10 9 8 7 6 5 4 3 a0 a1 a2 a3 a4 a5 a6 a7 ad0 ad1 ad2 ad3 ad4 ad5 ad6 ad7 11 12 13 15 16 17 18 19 d0 d1 d2 d3 d4 d5 d6 d7 a8 a9 a10 a11 a12 a13 a14 25 24 21 23 26 1 20 2 a8 a9 a10 a11 a12 a13 a14 ce gnd a8 a9 a10 a11 a12 a13 a14 gnd 22 27 oe wr 20256 dd figure b
w78e516b publication release date: february 2000 - 21 - revision a3 package dimensions 40 - pin dip seating plane 1. dimension d max. & s include mold flash or tie bar burrs. 2. dimension e1 does not include interlead flash. 3. dimension d & e1 include mold mismatch and are determined at the mold parting line. 6. general appearance spec. should be based on final visual inspection spec. . 1.372 1.219 0.054 0.048 notes: symbol min. nom. max. max. nom. min. dimension in inch dimension in mm 0.050 1.27 0.210 5.334 0.010 0.150 0.016 0.155 0.018 0.160 0.022 3.81 0.406 0.254 3.937 0.457 4.064 0.559 0.008 0.120 0.670 0.010 0.130 0.014 0.140 0.203 3.048 0.254 3.302 0.356 3.556 0.540 0.550 0.545 13.72 13.97 13.84 17.01 15.24 14.986 15.494 0.600 0.590 0.610 2.286 2.54 2.794 0.090 0.100 0.110 a b c d e a l s a a 1 2 e b 1 1 e e 1 a 2.055 2.070 52.20 52.58 0 15 0.090 2.286 0.650 0.630 16.00 16.51 protrusion/intrusion. 4. dimension b1 does not include dambar 5. controlling dimension: inches. 15 0 e a a a c e base plane 1 a 1 e l a s 1 e d 1 b b 40 21 20 1 2 44 - pin plcc 44 40 39 29 28 18 17 7 6 1 l c 1 b 2 a h d d e b e h e y a a 1 seating plane d g g e symbol min. nom. max. max. nom. min. dimension in inch dimension in mm a b c d e h e l y a a 1 2 e b 1 h d g g d e notes: on final visual inspection spec. 4. general appearance spec. should be based 3. controlling dimension: inches protrusion/intrusion. 2. dimension b1 does not include dambar flash. 1. dimension d & e do not include interlead 0.020 0.145 0.026 0.016 0.008 0.648 0.590 0.680 0.090 0.150 0.028 0.018 0.010 0.653 0.610 0.690 0.100 0.050 bsc 0.185 0.155 0.032 0.022 0.014 0.658 0.630 0.700 0.110 0.004 0.508 3.683 0.66 0.406 0.203 16.46 14.99 17.27 2.296 3.81 0.711 0.457 0.254 16.59 15.49 17.53 2.54 1.27 4.699 3.937 0.813 0.559 0.356 16.71 16.00 17.78 2.794 0.10 bsc 16.71 16.59 16.46 0.658 0.653 0.648 16.00 15.49 14.99 0.630 0.610 0.590 17.78 17.53 17.27 0.700 0.690 0.680 q
w78e516b - 22 - application note: in - system programming software examples this application note illustrates the in - system programmability of the winbond w78e516b mtp - rom microcontroller. in this example, microcontroller will boot from 64 kb aprom bank and waiting for a key to enter in - system programming mode for re - programming the contents of 64 kb aprom. while entering in - system programming mode, microcontroller executes the loader program in 4kb ldrom bank. the loader program eras es the 64 kb aprom then reads the new code data from external sram buffer (or through other interfaces) to update the 64kb aprom. example 1: ;******************************************************************************************************************* ;* example of 64k aprom program: program will scan the p1.0. if p1.0 = 0, enters in - system ;* programming mode for updating the content of aprom code else executes the current rom code. ;* xtal = 40 mhz ;********************************************* ********************************************************************** .chip 8052 .ramchk off .symbols chpcon equ bfh chpenr equ f6h sfral equ c4h sfrah equ c5h sfrfd equ c6h sfrcn equ c7h org 0h ljmp 100h ; jump to main program ;************************************************************************ ;* timer0 service vector org = 000bh ;************************************************************************ org 00bh clr tr0 ; tr0 = 0, stop timer0 mov tl0,r6 mov th0,r7 reti ;************************************************************************ ;* 64k aprom main program ;************************************************************************ org 100h main_64k: mov a,p1 ; scan p1.0 anl a,#01h cjne a,#01h,program_64k ; if p1.0 = 0, enter in - system programming mode jmp normal_mode program_64k: mov chpenr,#87h ; c hpenr = 87h, chpcon register wrte enable mov chpenr,#59h ; chpenr = 59h, chpcon register write enable mov chpcon,#03h ; chpcon = 03h, enter in - system programming mode mov tcon,#00h ; tr = 0 timer0 stop mov ip,#00h ; ip = 00h mov ie,#82h ; timer0 interrupt enable for wake - up from idle mode mov r6,#feh ; tl0 = feh
w78e516b publication release date: february 2000 - 23 - revision a3 mov r7,#ffh ; th0 = ffh mov tl0,r6 mov th0,r7 mov tmod,#01h ; tmod = 01h, set timer0 a 16 - bit timer mov tcon,#10h ; tcon = 10h, tr0 = 1,go mov pcon,#01h ; enter idle mode for launching the in - system ; programmability ;******************************************************************************** ;* normal mode 64kb aprom program: depending user's application ;******************************************************************************** normal_mode: . ; user's application program . . . example 2: ;***************************************************************************************************************************** ;* example of 4kb ldrom program: this lorder program will erase the 64kb aprom first, then reads the new ;* code from external sram and program them into 64kb aprom bank. xtal = 40 mhz ;***************************************************************************************************************************** .chip 8052 .ramchk off .symbols chpcon equ b fh chpenr equ f6h sfral equ c4h sfrah equ c5h sfrfd equ c6h sfrcn equ c7h org 000h ljmp 100h ; jump to main program ;************************************************************************ ;* 1. timer0 service vector org = 0bh ;************************************************************************ org 000bh clr tr0 ; tr0 = 0, stop timer0 mov tl0,r6 mov th0,r7 reti ;*************************** ********************************************* ;* 4kb ldrom main program ;************************************************************************ org 100h
w78e516b - 24 - main_4k: mov chpenr,#87h ; chpenr = 87h, chpcon write enable. mov chpenr,#59h ; chpenr = 59h, chpcon write enable. mov a,chpcon anl a,#80h cjne a,#80h,update_64k ; check f04kboot mode ? mov chpcon,#03h ; chpcon = 03h, enable in - system programming. mov chpenr,#00h ; disabl e chpcon write attribute mov tcon,#00h ; tcon = 00h, tr = 0 timer0 stop mov tmod,#01h ; tmod = 01h, set timer0 a 16bit timer mov ip,#00h ; ip = 00h mov ie,#82h ; ie = 82h, timer0 interrupt enabled mov r6,#feh mov r7,#ffh mov tl0,r6 mov th0,r7 mov tcon,#10h ; tcon = 10h, tr0 = 1, go mov pcon,#01h ; enter idle mode update_64k: mov chpenr,#00h ; disable chpcon write - attribute mov tc on,#00h ; tcon = 00h , tr = 0 tim0 stop mov ip,#00h ; ip = 00h mov ie,#82h ; ie = 82h, timer0 interrupt enabled mov tmod,#01h ; tmod = 01h, mode1 mov r6,#3ch ; set wake - up time for erase operation, about 15 ms. depending ; on user's system clock rate. mov r7,#b0h mov tl0,r6 mov th0,r7 erase_p_4k: mov sfrcn,#22h ; sfrcn(c7h) = 22h erase 64k mov tcon,#10h ; tcon = 10h, tr0 = 1,go m ov pcon,#01h ; enter idle mode (for erase operation) ;********************************************************************* ;* blank check ;********************************************************************* mov sfrcn,#0h ; read 64kb aprom mode mov sfrah,#0h ; start address = 0h mov sfral,#0h mov r6,#fbh ; set timer for read operation, about 1.5 m s. mov r7,#ffh mov tl0,r6 mov th0,r7 blank_check_loop: setb tr0 ; e nable timer 0 mov pcon,#01h ; enter idle mode mov a,sfrfd ; read one byte cjne a,#ffh,blank _check_error
w78e516b publication release date: february 2000 - 25 - revision a3 inc sfral ; next address mov a,sfral jnz blank_check_l oop inc sfrah mov a,sfrah cjne a,#0h,blank_ check_loop ; end a ddress = ffffh jmp program_64kro m blank_check_error: mov p1,#f0h mov p3,#f0h jmp $ ;******************************************************************************* ;* re - programming 64kb aprom bank ;*********************************** ******************************************** program_64krom: mov dptr,#0h ; the address of new r om code mov r2,#0 0h ; target low byte ad dress mov r1,#00h ; target high byte a ddress mov dptr,#0h ; external sram buffer address mov sfrah,r1 ; sfrah, target hig h address mov sfrcn ,#21h ; sfrcn(c7h ) = 21 (program 64k) mov r6,#5ah ; set timer f or programming, abou t 50 m s. mov r7,#ffh mov tl0,r6 mov th0,r7 prog_d_64k: mov sfral,r2 ; sfral(c4h) = low byte address movx a,@dptr ; read data from external sram buffer mov sfrfd,a ; sfrfd(c6h) = data in mov tcon,#10 h ; tcon = 10h, tr0 = 1,go mov pcon,#01 h ; enter idle m ode (prorgamming) inc dptr inc r2 cjne r2,#0h,prog_ d_64k inc r1 mov sfrah,r1 cjne r1,#0h, prog_d_64k ;******************* ******************** ******************** ****************** ; * verify 64kb aprom bank ;******************* ******************** ******************** ****************** mov r4,#03h ; error counter mov r6,#fbh ; set timer for read verify, about 1.5 m s. mov r7,#ffh mov tl0,r6 mov th0,r7 mov dptr,#0h ; the start address of sample code mov r2,#0h ; target low byte address mov r1,#0h ; target high byte address mov sfrah,r1 ; sfrah, target high address mov s frcn,#00h ; sfrcn = 00 (read rom code)
w78e516b - 26 - read_verify_64k: mov sfral,r2 ; sfral(c4h) = low address mov tcon,#10h ; tcon = 10h, tr0 = 1,go mov pcon,#01h inc r2 movx a,@dptr inc dptr cjne a,sfrfd,error_64k cjne r2,#0h,read_verify_64k inc r1 mov sfrah,r1 cjne r1,#0h,read_verify_64k ;****************************************************************************** ;* programming completly, software reset cpu ;***** ************************************************************************* mov chpenr,#87h ; chpenr = 87h mov chpenr,#59h ; chpenr = 59h mov chpcon,#83h ; chpcon = 83h, software reset. error_64k: djnz r4,update_64k ; if error occurs, repeat 3 times. . ; in - system programming fail, user's process to deal with it. . . . headquarters no. 4, creation rd. iii, science-based industrial park, hsinchu, taiwan tel: 886-3-5770066 fax: 886-3-5792766 http://www.winbond.com.tw/ voice & fax-on-demand: 886-2-27197006 taipei office 11f, no. 115, sec. 3, min-sheng east rd., taipei, taiwan tel: 886-2-27190505 fax: 886-2-27197502 winbond electronics (h.k.) ltd. rm. 803, world trade square, tower ii, 123 hoi bun rd., kwun tong, kowloon, hong kong tel: 852-27513100 fax: 852-27552064 winbond electronics north america corp. winbond memory lab. winbond microelectronics corp. winbond systems lab. 2727 n. first street, san jose, ca 95134, u.s.a. tel: 408-9436666 fax: 408-5441798 note: all data and specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of W78E516BP-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X