Part Number Hot Search : 
RUS1H21R 1N3527 RHL50KE YM72V804 200AB NNCD68PL PBL403 CEP5175
Product Description
Full Text Search
 

To Download VFSD1-S12-S12-SIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vfsd1-sip series dc-dc converter rev. 12-2010 1/ 3 v-infinity, llc, 20050 sw 112th ave., tualatin, or 97062 www.v-infinity.com 1-866-372-1258 features isolated 1 w output temperature range: -40c~+85c unregulated high efficiency to 80% single voltage output small footprint sip package style industry standard pinout ul94-v0 package no heatsink required 3k vdc isolation power density 0.85 w/cm3 no external component required low cost model input voltage output output current package number nominal range voltage max. min. efficiency style ul60950 vfsd1-s3.3-s3.3-sip 3.3 vdc 3.00~3.60 vdc 3.3 vdc 300 ma 30 ma 72% sip no vfsd1-s3.3-s5-sip 3.3 vdc 3.00~3.60 vdc 5 vdc 200 ma 20 ma 73% sip no vfsd1-s5-s3.3-sip 5 vdc 4.5~5.5 vdc 3.3 vdc 300 ma 30 ma 72% sip no vfsd1-s5-s5-sip 5 vdc 4.5~5.5 vdc 5 vdc 200 ma 20 ma 78% sip yes vfsd1-s5-s9-sip 5 vdc 4.5~5.5 vdc 9 vdc 111 ma 12 ma 78% sip yes vfsd1-s5-s12-sip 5 vdc 4.5~5.5 vdc 12 vdc 83 ma 9 ma 80% sip yes vfsd1-s5-s15-sip 5 vdc 4.5~5.5 vdc 15 vdc 67 ma 7 ma 81% sip no vfsd1-s5-s24-sip 5 vdc 4.5~5.5 vdc 24 vdc 42 ma 5 ma 78% sip no vfsd1-s12-s3.3-sip 12 vdc 10.8~13.2 vdc 3.3 vdc 300 ma 30 ma 73% sip no vfsd1-s12-s5-sip 12 vdc 10.8~13.2 vdc 5 vdc 200 ma 20 ma 79% sip yes vfsd1-s12-s9-sip 12 vdc 10.8~13.2 vdc 9 vdc 111 ma 12 ma 79% sip yes VFSD1-S12-S12-SIP 12 vdc 10.8~13.2 vdc 12 vdc 83 ma 9 ma 81% sip yes vfsd1-s12-s15-sip 12 vdc 10.8~13.2 vdc 15 vdc 67 ma 7 ma 81% sip yes vfsd1-s12-s24-sip 12 vdc 10.8~13.2 vdc 24 vdc 42 ma 5 ma 79% sip no vfsd1-s15-s3.3-sip 15 vdc 13.5~16.5 vdc 3.3 vdc 300 ma 30ma 73% sip no vfsd1-s15-s5-sip 15 vdc 13.5~16.5 vdc 5 vdc 200 ma 20 ma 74% sip no vfsd1-s15-s9-sip 15 vdc 13.5~16.5 vdc 9 vdc 111 ma 12 ma 75% sip no vfsd1-s15-s12-sip 15 vdc 13.5~16.5 vdc 12 vdc 83 ma 9 ma 79% sip no vfsd1-s15-s15-sip 15 vdc 13.5~16.5 vdc 15 vdc 67 ma 7 ma 79% sip no vfsd1-s15-s24-sip 15 vdc 13.5~16.5 vdc 24 vdc 42 ma 5 ma 79% sip no vfsd1-s24-s3.3-sip 24 vdc 21.6~26.4 vdc 3.3 vdc 300 ma 30 ma 73% sip no vfsd1-s24-s5-sip 24 vdc 21.6~26.4 vdc 5 vdc 200 ma 20 ma 79% sip yes vfsd1-s24-s9-sip 24 vdc 21.6~26.4 vdc 9 vdc 111 ma 12 ma 80% sip yes vfsd1-s24-s12-sip 24 vdc 21.6~26.4 vdc 12 vdc 83 ma 9 ma 80% sip yes vfsd1-s24-s15-sip 24 vdc 21.6~26.4 vdc 15 vdc 67 ma 7 ma 80% sip yes vfsd1-s24-s24-sip 24vdc 21.6~26.4 vdc 24 vdc 42 ma 5 ma 80% sip no description designed to convert fixed volt- ages into an isolated voltage, the vfsd1-sip series is well suited for providing board-mount local sup- plies in a wide range of applica- tions, including mixed analog/digi- tal circuits, test & measurement equip., process/machine controls, datacom/telecom fields, etc... the semi-regulated output can be followed by 3-terminal regulators to provide output protection, in addition to output regulation. output specifications item test conditions min. typ. max. units output power 0.1 1 w line regulation for vin change of 1%, full load 1.2% load regulation 10% to 100% full load, nominal line 10% 15% output voltage accuracy see tolerance envelope graph temperature drift @ 100% load 0.03 %/c output ripple 20 mhz bandwidth 50 75 mvp-p switching frequency full load, nominal input 83 100 125 khz
vfsd1-sip series dc-dc converter rev. 12-2010 2/ 3 v-infinity, llc, 20050 sw 112th ave., tualatin, or 97062 www.v-infinity.com 1-866-372-1258 general specifications short circuit protection <1 second temperature rise at full load 25c max, 15c typ. cooling free air convection operating temperature range -40c to +85c storage temperature range -55c to +125c soldering temperature 300c (1.5mm from case for 10 sec.) storage humidity range <95% case material plastic (ul94-v0) safety approved to ul60950 (e222736) mtbf >1,000,000 hrs. burn-in full load at +85c, for 4 hours at no-load and 4 hours at full load. isolation specifications item test conditions min. typ. max. units isolation voltage tested for 1 min. 3000 vdc insulation resistance test at 500 vdc 1000 m typical characteristics bottom view side view 19.60 10.00 4.10 1.25 2.00 15.24 6.00 12 5 7 2.54 2.54 12 5 7 1 2 5 7 +vin -vin -vout +vout pin function layout n o t e : all pin s o n a 2. 5 4mm p it c h ; all pin d i a m e t e r s a r e 0 . 50 mm ; a ll d im e n s i o n s in mm. outline dimensions & recommended layout pattern note: 1. all specifications measured at ta=25c, humidity <75%, nominal input voltage and rated output load unless otherwise specified.
vfsd1-sip series dc-dc converter rev. 12-2010 3/ 3 v-infinity, llc, 20050 sw 112th ave., tualatin, or 97062 www.v-infinity.com 1-866-372-1258 application notes: - input filtering to reduce the reflected ripple current and minimize emi, especially when the converter input is more than 2 away from the dc source, it is recommended to connect a low esr electrolytic capacitor between vin and gnd. the values suggested are as shown in table 1. if additional filtering is required, the capacitance may be increased, or expanded to an lc network as shown in figure 1. input voltage external input capacitance 4.7 f 3.3, 5 v 12 v 2.2 f 15 v 2.2 f 24 v 1.0 f table 1 - output filtering an output capacitor is needed to meet output ripple requirements as shown in table 2. output capacitance may be increased for additional filtering, but should not exeed 10f or expanded to an lc network as in figure 1. vout external ouput capacitance 4.7 f 3.3, 5 v 9 v 2.2 f 12 v 1.0 f 15 v 0.47 f 24 v 0.33 f table 2 figure 1 dc c l l dc c -vin +vin -vout +vout reg dc dc dc dc reg -vin +vin +vout -vout -vout +vout +vin -vin - minimum loading the converter needs a minimum of 10% loading to maintain output regulation. operation under no-load conditions will not cause immediate damages but may reduce reliability, and cause performance not to meet specifications. - regulation with a semi-regulated design, the converters output voltage varies with load current and will change proportionally to the input voltage. if regulated output is needed, an external regulator can be used as shown in figure 2. - protection the converter has minimal protection against input over-voltage or output over-load, and may be permanently damaged if exposed to these conditions. an input clamping device can be used for input voltage limiting. an input fuse or an output fuse can also be used to protect against over-loading. - external regulator an external 3-terminal regulator can be connected to the output of the converter to achieve full regulation. make sure the converters output voltage provides sufficient head room for the regulator. an additional benefit is that the built-in protection features in the regulator, such as ocp, otp, etc, will protect the converter also. in a complimentory supply, a negative output regulator must be used to achieve the negative regulated output.


▲Up To Search▲   

 
Price & Availability of VFSD1-S12-S12-SIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X