Part Number Hot Search : 
MC10E111 CPT40040 2SK3299 T54FCT MTA106D 2SA1474 LPC2361 PG1250
Product Description
Full Text Search
 

To Download UG3001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s 27010 rev. a1-2 1 of 2 UG3001 - u g 3005 UG3001 - ug3005 3.0a ultra-fast glass passivated rectifier features do-201ad dim min max a 25.40  b 7.20 9.50 c 1.20 1.30 d 4.80 5.30 all dimensions in mm a a b c d maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  glass passivated die construction  diffused junction  ultra-fast switching for high efficiency  high current capability and low forward voltage drop  surge overload rating to 125a peak  low reverse leakage current  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 1.1 grams (approx.)  mounting position: any single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol UG3001 ug3002 ug3003 ug3004 ug3005 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 v rms reverse voltage v r(rms) 35 70 140 280 420 v average rectified output current (note 1) @ t a = 55  c i o 3.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a forward voltage @ i f = 3.0a v fm 0.95 1.25 1.7 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 50 75 ns typical junction capacitance (note 2) c j 60 30 pf typical thermal resistance junction to ambient (note 1) r  ja 35 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. .com .com .com 4 .com u datasheet
d s 27010 rev. a1-2 2 of 2 UG3001 - u g 3005 0 0.6 1.2 1.8 2.4 3 . 0 25 50 75 100 125 150 175 200 i , a verage fwd rectified current (a) (a v) t , ambient temperature ( c ) fi g . 1 forward current deratin g curve a single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i , inst ant aneous for w ard current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t = 25 c j pulse width = 300 s ug3004 UG3001 - ug3003 ug3005 i , peak for w ard surge current (a) fsm 0 50 100 1 5 0 1 1 0 100 number of cycles at 60hz fi g . 3 peak forward sur g e current 50v dc approx 50 ni (non-inductive) ? 10 ni ? 1.0 ni ? oscilloscope (note 1) pulse generator (note 2) device under test t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . ? ? fi g . 5 reverse recover y time characteristic and test circuit (+) (+) (-) (-) 1 10 100 1 10 100 c , cap acit ance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r t = 25 c f = 1.0mhz j UG3001 - ug3004 ug3005 .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of UG3001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X