Part Number Hot Search : 
FSF781S 4001X V48C1 4001X 82402304 FN3151 30122 CD4759A
Product Description
Full Text Search
 

To Download SFP-1GBT-0212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfp copper transceiver 1000base-t gbic sfp-1gbt-02 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201-432-0463 ? fax 201-432-9542 ? www.belfuse.com ?2012 bel fuse inc. specifcations subject to change without notice. 01.25.12 page 1 regulatory and standards compliance ? compliant with ieee 802.3:2000 ? fcc part 15, class a ? en55022 class a (cispr 22 class a) ? ce ? e55024 immunity standard and nebs 3 esd the bel sfp-1gbt-02 transceiver is an internally configured 1000base-t sfp that requires the host system to provide gbic interface. the phy interfaces directly with serdes interface. the host interface transmits and receives serial data differentially at 1.25 gbps. the copper interface is full featured as advertised full/half duplex and 1000base-t wire speed. ? sfp transceiver identification is specified as 08h for byte 6 in the eeprom. applications ? 1000 mbps data rate in excess of 100 meters of category 5/5e cable ? networking equipment ? switch-to-switch interface ? routers features / benefits ? designed with broadcoms bcm54616s chipset (login at https://support.broadcom.com/core/login.aspx for ic support) ? complies with ieee 802.3, 802.3u, and 802.3ab specifications ? conforms to multi-source agreement (msa) specifications for sfp transceivers ? supports ieee 802.3u and ieee 802.3ab autoCnegotiation features to allow networking equipment to automatically determine and adjust the required settings ? automatically compensates for baseline wander by removing the dc offset from the input signal ? assembled with low emi emissions ic and fully metallic housings ? automatic dependent interface (di) crossover, eliminating the need for crossover cables or cross-wire (mdix) ports ? bail latch provides ease of extraction ? compact rj45 connector assembly ? data is scrambled to reduce radiated emission ? power consumption is 610mw typical ? fully rohs compliant part number description sfp-1gbt-02 1000base-x to 1000base-t sfp ? the bcm54616s physical layer ic (phy) can be accessed via i 2 c interface: ? phy address = ach ? eeprom address = a0h
bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201-432-0463 ? fax 201-432-9542 ? www.belfuse.com ?2012 bel fuse inc. specifcations subject to change without notice. 01.25-12 sfp copper transceiver 1000base-t gbic sfp-1gbt-02 sfp-1bgt-02 module specifications page 2 parameter symbol min typ max units notes supply voltage v dd3 3.12 3.3 3.46 v supply current i s 185 ma sfp host serial interface (tx/rx) symbol min typ max units notes line frequency f line 125 mhz tx output impedance z tx_out 100 ? differential rx output impedance z rx_in 100 ? differential clock frequency 25 mhz rise/fall time t r /t f 4 ns 20% - 80% rms phase jitter f j 1.5 ps-rms f j = 12 khz to 20 mhz offset frequency. environmental specifications symbol min typ max units notes operating temp t op 0 +70 c case temperature storage temp t stg -40 +85 c ambient temperature reliability testing vibration test: reference mil-std-202, method 204. condition d. mechanical shock: reference iec 68-2-27, test ea. alternative mil-std-202, method 213b, condition a. temperature cycling and temperature-humidity-bias.
sfp copper transceiver 1000base-t gbic sfp-1gbt-02 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201-432-0463 ? fax 201-432-9542 ? www.belfuse.com ?2012 bel fuse inc. specifcations subject to change without notice. 01.25.12 pin name description 1 veet transmitter ground (common with receiver ground). 2 tx fault transmitter fault is internally tied to transmit ground and is not sup - ported. 3 tx disable transmit disable. this pin is tied to phy low power mode. 4 mod-def2 signal sda (data) of the two-wire serial id interface. 5 mod-def1 signal scl (clock) of the two-wire serial id interface. 6 mod-def0 this pin is internally tied to transmit ground. 7 rate select not implemented. this pin is floating internally. 8 los loss of signal indication. 9 veer receiver ground (common with transmitter ground). 10 veer receiver ground (common with transmitter ground). 11 veer receiver ground (common with transmitter ground). 12 rd- differential receiver outputs. user to terminate to 100 ? differential at host. ac coupled. 13 rd+ differential receiver outputs. user to terminate to 100 ? differential at host. ac coupled. 14 veer receiver ground (common with transmitter ground). 15 vccr 3.3v power 16 vcct 3.3v power 17 veet transmitter ground (common with receiver ground). 18 td+ differential transmitter outputs. user to terminate to 100 ? differential at host. ac coupled. 19 td- user to terminate to 100 ? differential at host. ac coupled. 20 veet transmitter ground (common with receiver ground). page 3 sfp host connect electrical interface and pins descriptions
bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201-432-0463 ? fax 201-432-9542 ? www.belfuse.com ?2012 bel fuse inc. specifcations subject to change without notice. 01.25-12 sfp copper transceiver 1000base-t gbic sfp-1gbt-02 ? autoneg is always enable for all of bels copper transceivers. to disable the autoneg feature (not recommended), clear the broadcom phy register bit12 to 0. ? rx_los is always enable. ? high > not linked. ? low > linked to link-partner. ? bels copper sfp-1gbt-02 transceiver will detect the advertised speed 1000base-x via the host of the link-partner without r/w to its phy registers. ? sfp-1gbt-02 (gbic) can be configured to operate in sgmii interface as described below by access - ing the phy registers: gbic to sgmii-copper: 1. write register 18h, shadow 07h bit [7] = 0 (disable rgmii mode) 2. write register 1ch, shadow 1fh bit [0] = 1 (enable fiber register bank) 3. write register 00h, bit [11] = 1 (power-down serdes interface) 4. write register 1ch, shadow 1fh bit [2:1] = 10 (configure the bcm54616s in sgmii-to-copper mode) 5. write register 00h, bit [11] = 0 (power-up serdes interface) 6. write register 1ch, shadow 1fh bit [0] = 0 (enable copper register bank) 7. write register 00h, bit [11]= 0 (power-up copper interfac e) gbic installation guide part number link indicator on rx_los pin auto-negotiation enabled by default interface sfp-1gbt-02 ye s ye s gbic 1000base-x > 1000base-t
corporate bel fuse inc. 206 van vorst street jersey city, nj 07302 tel 201-432-0463 fax 201-432-9542 www.belfuse.com europe bel stewart connector 45/46 riverside medway city estate rochester, kent me2 4dp u.k. tel 44-1634-722890 fax 44-1634-716677 www.belfuse.com asia bel fuse ltd. 8f / 8 luk hop street san po kong kowloon, hong kong tel 852-2328-5515 fax 852-2352-3706 www.belfuse.com ?2012 bel fuse inc. specifcations subject to change without notice. 01.25.12 sfp copper transceiver 1000base-t gbic sfp-1gbt-02 page 4 mechanical


▲Up To Search▲   

 
Price & Availability of SFP-1GBT-0212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X