Part Number Hot Search : 
TL081CD MBR10 UN5119 C124E SSD20 MEFJD MAX3223E 85XX12
Product Description
Full Text Search
 

To Download SEMIX854GB176HDS10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semix854gb176hds ? by semikron rev. 1 ? 24.06.2010 1 semix ? 4s gb trench igbt modules semix854gb176hds features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? ul recognised file no. e63532 typical applications* ? ac inverter drives ?ups ? electronic welders absolute maximum ratings symbol conditions values unit igbt v ces 1700 v i c t j = 150 c t c =25c 779 a t c =80c 549 a i cnom 600 a i crm i crm = 2xi cnom 1200 a v ges -20 ... 20 v t psc v cc = 1000 v v ge 20 v v ces 1700 v t j = 125 c 10 s t j -55 ... 150 c inverse diode i f t j = 150 c t c =25c 740 a t c =80c 496 a i fnom 600 a i frm i frm = 2xi fnom 1200 a i fsm t p = 10 ms, sin 180, t j =25c 3800 a t j -40 ... 150 c module i t(rms) 600 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =600a v ge =15v chiplevel t j =25c 22.45v t j = 125 c 2.45 2.9 v v ce0 t j =25c 11.2v t j = 125 c 0.9 1.1 v r ce v ge =15v t j =25c 1.7 2.1 m ? t j = 125 c 2.6 3.0 m ? v ge(th) v ge =v ce , i c = 24 ma 5.2 5.8 6.4 v i ces v ge =0v v ce = 1700 v t j =25c 4ma t j = 125 c ma c ies v ce =25v v ge =0v f=1mhz 52.8 n f c oes f=1mhz 2.20 nf c res f=1mhz 1.75 nf q g v ge =- 8 v...+ 15 v 5600 nc r gint t j =25c 1.25 ? t d(on) v cc = 1200 v i c =600a r g on =2 ? r g off =2 ? t j = 125 c 340 n s t r t j = 125 c 80 ns e on t j = 125 c 395 mj t d(off) t j = 125 c 890 n s t f t j = 125 c 155 n s e off t j = 125 c 235 mj r th(j-c) per igbt 0.045 k/w
semix854gb176hds 2 rev. 1 ? 24.06.2010 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f =600a v ge =0v chip t j =25c 1.7 1.90 v t j = 125 c 1.7 1.9 v v f0 t j =25c 0.9 1.1 1.3 v t j = 125 c 0.7 0.9 1.1 v r f t j =25c 1.0 1.0 1.0 m ? t j = 125 c 1.3 1.3 1.3 m ? i rrm i f =600a di/dt off = 8000 a/s v ge =-15v v cc = 1200 v t j = 125 c 730 a q rr t j = 125 c 220 c e rr t j = 125 c 170 mj r th(j-c) per diode 0.081 k/w module l ce 22 nh r cc'+ee' res., terminal-chip t c =25c 0.7 m ? t c = 125 c 1m ? r th(c-s) per module 0.03 k/w m s to heat sink (m5) 3 5 nm m t to terminals (m6) 2.5 5 nm nm w 400 g temperatur sensor r 100 t c =100c (r 25 =5 k ? ) 493 5% ? b 100/125 r (t) =r 100 exp[b 100/125 (1/t-1/t 100 )]; t[k]; 3550 2% k semix ? 4s gb trench igbt modules semix854gb176hds features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? ul recognised file no. e63532 typical applications* ? ac inverter drives ?ups ? electronic welders
semix854gb176hds ? by semikron rev. 1 ? 24.06.2010 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
semix854gb176hds 4 rev. 1 ? 24.06.2010 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: typ. transient thermal impedance fig. 10: typ. cal diode forward charact., incl. r cc'+ee' fig. 11: typ. cal diode peak reverse recovery current fig. 12: typ. cal diode recovery charge
semix854gb176hds ? by semikron rev. 1 ? 24.06.2010 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix * the specifications of our components may not be considered as an assurance of component characteristics. components have to b e tested for the respective application. adjustments may be necessary. t he use of semikron products in life support appliances and syste ms is subject to prior specification and written approval by semikron . we therefore strongly recommend prior consultation of our pers onal. semix 4s spring configuration


▲Up To Search▲   

 
Price & Availability of SEMIX854GB176HDS10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X