Part Number Hot Search : 
H01N60S LP28007 127141N LET21008 EM73362 DS2411 M1300 NZH6V8B
Product Description
Full Text Search
 

To Download MC33262 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    semiconductor technical data power factor controllers pin connections order this document by mc34262/d d suffix plastic package case 751 (so8) 8 1 8 1 p suffix plastic package case 626 voltage feedback input 1 2 3 4 8 7 6 5 (top view) compensation multiplier input current sense input v cc drive output gnd zero current detect input device operating temperature range package ordering information mc34262d mc34262p t a = 0 to +85 c so8 plastic dip MC33262d MC33262p so8 plastic dip t a = 40 to +105 c 1 motorola analog ic device data   
   the mc34262/MC33262 are active power factor controllers specifically designed for use as a preconverter in electronic ballast and in offline power converter applications. these integrated circuits feature an internal startup timer for standalone applications, a one quadrant multiplier for near unity power factor, zero current detector to ensure critical conduction operation, transconductance error amplifier, quickstart circuit for enhanced startup, trimmed internal bandgap reference, current sensing comparator, and a totem pole output ideally suited for driving a power mosfet. also included are protective features consisting of an overvoltage comparator to eliminate runaway output voltage due to load removal, input undervoltage lockout with hysteresis, cyclebycycle current limiting, multiplier output clamp that limits maximum peak switch current, an rs latch for single pulse metering, and a drive output high state clamp for mosfet gate protection. these devices are available in dualinline and surface mount plastic packages. ? overvoltage comparator eliminates runaway output voltage ? internal startup timer ? one quadrant multiplier ? zero current detector ? trimmed 2% internal bandgap reference ? totem pole output with high state clamp ? undervoltage lockout with 6.0 v of hysteresis ? low startup and operating current ? supersedes functionality of sg3561 and tda4817 simplified block diagram voltage feedback input multiplier, latch, pwm, timer, & logic error amp multiplier undervoltage lockout 2.5v reference zero current detector 5 8 6 7 4 3 2 1 drive output gnd zero current detect input multiplier input compensation v cc current sense input overvoltage comparator + 1.08 v ref + v ref quickstart ? motorola, inc. 1996 rev 1
mc34262 MC33262 2 motorola analog ic device data maximum ratings rating symbol value unit total power supply and zener current (i cc + i z ) 30 ma output current, source or sink (note 1) i o 500 ma current sense, multiplier, and voltage feedback inputs v in 1.0 to +10 v zero current detect input high state forward current low state reverse current i in 50 10 ma power dissipation and thermal characteristics p suffix, plastic package, case 626 maximum power dissipation @ t a = 70 c thermal resistance, junctiontoair d suffix, plastic package, case 751 maximum power dissipation @ t a = 70 c thermal resistance, junctiontoair p d r q ja p d r q ja 800 100 450 178 mw c/w mw c/w operating junction temperature t j +150 c operating ambient temperature (note 3) mc34262 MC33262 t a 0 to + 85 40 to +105 c storage temperature t stg 65 to +150 c electrical characteristics (v cc = 12 v (note 2), for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies [note 3], unless otherwise noted.) characteristic symbol min typ max unit error amplifier voltage feedback input threshold t a = 25 c t a = t low to t high (v cc = 12 v to 28 v) v fb 2.465 2.44 2.5 e 2.535 2.54 v line regulation (v cc = 12 v to 28 v, t a = 25 c) reg line e 1.0 10 mv input bias current (v fb = 0 v) i ib e 0.1 0.5 m a transconductance (t a = 25 c) g m 80 100 130 m mho output current source (v fb = 2.3 v) sink (v fb = 2.7 v) i o e e 10 10 e e m a output voltage swing high state (v fb = 2.3 v) low state (v fb = 2.7 v) v oh(ea) v ol(ea) 5.8 e 6.4 1.7 e 2.4 v overvoltage comparator voltage feedback input threshold v fb(ov) 1.065 v fb 1.08 v fb 1.095 v fb v multiplier input bias current, pin 3 (v fb = 0 v) i ib e 0.1 0.5 m a input threshold, pin 2 v th(m) 1.05 v ol(ea) 1.2 v ol(ea) e v dynamic input voltage range multiplier input (pin 3) compensation (pin 2) v pin 3 v pin 2 0 to 2.5 v th(m) to (v th(m) + 1.0) 0 to 3.5 v th(m) to (v th(m) + 1.5) e e v multiplier gain (v pin 3 = 0.5 v, v pin 2 = v th(m) + 1.0 v) (note 4) k 0.43 0.65 0.87 1/v zero current detector input threshold voltage (v in increasing) v th 1.33 1.6 1.87 v hysteresis (v in decreasing) v h 100 200 300 mv input clamp voltage high state (i det = + 3.0 ma) low state (i det = 3.0 ma) v ih v il 6.1 0.3 6.7 0.7 e 1.0 v
mc34262 MC33262 3 motorola analog ic device data electrical characteristics (v cc = 12 v (note 2), for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies (note 3), unless otherwise noted.) characteristic symbol min typ max unit current sense comparator input bias current (v pin 4 = 0 v) i ib e 0.15 1.0 m a input offset voltage (v pin 2 = 1.1 v, v pin 3 = 0 v) v io e 9.0 25 mv maximum current sense input threshold (note 5) v th(max) 1.3 1.5 1.8 v delay to output t phl(in/out) e 200 400 ns drive output output voltage (v cc = 12 v) low state (i sink = 20 ma) low state (i sink = 200 ma) high state (i source = 20 ma) high state (i source = 200 ma) v ol v oh e e 9.8 7.8 0.3 2.4 10.3 8.4 0.8 3.3 e e v output voltage (v cc = 30 v) high state (i source = 20 ma, c l = 15 pf) v o(max) 14 16 18 v output voltage rise time (c l = 1.0 nf) t r e 50 120 ns output voltage fall time (c l = 1.0 nf) t f e 50 120 ns output voltage with uvlo activated (v cc = 7.0 v, i sink = 1.0 ma) v o(uvlo) e 0.1 0.5 v restart timer restart time delay t dly 200 620 e m s undervoltage lockout startup threshold (v cc increasing) v th(on) 11.5 13 14.5 v minimum operating voltage after turnon (v cc decreasing) v shutdown 7.0 8.0 9.0 v hysteresis v h 3.8 5.0 6.2 v total device power supply current startup (v cc = 7.0 v) operating dynamic operating (50 khz, c l = 1.0 nf) i cc e e e 0.25 6.5 9.0 0.4 12 20 ma power supply zener voltage (i cc = 25 ma) v z 30 36 e v notes: 1. maximum package power dissipation limits must be observed. 2. adjust v cc above the startup threshold before setting to 12 v. pin 4 threshold v pin 3 (v pin 2 v th(m) ) 4. k = 3. t low =0 c for mc34262 3. t low =40 c for MC33262 t high =+85 c for mc34262 t high = +105 c for MC33262 5. this parameter is measured with v fb = 0 v, and v pin 3 = 3.0 v . 1.4 0.2 3.8 0.6 2.2 3.0 v pin 2 = 2.0 v v cc = 12 v t a = 25 c , current sense pin 4 threshold (v) cs v , current sense pin 4 threshold (v) v m , multiplier pin 3 input voltage (v) figure 1. current sense input threshold versus multiplier input 0.12 v m , multiplier pin 3 input voltage (v) 0.06 0.06 0.12 0.18 0.24 0 cs v v cc = 12 v t a = 25 c figure 2. current sense input threshold versus multiplier input, expanded view 0.2 0 1.6 0.08 1.4 1.2 1.0 0.8 0.6 0.4 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 v pin 2 = 3.75 v v pin 2 = 2.25 v v pin 2 = 2.5 v v pin 2 = 2.75 v v pin 2 = 3.0 v v pin 2 = 2.25 v v pin 2 = 2.5 v v pin 2 = 3.75 v v pin 2 = 2.75 v v pin 2 = 2.0 v v pin 2 = 3.25 v v pin 2 = 3.0 v v pin 2 = 3.25 v v pin 2 = 3.5 v v pin 2 = 3.5 v
mc34262 MC33262 4 motorola analog ic device data 55 t a , ambient temperature ( c) 25 0 25 50 75 100 125 figure 3. voltage feedback input threshold change versus temperature t dly , restart time delay ( s) m v cc = 12 v figure 4. overvoltage comparator input threshold versus temperature v cc = 12 v v fb(ov) , overvoltage input threshold (%v ) 55 t a , ambient temperature ( c) 25 0 25 50 75 100 figure 5. error amp transconductance and phase versus frequency v fb , voltage feedback threshold change (mv) 55 t a , ambient temperature ( c) 25 0 25 50 75 100 125 d v cc = 12 v pins 1 to 2 figure 6. error amp transient response figure 7. quickstart charge current versus temperature 125 fb 3.0 k 10 k 30 k 100 k 300 k 1.0 m 3.0 m 0 90 60 30 120 150 180 g m , transconductance ( mho) m f, frequency (hz) , excess phase (degrees)  v cc = 12 v v o = 2.5 v to 3.5 v r l = 100 k to 3.0 v c l = 2.0 pf t a = 25 c 5.0 m s/div figure 8. restart timer delay versus temperature t a , ambient temperature ( c) v chg , quickstart charge voltage (v) 55 25 0 25 50 75 100 125 current voltage 900 800 700 600 500 i chg , quickstart charge current ( a) m v cc = 12 v transconductance phase 0.75 v/div v cc = 12 v r l = 100 k c l = 2.0 pf t a = 25 c 800 700 600 500 400 110 109 108 106 107 4.0 4.0 12 16 0 8.0 120 100 80 60 40 20 0 1.80 1.76 1.72 1.68 1.64 4.00 v 3.25 v 2.50 v
mc34262 MC33262 5 motorola analog ic device data figure 9. zero current detector input threshold voltage versus temperature figure 10. output saturation voltage versus load current v cc = 12 v c l = 1.0 nf t a = 25 c v cc = 12 v c l = 15 pf t a = 25 c 5.0 v/div 100 ma/div 100 ns/div 100 ns/div i cc , supply current v o , output voltage figure 11. drive output waveform i cc , supply current (ma) 0 10203040 v cc , supply voltage (v) v fb = 0 v current sense = 0 v multiplier = 0 v c l = 1.0 nf f = 50 khz t a = 25 c figure 12. drive output cross conduction 55 25 0 25 50 75 100 125 t a , ambient temperature ( c) v cc , supply voltage (v) figure 13. supply current versus supply voltage figure 14. undervoltage lockout thresholds versus temperature v sat , output saturation voltage (v) 0 80 160 240 320 i o , output load current (ma) v th , threshold voltage (v) 55 t a , ambient temperature ( c) 25 0 25 50 75 100 125 v cc = 12 v v cc gnd startup threshold (v cc increasing) 90% 10% 16 12 8.0 4.0 0 14 13 12 11 9.0 7.0 8.0 0 2.0 4.0 6.0 2.0 0 4.0 1.7 1.5 1.3 1.6 1.4 10 upper threshold (v in , increasing) lower threshold (v in , decreasing) source saturation (load to ground) sink saturation (load to v cc ) v cc = 12 v 80 m s pulsed load 120 hz rate minimum operating threshold (v cc decreasing)
mc34262 MC33262 6 motorola analog ic device data functional description introduction with the goal of exceeding the requirements of legislation on linecurrent harmonic content, there is an ever increasing demand for an economical method of obtaining a unity power factor. this data sheet describes a monolithic control ic that was specifically designed for power factor control with minimal external components. it offers the designer a simple, costeffective solution to obtain the benefits of active power factor correction. most electronic ballasts and switching power supplies use a bridge rectifier and a bulk storage capacitor to derive raw dc voltage from the utility ac line, figure 15. figure 15. uncorrected power factor circuit ac line rectifiers converter bulk storage capacitor + load this simple rectifying circuit draws power from the line when the instantaneous ac voltage exceeds the capacitor voltage. this occurs near the line voltage peak and results in a high charge current spike, figure 16. since power is only taken near the line voltage peaks, the resulting spikes of current are extremely nonsinusoidal with a high content of harmonics. this results in a poor power factor condition where the apparent input power is much higher than the real power. power factor ratios of 0.5 to 0.7 are common. power factor correction can be achieved with the use of either a passive or an active input circuit. passive circuits usually contain a combination of large capacitors, inductors, and rectifiers that operate at the ac line frequency. active circuits incorporate some form of a high frequency switching converter for the power processing, with the boost converter being the most popular topology, figure 17. since active input circuits operate at a frequency much higher than that of the ac line, they are smaller, lighter in weight, and more efficient than a passive circuit that yields similar results. with proper control of the preconverter, almost any complex load can be made to appear resistive to the ac line, thus significantly reducing the harmonic current content. figure 16. uncorrected power factor input waveforms v pk rectified 0 ac line voltage 0 ac line current line sag dc the mc34262, MC33262 are high performance, critical conduction, currentmode power factor controllers specifically designed for use in offline active preconverters. these devices provide the necessary features required to significantly enhance poor power factor loads by keeping the ac line current sinusoidal and in phase with the line voltage. operating description the mc34262, MC33262 contain many of the building blocks and protection features that are employed in modern high performance current mode power supply controllers. there are, however, two areas where there is a major difference when compared to popular devices such as the uc3842 series. referring to the block diagram in figure 19, note that a multiplier has been added to the current sense loop and that this device does not contain an oscillator. the reasons for these differences will become apparent in the following discussion. a description of each of the functional blocks is given below. figure 17. active power factor correction preconverter rectifiers pfc preconverter high frequency bypass capacitor + converter bulk storage capacitor + load mc34362 ac line
mc34262 MC33262 7 motorola analog ic device data error amplifier an error amplifier with access to the inverting input and output is provided. the amplifier is a transconductance type, meaning that it has high output impedance with controlled voltagetocurrent gain. the amplifier features a typical gm of 100 m mhos (figure 5). the noninverting input is internally biased at 2.5 v 2.0% and is not pinned out. the output voltage of the power factor converter is typically divided down and monitored by the inverting input. the maximum input bias current is 0.5 m a, which can cause an output voltage error that is equal to the product of the input bias current and the value of the upper divider resistor r 2 . the error amp output is internally connected to the multiplier and is pinned out (pin 2) for external loop compensation. typically, the bandwidth is set below 20 hz, so that the amplifier's output voltage is relatively constant over a given ac line cycle. in effect, the error amp monitors the average output voltage of the converter over several line cycles. the error amp output stage was designed to have a relatively constant transconductance over temperature. this allows the designer to define the compensated bandwidth over the intended operating temperature range. the output stage can sink and source 10 m a of current and is capable of swinging from 1.7 v to 6.4 v, assuring that the multiplier can be driven over its entire dynamic range. a key feature to using a transconductance type amplifier, is that the input is allowed to move independently with respect to the output, since the compensation capacitor is connected to ground. this allows dual usage of of the voltage feedback input pin by the error amplifier and by the overvoltage comparator. overvoltage comparator an overvoltage comparator is incorporated to eliminate the possibility of runaway output voltage. this condition can occur during initial startup, sudden load removal, or during output arcing and is the result of the low bandwidth that must be used in the error amplifier control loop. the overvoltage comparator monitors the peak output voltage of the converter, and when exceeded, immediately terminates mosfet switching. the comparator threshold is internally set to 1.08 v ref . in order to prevent false tripping during normal operation, the value of the output filter capacitor c 3 must be large enough to keep the peaktopeak ripple less than 16% of the average dc output. the overvoltage comparator input to drive output turnoff propagation delay is typically 400 ns. a comparison of startup overshoot without and with the overvoltage comparator circuit is shown in figure 23. multiplier a single quadrant, two input multiplier is the critical element that enables this device to control power factor. the ac full wave rectified haversines are monitored at pin 3 with respect to ground while the error amp output at pin 2 is monitored with respect to the voltage feedback input threshold. the multiplier is designed to have an extremely linear transfer curve over a wide dynamic range, 0 v to 3.2 v for pin 3, and 2.0 v to 3.75 v for pin 2, figure 1. the multiplier output controls the current sense comparator threshold as the ac voltage traverses sinusoidally from zero to peak line, figure 18. this has the effect of forcing the mosfet ontime to track the input line voltage, resulting in a fixed drive output ontime, thus making the preconverter load appear to be resistive to the ac line. an approximation of the current sense comparator threshold can be calculated from the following equation. this equation is accurate only under the given test condition stated in the electrical table. v cs , pin 4 threshold 0.65 (v pin 2 v th(m) ) v pin 3 a significant reduction in line current distortion can be attained by forcing the preconverter to switch as the ac line voltage crosses through zero. the forced switching is achieved by adding a controlled amount of offset to the multiplier and current sense comparator circuits. the equation shown below accounts for the builtin offsets and is accurate to within ten percent. let v th(m) = 1.991 v v cs , pin 4 threshold = 0.544 (v pin 2 v th(m) ) v pin 3 + 0.0417 (v pin 2 v th(m) ) zero current detector the mc34262 operates as a critical conduction current mode controller, whereby output switch conduction is initiated by the zero current detector and terminated when the peak inductor current reaches the threshold level established by the multiplier output. the zero current detector initiates the next ontime by setting the rs latch at the instant the inductor current reaches zero. this critical conduction mode of operation has two significant benefits. first, since the mosfet cannot turnon until the inductor current reaches zero, the output rectifier reverse recovery time becomes less critical, allowing the use of an inexpensive rectifier. second, since there are no deadtime gaps between cycles, the ac line current is continuous, thus limiting the peak switch to twice the average input current. the zero current detector indirectly senses the inductor current by monitoring when the auxiliary winding voltage falls below 1.4 v. to prevent false tripping, 200 mv of hysteresis is provided. figure 9 shows that the thresholds are welldefined over temperature. the zero current detector input is internally protected by two clamps. the upper 6.7 v clamp prevents input overvoltage breakdown while the lower 0.7 v clamp prevents substrate injection. current limit protection of the lower clamp transistor is provided in the event that the input pin is accidentally shorted to ground. the zero current detector input to drive output turnon propagation delay is typically 320 ns.
mc34262 MC33262 8 motorola analog ic device data figure 18. inductor current and mosfet gate voltage waveforms inductor current average mosfet q1 on off 0 peak current sense comparator and rs latch the current sense comparator rs latch configuration used ensures that only a single pulse appears at the drive output during a given cycle. the inductor current is converted to a voltage by inserting a groundreferenced sense resistor r 7 in series with the source of output switch q1. this voltage is monitored by the current sense input and compared to a level derived from the multiplier output. the peak inductor current under normal operating conditions is controlled by the threshold voltage of pin 4 where: pin 4 threshold r 7 i l(pk ) = abnormal operating conditions occur during preconverter startup at extremely high line or if output voltage sensing is lost. under these conditions, the multiplier output and current sense threshold will be internally clamped to 1.5 v. therefore, the maximum peak switch current is limited to: 1.5 v r 7 i pk(max) = an internal rc filter has been included to attenuate any high frequency noise that may be present on the current waveform. this filter helps reduce the ac line current distortion especially near the zero crossings. with the component values shown in figure 20, the current sense comparator threshold, at the peak of the haversine varies from 1.1 v at 90 vac to 100 mv at 268 vac. the current sense input to drive output turnoff propagation delay is typically less than 200 ns. timer a watchdog timer function was added to the ic to eliminate the need for an external oscillator when used in standalone applications. the timer provides a means to automatically start or restart the preconverter if the drive output has been off for more than 620 m s after the inductor current reaches zero. the restart time delay versus temperature is shown in figure 8. undervoltage lockout and quickstart an undervoltage lockout comparator has been incorporated to guarantee that the ic is fully functional before enabling the output stage. the positive power supply terminal (v cc ) is monitored by the uvlo comparator with the upper threshold set at 13 v and the lower threshold at 8.0 v. in the standby mode, with v cc at 7.0 v, the required supply current is less than 0.4 ma. this large hysteresis and low startup current allow the implementation of efficient bootstrap startup techniques, making these devices ideally suited for wide input range offline preconverter applications. an internal 36 v clamp has been added from v cc to ground to protect the ic and capacitor c 4 from an overvoltage condition. this feature is desirable if external circuitry is used to delay the startup of the preconverter. the supply current, startup, and operating voltage characteristics are shown in figures 13 and 14. a quickstart circuit has been incorporated to optimize converter startup. during initial startup, compensation capacitor c 1 will be discharged, holding the error amp output below the multiplier threshold. this will prevent drive output switching and delay bootstrapping of capacitor c 4 by diode d 6 . if pin 2 does not reach the multiplier threshold before c 4 discharges below the lower uvlo threshold, the converter will ahiccupo and experience a significant startup delay. the quickstart circuit is designed to precharge c 1 to 1.7 v, figure 7. this level is slightly below the pin 2 multiplier threshold, allowing immediate drive output switching and bootstrap operation when c 4 crosses the upper uvlo threshold. drive output the mc34262/MC33262 contain a single totempole output stage specifically designed for direct drive of power mosfets. the drive output is capable of up to 500 ma peak current with a typical rise and fall time of 50 ns with a 1.0 nf load. additional internal circuitry has been added to keep the drive output in a sinking mode whenever the undervoltage lockout is active. this characteristic eliminates the need for an external gate pulldown resistor. the totempole output has been optimized to minimize crossconduction current during high speed operation. the addition of two 10 w resistors, one in series with the source output transistor and one in series with the sink output transistor, helps to reduce the crossconduction current and radiated noise by limiting the output rise and fall time. a 16 v clamp has been incorporated into the output stage to limit the high state v oh . this prevents rupture of the mosfet gate when v cc exceeds 20 v.
mc34262 MC33262 9 motorola analog ic device data applications information the application circuits shown in figures 19, 20 and 21 reveal that few external components are required for a complete power factor preconverter. each circuit is a peak detecting currentmode boost converter that operates in critical conduction mode with a fixed ontime and variable offtime. a major benefit of critical conduction operation is that the current loop is inherently stable, thus eliminating the need for ramp compensation. the application in figure 19 operates over an input voltage range of 90 vac to 138 vac and provides an output power of 80 w (230 v at 350 ma) with an associated power factor of approximately 0.998 at nominal line. figures 20 and 21 are universal input preconverter examples that operate over a continuous input voltage range of 90 vac to 268 vac. figure 20 provides an output power of 175 w (400 v at 440 ma) while figure 21 provides 450 w (400 v at 1.125 a). both circuits have an observed worstcase power factor of approximately 0.989. the input current and voltage waveforms of figure 20 are shown in figure 22 with operation at 115 vac and 230 vac. the data for each of the applications was generated with the test setup shown in figure 24. table 1. design equations notes calculation formula calculate the maximum required output power. required converter output power p o = v o i o calculated at the minimum required ac line voltage for output regulation. let the efficiency h = 0.92 for low line operation. peak inductor current i l(pk) = 22 p o h vac (ll) let the switching cycle t = 40 m s for universal input (85 to 265 vac) operation and 20 m s for fixed input (92 to 138 vac, or 184 to 276 vac) operation. inductance l p = t 2 2 v o p o v o vac (ll) h vac (ll) 2  in theory the ontime t on is constant. in practice t on tends to increase at the ac line zero crossings due to the charge on capacitor c 5 . let vac = vac (ll) for initial t on and t off calculations. switch ontime h vac 2 t on = 2 p o l p the offtime t off is greatest at the peak of the ac line voltage and approaches zero at the ac line zero crossings. theta ( q ) represents the angle of the ac line voltage. switch offtime v o 1 t off = 2 vac ? sin q ? t on the minimum switching frequency occurs at the peak of the ac line voltage. as the ac line voltage traverses from peak to zero, t off approaches zero producing an increase in switching frequency. switching frequency f = t on + t off 1 set the current sense threshold v cs to 1.0 v for universal input (85 vac to 265 vac) operation and to 0.5 v for fixed input (92 vac to 138 vac, or 184 vac to 276 vac) operation. note that v cs must be <1.4 v. peak switch current r 7 = i l(pk) v cs set the multiplier input voltage v m to 3.0 v at high line. empirically adjust v m for the lowest distortion over the ac line voltage range while guaranteeing startup at minimum line. multiplier input voltage + 1 vac   v m = r 5 2 r 3 the i ib r 1 error term can be minimized with a divider current in excess of 50 m a. converter output voltage i ib r 2   v o = v ref r 2 + 1 r 1 the calculated peaktopeak ripple must be less than 16% of the average dc output voltage to prevent false tripping of the overvoltage comparator. refer to the overvoltage comparator text. esr is the equivalent series resistance of c 3 converter output peak to peak ripple voltage 2 2 p f ac c 3 + esr 2   d v o(pp) = i o 1 the bandwidth is typically set to 20 hz. when operating at high ac line, the value of c 1 may need to be increased. (see figure 25) error amplifier bandwidth bw = gm 2 p c 1 the following converter characteristics must be chosen: v o i o vac vac (ll) e desired output voltage e ac rms line voltage e desired output current e converter output peaktopeak ripple voltage e ac rms low line voltage d v o
mc34262 MC33262 10 motorola analog ic device data 0.01 c 2 multiplier 7.5k r 3 11k r 1 3 1 + + 220 c 3 100 c 4 13v/ 8.0v mtp 8n50e q 1 2.2m r 5 figure 19. 80 w power factor controller + + + rfi filter c 5 d 4 d 3 d 2 d 1 6.7v zero current detector v o t uvlo current sense comparator rs latch 1.2v 1.6v/ 1.4v 36v 2.5v reference 16v 10 drive output 10 timer delay 92 to 138 vac 1 22k r 4 100k r 6 1n4934 d 6 1.0m r 2 0.1 r 7 4 7 8 5 6 2 mur130 d 5 r 230v/0.35a 0.68 c 1 1.5v error amp overvoltage comparator + 1.08 v ref + v ref quickstart 10 m a 10pf 20k power factor controller test data ac line input dc output current harmonic distortion (% i fund ) v rms p in pf i fund thd 2357v o(pp) v o i o p o h (%) 90 85.9 0.999 0.93 2.6 0.08 1.6 0.84 0.95 4.0 230.7 0.350 80.8 94.0 100 85.3 0.999 0.85 2.3 0.13 1.0 1.2 0.73 4.0 230.7 0.350 80.8 94.7 110 85.1 0.998 0.77 2.2 0.10 0.58 1.5 0.59 4.0 230.7 0.350 80.8 94.9 120 84.7 0.998 0.71 3.0 0.09 0.73 1.9 0.58 4.1 230.7 0.350 80.8 95.3 130 84.4 0.997 0.65 3.9 0.12 1.7 2.2 0.61 4.1 230.7 0.350 80.8 95.7 138 84.1 0.996 0.62 4.6 0.16 2.4 2.3 0.60 4.1 230.7 0.350 80.8 96.0 = coilcraft n2881a primary: 62 turns of # 22 awg secondary: 5 turns of # 22 awg core: coilcraft pt2510, ee 25 gap: 0.072 total for a primary inductance (l p ) of 320 m h = aavid engineering inc. 590302b03600, or 593002b03400 t heatsink this data was taken with the test setup shown in figure 24.
mc34262 MC33262 11 motorola analog ic device data 2 0.68 c 1 1.5v error amp overvoltage comparator + 1.08 v ref + quickstart 10 m a 10pf 20k + + 1.6v/ 1.4v timer r 330 c 3 100 c 4 13v/ 8.0v mtp 14n50e q 1 1.3m r 5 figure 20. 175 w universal input power factor controller + + + rfi filter c 5 d 4 d 3 d 2 d 1 0.01 c 2 6.7v zero current detector v o t uvlo current sense comparator rs latch 1.2v 36v 2.5v reference 16v 10 drive output 10 multiplier delay 90 to 268 vac 1 12k r 3 22k r 4 100k r 6 1n4934 d 6 10k r 1 1.6m r 2 0.1 r 7 4 7 8 5 3 1 mur460 d 5 400v/0.44a 6 v ref power factor controller test data ac line input dc output current harmonic distortion (% i fund ) v rms p in pf i fund thd 2357v o(pp) v o i o p o h (%) 90 193.3 0.991 2.15 2.8 0.18 2.6 0.55 1.0 3.3 402.1 0.44 176.9 91.5 120 190.1 0.998 1.59 1.6 0.10 1.4 0.23 0.72 3.3 402.1 0.44 176.9 93.1 138 188.2 0.999 1.36 1.2 0.12 1.3 0.65 0.80 3.3 402.1 0.44 176.9 94.0 180 184.9 0.998 1.03 2.0 0.10 0.49 1.2 0.82 3.4 402.1 0.44 176.9 95.7 240 182.0 0.993 0.76 4.4 0.09 1.6 2.3 0.51 3.4 402.1 0.44 176.9 97.2 268 180.9 0.989 0.69 5.9 0.10 2.3 2.9 0.46 3.4 402.1 0.44 176.9 97.8 = coilcraft n2880a primary: 78 turns of # 16 awg secondary: 6 turns of # 18 awg core: coilcraft pt4215, ee 4215 gap: 0.104 total for a primary inductance (l p ) of 870 m h = aavid engineering inc. 590302b03600 t heatsink this data was taken with the test setup shown in figure 24.
mc34262 MC33262 12 motorola analog ic device data 2 0.68 c 1 1.5v error amp overvoltage comparator + 1.08 v ref + quickstart 10 m a 10pf 20k + + 1.6v/ 1.4v timer r 330 c 3 100 c 4 13v/ 8.0v mtw 20n50e q 1 1.3m r 5 figure 21. 450 w universal input power factor controller + + + rfi filter c 5 d 4 d 3 d 2 d 1 0.01 c 2 6.7v zero current detector v o t uvlo current sense comparator rs latch 1.2v 36v 2.5v reference 16v 10 drive output 10 multiplier delay 90 to 268 vac 2 12k r 3 22k r 4 100k r 6 1n4934 d 6 10k r 1 1.6m r 2 0.05 r 7 4 7 8 5 3 1 mur460 d 5 400v/1.125a 6 0.001 330 v ref power factor controller test data ac line input dc output current harmonic distortion (% i fund ) v rms p in pf i fund thd 2357v o(pp) v o i o p o h (%) 90 489.5 0.990 5.53 2.2 0.10 1.5 0.25 0.83 8.8 395.5 1.14 450.9 92.1 120 475.1 0.998 3.94 2.5 0.12 0.29 0.62 0.52 8.8 395.5 1.14 450.9 94.9 138 470.6 0.998 3.38 2.1 0.06 0.70 1.1 0.41 8.8 395.5 1.14 450.9 95.8 180 463.4 0.998 2.57 4.1 0.21 2.0 1.6 0.71 8.9 395.5 1.14 450.9 97.3 240 460.1 0.996 1.91 4.8 0.14 4.3 2.2 0.63 8.9 395.5 1.14 450.9 98.0 268 459.1 0.995 1.72 5.8 0.10 5.0 2.5 0.61 8.9 395.5 1.14 450.9 98.2 = coilcraft p3657a primary: 38 turns litz wire, 1300 strands of #48 awg, kerriganlewis, chicago, il secondary: 3 turns of # 20 awg core: coilcraft pt4220, ee 4220 gap: 0.180 total for a primary inductance (l p ) of 190 m h = aavid engineering inc. 604953b04000 extrusion t heatsink this data was taken with the test setup shown in figure 24.
mc34262 MC33262 13 motorola analog ic device data figure 22. power factor corrected input waveforms (figure 20 circuit) figure 23. output voltage startup overshoot (figure 20 circuit) input = 115 vac, output = 175 w input = 230 vac, output = 175 w 2.0 ms/div 2.0 ms/div voltage = 100 v/div current = 1.0 a/div voltage = 100 v/div current = 1.0 a/div without overvoltage comparator 200 ms/div 200 ms/div 500 v 400 v 0 v 432 v 400 v 0 v 80 v/div 80 v/div 26% 8% with overvoltage comparator figure 24. power factor test setup 0.005 1.0 0.005 harm freq 11 lo 0.1 o i t 0 to 270 vac output to power factor controller circuit earth line neutral 115 vac input rfi test filter autoformer 2x stepup isolation transformer lo hi hi v a ainst acf vcf arms vrms pf va w 13 9 7 5 3 2 1 0 voltech ac power analyzer pm 1000 an rfi filter is required for best performance when connecting the preconverter directly to the ac line. the filter attenuates the level of high frequency switching that appears on the ac line current waveform. figures 19 and 20 work well with commercially available two stage filters such as the delta electronics 03dpcg5. shown above is a single stage test filter that can easily be constructed with four ac line rated capacitors and a commonmode transformer. coilcraft cmt3282 was used to test figures 19 and 20. it has a minimum inductance of 28 mh and a maximum current rating of 2.0 a. coilcraft cmt4179 was used to test figure 21. it has a minimum inductance of 17 mh and a maximum current rating of 9.0 a. circuit conversion efficiency h (%) was calculated without the power loss of the rfi filter.
mc34262 MC33262 14 motorola analog ic device data figure 25. error amp compensation 2 c 1 error amp + 10 m a r 1 1 6 r 2 the error amp output is a high impedance node and is susceptible to noise pickup. to minimize pickup, compensation capacitor c 1 must be connected as close to pin 2 as possible with a short, heavy ground returning directly to pin 6. when operating at high ac line, the voltage at pin 2 may approach the lower threshold of the multiplier, 2.0 v. if there is excessive ripple on pin 2, the multiplier will be driven into cutoff causing circuit instability, high distortion and poor power factor. this problem can be eliminated by increasing the value of c 1 . figure 26. current waveform spike suppression 10pf 22k current sense comparator r 7 4 7 c r a narrow turnon spike is usually present on the leading edge of the current waveform and can cause circuit instability. the mc34262 provides an internal rc filter with a time constant of 220 ns. an additional external rc filter may be required in universal input applications that are above 200 w. it is suggested that the external filter be placed directly at the current sense input and have a time constant that approximates the spike duration. figure 27. negative current waveform spike suppression 10pf 22k current sense comparator r 7 4 7 d 1 a negative turnoff spike can be observed on the trailing edge of the current waveform. this spike is due to the parasitic inductance of resistor r 7 , and if it is excessive, it can cause circuit instability. the addition of shottky diode d 1 can effectively clamp the negative spike. the addition of the external rc filter shown in figure 26 may provide sufficient spike attenuation.
mc34262 MC33262 15 motorola analog ic device data (top view) figure 28. printed circuit board and component layout (circuits of figures 15 and 16) 4.5 3.0 (bottom view) note: use 2 oz. copper laminate for optimum circuit performance.
mc34262 MC33262 16 motorola analog ic device data outline dimensions p suffix plastic package case 62605 issue k d suffix plastic package case 75105 (so8) issue n notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m 10 10 n 0.76 1.01 0.030 0.040  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. seating plane 14 5 8 c k 4x p a 0.25 (0.010) m tb ss 0.25 (0.010) m b m 8x d r m j x 45   f a b t dim min max min max inches millimeters a 4.80 5.00 0.189 0.196 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019    g motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 mc34262/d   ?


▲Up To Search▲   

 
Price & Availability of MC33262

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X