Part Number Hot Search : 
NM24W16 HA1315 LS266P H5TQ1 2SJ105 WA151C LTM46 74C32N
Product Description
Full Text Search
 

To Download IPD05N03LBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type ipd05n03lb g ips05n03lb g opti mos ? 2 power-transistor package marking ? qualified according to jedec 1) for target applications ? n-channel, logic level ? excellent gate charge x r ds(on) product (fom) ? superior thermal resistance ? 175 c operating temperature ? pb-free lead plating; rohs compliant maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c 2) 90 a t c =100 c 74 pulsed drain current i d,pulse t c =25 c 3) 420 avalanche energy, single pulse e as i d =90 a, r gs =25 ? 120 mj reverse diode d v /d t d v /d t i d =90 a, v ds =20 v, d i /d t =200 a/s, t j,max =175 c 6 kv/s gate source voltage 4) v gs 20 v power dissipation p tot t c =25 c 94 w operating and storage temperature t j , t stg -55 ... 175 c iec climatic category; din iec 68-1 55/175/56 value v ds 30 v r ds(on),max 4.8 m ? i d 90 a product summary type ipd05n03lb g ips05n03lb g package pg-to252-3-11 pg-to251-3-11 marking 05n03lb 05n03lb rev. 1.6 page 1 2006-05-11
ipd05n03lb g ips05n03lb g parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 1.6 k/w smd version, device on pcb r thja minimal footprint - - 75 6 cm 2 cooling area 5) --50 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =1 ma 30 - - v gate threshold voltage v gs(th) v ds = v gs , i d =40 a 1.2 1.6 2 zero gate voltage drain current i dss v ds =30 v, v gs =0 v, t j =25 c - 0.1 1 a v ds =30 v, v gs =0 v, t j =125 c - 10 100 gate-source leakage current i gss v gs =20 v, v ds =0 v - 10 100 na drain-source on-state resistance r ds(on) v gs =4.5 v, i d =50 a - 6.0 7.7 m ? v gs =4.5 v, i d =50 a, smd version - 5.8 7.5 v gs =10 v, i d =60 a - 4.1 5.0 v gs =10 v, i d =60 a, smd version - 3.9 4.8 gate resistance r g -1- ? transconductance g fs | v ds |>2| i d | r ds(on)max , i d =60 a 48 96 - s 5) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. values 1) current is limited by bondwire; with an r thjc =1.6 k/w the chip is able to carry 104 a. 3) see figure 3 4) t j,max =150 c and duty cycle d <0.25 for v gs <-5 v 1) j-std20 and jesd22 rev. 1.6 page 2 2006-05-11
ipd05n03lb g ips05n03lb g parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2400 3200 pf output capacitance c oss - 860 1100 reverse transfer capacitance c rss - 110 160 t d(on) - 9 14 ns rise time t r -710 turn-off delay time t d(off) -2842 fall time t f - 4.6 7 gate char g e characteristics 6) gate to source charge q gs - 8 11 nc gate charge at threshold q g(th) - 3.9 5.1 gate to drain charge q gd - 5.1 8 switching charge q sw -913 gate charge total q g -1925 gate plateau voltage v plateau - 3.3 - v gate charge total, sync. fet q g(sync) v ds =0.1 v, v gs =0 to 5 v -1622nc output charge q oss v dd =15 v, v gs =0 v -1926 reverse diode diode continous forward current i s - - 78 a diode pulse current i s,pulse - - 420 diode forward voltage v sd v gs =0 v, i f =78.125 a, t j =25 c - 0.93 1.2 v reverse recovery charge q rr v r =15 v, i f = i s , d i f /d t =400 a/s - - 15 nc 6) see figure 16 for gate charge parameter definition t c =25 c values v gs =0 v, v ds =15 v, f =1 mhz v dd =15 v, v gs =10 v, i d =45 a, r g =2.7 ? v dd =15 v, i d =45 a, v gs =0 to 5 v rev. 1.6 page 3 2006-05-11
ipd05n03lb g ips05n03lb g 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 10 ms dc 1 10 100 1000 0.1 1 10 100 v ds [v] i d [a] limited by on-state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 0.001 0.01 0.1 1 10 0000001 t p [s] z thjc [k/w] 0 20 40 60 80 100 120 0 50 100 150 200 t c [c] p tot [w] 0 20 40 60 80 100 0 50 100 150 200 t c [c] i d [a] rev. 1.6 page 4 2006-05-11
ipd05n03lb g ips05n03lb g 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 3.2 v 3.5 v 3.8 v 4.1 v 4.5 v 10 v 0 2 4 6 8 10 12 0 20406080100 i d [a] r ds(on) [m ? ] 25 c 175 c 0 20 40 60 80 100 012345 v gs [v] i d [a] 0 10 20 30 40 50 60 70 80 90 100 0 102030405060 i d [a] g fs [s] 2.8 v 3 v 3.2 v 3.5 v 3.8 v 4.1 v 4.5 v 10 v 0 20 40 60 80 100 120 140 160 180 200 0123 v ds [v] i d [a] rev. 1.6 page 5 2006-05-11
ipd05n03lb g ips05n03lb g 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =60 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds parameter: i d 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ 98 % 0 1 2 3 4 5 6 7 8 9 10 -60 -20 20 60 100 140 180 t j [c] r ds(on) [m ? ] 40 a 400 a 0 0.5 1 1.5 2 2.5 -60 -20 20 60 100 140 180 t j [c] v gs(th) [v] ciss coss crss 10 100 1000 10000 0 5 10 15 20 25 30 v ds [v] c [pf] 25 c 175 c 25 c, 98% 175 c, 98% 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 v sd [v] i f [a] rev. 1.6 page 6 2006-05-11
ipd05n03lb g ips05n03lb g 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 ? v gs =f( q gate ); i d =45 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 6 v 15 v 24 v 0 2 4 6 8 10 12 02040 q gate [nc] v gs [v] 20 22 24 26 28 30 32 34 36 38 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] v gs q gate v gs(th) q g(th) q gs q gd q sw q g 25 c 100 c 150 c 1 10 100 1 10 100 1000 t av [s] i av [a] rev. 1.6 page 7 2006-05-11
ipd05n03lb g ips05n03lb g package outline pg-to252-3-11 pg-to252-3-11: outline footprint: packaging: rev. 1.6 page 8 2006-05-11
ipd05n03lb g ips05n03lb g package outline pg-to251-3-11 pg-to251-3-11: outline pg-to251-3-21: outline rev. 1.6 page 9 2006-05-11
ipd05n03lb g ips05n03lb g published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2006. all rights reserved. attention please! the information given in this data sheet shall in no event be r egarded as a guarantee of conditions or characteristics (beschaffenheitsgarantie). with respect to an y examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, i ncluding without limitation warranties of non-infringement of intellectual property rights of any third p arty. information for further information on technology, delivery terms and condi tions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies offi ce. infineon technologies components may only be used in life-suppo rt devices or systems with the express written approval of infineon technologies, if a failure of such compone nts can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human bo dy, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to as sume that the health of the user or other persons may be endangered. rev. 1.6 page 10 2006-05-11


▲Up To Search▲   

 
Price & Availability of IPD05N03LBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X