Part Number Hot Search : 
PMBFJ111 TEVAL BFXXX TCR2EF23 9KXXX 56F80 100CP2 NX8562LB
Product Description
Full Text Search
 

To Download IDT71V3576YS133BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2003 dsc-5279/03 1 ?2003 integrated device technology, inc. features u u u u u 128k x 36, 256k x 18 memory configurations u u u u u supports high system speed: commercial and industrial: C 150mhz 3.8ns clock access time C 133mhz 4.2ns clock access time u u u u u lbo input selects interleaved or linear burst mode u u u u u self-timed write cycle with global write control ( gw ), byte write enable ( bwe ), and byte writes ( bw x) u u u u u 3.3v core power supply u u u u u power down controlled by zz input u u u u u 3.3v i/o u u u u u optional - boundary scan jtag interface (ieee 1149.1 compliant) u u u u u packaged in a jedec standard 100-pin plastic thin quad flatpack (tqfp), 119 ball grid array (bga) and 165 fine pitch ball grid array (fbga) description the idt71v3576/78 are high-speed srams organized as 128k x 36/256k x 18. the idt71v3576/78 srams contain write, data, address and control registers. internal logic allows the sram to generate a self-timed write based upon a decision which can be left until the end of the write cycle. the burst mode feature offers the highest level of performance to the system designer, as the idt71v3576/78 can provide four cycles of data for a single address presented to the sram. an internal burst address counter accepts the first cycle address from the processor, initiating the access sequence. the first cycle of output data will be pipelined for one cycle before it is available on the next rising clock edge. if burst mode operation is selected ( adv =low), the subsequent three cycles of output data will be available to the user on the next three rising clock edges. the order of these three addresses are defined by the internal burst counter and the lbo input pin. the idt71v3576/78 srams utilize idts latest high-performance cmos process and are packaged in a jedec standard 14mm x 20mm 100-pin thin plastic quad flatpack (tqfp) as well as a 119 ball grid array (bga) and a 165 fine pitch ball grid array (fbga). pin description summary note: 1. bw 3 and bw 4 are not applicable for the idt71v3578. a 0 -a 17 address inputs input synchronous ce chip enable input synchronous cs 0 , cs 1 chip selects input synchronous oe output enable input asynchronous gw global write enable input synchronous bwe byte write enable input synchronous bw 1 , bw 2 , bw 3 , bw 4 (1) individual byte write selects input synchronous clk clock input n/a ad v burst address advance input synchronous adsc address status (cache controller) input synchronous adsp address status (processor) input synchronous lbo linear / interleaved burst order input dc tms test mode select input synchronous tdi test data input input synchronous tck test clock input n/a tdo test data output output synchronous trst jtag reset (optional) input asynchronous zz sleep mode input asynchronous i/o 0 -i/o 31 , i/o p1 -i/o p4 data input / output i/o synchronous v dd , v ddq core power, i/o power supply n/a v ss ground supply n/a 5279 tbl 01 128k x 36, 256k x 18 3.3v synchronous srams 3.3v i/o, pipelined outputs burst counter, single cycle deselect idt71v3576s idt71v3578s idt71v3576sa idt71v3578sa
6.42 2 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges pin definitions (1) note: 1. all synchronous inputs must meet specified setup and hold times with respect to clk. symbol pin function i/o active description a 0 -a 17 address inputs i n/a synchronous address inputs. the address register is triggered by a combination of the rising edge of clk and adsc low or adsp low and ce low. adsc address status (cache controller) i low synchronous address status from cache controller. adsc is an active low input that is used to load the address registers with new addresses. adsp address status (processor) i low synchronous address status from processor. adsp is an active low input that is used to load the address registers with new addresses. adsp is gated by ce . adv burst address advance i low synchronous address advance. adv is an active low input that is use d to advance the internal burst counter, controlling burst access after the initial address is loa ded. when the input is high the burst counter is not incremented; that is, there is no address advance. bwe byte write enable i low synchronous byte write enable gates the byte write inputs bw 1 - bw 4 . if bwe is low at the rising edge of clk then bw x inputs are passed to the next stage in the circuit. if bwe is high then the byte write inputs are blocked and only gw can initiate a write cycle. bw 1 - bw 4 individual byte write enables i low synchronous byte write enables. bw 1 controls i/o 0-7 , i/o p1 , bw 2 controls i/o 8-15 , i/o p2 , etc. any active byte write causes all outputs to be disabled. ce chip enable i low synchronous chip enable. ce is used with cs 0 and cs 1 to enable the idt71v3576/78. ce also gates adsp . clk clock i n/a this is the clock input. all timing references for the device are made with respect to this input. cs 0 chip select 0 i high synchronous active high chip select. cs 0 is used with ce and cs 1 to enable the chip. cs 1 chip select 1 i low synchro nous active low chip select. cs 1 is used with ce and cs 0 to enable the chip. gw global write enable i low synchronous global write enable. this input will write all four 9-bit data bytes when low on the rising edge of clk. gw supersedes individual byte write enables. i/o 0 -i/o 31 i/o p1 -i/o p4 data input/output i/o n/a synchronous data input/output (i/o) pins. both the data input path and data output path are registered and triggered by the rising edge of clk. lbo linear burst order i low asynchronous burst order selection input. when lbo is high, the interleaved burst sequence is selected. when lbo is low the linear burst sequence is selected. lbo is a static input and must not change state while the device is operating. oe output enable i low asynchronous output enable. when oe is low the data output drivers are enabled on the i/o pins if the chip is also selected. when oe is high the i/o pins are in a high-impedance state. tms test modeselect i n/a gives input command for tap controller. sampled on rising edge of tdk. this pin has an internal pullup. tdi test data input i n/a serial input of registers placed between tdi and tdo. sampled on rising edge of tck. this pin has an internal pullup. tck test clock i n/a clock input of tap controller. each tap event is clocked. test inputs are captured on rising edge of tck, while test outputs are driven from the falling edge of tck. this pin has an internal pullup. tdo test dataoutput o n/a serial output of registers placed between tdi and tdo. this output is active depending on the state of the tap controller. trst jtag reset (optional) i low optional asynchronous jtag reset. can be used to reset the tap controller, but not required. jtag reset occurs automatically at power up and also resets using tms and tck per ieee 1149.1. if not used trst can be left floating. this pin has an internal pullup. only available in bga package. zz sleep mode i high asynchronous sleep mode input. zz high will gate the clk internally and power down the idt71v3576/78 to its lowest power c onsumption level. data retention is guaranteed in sleep mode.this pin has an internal pull down. v dd power supply n/a n/a 3.3v core power supply. v ddq power supply n/a n/a 3.3v i/o supply. v ss ground n/a n/a ground. nc no connect n/a n/a nc pins are not electrically connected to the device. 5 279 tbl 02
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 3 functional block diagram a 0- a 16/17 address register clr a1* a0* 17/18 2 17/18 a 2 Ca 17 128k x 36/ 256k x 18- bit memory array internal address a 0 ,a 1 bw 4 bw 3 bw 2 bw 1 byte 1 write register 36/18 36/18 adsp adv clk adsc cs 0 cs 1 byte 1 write driver byte 2 write driver byte 3 write driver byte 4 write driver byte 2 write register byte 3 write register byte 4 write register 9 9 9 9 gw ce bwe lbo i/o 0 i/o 31 i/o p1 i/o p4 oe data input register 36/18 output buffer output register d q dq enable register enable delay register oe burst sequence cen clk en clk en q1 q0 2 burst logic binary counter 5279 drw 01 zz powerdown , jtag (sa version) tms tdi tck trst (optional) tdo
6.42 4 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 100 pin tqfp capacitance (t a = +25c, f = 1.0mhz) recommended operating temperature and supply voltage absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v dd terminals only. 3. v ddq terminals only. 4. input terminals only. 5. i/o terminals only. 6. this is a steady-state dc parameter that applies after the power supplies have ramped up. power supply sequencing is not necessary; however, the voltage on any input or i/o pin cannot exceed v ddq during power supply ramp up. 7. t a is the "instant on" case temperature. recommended dc operating conditions notes: 1. v ih (max) = v ddq + 1.0v for pulse width less than t cyc/2 , once per cycle. 2. v il (min) = -1.0v for pulse width less than t cyc/2 , once per cycle. note: 1. this parameter is guaranteed by device characterization, but not production tested. symbol rating commercial & industrial unit v te rm (2 ) terminal voltage with respect to gnd -0.5 to +4.6 v v te rm (3,6) terminal voltage with respect to gnd -0.5 to v dd v v te rm (4,6) terminal voltage with respect to gnd -0.5 to v dd +0.5 v v te rm (5,6) terminal voltage with respect to gnd -0.5 to v ddq +0.5 v t a (7) commercial operating temperature -0 to +70 o c industrial operating temperature -40 to +85 o c t bias temperature under bias -55 to +125 o c t stg storage temperature -55 to +125 o c p t power dissipation 2.0 w i out dc output current 50 ma 5 279 tb l 03 grade temperature (1) v ss v dd v ddq commercial 0c to +70c 0v 3.3v 5% 3.3v 5% industrial -40c to +85c 0v 3.3v5% 3.3v5% 52 79 tb l 04 symbol parameter min. typ. max. unit v dd core supply voltage 3.135 3.3 3.465 v v ddq i/o supply voltage 3.135 3.3 3.465 v v ss supply voltage 0 0 0 v v ih input high voltage - inputs 2.0 ____ v dd +0.3 v v ih input high voltage - i/o 2.0 ____ v ddq +0.3 (1 ) v v il input low voltage -0.3 (2 ) ____ 0.8 v 5279 tbl 06 symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv 5 pf c i/o i/o capacitance v out = 3dv 7 pf 5279 tbl 07 119 bga capacitance (t a = +25c, f = 1.0mhz) symbol parameter (1 ) conditions max. unit c in input capacitance v in = 3dv 7 pf c i/o i/o capacitance v out = 3dv 7 pf 5279 tbl 07a notes: 1. t a is the "instant on" case temperature. 165 fbga capacitance (t a = +25c, f = 1.0mhz) symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv 7 pf c i/o i/o capacitance v out = 3dv 7 pf 5279 tb l 07b
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 5 pin configuration ? 128k x 36 tqfp top view notes: 1. pin 14 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. pin 64 can be left unconnected and the device will always remain in active mode. 10099989796959493929190 87868584838281 89 88 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 a 6 a 7 c e c s 0 b w 4 b w 3 b w 2 b w 1 c s 1 v d d v s s c lk g w b w e o e a d s c a d s p a d v a 8 a 9 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 n c n c n c n c lb o a 14 a 13 a 12 a 11 a 10 v d d v s s a 0 a 1 a 2 a 3 a 4 a 5 i/o 31 i/o 30 v ddq v ss i/o 29 i/o 28 i/o 27 i/o 26 v ss v ddq i/o 25 i/o 24 v ss v dd i/o 23 i/o 22 v ddq v ss i/o 21 i/o 20 i/o 19 i/o 18 v ss v ddq i/o 17 i/o 16 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 i/o 14 v ddq v ss i/o 13 i/o 12 i/o 11 i/o 10 v ss v ddq i/o 9 i/o 8 v ss v dd i/o 7 i/o 6 v ddq v ss i/o 5 i/o 4 i/o 3 i/o 2 v ss v ddq i/o 1 i/o 0 5279 drw 02 v dd /nc (1) i/o 15 i/o p3 nc i/o p4 a 15 a 16 i/o p1 nc i/o p2 zz (2) ,
6.42 6 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges pin configuration ? 256k x 18 10099989796959493929190 87868584838281 89 88 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 a 6 a 7 c e c s 0 n c n c b w 2 b w 1 c s 1 v d d v s s c lk g w b w e o e a d s c a d s p a d v a 8 a 9 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 n c n c n c n c lb o a 15 a 14 a 13 a 12 a 11 v d d v s s a 0 a 1 a 2 a 3 a 4 a 5 nc nc v ddq v ss nc i/o p2 i/o 15 i/o 14 v ss v ddq i/o 13 i/o 12 v ss v dd i/o 11 i/o 10 v ddq v ss i/o 9 i/o 8 nc nc v ss v ddq nc nc 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 nc v ddq v ss nc i/o p1 i/o 7 i/o 6 v ss v ddq i/o 5 i/o 4 v ss v dd i/o 3 i/o 2 v ddq v ss i/o 1 i/o 0 nc nc v ss v ddq nc nc 5279 drw 03 v dd /nc (1) nc nc nc nc a 16 a 17 nc nc a 10 zz (2) , tqfp top view notes: 1. pin 14 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. pin 64 can be left unconnected and the device will always remain in active mode.
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 7 pin configuration ? 256k x 18, 119 bga pin configuration ? 128k x 36, 119 bga top view top view notes: 1. r5 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. these pins are nc for the "s" version or the jtag signal listed for the "sa" version. note: if nc, these pins can either be t ied to v ss , v dd or left floating. 3. trst is offered as an optional jtag reset if required in the application. if not needed, can be left floating and will internally b e pulled to v dd . 4. t7 can be left unconnected and the device will always remain in active mode. 1234567 a v ddq a 6 a 4 adsp a 8 a 16 v ddq b nc cs 0 a 3 adsc a 9 cs 1 nc c a 7 a 2 v dd a 12 a 15 nc d i/o 16 i/o p3 v ss nc v ss i/o p2 i/o 15 e i/o 17 i/o 18 v ss ce v ss i/o 13 i/o 14 f v ddq i/o 19 v ss oe v ss i/o 12 v ddq g i/o 20 i/o 21 bw 3 adv bw 2 i/o 11 i/o 10 h i/o 22 i/o 23 v ss gw v ss i/o 9 i/o 8 j v ddq v dd nc v dd nc v dd v ddq k i/o 24 i/o 26 v ss clk v ss i/o 6 i/o 7 l i/o 25 i/o 27 bw 4 nc bw 1 i/o 4 i/o 5 m v ddq i/o 28 v ss bwe v ss i/o 3 v ddq n i/o 29 i/o 30 v ss a 1 v ss i/o 2 i/o 1 p i/o 31 i/o p4 v ss a 0 v ss i/o 0 i/o p1 r nc a 5 lbo v dd a 13 t nc nc a 10 a 11 a 14 nc nc u v ddq nc/tms (2) nc/tdi (2) nc/tck (2) nc/tdo (2) nc/ trst (2,3) v ddq 5279 drw 04 v dd /nc (1) nc , zz (4) 1234567 a v ddq a 6 a 4 adsp a 8 a 16 v ddq b nc cs 0 a 3 adsc a 9 cs 1 nc c a 7 a 2 v dd a 13 a 17 nc d i/o 8 nc v ss nc v ss i/o 7 nc e nc i/o 9 v ss ce v ss nc i/o 6 f v ddq nc v ss oe v ss i/o 5 v ddq g nc i/o 10 bw 2 adv nc i/o 4 h i/o 11 nc v ss gw v ss i/o 3 nc j v ddq v dd nc v dd nc v dd v ddq k nc i/o 12 v ss clk v ss nc i/o 2 l i/o 13 nc nc bw 1 i/o 1 nc m v ddq i/o 14 v ss bwe v ss nc v ddq n i/o 15 nc v ss a 1 v ss i/o 0 nc p nc i/o p2 v ss a 0 v ss nc i/o p1 r nc a 5 lbo v dd a 12 t nc a 10 a 15 nc a 14 a 11 nc u v ddq v ddq 5279 drw 05 nc v dd /nc (1) v ss v ss , zz (4) nc/tms (2) nc/tdi (2) nc/tck (2) nc/tdo (2) nc/ trst (2,3)
6.42 8 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges pin configuration ? 256k x 18, 165 fbga pin configuration ? 128k x 36, 165 fbga notes: 1. h1 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. pins p11, n6, b11, a1, r2 and p2 are reserved for 9m, 18m, 36m, 72m, 144m and 288m respectively. 3. these pins are nc for the "s" version or the jtag signal listed for the "sa" version. note: if nc, these pins can either be t ied to v ss , v dd or left floating. 4. trst is offered as an optional jtag reset if required in the application. if not needed, can be left floating and will internally b e pulled to v dd . 5. h11 can be left unconnected and the device will always remain in active mode. 1234567891011 anc (2) a 7 ce 1 bw 3 bw 2 cs 1 bwe adsc adv a 8 nc bnc a 6 cs 0 bw 4 bw 1 clk gw oe adsp a 9 nc (2) ci/o p3 nc v ddq v ss v ss v ss v ss v ss v ddq nc i/o p2 di/o 17 i/o 16 v ddq v dd v ss v ss v ss v dd v ddq i/o 15 i/o 14 ei/o 19 i/o 18 v ddq v dd v ss v ss v ss v dd v ddq i/o 13 i/o 12 fi/o 21 i/o 20 v ddq v dd v ss v ss v ss v dd v ddq i/o 11 i/o 10 gi/o 23 i/o 22 v ddq v dd v ss v ss v ss v dd v ddq i/o 9 i/o 8 hv dd (1) nc nc v dd v ss v ss v ss v dd nc nc zz (5) ji/o 25 i/o 24 v ddq v dd v ss v ss v ss v dd v ddq i/o 7 i/o 6 ki/o 27 i/o 26 v ddq v dd v ss v ss v ss v dd v ddq i/o 5 i/o 4 li/o 29 i/o 28 v ddq v dd v ss v ss v ss v dd v ddq i/o 3 i/o 2 mi/o 31 i/o 30 v ddq v dd v ss v ss v ss v dd v ddq i/o 1 i/o 0 ni/o p4 nc v ddq v ss nc/ trst (3, 4) nc (2) nc v ss v ddq nc i/o p1 pncnc (2) a 5 a 2 nc/tdi (3) a 1 nc/tdo (3) a 10 a 13 a 14 nc (2) r lbo nc (2) a 4 a 3 nc/tms (3) a 0 nc/tck (3) a 11 a 12 a 15 a 16 5279 tbl 17 1234 5 67891011 anc (2) a 7 ce 1 bw 2 nc cs 1 bwe adsc adv a 8 a 10 bnc a 6 cs 0 nc bw 1 clk gw oe adsp a 9 nc (2) cnc ncv ddq v ss v ss v ss v ss v ss v ddq nc i/o p1 dnc i/o 8 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 7 enc i/o 9 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 6 fnc i/o 10 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 5 gnc i/o 11 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 4 hv dd (1) nc nc v dd v ss v ss v ss v dd nc nc zz (5) ji/o 12 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 3 nc ki/o 13 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 2 nc li/o 14 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 1 nc mi/o 15 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 0 nc ni/o p2 nc v ddq v ss nc/ trst (3, 4) nc (2) nc v ss v ddq nc nc pnc nc (2) a 5 a 2 nc/tdi (3) a 1 nc/tdo (3) a 11 a 14 a 15 nc (2) r lbo nc (2) a 4 a 3 nc/tms (3) a 0 nc/tck (3) a 12 a 13 a 16 a 17 5279 tbl 17a
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 9 dc electrical characteristics over the operating temperature and supply voltage range (1) dc electrical characteristics over the operating temperature and supply voltage range (v dd = 3.3v 5%) figure 2. lumped capacitive load, typical derating figure 1. ac test load ac test load ac test conditions (v ddq = 3.3v) note: 1. the lbo, tms, tdi, tck and trst pins will be internally pulled to v dd and the zz pin will be internally pulled to v ss if they are not actively driven in the application. notes: 1. all values are maximum guaranteed values. 2. at f = f max, inputs are cycling at the maximum frequency of read cycles of 1/t cyc while adsc = low; f=0 means no input lines are changing. 3. for i/os v hd = v ddq - 0.2v, v ld = 0.2v. for other inputs v hd = v dd - 0.2v, v ld = 0.2v. v ddq /2 50 w i/o z 0 =50 w 5279 drw 06 , 1 2 3 4 20 30 50 100 200 d tcd (typical, ns) capacitance (pf) 80 5 6 5279 drw 07 , symbol parameter test conditions min. max. unit |i li | input leakage current v dd = max., v in = 0v to v dd ___ 5a |i lzz | zz, lbo and jtag input leakage current (1) v dd = max., v in = 0v to v dd ___ 30 a |i lo | output leakage current v out = 0v to v ddq , device deselected ___ 5a v ol output low voltage i ol = +8ma, v dd = min. ___ 0.4 v v oh output high voltage i oh = -8ma, v dd = min. 2.4 ___ v 5279 tbl 08 symbol parameter test conditions 150mhz 133mhz unit com'l ind com'l ind i dd operating power supply current device selected, outputs open, v dd = max., v ddq = max., v in > v ih or < v il , f = f max (2) 295 305 250 260 ma i sb1 cmos standby power supply current device deselected, outputs open, v dd = max., v ddq = max., v in > v hd or < v ld , f = 0 (2,3) 30 35 30 35 ma i sb2 clock running power supply current device deselected, outputs open, v dd = max., v ddq = max., v in > v hd or < v ld , f = f max (2,3) 105 115 100 110 ma i zz full sleep mode supply current zz > v hd, v dd = max. 30 35 30 35 ma 5279 tbl 09 input pulse levels input rise/fall times input timing reference levels output timing reference levels ac test load 0 to 3v 2ns 1.5v 1.5v see figure 1 52 79 tb l 10
6.42 10 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges synchronous truth table (1,3) notes: 1. l = v il , h = v ih , x = dont care. 2. oe is an asynchronous input. 3. zz = low for this table. operation address used ce cs 0 cs 1 adsp adsc adv gw bwe bw x oe (2) clk i/o deselected cycle, power down nonehxx x l xxxxx -hi-z deselected cycle, power down nonelxh l x xxxxx -hi-z deselected cycle, power down nonellx l x xxxxx -hi-z deselected cycle, power down nonelxhx l xxxxx -hi-z deselected cycle, power down nonellx x l xxxxx -hi-z read cycle, begin burst externallhl l x xxxxl -d out read cycle, begin burst externallhl l x xxxxh-hi-z read cycle, begin burst external l h l h l x h h x l - d out read cycle, begin burst external l h l h l x h l h l - d out read cycle, begin burst external l h l h l x h l h h - hi-z write cycle, begin burst external l h l h l x h l l x - d in write cycle, begin burst external l h l h l x l x x x - d in read cycle, continue burst next x x x h h l h h x l - d out read cycle, continue burst next x x x h h l h h x h - hi-z read cycle, continue burst next x x x h h l h x h l - d out read cycle, continue burst next x x x h h l h x h h - hi-z read cycle, continue burst next h x x x h l h h x l - d out read cycle, continue burst next h x x x h l h h x h - hi-z read cycle, continue burst next h x x x h l h x h l - d out read cycle, continue burst next h x x x h l h x h h - hi-z write cycle, continue burst next x x x h h l h l l x - d in write cycle, continue burst next xxx h h llxxx -d in write cycle, continue burst next h x x x h l h l l x - d in write cycle, continue burst next h x x x h l l x x x - d in read cycle, suspend burst current x x x h h h h h x l - d out read cycle, suspend burst current x x x h h h h h x h - hi-z read cycle, suspend burst current x x x h h h h x h l - d out read cycle, suspend burst current x x x h h h h x h h - hi-z read cycle, suspend burst current h x x x h h h h x l - d out read cycle, suspend burst current h x x x h h h h x h - hi-z read cycle, suspend burst current h x x x h h h x h l - d out read cycle, suspend burst current h x x x h h h x h h - hi-z write cycle, suspend burst current x x x h h h h l l x - d in write cycle, suspend burst current x x x h h h l x x x - d in write cycle, suspend burst current h x x x h h h l l x - d in write cycle, suspend burst current h x x x h h l x x x - d in 5279 tbl 11
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 11 linear burst sequence table ( lbo =v ss ) synchronous write function truth table (1, 2) asynchronous truth table (1) interleaved burst sequence table ( lbo =v dd ) notes: 1. l = v il , h = v ih , x = dont care. 2. bw 3 and bw 4 are not applicable for the idt71v3578. 3. multiple bytes may be selected during the same cycle. notes: 1. l = v il , h = v ih , x = dont care. 2. synchronous function pins must be biased appropriately to satisfy operation requirements. note: 1. upon completion of the burst sequence the counter wraps around to its initial state. note: 1. upon completion of the burst sequence the counter wraps around to its initial state. operation gw bwe bw 1 bw 2 bw 3 bw 4 read hhxxxx read hl hhhh write all byteslxxxxx write all byteshlllll write byte 1 (3) hl l hhh write byte 2 (3) hlhlhh write byte 3 (3) hlhhlh write byte 4 (3) hl hhhl 5279 tbl 12 sequence 1 sequence 2 sequence 3 sequence 4 a1 a0 a1 a0 a1 a0 a1 a0 first address 0 0 0 1 1 0 1 1 second address 0 1 1 0 1 1 0 0 third address 1 0 1 1 0 0 0 1 fourth address (1) 11000110 5279 tbl 15 sequence 1 sequence 2 sequence 3 sequence 4 a1 a0 a1 a0 a1 a0 a1 a0 first address 0 0 0 1 1 0 1 1 second address 0 1 0 0 1 1 1 0 third address 1 0 1 1 0 0 0 1 fourth address (1) 11100100 5279 tbl 14 operation (2) oe zz i/o status power read l l data out active read h l high-z active write x l high-z C data in active deselected x l high-z standby sleep mode x h high-z sleep 5279 tbl 13
6.42 12 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges ac electrical characteristics (v dd = 3.3v 5%, commercial and industrial temperature ranges) notes: 1. measured as high above v ih and low below v il . 2. transition is measured 200mv from steady-state. 3. device must be deselected when powered-up from sleep mode. 4. t cfg is the minimum time required to configure the device based on the lbo input. lbo is a static input and must not change during normal operation. 150mhz 133mhz symbol parameter min. max. min. max. unit t cy c clock cycle time 6.7 ____ 7.5 ____ ns t ch (1) clock high pulse width 2.6 ____ 3 ____ ns t cl (1) clock low pulse width 2.6 ____ 3 ____ ns output parameters t cd clo ck high to valid data ____ 3.8 ____ 4.2 ns t cdc clock high to data change 1.5 ____ 1.5 ____ ns t cl z (2) clock high to output active 0 ____ 0 ____ ns t chz (2) cloc k high to data high-z 1.5 3.8 1.5 4.2 ns t oe output enable access time ____ 3.8 ____ 4.2 ns t ol z (2) output enable low to output active 0 ____ 0 ____ ns t ohz (2) output enable high to output high-z ____ 3.8 ____ 4.2 ns set up times t sa address setup time 1.5 ____ 1.5 ____ ns t ss address status setup time 1.5 ____ 1.5 ____ ns t sd data in setup time 1.5 ____ 1.5 ____ ns t sw write setup time 1.5 ____ 1.5 ____ ns t sav address advance setup time 1.5 ____ 1.5 ____ ns t sc chip enable/select setup time 1.5 ____ 1.5 ____ ns hold times t ha address hold time 0.5 ____ 0.5 ____ ns t hs address status hold time 0.5 ____ 0.5 ____ ns t hd data in hold time 0.5 ____ 0.5 ____ ns t hw write hold time 0.5 ____ 0.5 ____ ns t hav address advance hold time 0.5 ____ 0.5 ____ ns t hc chip enable/select hold time 0.5 ____ 0.5 ____ ns sleep mode and configuration parameters t zzp w zz pulse width 100 ____ 100 ____ ns t zzr (3) zz re co v e ry time 100 ____ 100 ____ ns t cfg (4) configuration set-up time 27 ____ 30 ____ ns 5279 tbl 16
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 13 notes: 1. o1 (ax) represents the first output from the external address ax. o1 (ay) represents the first output from the external addr ess ay; o2 (ay) represents the next output data in the burst sequence of the base address ay, etc. where a0 and a1 are advancing for the four word burst in the sequence defined by the state of the lbo input. 2. zz input is low and lbo is don't care for this cycle. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high. timing waveform of pipelined read cycle (1,2) t c h z t s a t s c t h s g w ,bw e, bw x t s w t c l t s a v t h w t h a v c lk a d s c (1) a d d r e s s t c y c t c h t h a t h c t o e t o h z o e t c d t o lz o 1(a x) d a ta o u t t c d c o 1(a y) o 3(a y) o 2(a y) o 2(a y) t c lz a d v c e ,c s 1 (n ote 3) p ipelined r ead b urst p ipelined r ead o utput d isabled a x a y t s s o 1(a y) (b urst w raps around to its initial state) o 4(a y) 5279 drw 08 a d s p a d v h ig h suspends burst ,
6.42 14 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges notes: 1. device is selected through entire cycle; ce and cs 1 are low, cs 0 is high. 2. zz input is low and lbo is don't care for this cycle. 3. o1 (ax) represents the first output from the external address ax. i1 (ay) represents the first input from the external addre ss ay; o1 (az) represents the first output from the external address az; o2 (az) represents the next output data in the burst sequence of the base address az, etc. where a0 and a1 are advancing for the four word burst i n the sequence defined by the state of the lbo input. timing waveform of combined pipelined read and write cycles (1,2,3) c lk a d s p a d d r e s s g w a d v o e d ata o u t t c y c t c h t c l t h a t s w t h w t c lz a x a y a z t h s i1(a y) t s d t h d t o lz t c d t c d c d a ta in (2) t o e o 1(a z) o 1(a z) s ingle r ead p ipelined b urst r ead p ipelined w rite o 1(a x) t o h z t s s t s a o 3(a z) o 2(a z) 5279 drw 09 t c d ,
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 15 notes: 1. zz input is low, bwe is high and lbo is don't care for this cycle. 2. o4 (aw) represents the final output data in the burst sequence of the base address aw. i1 (ax) represents the first input fr om the external address ax. i1 (ay) represents the first input from the external address ay; i2 (ay) represents the next input data in the burst sequence of the base address ay, etc. where a0 and a1 are advan cing for the four word burst in the sequence defined by the state of the lbo input. in the case of input i2 (ay) this data is valid for two cycles because adv is high and has suspended the burst. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high. timing waveform of write cycle no. 1 - gw controlled (1,2,3) a d d r e s s c lk a d s p a d s c t c y c t s s t h s t c h t c l t h a t s a a x a y a z a d v d a ta o u t o e t h c t s d i1(a x) i1(a z) i2(a y) th d t o h z d ata in t h a v o 3(a w ) o 4(a w ) c e ,c s 1 t h w g w t s w (n ote 3) i2(a z) b urst w rite b urst r ead b urst w rite s ingle w rite i3(a z) i4(a y) i3(a y) i2(a y) t s a v ( a d v h ig h suspends burst) i1(a y) g w is ignored w hen a d s p initiates a cycle and is sam pled on the next clock rising edge t s c 5279 drw 10 ,
6.42 16 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges timing waveform of write cycle no. 2 - byte controlled (1,2,3) a d d r e s s c lk a d s p a d s c t c y c t s s t h s t c h t c l t h a t s a a x a y t h w b w x a d v d ata o u t o e t h c t s d s ingle w rite b urst w rite i1(a x) i2(a y) i2(a y) ( a d v suspends burst) i2(a z) th d b urst r ead e xtended b urst w rite t o h z d a ta in t s a v t s w o 4(a w ) c e ,c s 1 t h w b w e t s w (n ote 3) i1(a z) a z i4(a y) i1(a y) i4(a y) i3(a y) t s c b w e is ignored w hen a d s p initiates a cycle and is sam pled on next clock rising edge b w x is ignored w hen a d s p initiates a cycle and is sam pled on next clock rising edge i3(a z) o 3(a w ) 5279 drw 11 , notes: 1. zz input is low, gw is high and lbo is don't care for this cycle. 2. o4 (aw) represents the final output data in the burst sequence of the base address aw. i1 (ax) represents the first input fr om the external address ax. i1 (ay) represents the first input from the external address ay; i2 (ay) represents the next input data in the burst sequence of the base address ay, etc. where a0 and a1 are advan cing for the four word burst in the sequence defined by the state of the lbo input. in the case of input i2 (ay) this data is valid for two cycles because adv is high and has suspended the burst. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high.
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 17 timing waveform of sleep (zz) and power-down modes (1,2,3) t c y c t s s t c l t c h t h a t s a t s c t h c t o e t o lz t h s c lk a d s p a d s c a d d r e s s g w c e ,c s 1 a d v d a t a o u t o e z z s ingle r ead s nooze m ode tz z p w 5279 drw 12 o 1(a x) a x (n ote 4) tz z r a z , notes: 1. device must power up in deselected mode 2. lbo is don't care for this cycle. 3. it is not necessary to retain the state of the input registers throughout the power-down cycle. 4. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs1 are low on this waveform, cs 0 is high.
6.42 18 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges clk adsp gw,bwe,bwx ce, cs 1 cs 0 address adsc data out oe av aw ax ay az (av) (aw) (ax) (ay) 5279 drw 14 , non-burst read cycle timing waveform notes: 1. zz input is low, adv is high and lbo is don't care for this cycle. 2. (ax) represents the data for address ax, etc. 3. for read cycles, adsp and adsc function identically and are therefore interchangable. notes: 1. zz input is low, adv and oe are high, and lbo is don't care for this cycle. 2. (ax) represents the data for address ax, etc. 3. although only gw writes are shown, the functionality of bwe and bw x together is the same as gw . 4. for write cycles, adsp and adsc have different limitations. non-burst write cycle timing waveform clk adsp gw ce, cs 1 cs 0 address adsc data in av aw ax az ay (av) (aw) (ax) (az) (ay) 5279 drw 15 ,
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 19 jtag interface specification (sa version only) tck device inputs (1) / tdi/tms device outputs (2) / tdo trst ( 3 ) t jcd t jdc t jrst t js t jh t jcyc t jrsr t jf t jcl t jr t jch m5279 drw 01 x symbol parameter min. max. units t jcyc jtag clock input period 100 ____ ns t jch jtag clock high 40 ____ ns t jcl jtag clock low 40 ____ ns t jr jtag clock rise time ____ 5 (1) ns t jf jtag clock fall time ____ 5 (1) ns t jrst jtag reset 50 ____ ns t jrsr jtag reset recovery 50 ____ ns t jcd jtag data output ____ 20 ns t jdc jtag data output hold 0 ____ ns t js jtag setup 25 ____ ns t jh jtag hold 25 ____ ns i5279 tbl 01 register name bit size instruction (ir) 4 bypass (byr) 1 jtag identification (jidr) 32 boundary scan (bsr) note (1) i5279 tbl 03 notes: 1. device inputs = all device inputs except tdi, tms and trst . 2. device outputs = all device outputs except tdo. 3. during power up, trst could be driven low or not be used since the jtag circuit resets automatically. trst is an optional jtag reset. note: 1. the boundary scan descriptive language (bsdl) file for this device is available by contacting your local idt sales representative. jtag ac electrical characteristics (1,2,3,4) scan register sizes notes: 1. guaranteed by design. 2. ac test load (fig. 1) on external output signals. 3. refer to ac test conditions stated earlier in this document. 4. jtag operations occur at one speed (10mhz). the base device may run at any speed specified in this datasheet.
6.42 20 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges notes: 1. device outputs = all device outputs except tdo. 2. device inputs = all device inputs except tdi, tms, and trst . instruction field value description revision number (31:28) 0x2 reserved for version number. idt device id (27:12) 0x238, 0x23a defines idt part number 71v3576sa and 71v3578sa, respectively. idt jedec id (11:1) 0x33 allows unique identification of device vendor as idt. id register indicator bit (bit 0) 1 indicates the presence of an id register. i5279 tbl 02 jtag identification register definitions (sa version only) instruction description opcode extest forces contents of the boundary scan cells onto the device outputs (1) . places the boundary scan register (bsr) between tdi and tdo. 0000 sample/preload places the boundary scan register (bsr) between tdi and tdo. sample allows data from device inputs (2) and outputs (1) to be captured in the boundary scan cells and shifted serially through tdo. preload allows data to be input serially into the boundary scan cells via the tdi. 0001 device_id loads the jtag id register (jidr) with the vendor id code and places the register between tdi and tdo. 0010 highz places the bypass register (byr) between tdi and tdo. forces all device output drivers to a high-z state. 0011 reserved several combinations are reserved. do not use codes other than those identified for extest, sample/preload, device_id, highz, clamp, validate and bypass instructions. 0100 reserved 0101 reserved 0110 reserved 0111 clamp uses byr. forces contents of the boundary scan cells onto the device outputs. places the bypass register (byr) between tdi and tdo. 1000 reserved same as above. 1001 reserved 1010 reserved 1011 reserved 1100 validate automatically loaded into the instruction register whenever the tap controller passes through the capture-ir state. the lower two bits '01' are mandated by the ieee std. 1 149.1 specification. 1101 reserved same as above. 1110 bypass the bypass instruction is used to truncate the boundary scan register as a single bit in length. 1111 i5279 tbl 04 available jtag instructions
6.42 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges 21 ordering information 100-pin plastic thin quad flatpack (tqfp) 119 ball grid array (bga) 165 fine pitch ball grid array (fbga) s power x speed xx package pf* bg bq idt xxx 150 133 frequency in megahertz 5279 drw 13 device type 71v3576 71v3578 128k x 36 pipelined burst synchronous sram with 3.3v i/o 256k x 18 pipelined burst synchronous sram with 3.3v i/o , commercial (0c to +70c) industrial (-40c to +85c) blank i x process/ temperature range s sa standard power standard power with jtag interface blank y first generation or current stepping second generation die step x * note: jtag (sa version) is not available with 100-pin tqfp package. p ac ka g e inf or ma tion 100-pin thin quad plastic flatpack (tqfp) 119 ball grid array (bga) 165 fine pitch ball grid array (fbga) information available on the idt website
6.42 22 idt71v3576, idt71v3578, 128k x 36, 256k x 18, 3.3v synchronous srams with 3.3v i/o, pipelined outputs, burst counter, single cycle deselect commercial and industrial temperat ure ranges corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 sramhelp@idt.com santa clara, ca 95054 fax: 408-492-8674 800-544-7726, x4033 www.idt.com the idt logo is a registered trademark of integrated device technology, inc. datasheet document history 7/26/99 updated to new format 9/17/99 pg. 8 revised i sb1 and i zz for speeds 100C200mhz pg. 11 revised t cdc (min.) at 166mhz pg. 18 added 119 bga package diagram pg. 20 added datasheet document history 12/31/99 pg. 1, 8, 11, 19 removed 166, 183, and 200mhz speed grade offerings (see idt71v35761 and idt71v35781) pg. 1, 4, 8, 11, 19 added industrial temperature range offerings 04/04/00 pg.18 added 100tqfp package diagram outline pg. 4 add capacitancce table for the bga package; add industrial temperature to table; insert note to absolute max rating and recommended operating temperature tables pg. 7 add note to bga pin configurations; corrected typo in pinout 06/01/00 add new package offering, 13 x 15mm fbga pg. 20 correct bg119 package diagram outline 07/15/00 pg. 7 add note reference to bg119 pinout pg. 8 add dnu reference note to bq165 pinout pg. 20 update bg119 package diagram outline dimensions 10/25/00 remove preliminary status pg. 8 add reference note to pin n5 on bq165 pinout, reserved for jtag trst 04/22/03 pg. 4 updated 165 bga table information from tbd to 7 06/30/03 pg. 1,2,3,5-9 updated datasheet with jtag information pg. 5-8 removed note for nc pins (38,39(pf package); l4, u4 (bg package) h2, n7 (bq package)) requiring nc or connection to vss. pg. 19,20 added two pages of jtag specification, ac electrical, definitions and instructions pg. 21-23 removed old package information from the datasheet pg. 24 updated ordering information with jtag and y stepping information. added information regarding packages available idt website.


▲Up To Search▲   

 
Price & Availability of IDT71V3576YS133BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X