1.0(25.4) min .300(7.6) .230(5.8) 1.0(25.4) min .140(3.6) .104(2.6) dia dia .034(0.9) .028(0.7) do-15 unit inch mm ?? ? 50 --- 400 v 2.0 a ? ta= 25 ta=100 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz egp 20a egp 20b egp 20c egp 20d egp 20f egp 20g 50 100 150 200 300 400 35 70 105 140 210 280 45 75 2.0 0.95 v 10 100 50 60 a ns pf i r trr c j egp20a ...... egp20g 1.25 siyu r 45 egp 20a egp 20b egp 20c egp 20d egp 20f egp 20g ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit 50 100 150 200 300 400 maximum forward voltage maximum reverse current type junction capacitance ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit max. reverse recovery time v f i f = 2.0a plastic ultra-fast recover rectifier reverse voltage 50 to 400v forward current 2.0a r ja dachang electronics features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ???rohs? lead and body according with rohs standard
egp20a ...... egp20g siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 0.2 1 2 10 tj = 25 c egp20a thru egp20d egp20f, egp20g 10mm 10mm 2.8 2.4 2 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 10mm 10mm 1 2 4 6 10 20 40 100 100 75 50 25 0 125 dachang electronics
|