Part Number Hot Search : 
DTC115G C30809 AN1014 10PBF MAH16078 00ETT XXXGP EN5715A
Product Description
Full Text Search
 

To Download BC847BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc 847bt nov-03-1999 1 npn silicon af transistors ? for af input stages and driver applications ? high current gain ? low collector-emitter saturation voltage ? complementary types: bc 857bt vps05996 1 2 3 type marking pin configuration package bc 847bt 1fs 1 = b 2 = e 3 = c sc-75 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 45 v collector-base voltage v cbo 50 collector-emitter voltage v ces 50 emitter-base voltage v ebo 6 dc collector current i c ma 100 200 peak collector current i cm total power dissipation , t s = 115 c p tot 250 mw junction temperature t j 150 c storage temperature t stg -65 ... 150 thermal resistance junction ambient 1) r thja 275 k/w junction - soldering point r thjs 140 k/w 1) package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
bc 847bt nov-03-1999 2 electrical characteristics at t a = 25 c, unless otherwise specified. parameter symbol unit values min. max. typ. dc characteristics v (br)ceo collector-emitter breakdown voltage i c = 10 ma, i b = 0 45 - - v v (br)cbo 50 - collector-base breakdown voltage i c = 10 a, i b = 0 - v (br)ces 50 - - collector-emitter breakdown voltage i c = 10 a, v be = 0 v (br)ebo emitter-base breakdown voltage i e = 1 a, i c = 0 6 - - i cbo - collector cutoff current v cb = 30 v, i e = 0 15 - na i cbo - - a collector cutoff current v cb = 30 v, i e = 0 , t a = 150 c 5 h fe dc current gain 1) i c = 10 a, v ce = 5 v - 250 - - h fe dc current gain 1) i c = 2 ma, v ce = 5 v 290 200 450 mv v cesat - - collector-emitter saturation voltage1) i c = 10 ma, i b = 0.5 ma i c = 100 ma, i b = 5 ma 90 200 250 600 base-emitter saturation voltage 1) i c = 100 ma, i b = 0.5 ma i c = 100 ma, i b = 5 ma 700 900 - - - - v besat base-emitter voltage 1) i c = 2 ma, v ce = 5 v i c = 10 ma, v ce = 5 v v be(on) 580 - 660 - 700 770 1) pulse test: t < 300 s; d < 2%
bc 847bt nov-03-1999 3 electrical characteristics at t a = 25 c, unless otherwise specified. parameter values symbol unit max. typ. min. ac characteristics mhz transition frequency i c = 20 ma, v ce = 5 v, f = 100 mhz f t - - 250 - collector-base capacitance v cb = 10 v, f = 1 mhz pf c cb 1.5 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz - 11 c eb - short-circuit input impedance i c = 2 ma, v ce = 5 v, f = 1 khz h 11e - 4.5 - k ? open-circuit reverse voltage transf.ratio i c = 2 ma, v ce = 5 v, f = 1 khz h 12e - 2 - 10 -4 short-circuit forward current transf.ratio i c = 2 ma, v ce = 5 v, f = 1 khz h 21e - 300 - - open-circuit output admittance i c = 2 ma, v ce = 5 v, f = 1 khz h 22e - 30 - s
bc 847bt nov-03-1999 4 total power dissipation p tot = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t s t a permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
bc 847bt nov-03-1999 5 collector-base capacitance c cb = f ( v cb ) emitter-base capacitance c eb = f ( v eb ) 10 -1 10 0 10 1 v v cb , v eb 0 2 4 6 8 10 pf 14 c cb , c eb c eb c cb transition frequency f t = f ( i c ) v ce = 5v 10 10 10 10 ehp00363 f ma mhz -1 0 1 2 5 t 3 10 10 2 1 10 5 5 5 c collector cutoff current i cbo = f ( t a ) v cb = 30v 10 0 50 100 150 ehp00381 t a 5 10 10 na 10 cb0 5 5 5 10 10 4 3 2 1 0 -1 max typ c collector-emitter saturation voltage i c = f ( v cesat ), h fe = 20 10 0 ehp00367 v cesat 10 ma 10 c 10 2 1 0 -1 5 5 v 0.3 0.5 100 25 -50 0.1 0.2 0.4 c c c
bc 847bt nov-03-1999 6 dc current gain h fe = f ( i c ) v ce = 5v 10 10 10 10 ehp00365 h ma -2 -1 12 fe 3 10 10 2 0 10 5 5 10 1 0 10 5 555 100 25 -50 c c c c base-emitter saturation voltage i c = f (v besat ), h fe = 20 0 10 ehp00364 besat v 0.6 v 1.2 -1 10 0 10 1 2 10 5 5 c ma 0.2 0.4 0.8 c 25 c 100 c -50 c


▲Up To Search▲   

 
Price & Availability of BC847BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X