Part Number Hot Search : 
M51V1 1530AT FDB15N50 60005 PJ1916 K3264 VNH2SP B1240
Product Description
Full Text Search
 

To Download 2SB1132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SB1132 -1a, -40v pnp silicon medium power transistor 10-dec-2010 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low power dissipation 0.5w marking classification of h fe product rank 2SB1132-p 2SB1132-q 2SB1132-r range 82~180 120~270 180~390 package information package mpq leadersize sot-89 1k 7 inch absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -32 v emitter-base voltage v ebo -5 v collector current (dc) i c -1 a collector power dissipation p c 500 mw junction & storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo -40 - - v i c = -50 a, i e =0 collector-emitter breakdown voltage v (br)ceo -32 - - v i c = -1ma, i b =0 emitter-base breakdown voltage v (br)ebo -5 - - v i e = -50 a, i c =0 collector cut-off current i cbo - - -0.5 a v cb = -20v, i e =0 emitter cut-off current i ebo - - -0.5 a v eb = -4v, i c =0 dc current gain h fe 82 - 390 v ce = -3v, i c = -100ma collector-emitter saturation voltage v ce(sat) - -0.2 -0.5 v i c = -500ma, i b = -50ma transition frequency f t - 150 - mhz v ce = -5v, i c = -50ma, f=30mhz collector output capacitance c ob - 20 30 pf v cb = -10v, i e =0, f=1mhz a e c d b k h f g l j 1 2 3 4 sot-89 1 1 3 2     date code millimeter millimeter ref. min. max. ref. min. max. a 4.4 0 4.6 0 g 0.40 0.58 b 3 . 94 4.25 h 1.50 typ c 1.40 1.60 j 3.00 typ d 2.30 2.60 k 0.32 0.52 e 1.50 1.70 l 0.35 0.44 f 0.89 1.2 0
elektronische bauelemente 2SB1132 -1a, -40v pnp silicon medium power transistor 10-dec-2010 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente 2SB1132 -1a, -40v pnp silicon medium power transistor 10-dec-2010 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SB1132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X