Part Number Hot Search : 
AD625K LX1802 NGAANUA MCP602T C4431 0233035P SC162 FTR24T
Product Description
Full Text Search
 

To Download SR5A100-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page1 parameter max. recurrent peak reverse voltage max. dc blocking voltage max. rms voltage max. average forward rectified current (tc=95 o c) max. instantaneous forward voltage at 5.0a max. dc reverse current @tj = 25 o c at rated dc blocking voltage @tj = 100 o c typocal junction capacitance (note1) max. operating junction temperature storage temperature peak surge forward current 8.3ms single half sine-wave superimposed on rate load (jedec method) v dc m a p f v rms i fsm i (av) v rrm 100 5.0 1.0 30 350 0.65 0.85 0.75 0.55 -55 to +150 -55 to +125 v v a a v v o c o c www.comchiptech.com unit symbol sr5a20-g 20 14 20 sr5a40-g 40 28 40 sr5a60-g 60 42 60 sr5a80-g 80 56 80 SR5A100-G 100 70 100 v f i r t j t stg c j rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. case: to-220ac molded plastic epoxy: ul94v-0 rate flame retardant terminals: solderable per mil-std-202, method 208 polarity: color band denotes cathode end mounting position: any approx. weight: 2.03 grams mechanical data: maximum ratings and electrical characteristics low forward voltage drop high current capability high reliability high surge current capability features: reverse voltage: 20 ~ 100 volts current: 5.0 amp sr5a20-g thru SR5A100-G schottky barrier rectifiers note1: (1) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. dimensions in inches and (millimeters) to-220ac 1 2 max.412(10.5) max.05(1.5) .06(1.52 ) .05(1.27 ) .594(15.1) .587(14.9) .56(14.22) .53(13.46) .037(0.94) .027(0.68) dia .16( 4 .06) .1 4 ( 3 .56) .205(5.20) .195(4.95) .154(3.91) .148(3.74) pin 12 .185(4.70) .175(4.44) .11(2.79) .10(2.54 ) .025(0.64) .014(0.35) .27(6.86) .23(5.84) .055(1.40 ) .045(1.14 )
page2 www.comchiptech.com schottky barrier rectifiers fig.1 - forward current derating curve average forward rectified current, amperes 60 hz resistive or inductive load 0 50 100 150 5.0 4.0 3.0 2.0 1.0 0 lead temperature , o c fig.3 - typical instantaneous forward characteristics instantaneous forward voltage, volts 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 100 1.0 0.1 0.01 instantaneous forward current, amperes sr5a60-g sr5a20-g ~ sr5a40-g sr5a80-g SR5A100-G t j = 25 o c pulse width = 300us 1% duty cycle t j = 100 o c t j = 25 o c percent of rated peak reverse voltage, % instantaneous reverse current, microamperes 0 20 40 60 80 100 10 1 0.1 0.01 0.001 fig.4 - typical reverse characteristics number of cycles at 60hz peak forward surge current, amperes 1 10 100 100 80 60 40 20 0 pulse width 8.3ms single half-sire-wave (jedec moethod) fig.2 - maximum non-repetitive peak forward surge current fig.5 - typical junction capacitance reverse voltage, volts junction capacitance, pf 1000 100 10 0.1 1.0 4.0 10 100 t j = 25 o c f=1.0 mhz vsig = 50mvp-p ratings and characteristic curves sr5a20-g thru SR5A100-G


▲Up To Search▲   

 
Price & Availability of SR5A100-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X