Part Number Hot Search : 
TDA1549 70220 24C021 C44GN 2SD235 RJH60F4 DM7438N ML8205A
Product Description
Full Text Search
 

To Download SMK0850F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t0o036-002 1 SMK0850F advanced n-ch power mosfet g d pin connection s d s to-220f-3l g switching regulato r applications features ? high voltage : bv dss =500v(min.) ? low c rss : c rss =23pf(typ.) ? low gate charge : qg=30nc(typ.) ? low r ds(on) : r ds(on) =0.8 (max.) ordering information marking diagram absolute maximum ratings ( t c =25 c unless otherwise noted) characteristic symbol rating unit drain-source voltage v dss 500 v gate-source voltage v gss 30 v t c =25 8 a drain current (dc) * i d t c =100 4.5 a drain current (pulsed) * i dm 32 a power dissipation p d 40 w avalanche current (single) i as 8 a single pulsed aval anche energy e as 360 mj avalanche current (repetitive) i ar 8 a repetitive avalanche energy e ar 7.5 mj junction temperature t j 150 storage temperature range t stg -55~150 c * limited by maximum junction temperature characteristic symbol typ. max. unit junction-case r th(j-c) - 3.12 thermal resistance junction-ambient r th(j-a) - 62.5 /w type no. marking package code SMK0850F smk0850 to-220f-3l column 1 : manufacturer column 2 : production information e.g.) gymdd -. g : factory management code -. ymdd : date code (year, month, date) column 3 : device code auk ymdd sdb20d45 auk ymdd sdb20d45 auk gymdd smk0850
ksd-t0o036-002 2 SMK0850F electrical characteristics (t c =25 c unless otherwise noted) characteristic symbol test condition min. typ. max. unit drain-source breakdown voltage bv dss i d =250ua, v gs =0v 500 - - v gate threshold voltage v gs(th) i d =250ua, v ds =v gs 2.0 - 4.0 v v ds =500v, v gs =0v - - 1 drain-source cut-off current i dss v ds =500v, v gs =0v t c =125 - - 200 ua gate leakage current i gss v ds =0v, v gs = 30v - - 100 na drain-source on-resistance r ds(on) v gs =10v, i d =4.0a - 0.68 0.80 forward transfer conductance g fs v ds =10v, i d =4.0a - 6.5 - s input capacitance c iss - 1216 1520 output capacitance c oss - 119 149 reverse transfer capacitance c rss v gs =0v, v ds =25v f=1 mhz - 23 29 pf tu r n - o n de l ay t i m e t d(on) - 18 - rise time t r - 65 - turn-off delay time t d(off) - 93 - fall time t f v dd =250v, i d =8a r g =25 ? - 64 - ns total gate charge q g - 26 32 gate-source charge q gs - 7.7 - gate-drain charge q gd v ds =200v, v gs =10v i d =8a - 6.4 - nc source-drain diode ratings and characteristics (t c =25 c unless otherwise noted) characteristic symbol test condition min. typ. max. unit source current (dc) i s - - 8 source current (pulsed) i sm integral reverse diode in the mosfet - - 32 a forward voltage v sd v gs =0v, i s =8a - - 1.4 v reverse recovery time t rr - 335 - ns reverse recovery charge q rr i s =8a, v gs =0v di f /dt=100a/us - 2.95 - uc note ; repetitive rating : pulse width limited by maximum junction temperature l=10.2mh, i as =8a, v dd =50v, r g =25 ? , starting t j =25 pulse test : pulse width 300us, duty cycle 2% essentially independent of operating temperature
ksd-t0o036-002 3 - : SMK0850F fig. 1 i d - v ds fig. 4 i s - v sd fig. 3 r ds ( on ) - i d fig.6 v gs - q g electrical characteristic curves fig. 2 i d - v gs fig. 5 capacitance - v ds
ksd-t0o036-002 4 c SMK0850F c * fig.8 r ds(on) - t j fig. 9 i d - t c fig. 7 v dss - t j fig. 10 safe operating area
ksd-t0o036-002 5 SMK0850F fig. 11 gate charge test circuit & waveform fig. 12 resistive switching test circuit & waveform fig. 13 e as test circuit & waveform
ksd-t0o036-002 6 SMK0850F fig. 14 diode reverse recovery time test circuit & waveform
ksd-t0o036-002 7 SMK0850F outline dimension unit: mm
ksd-t0o036-002 8 SMK0850F the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SMK0850F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X