|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
20/06/2005 v2.0 1 features: > super high brightness surface mount led. > high flux output. > 120 viewing angle. > compact package outline (lxwxh) of 6.0 x 6.0 x 1.5mm. > ultra low height profile - 1.5 mm. > designed for high current drive; typically 400 ma. > low thermal resistance; rth (js) = 20 k/w. > qualified according to jedec moisture sensitivity level 2. > compatible to both ir reflow soldering and ttw soldering. > environmental friendly; rohs compliance. spnovaled tm featuring a staggering brilliance and significant flux output, the spnovaled? showcases the latest technological advent in this range. with its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as auto - motive signal lights, traffic lights, channel lights, tube lights and garden lights among others. data sheet: spnovaled tm alingap : spnovaled-1 watt (400ma) ? 2005 spnovaled is a trademark of dominant semiconductors. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: exterior applications, eg: center high mounted stop light (chmsl), rear combination lights (rcls), signal light - ting, fog-lamp, etc. > communication: indicator and backlight in mobilephone. > industry: white goods (eg: oven, microwave, etc.). > lighting: garden light, architecture lighting, general lighting. etc dominant tm semiconductors innovating illumination
20/06/2006 v2.0 2 npr-mss-aab-1 ? npr-mss-aa ? npr-mss-ab NPY-MSS-abc-1 ? NPY-MSS-ab ? NPY-MSS-ac alingap red, 625 alingap yellow, 587 120 120 7150.0 - 11250.0 7150.0 - 9000.0 9000.0 - 11250.0 9000.0 - 14000.0 9000.0 - 11250.0 11250.0 - 14000.0 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination part ordering number chip technology / color viewing angle? luminous intensity @ if = 400ma (mcd) note 1. luminous intensity is measured with an accuracy of 11%. 2. all optical and electrical data are measured at 25 o c. adequate cooling is important to ensure accurate measurement. 3. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. wavelength grouping group color npr; red npy; yellow full full a b c d 620 - 630 585 - 597 585 - 588 588 - 591 591 - 594 594 - 597 wavelength distribution (nm) dominant wavelength is measured with an accuracy of 1 nm. typ. (v) vf @ if = 400ma forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1v. electrical characteristics at ta=25?c max. (v) v r @ i r = 100ua min. (v) part number npr 2.5 12 2.8 typ. (v) 2.2 correlation between luminous intensity and luminous flux part number npr-mss aa ab NPY-MSS ab ac 7150 9,000 9,000 11,250 total flux (lm) 26.1 32.6 33.8 42.0 20.7 26.1 27.0 33.8 min max min luminous intensity (mcd) 9000 11,250 11,250 14,000 max 20/06/2006 v2.0 3 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination unit absolute maximum ratings maximum value dc forward current peak pulse current (tp 10s, duty cycle = 0.1) reverse voltage esd thereshold (hbm) led juction temperature operating temperature storage temperature power dissipation 400 500 12 2000 125 -40 +100 -40 +100 1200 ma ma v v ?c ?c ?c mw forward voltage (v) vf binning (optional) vf bin @ 400 ma 02 03 2.2 ... 2.5 2.5 ... 2.8 forward voltage, vf is measured with an accuracy of 0.1 v. please consult sales and marketing for special part number to incorporate vf binning. (ohfwulfdokdudfwhulvwlfvdw7d material material lead-frame package encapsulate soldering leads cu alloy with ag plating high temperature resistant plastic, ppa silicone resin sn-sn plating relative intensity vs forward current forward current, ma relative intensity, no rmalized at 400ma 0 200 400 600 800 1000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 forward voltage vs forward current forward current, ma forward voltage, v 0 200 400 600 800 1000 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 forward current vs temperature temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 250 300 350 400 450 relative intensity vs wavelength wavelength, nm 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 20/06/2006 v2.0 4 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination radiation pattern relative intensity yellow red 0.2 70 90 80 0 60 50 40 30 20 0.6 0.4 1.0 0.8 10 0 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination 20/06/2006 v2.0 5 spnovaled tm ? alingap : spnovaled-1 watt (400ma) package outlines 20/06/2006 v2.0 6 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination solder pad design note: unit to unit pitching must not be less than 25 mm. metal core circuit board (mcpcb) is highly recommended for high density applications. please consult sales and marketing for additional information. 20/06/2006 v2.0 7 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 330 mm. alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination 20/06/2006 v2.0 8 packaging specifcation alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination 20/06/2006 v2.0 9 packaging specifcation moisture sensitivity level barcode label moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel average 1pc sp novaled 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 416 x 516 x 476 20 reels max large for sp novaled tm reel / box quantity / box (pcs) cardboard box size 1.74 40,000 max dominant semiconductors lot no : lotno part no : partno qty : qty s/n : xxx d/c: xxxx group : group weight (gram) 0.188 800 10 rohs compliant pb free alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination dominant tm semiconductors 20/06/2006 v2.0 10 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 ramp-up vhfpd 10-30s 60-150s ramp- down vhf max. preheat 60-120s 360s max time (sec) 7hpshudwxuh odvvlfdwlrq5hrz3uroh-((-67 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 7hpshudwxuh odvvlfdwlrq5hrz3uroh-((-67 ramp-up vhfpd 10-30s 60-150s ramp- down vhf max. preheat 60-180s 480s max recommended pb-free soldering profle alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant semiconductors does not assume any liability arising out of the application or use of any product described herein. dominant semiconductors reserves the right to make changes at any time without prior notice to any prod - ucts in order to improve reliability, function or design. dominant semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant semiconductors. page - subjects new format date of modifcation 20 jun 2006 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination 20/06/2006 v2.0 11 alingap : spnovaled-1 watt (400ma) dominant tm semiconductors innovating illumination please contact us for more information: head quarter dominant semiconductors sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant china sales office dominant semiconductors (shenzhen) co. ltd. 24b.c newbaohui building, no. 1007 west nanhai blvd., nanshan, shenzhen, china p.c. 518054 tel: +86 (755) 86031785 / +86 (755) 86031786 fax: +86 (755) 86031789 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. 902 sunil technopia, 440 sangdaewon-dong, jungwon-gu, sungnam-si, kyunggi-do, korea 462726 tel: 82-31-777-3978 fax: 82-31-777-3976 e-mail: sales_korea@dominant-semi.com dominant tm semiconductors innovating illumination about us dominant semiconductors is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in - dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant semiconductors can be found on the internet at http://www.dominant-semi.com. |
Price & Availability of NPY-MSS |