Part Number Hot Search : 
MC68HC9 NTE1596 T460005 P5CX73 2A155 1050706 STA529 TCA730
Product Description
Full Text Search
 

To Download MMBT2222ALT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m mbt2222a lt1 n pn ep i t a x i al pla n ar t r a n si s t or descrip t i on t h e m m b t 2 2 22a lt1 i s des i g n e d f or ge ne r al p u r po s e a m p l i f i er a nd high-speed switching, medium-power switching applications. features ? high frequency current gain. ? high speed switching. absolute maximum ratings ? maximum temperatures storage temperature............................................................................................... -55~+150 c junction temperature......................................................................................................+150 c ? maximum power dissipation total power dissipation (ta=25 c) ............................................................................... 250 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ......................................................................................... 75 v vceo collector to emitter voltage ...................................................................................... 40 v vebo emitter to base voltage .............................................................................................. 6 v ic collector current ....................................................................................................... 600 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 75 - - v ic=10ua bvceo 40 - - v ic=10ma bvebo 6 - - v ic=10ua icbo - - 10 na vcb=60v icex - - 10 na vce=60v, veb(off)=3v iebo - - 10 na veb=3v vce(sat)1 - - 500 mv ic=380ma, ib=10ma vce(sat)2 - - 1.0 v ic=500ma, ib=50ma vbe(sat)1 - - 1.2 v ic=150ma, ib=15ma vbe(sat)2 - - 2.0 v ic=500ma, ib=50ma hfe1 35 - - vce=10v, ic=100ua hfe2 50 - - vce=10v, ic=1ma hfe3 75 - - vce=10v, ic=10ma hfe4 100 - 300 vce=10v, ic=150ma hfe5 40 - - vce=10v, ic=500ma ft 300 - - mhz vcb=20v, ic=20ma, f=100mhz tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve safe operating area 1 10 100 1000 10000 1 10 100 forward biased voltage-v ce (v) collector current-i c (ma) pt=1ms pt=100ms pt=1s current gain & collector current 10 100 1000 0.1 1 10 100 1000 collector current (ma) hfe v ce =10v v ce =1v saturation voltage & collector current 10 100 1000 10000 0.1 1 10 100 1000 collector current (ma) saturation voltage (mv) v be(sat) @ i c =10i b v ce( s at) @ i c =10i b capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 reverse biased voltage (v) capacitance (pf) cob cutoff frequency & i c 10 100 1000 1 10 100 1000 collector current (ma) cutoff frequency (mhz) v ce =20v tiger electronic co.,ltd tiger electronic co.,ltd
sot-23 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.118 2.80 3.00 j 0.0035 0.0043 0.09 0.11 b 0.0550 0.0630 1.40 1.60 k 0.0128 0.0266 0.32 0.67 c 0.0354 0.0512 0.90 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0886 0.1083 2.25 2.75 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h - 0.0040 - 0.10 h j k d a l g v c b 3 21 s style : pin 1.base 2.emitter 3.collector 3-lead sot-23 plastic surface mounted package marking : 1p tiger electronic co.,ltd tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of MMBT2222ALT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X