Part Number Hot Search : 
4423GM LC90A 88W8500 MAX1035 PA0801NL 88W8500 IRGPC40S EL5103
Product Description
Full Text Search
 

To Download MAATCC0007-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital attenuator 31.0 db, 5-bit, ttl driver, dc-2.0 ghz rev. v4 maatcc0007 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. features ? attenuation: 1.0 db steps to 31 db ? low dc power consumption ? plastic sow, wide body, smt package ? integral ttl driver ? 50 ohm impedance ? test boards are available ? tape and reel packaging available ? lead-free sow-16 package ? 100% matte tin plating over copper ? halogen-free ?green? mold compound ? 260c reflow compatible ? rohs* compliant version of at65-0263 description m/a-com's maatcc0007 is a gaas fet 5-bit digital attenuator with integral ttl driver. step size is 1.0 db providing 31 db total attenuation range. this device is in a sow-16 plastic surface mount package. the maatcc0007 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. ordering information part number package maatcc0007 bulk packaging maatcc0007tr 1000 piece reel MAATCC0007-TB sample test board note: reference application note m513 for reel size information. schematic with off-chip components pin configuration pin no. function pin no. function 1 rf 9 c16 2 gnd 10 vcc 3 gnd 11 vee 4 gnd 12 c8 5 gnd 13 c4 6 gnd 14 c2 7 gnd 15 c1 8 rf 16 gnd * restrictions on hazardous substanc es, european union directive 2002/95/ec.
digital attenuator 31.0 db, 5-bit, ttl driver, dc-2.0 ghz rev. v4 maatcc0007 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. electrical specifications: t a = 25c parameter frequency units min typ max insertion loss dc-2.0 ghz db ? 2.8 3.2 attenuation accuracy dc-2.0 ghz dc-2.0 ghz dc-2.0 ghz db db db ? ? ? ? ? ? (.5 +5% of atten setting) (.5 +5% of atten setting) (.7 +7% of atten setting) vswr dc-2.0 ghz ratio ? 1.5:1 1.8:1 switching speed ? ? ns ns ? ? 75 20 150 50 1 db compression 50 mhz 0.5-2.0 ghz dbm dbm ? ? +21 +24 ? ? input ip 3 50 mhz 0.5-2.0 ghz db db ? ? +35 +48 ? ? vcc 1 vee 1 ? ? v v 4.75 -8.0 5.0 -5.0 5.25 -4.75 v il v ih ? ? v v 0.0 2.0 ? ? 0.8 5.0 icc (quiescent supply current) ? ua ? 250 400 test conditions ? individual bits 1-2-4-8-16 any combination of bits 3 - 29 db any combination of bits 30 - 31 db full range 50% cntl to 90%/10% rf 10% to 90% or 90% to 10% ? ? two-tone inputs up to +5 dbm ? ? low-level input voltage high-level input voltage vcntrl = v cc or gnd icc 2 (additional supply current per ttl input pin) v cc = max, vcntrl = v cc - 2.1 v ? ma ? ? 1.0 i ee v ee min to max, vin = v il or v ih ? ma -1.0 -0.2 ? thermal resistance ja pcb mount on fr4 material, copper trace, still air at +25c ? c/w ? 90-130 ? lin (input leakage current) vin = v cc or gnd ? ua -1.0 ? 1.0 1. decoupling capacitors (.1 f) ar e required on power supply lines. 2. for calculating icc, the number of ttl input pins is 6. absolute maximum ratings 3,4 parameter absolute maximum max. input power 0.05 ghz 0.5 - 2.0 ghz +27 dbm +34 dbm v cc -0.5v v cc +7.0v v ee -8.5v v ee +0.5v v cc - v ee -0.5v v cc - v ee 14.5v vin 5 -0.5v vin v cc + 0.5v operating temperature -40oc to +85oc storage temperature -65oc to +125oc 3. exceeding any one or combination of these limits may cause permanent damage to this device. 4. m/a-com does not recommend sustained operation near these survivability limits. 5. standard cmos ttl interface, latch-up will occur if logic signal is applied prior to power supply.
digital attenuator 31.0 db, 5-bit, ttl driver, dc-2.0 ghz rev. v4 maatcc0007 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 3 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. 1 db bit @ r, h & c 2 db bit @ r, h & c 4 db bit @ r, h & c typical performance curves insertion loss @ r, h & c 1 2 3 0 500 1000 1500 2000 fre qu e n cy (mh z ) loss (db) +25c +85c - 40 c 0.8 1 1. 2 1. 4 1. 6 0 500 1000 1500 2000 fre qu e n cy (mh z ) attenuation (db) 1. 6 1. 8 2 2.2 2.4 0 500 1000 1500 2000 fre qu e n cy (mh z ) attenuation (db) 3.6 3.8 4 4.2 4.4 0 500 1000 1500 2000 fre qu e n cy (mh z ) attenuation (db) handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electric ity. proper esd control techniques should be used when handling these devices. truth table (digital attenuator) c16 c8 c4 c2 c1 attenuation 0 0 0 0 0 loss, reference 0 0 0 0 1 1.0 db 0 0 0 1 0 2.0 db 0 0 1 0 0 4.0 db 0 1 0 0 0 8.0 db 1 0 0 0 0 16.0 db 1 1 1 1 1 31.0 db 0 = ttl low; 1 = ttl high
digital attenuator 31.0 db, 5-bit, ttl driver, dc-2.0 ghz rev. v4 maatcc0007 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 4 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. maximum vswr over temp, loss maximum vswr over temp, 1 db bit maximum vswr over temp, 2 db bit max attenuation @ r, h & c 27 28 29 30 31 32 0 500 1000 1500 2000 fre qu e n cy (mh z ) attenuation (db) 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output 8 db bit @ r, h & c 16 db bit @ r, h & c 7.5 8 8.5 9 0 500 1000 1500 2000 fre qu e n cy (mh z ) attenuation (db) 15 15 . 5 16 16 . 5 17 0 500 1000 1500 2000 fre qu e n cy (mh z ) attenuation (db) typical performance curves
digital attenuator 31.0 db, 5-bit, ttl driver, dc-2.0 ghz rev. v4 maatcc0007 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 5 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. maximum vswr over temp, max attenuation maximum vswr over temp, 16 db bit 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output maximum vswr over temp, 4 db bit 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output maximum vswr over temp, 8 db bit 1 1. 2 1. 4 1. 6 1. 8 0 500 1000 1500 2000 fre qu e n cy (mh z ) vswr input output typical performance curves
digital attenuator 31.0 db, 5-bit, ttl driver, dc-2.0 ghz rev. v4 maatcc0007 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 6 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. lead-free, sow-16 ? ? reference application note m 538 for lead-free solder reflow recommendations.


▲Up To Search▲   

 
Price & Availability of MAATCC0007-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X