Part Number Hot Search : 
BVXXXX S442006 IRHNA 74C90 7FT17 MEM807 MCH6629 DDA114EK
Product Description
Full Text Search
 

To Download MA3D761 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier diodes (sbd) 1 publication date: august 2001 skh00048aed MA3D761 (ma7d61) silicon epitaxial planar type (cathode common) for switching mode power supply  features ? low forward voltage v f ? high dielectric breakdown voltage: > 5 kv ? easy-to-mount, due to its v cut lead end ? to-220d-a1 package  absolute maximum ratings t a = 25 c parameter symbol rating unit repetitive peak reverse-voltage v rrm 90 v average forward current i f(av) 10 a non-repetitive peak forward- i fsm 100 a surge-current * junction temperature t j ? 40 to + 125 c storage temperature t stg ? 40 to + 125 c parameter symbol conditions min typ max unit reverse current (dc) i r v r = 90 v, t c = 25 c3ma forward voltage (dc) v f i f = 5 a, t c = 25 c 0.85 v high voltage rectification * r th(j-c) smoothed current (between junction and case) 3 c/w  electrical characteristics t a = 25 c unit: mm 1.4 0.2 1.6 0.2 0.8 0.1 0.55 0.15 2.54 0.30 5.08 0.50 123 2.6 0.1 2.9 0.2 4.6 0.2 3.2 0.1 3.0 0.5 9.9 0.3 15.0 0.5 13.7 0.2 4.2 0.2 solder dip 1 : anode 2 : cathode (common) 3 : anode to-220d-a1 package note) * : half sine wave; 10 ms/cycle note) 1. rated input/output frequency: 150 mhz 2. * : t c = 25c note) the part number in the parenthesis shows conventional part number.
2 MA3D761 skh00048aed i f ? v f i r ? v r v f ? t a i r ? t a c t ? v r 10 ? 3 0 0.2 0.4 0.6 0.8 1.0 1.2 10 ? 2 10 ? 1 1 10 10 2 forward voltage v f ( v ) forward current i f ( a ) t a = 125 c 75 c 25 c ? 20 c 10 ? 3 0 20 40 60 80 100 120 10 ? 2 10 ? 1 1 10 10 2 reverse voltage v r ( v ) reverse current i r ( ma ) t a = 125 c 75 c 25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 ? 40 0 40 80 120 160 200 ambient temperature t a ( c ) forward voltage v f ( v ) i f = 10 a 5 a 1 a 0.001 ? 40 0 40 80 120 160 200 0.01 0.1 1 10 100 ambient temperature t a ( c ) reverse current i r ( ma ) v r = 90 v 30 v 10 v 0 100 200 300 400 500 600 700 800 0 20406080100120 reverse voltage v r ( v ) terminal capacitance c t ( pf ) f = 1 mhz t a = 25 c 0 5 10 15 20 024681012 average forward current i f(av) ( a ) average forward power p d(av) ( w ) t 0 / t 1 = 1/6 1/3 1/2 t 1 t 0 dc 0 2 4 6 8 10 12 14 16 20 40 60 80 100 120 140 case temperature t c ( c ) average forward current i f(av) ( a ) t 1 t 0 t 0 / t 1 = 1/2 1/3 1/6 dc i f(av) ? t c p d(av) ? i f(av)
please read the following notes before using the datasheets a. these materials are intended as a reference to assist customers with the selection of panasonic semiconductor products best suited to their applications. due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. b. panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. therefore, panasonic will not assume any liability for any damages arising from any errors etc. that may ap- pear in this material. c. these materials are solely intended for a customer's individual use. therefore, without the prior written approval of panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the internet or in any other way, is prohibited. request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese govern- ment if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative character- istics and applied circuit examples of the products. it does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) the products described in this material are intended to be used for standard applications or gen- eral electronic equipment (such as office equipment, communications equipment, measuring in- struments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. at the final stage of your design, purchas- ing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) when using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) no part of this material may be reprinted or reproduced by any means without written permission from our company. 2001 mar


▲Up To Search▲   

 
Price & Availability of MA3D761

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X