Part Number Hot Search : 
56F8011 54000 SK1260C Y7C106 KBK10D C1909 APTM1 T2P1K
Product Description
Full Text Search
 

To Download HMC666LP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - dbl-bal - smt 9 9 - 400 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC666LP4 / 666lp4e bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz v01.0608 general description features functional diagram electrical speci cations, t a = +25 c, if= 300 mhz, lo= 0 dbm, vcc=vcc1, 2, 3 = +5v, g_bias= +2.5v typical applications parameter min. typ. max. units frequency range, rf 3.1 - 3.9 ghz frequency range, lo 2.8 - 3.6 ghz frequency range, if dc - 800 mhz conversion loss 912db noise figure (ssb) 9db lo to rf isolation 21 27 db lo to if isolation 22 29 db rf to if isolation 34 42 db ip3 (input) 31 dbm 1 db compression (input) 23 dbm lo drive input level (typical) -3 to +3 dbm supply current icc total 162 195 ma * unless otherwise noted all measurements performed as downconverter with low side lo & if = 300 mhz. the HMC666LP4(e) is ideal for: ? wimax/4g & fixed wireless ? infrastructure & repeaters ? transmitters & receivers ? test & measurement equipment the HMC666LP4(e) is a high dynamic range passive mmic mixer with integrated lo ampli- er in a 4x4 smt qfn package covering 3.1 - 3.9 ghz. excellent input ip3 performance of +31 dbm for down conversion is provided for wimax and xed wireless applications at an lo drive of 0 dbm. the lo port is optimized for low side lo appli- cations. with an input 1 db compression of +23 dbm, the rf port will accept a wide range of input signal levels. conversion loss is 9 db typical. the dc to 800 mhz if frequency response will satisfy wimax trans- mit or receive frequency plans. the HMC666LP4(e) is pin for pin compatible with the hmc688lp4(e) which is a 2.0 - 2.7 ghz mixer with lo ampli er. high input ip3: +31 dbm low conversion loss: 9 db low lo drive: 0 dbm upconversion & downconversion applications optimized for low side lo input 24 lead 4x4mm smt package: 16mm 2
mixers - dbl-bal - smt 9 9 - 401 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz conversion gain vs. temperature isolation return loss conversion gain vs. lo drive if bandwidth (lo= 3.2 ghz) input p1db vs. temperature -20 -15 -10 -5 0 3 3.2 3.4 3.6 3.8 4 +25 c +85 c -40 c conversion gain (db) frequency (ghz) -20 -15 -10 -5 0 3 3.2 3.4 3.6 3.8 4 -3 dbm 0 dbm +3 dbm +6 dbm conversion gain (db) frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 if rl cg response (db) frequency (ghz) 10 15 20 25 30 3 3.2 3.4 3.6 3.8 4 +25 c +85 c -40 c p1db (dbm) frequency (ghz) -25 -20 -15 -10 -5 0 3 3.2 3.4 3.6 3.8 4 rf lo return loss (db) frequency (ghz) -60 -50 -40 -30 -20 -10 0 3 3.2 3.4 3.6 3.8 4 lo/if rf/if lo/rf isolation (db) frequency (ghz)
mixers - dbl-bal - smt 9 9 - 402 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz [1] two-tone input power = +10 dbm each tone, 1 mhz spacing. [2] referenced to rf input power at 0 dbm. input ip3 vs. temperature [1] +2rf -2lo response vs. lo drive [2] input ip3 vs. lo drive [1] +2rf -2lo response vs. temperature [2] +3rf -3lo response vs. lo drive [2] +3rf -3lo response vs. temperature [2] 20 24 28 32 36 40 3 3.2 3.4 3.6 3.8 4 -3 dbm 0 dbm +3 dbm +6 dbm ip3 (dbm) frequency (ghz) 60 65 70 75 80 85 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 -3 dbm 0 dbm +3 dbm +6 dbm response (dbc) frequency (ghz) 60 65 70 75 80 85 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 +25 c +85 c -40 c response (dbc) frequency (ghz) 40 50 60 70 80 90 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 -3 dbm 0 dbm +3 dbm +6 dbm response (dbc) frequency (ghz) 40 50 60 70 80 90 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 +25 c +85 c -40 c response (dbc) frequency (ghz) 20 25 30 35 40 3 3.2 3.4 3.6 3.8 4 +25 c +85 c -40 c ip3 (dbm) frequency (ghz)
mixers - dbl-bal - smt 9 9 - 403 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz harmonics of lo mxn spurious @ if port nlo mrf01234 0xx22313551 1350443569 28569576881 3 105 85 91 67 85 4 120 120 120 113 108 rf freq. = 3.5 ghz @ 0 dbm lo freq. = 3.2 ghz @ 0 dbm all values in dbc below if power level (1rf - 1lo). nlo spur @ rf port lo freq. (ghz) 1 2 3 4 2.7 31 33 46 55 2.8 30 30 46 60 2.9 28 30 47 59 3.0 28 29 48 55 3.1 27 28 48 53 3.2 27 29 48 70 3.3 27 30 51 58 3.4 28 31 56 52 3.5 28 33 55 48 3.6 29 34 57 45 3.7 30 35 58 46 lo = 0 dbm all values in dbc below input lo level measured at rf port. typical supply current vs. vcc vcc1, 2, 3 (v) icc total (ma) 4.75 149 5.00 162 5.25 174 downconverter will operate over full voltage range shown above. absolute maximum ratings rf / if input (vcc1, 2, 3 = +5v) +23 dbm lo drive (vcc1, 2, 3 = +5v) +10 dbm vcc1, 2, 3 5.5v channel temperature 125 c continuous pdiss (t = 85c) (derate 27 mw/c above 85c) 1.1 w thermal resistance (channel to ground paddle) 37 c/w storage temperature -65 to 150 c operating temperature -40 to +85 c electrostatic sensitive device observe handling precautions upconverter performance conversion gain vs. lo drive upconverter performance input ip3 vs. lo drive [1] 16 20 24 28 32 36 3 3.2 3.4 3.6 3.8 4 -3 dbm 0 dbm +3 dbm +6 dbm ip3 (dbm) frequency (ghz) -20 -15 -10 -5 0 3 3.2 3.4 3.6 3.8 4 -3 dbm 0 dbm +3 dbm +6 dbm conversion gain (db) frequency (ghz)
mixers - dbl-bal - smt 9 9 - 404 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz outline drawing part number package body material lead finish msl rating package marking [3] HMC666LP4 low stress injection molded plastic sn/pb solder msl1 [1] h666 xxxx HMC666LP4e rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] h666 xxxx [1] max peak re ow temperature of 235 c [2] max peak re ow temperature of 260 c [3] 4-digit lot number xxxx package information notes: 1. package body material: low stress injection molded plastic silica and silicon impregnated. 2. lead and ground paddle material: copper alloy. 3. lead and ground paddle plating: 100% matte tin. 4. dimensions are in inches [millimeters]. 5. lead spacing tolerance is non-cumulative. 6. pad burr length shall be 0.15mm max. pad burr height shall be 0.25mm max. 7. package warp shall not exceed 0.05mm 8. all ground leads and ground paddle must be soldered to pcb rf ground. 9. refer to hittite application note for suggested pcb land pattern.
mixers - dbl-bal - smt 9 9 - 405 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz pin number function description interface schematic 1, 6, 7, 11 - 14, 18, 20, 23 n/c no connection. these pins may be connected to rf ground. performance will not be affected. 2, 5, 15, 17 gnd package bottom must be connected to rf/dc ground. 3rf this pin is matched single-ended 50 ohm and dc shorted to ground through a balun. 4tap short to ground with a zero ohm resistor close to the ic. 8, 10, 24 vcc1, vcc2, vcc3 power supply voltage. see application circuit for required external components. 9lo_bias adjust the lo buffer current through an external resistor. see application circuit for required external components. 16 lo this pin is matched single-ended 50 ohm and dc shorted to ground through a balun. 19 g_bias external optional bias. see application circuit for required external components. apply +2.5v for nominal performance. 21, 22 ifn, ifp differential if input / output pins matched to differential 50 ohms. for applications not requiring operation to dc an off chip dc blocking capacitor should be used. pin descriptions
mixers - dbl-bal - smt 9 9 - 406 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com evaluation pcb the circuit board used in the nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be con- nected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. item description j1 - j3 sma connector j4 - j7 dc pin c19 22 pf capacitor, 0402 pkg. c7, c8 10 nf capacitor, 0402 pkg. c10, c12, c16, c18 1 nf capacitor, 0402 pkg. c11, c15, c17, c21 0.1 f capacitor, 0402 pkg. c1 0.4 pf capacitor, 0402 pkg. c20 4.7 f case a, tantalum l1 2.2 nh inductor, 0402 pkg. r1 - r4 0 ohm resistor, 0402 pkg. r9 200 ohm resistor, 0603 pkg. t1 1:1 transformer - tyco mabact0039 u1 HMC666LP4(e) double balanced mixer pcb [2] 118162 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: arlon 25r, fr4 list of materials for evaluation pcb 120818 [1] HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz
mixers - dbl-bal - smt 9 9 - 407 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application circuit HMC666LP4 / 666lp4e v01.0608 bicmos mmic mixer w/ integrated lo amplifier, 3.1 - 3.9 ghz


▲Up To Search▲   

 
Price & Availability of HMC666LP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X