Part Number Hot Search : 
251913B SCD215H VCH16245 L7809AB MA277 21D05 AT603 50310
Product Description
Full Text Search
 

To Download FST1603510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant microsemi catalog number fst16035* fst16040* fst16045* fst16050* working peak reverse voltage 40v 35v 45v 50v 50v 45v 40v 35v reverse voltage repetitive peak electrical characteristics thermal and mechanical characteristics storage temp range operating junction temp range maximum thermal resistance per leg maximum thermal resistance per pkg. mounting torque t t o r weight average forward current per pkg maximum surge current per leg max peak forward voltage per leg max peak reverse current per leg typical junction capacitance per leg f(av) fsm fm rm j i i v i c 2.5 ounces (71 grams) typical i r(ov) max repetitive peak reverse current per leg max peak forward voltage per leg fm v 160 amps 1200 amps 2 amps .58 volts .74 volts 30 ma 2300 pf c = 115c, square wave, 0jc = 0.5c/w 8.3 ms, half sine j = 175c f = 1 khz, 25c, 1sec square wave fm = 80a: j = 175c fm = 80a: j = 25c rrm, j = 125c r = 5.0v, j = 25c i v v t t t t t i t * * fst16035 - fst16050 schottky powermod t v 2 ma rm max peak reverse current per leg i rrm, j = 25c r stg j jc -55c to 175c -55c to 175c 1.0c/w 0.5c/w *pulse test: pulse width 300sec, duty cycle 2% * 0.1c/w cs r o typical thermal resistance (greased) jc r o *add the suffix a for common anode, d for doubler r t c = 115c, square wave, 0jc = 1.0c/w 80 amps i f(av) average forward current per leg 15 - 20 inch pounds case to sink junction to case junction to case common cathode a=common anode d=doubler pins: nickel plated copper baseplate: nickel plated copper; j h m p l g r f q d electrically isolated notes: k 2 1 1 2 e c a n 4 places b 1 2 to lead c notes 0.890 r to-249 3 3 0.240 k 0.490 0.445 0.035 0.175 0.330 n q p m l 1.500 --- 0.120 2.390 0.990 j h f g e 22.61 23.11 0.910 0.260 6.10 0.195 0.455 0.045 0.510 0.350 4.45 11.30 0.89 12.45 8.38 1.525 0.400 0.130 2.410 1.010 38.10 --- 3.05 60.71 25.15 6.60 12.95 11.56 1.14 4.95 6.90 38.70 10.16 3.30 61.21 25.65 dim. inches 3 0.182 min. 0.495 0.300 1.995 c d b a millimeters 0.192 0.505 0.325 max. 2.005 4.62 12.57 7.62 min. 50.67 4.88 max. 12.83 8.26 50.93 l dia. dia. 1 2 3 schottky barrier rectifier reverse energy tested high surge capacity v rrm - 35 to 50 volts guard ring for reverse protection january, 2010 - rev. 3 www.microsemi.com
25 c instantaneous forward voltage - volts instantaneous forward current - amperes 1000 800 600 400 200 100 80 60 40 20 10 8.0 6.0 4.0 2.0 1.0 figure 1 figure 2 50 100 5.0 10 1.0 0.5 10000 6000 4000 2000 1000 600 400 200 100 figure 3 0.1 junction capacitance - pf 100 10 1.0 0.1 reverse voltage - volts 10 20 30 40 reverse voltage - volts 50 .01 typical reverse current - ma 125 c 75 c 25 c forward current derating - per leg figure 4 average forward current - amperes maximum allowable case temperature - c 175 165 155 145 0 15 30 180 120 60 90 dc 0 average forward current - amperes maximum power dissipation - watts figure 5 maximum forward power dissipation - per leg 60 90 120 180 dc fst16035 - fst16050 typical forward characteristics - per leg typical junction capacitance - per leg typical reverse characteristics - per leg 0 .2 .4 .6 .8 1.0 1.2 1.4 175 c 0 105 115 125 135 45 60 90 105 120 135 150 70 60 50 40 30 20 10 175 c .001 75 75 150 135 120 105 90 60 45 30 15 0 january, 2010 - rev. 3 www.microsemi.com


▲Up To Search▲   

 
Price & Availability of FST1603510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X