Part Number Hot Search : 
L6385D 220CA P150T 1800A 1E102 PA1724 ED302T KF5N50DR
Product Description
Full Text Search
 

To Download BFT92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bft 92 oct-25-1999 1 pnp silicon rf transistor  for broadband amplifiers up to 2 ghz at collector currents up to 20 ma  complementary type: bfr 92p (npn) 1 2 3 vps05161 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package bft 92 w1s 1 = b 2 = e 3 = c sot-23 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 15 v collector-emitter voltage v ces 20 collector-base voltage v cbo 20 emitter-base voltage v ebo 2 collector current i c 25 ma base current i b 3 total power dissipation , t s  78 c 1) p tot 200 mw junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t stg -65 ... 150 thermal resistance junction - soldering point r thjs  360 k/w 1 t s is measured on the collector lead at the soldering point to the pcb
bft 92 oct-25-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 15 - - v collector-base cutoff current v cb = 10 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 2 v, i c = 0 i ebo - - 10 a dc current gain i c = 15 ma, v ce = 8 v h fe 15 50 - -
bft 92 oct-25-1999 3 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 15 ma, v ce = 8 v, f = 500 mhz f t 3.5 5 - ghz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 0.54 0.8 pf collector-emitter capacitance v ce = 10 v, f = 1 mhz c ce - 0.25 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 0.77 - noise figure i c = 2 ma, v ce = 8 v, z s = z sopt , f = 900 mhz f = 1.8 ghz f - - 2 3.2 - - db power gain, maximum available f) i c = 15 ma, v ce = 8 v, z s = z sopt , z l = z lopt , f = 900 mhz f = 1.8 ghz g ma - - 13.5 8 - - transducer gain i c = 15 ma, v ce = 8 v, z s = z l = 50  , f = 900 mhz f = 1.8 ghz | s 21e | 2 - - 11.5 6 - - 1 g ma = | s 21 / s 12 | (k-(k 2 -1) 1/2 )
bft 92 oct-25-1999 4 spice parameters (gummel-poon model, berkley-spice 2g.6 syntax) : transistor chip data is = 4.5354 fa vaf = 10.983 v ne = 1.1172 - var = 47.577 v nc = 1.206 - rbm = 1.5939  cje = 1.7785 ff tf = 32.171 ps itf = 0.013277 ma vjc = 1.2 v tr = 2.0779 ns mjs = 0- xti = 3 - bf = 98.533 - ikf = 0.016123 a br = 10.297 - ikr = 0.019729 a rb = 7.9562  re = 1.5119  vje = 0.79082 v xtf = 0.30227 - ptf = 0 deg mjc = 0.3 - cjs = 0ff xtb = 0- fc = 0.75167 - nf = 0.90551 - ise = 12.196 fa nr = 1.2703 - isc = 0.024709 fa irb = 0.79584 ma rc = 0.66749  mje = 0.32167 - vtf = 0.21451 v cjc = 922.07 ff xcjc = 0.3 - vjs = 0.75 v eg = 1.11 ev tnom 300 k all parameters are ready to use, no scaling is necessary. extracted on behalf of siemens small signal semiconductors by: institut fr mobil-und satellitentechnik (imst)  1996 siemens ag package equivalent circuit: l bi = 0.85 nh l bo = 0.51 l ei = 0.69 l eo = 0.61 l ci = 0 l co = 0.49 c be = -ff c cb = 84 c ce = 165 valid up to 6ghz for examples and ready to use parameters please contact your local infineon technologies distributor or sales office to obtain a infineon technologies cd-rom or see internet: http://www.infineon.com/products/discrete/index.htm
bft 92 oct-25-1999 5 total power dissipation p tot = f ( t a *, t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t s t a permissible pulse load r thjs = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
bft 92 oct-25-1999 6 collector-base capacitance c cb = f ( v cb ) f = 1mhz 0 4 8 12 16 v 22 v cb 0.0 0.2 0.4 0.6 0.8 1.0 1.2 pf 1.6 c cb transition frequency f t = f ( i c ) v ce = parameter 0 5 10 15 20 ma 30 i c 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 ghz 6.0 f t 10v 8v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 1.8ghz v ce = parameter 0 5 10 15 20 ma 30 i c 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 db 8.5 g 10v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 0.9ghz v ce = parameter 0 5 10 15 20 ma 30 i c 0 2 4 6 8 10 12 db 16 g 10v 8v 5v 3v 2v 1v 0.7v
bft 92 oct-25-1999 7 power gain g ma , g ms = f ( v ce ):_____ | s 21 | 2 = f ( v ce ):--------- f = parameter 0 2 4 6 8 v 12 v ce 0 2 4 6 8 10 12 db 16 g 0.9ghz 1.8ghz 0.9ghz 1.8ghz i c =15ma intermodulation intercept point ip 3 = f ( i c ) (3rd order, output, z s = z l =50  ) v ce = parameter, f = 900mhz 0 4 8 12 16 20 ma 28 i c 4 6 8 10 12 14 16 18 20 22 24 dbm 28 ip 3 8v 3v 2v 1v power gain | s 21 | 2 = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f -2 0 2 4 6 8 10 12 14 16 18 20 22 db 26 s 21 10v 2v 0.7v i c =15ma power gain g ma , g ms = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f 0 5 10 15 20 db 30 g 10v 2v 1v 0.7 i c =15ma


▲Up To Search▲   

 
Price & Availability of BFT92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X