Part Number Hot Search : 
4LVX1 MUR810 TMV2412 1ZB22 HYB25 XFATM 2N3642 IDT72V84
Product Description
Full Text Search
 

To Download BAW56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  baw 56w oct-08-1999 1 silicon switching diode array ? for high-speed switching applications ? common anode 1 3 vso05561 2 eha07187 3 12 c1 c2 a1/a2 type marking pin configuration package 1 = c1 baw 56w 2 = c2 3 = a1/a2 sot-323 a1s maximum ratings parameter value symbol unit v v r 70 diode reverse voltage peak reverse voltage v rm 70 200 ma forward current i f a i fs surge forward current, t = 1 s 4.5 total power dissipation , t s = 103 c p tot 250 mw 150 c junction temperature t j storage temperature t st g -65 ... 150 thermal resistance k/w junction - ambient 1) r thja 460 junction - soldering point r thjs 190 1) package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
baw 56w oct-08-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter values symbol unit max. typ. min. dc characteristics v v (br) breakdown voltage i (br) = 100 a - - 70 mv forward voltage i f = 1 ma i f = 10 ma i f = 50 ma i f = 150 ma - - - - - - - - v f 715 855 1000 1250 a reverse current v r = 70 v i r 2.5 - - reverse current v r = 25 v, t a = 150 c v r = 70 v i r - - - - 30 50 ac characteristics pf diode capacitance v r = 0 v, f = 1 mhz - 2 - c d reverse recovery time i f = 10 ma, i r = 10 ma, r l = 100 ? , measured at i r = 1ma t rr 6 ns - - test circuit for reverse recovery time ehn00019 f d.u.t. oscillograph pulse generator: t p = 100ns, d = 0.05, t r = 0.6ns, r i = 50 ? oscillograph: r = 50 ? , t r = 0.35ns, c 1pf
baw 56w oct-08-1999 3 forward current i f = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 ma 300 i f t s t a forward current i f = f ( v f ) t a = 25c ehb00091 baw 56 f 150 ma 100 50 0 v f 1.5 v 1.0 0.5 0 typ max permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs permissible pulse load i fmax / i fdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
baw 56w oct-08-1999 4 reverse current i r = f ( t a ) baw 56 ehb00090 25 v 70 v max. = 70 v r v typ. 5 5 5 1 2 3 4 5 10 10 r na 10 10 10 c a t 150 100 50 0 forward voltage v f = f ( t a ) baw 56 ehb00093 0.1 ma 1 ma 10 ma = 100 ma f c f v a t v 150 100 50 0 1.0 0.5 0


▲Up To Search▲   

 
Price & Availability of BAW56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X