Part Number Hot Search : 
C18LF2 HCTS365D BST25P2B BDXXX HWL27NC FA221 TAA4855 1N4742D
Product Description
Full Text Search
 

To Download 74LVTN16244BDGG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvtn16244b is a high-performance bicmos product designed for v cc operation at 3.3 v. this device is a 16-bit buffer and line driver featuring non-inverting 3-state bus outputs. the device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. 2. features and benefits ? 16-bit bus interface ? 3-state buffers ? output capability: +64 ma and ? 32 ma ? ttl input and output switching levels ? input and output interface capa bility to systems at 5 v supply ? power-up 3-state ? live insertion and extraction permitted ? no bus current loading when output is tied to 5 v bus ? latch-up protection ? jesd78b class ii exceeds 500 ma ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v 3. ordering information 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state rev. 3 ? 14 june 2011 product data sheet table 1. ordering information type number package temperature range name description version 74LVTN16244BDGG ? 40 ? c to +85 ? c tssop48 plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1 74lvtn16244bbx ? 40 ? c to +85 ? c hxqfn60u plastic thermal enhanced extremely thin quad flat package; no leads; 60 terminals; utlp based; body 4 ? 6 ? 0.5 mm sot1134-1
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 2 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 4. functional diagram pin numbers are shown for tssop48 package only. pin numbers are shown for tssop48 package only. fig 1. logic symbol fig 2. iec logic symbol 001aae506 47 46 44 43 2 3 5 6 1a0 1a1 1a2 1a3 1y0 1y1 1y2 1y3 1 1oe 36 35 33 32 13 14 16 17 3a0 3a1 3a2 3a3 3y0 3y1 3y2 3y3 25 3oe 30 29 27 26 19 20 22 23 4a0 4a1 4a2 4a3 4y0 4y1 4y2 4y3 24 4oe 41 40 38 37 8 9 11 12 2a0 2a1 2a2 2a3 2y0 2y1 2y2 2y3 48 2oe 11 1 1 1 3 2 4 001aae231 33 32 30 29 27 26 16 17 19 20 22 23 47 46 44 43 41 40 38 37 36 35 2 3 5 6 8 9 11 12 13 14 24 25 1a0 1a1 1a2 1a3 2a0 2a1 2a2 2a3 3a0 3a1 3a2 3a3 4a0 4a1 4a2 4a3 1y0 1y1 1y2 1y3 2y0 2y1 2y2 2y3 3y0 3y1 3y2 3y3 4y0 4y1 4y2 4y3 48 1 4oe 1oe 2oe 3oe en1 en2 en3 en4
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 3 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 5. pinning information 5.1 pinning fig 3. pin configuration sot362-1 (tssop48) 74lvtn16244b 1oe 2oe 1y0 1a0 1y1 1a1 gnd gnd 1y2 1a2 1y3 1a3 v cc v cc 2y0 2a0 2y1 2a1 gnd gnd 2y2 2a2 2y3 2a3 3y0 3a0 3y1 3a1 gnd gnd 3y2 3a2 3y3 3a3 v cc v cc 4y0 4a0 4y1 4a1 gnd gnd 4y2 4a2 4y3 4a3 4oe 3oe 001aak259 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 4 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 5.2 pin description (1) the die substrate is attached to this p ad using conductive die attach material. it can not be used as a supply pin or input. fig 4. pin configuration sot1134-1 (hxqfn60u) d1 d3 a16 a15 a14 a13 a12 a11 d2 b9 gnd (1) b10 d7 a17 a18 b11 a19 b12 a20 b13 a21 b14 b8 a10 d6 a9 a8 b7 b6 a7 b5 a6 a22 b15 a23 b16 a24 b17 a25 a26 d8 d4 a27 b18 a28 a29 b19 b20 a30 a31 a32 b4 a5 b3 b2 b1 d5 a4 a3 a2 a1 74lvtn16244b 001aak261 transparent top view terminal 1 index area table 2. pin description symbol pin description sot362-1 sot1134-1 1oe , 2oe , 3oe , 4oe 1, 48, 25, 24 a30, a29, a14, a13 output enable input (active low) 1y0 to 1y3 2, 3, 5, 6 b20, a31, d5, d1 data output 2y0 to 2y3 8, 9, 11, 12 a2, b2, b3, a5 data output 3y0 to 3y3 13, 14, 16, 17 a6, b5, b6, a9 data output 4y0 to 4y3 19, 20, 22, 23 d2, d6, a12, b8 data output
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 5 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. 7. limiting values gnd 4, 10, 15, 21, 28, 34, 39, 45 a32, a3, a8, a11, a16, a19, a24, a27 ground (0 v) v cc 7, 18, 31, 42 a1, a10, a17, a26 supply voltage 1a0 to 1a3 47, 46, 44, 43 b18, a28, d8, d4 data input 2a0 to 2a3 41, 40, 38, 37 a25, b16, b15, a22 data input 3a0 to 3a3 36, 35, 33, 32 a21, b13, b12, a18 data input 4a0 to 4a3 30, 29, 27, 26 d3 , d7, a15, b10 data input n.c. - a4, a7, a20, a23, b1, b4, b7, b9, b11, b14, b17, b19 not connected table 2. pin description ?continued symbol pin description sot362-1 sot1134-1 table 3. function table [1] control input output noe nan nyn lll lhh hxz table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v v i input voltage [1] ? 0.5 +7.0 v v o output voltage output in off-state or high-state [1] ? 0.5 +7.0 v i ik input clamping current v i < 0 v ? 50 - ma i ok output clamping current v o < 0 v ? 50 - ma i o output current output in low-state - 128 ma output in high-state ? 64 - ma t stg storage temperature ? 65 +150 ?c t j junction temperature [2] - 150 ?c
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 6 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state [1] the input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. [2] the performance capability of a high-perfo rmance integrated circuit in conjunction with its thermal environment can create j unction temperatures which are detrimental to reliability. [3] above 60 ? c the value of p tot derates linearly with 5.5 mw/k. [4] above 70 ? c the value of p tot derates linearly with 1.8 mw/k. 8. recommended operating conditions p tot total power dissipation t amb = ? 40 ? c to +85 ?c; tssop48 package [3] - 500 mw hxqfn60u package [4] - 1000 mw table 4. limiting values ?continued in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit table 5. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 2.7 - 3.6 v v i input voltage 0 - 5.5 v v ih high-level input voltage 2.0 - - v v il low-level input voltage - - 0.8 v i oh high-level output current ? 32 - - ma i ol low-level output current none - - 32 ma current duty cycle ? 50 %; f i ? 1khz --64ma t amb ambient temperature in free-air ? 40 - +85 ?c ? t/ ? v input transition rise and fall rate outputs enabled - - 10 ns/v
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 7 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 9. static characteristics [1] typical values are measured at v cc = 3.3 v and at t amb = 25 ? c. [2] this parameter is valid for any v cc between 0 v and 1.2 v with a transition time of up to 10 ms. from v cc = 1.2 v to v cc = 3.3 v ? 0.3 v a transition time of 100 ? s is permitted. this parameter is valid for t amb = 25 ? c only. [3] i cc is measured with outputs pulled to v cc or gnd. [4] this is the increase in supply current for each input at the specified voltage level other than v cc or gnd. table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = ? 40 ? c to +85 ?c [1] v ik input clamping voltage v cc = 2.7 v; i ik = ? 18 ma ? 1.2 ? 0.85 - v v oh high-level output voltage i oh = ? 100 ? a; v cc = 2.7 v to 3.6 v v cc ? 0.2 v cc -v i oh = ? 8ma; v cc = 2.7 v 2.4 2.5 - v i oh = ? 32 ma; v cc = 3.0 v 2.0 2.3 - v v ol low-level output voltage v cc = 2.7 v i ol = 100 ? a - 0.07 0.2 v i ol = 24 ma - 0.3 0.5 v v cc = 3.0 v i ol = 16 ma - 0.25 0.4 v i ol = 32 ma - 0.3 0.5 v i ol = 64 ma - 0.4 0.55 v i i input leakage current all input pins; v cc = 0 v or 3.6 v; v i =5.5v - 0.1 10 ? a control pins; v cc = 3.6 v; v i =v cc or gnd - 0.1 ? 1.0 ? a data pins; unused pins at v cc or gnd v i =v cc ; v cc =3.6v - 0.1 1 ? a v i =0v; v cc =3.6v ? 5 ? 0.1 - ? a i off power-off leakage current v cc = 0 v; v i or v o = 0v to4.5v - 0.1 ? 100 ? a i lo output leakage current outpu t in high-state when v o >v cc ; v o = 5.5 v; v cc =3.0v - 50 125 ? a i o(pu/pd) power-up/power-down output current v cc ? 1.2 v; v o = 0.5 v to v cc ; v i = gnd or v cc ; noe = don?t care [2] -1 ? 100 ? a i oz off-state output current v cc = 3.6 v; v i = v ih or v il output high: v o = 3.0 v - 0.5 5 ? a output low: v o = 0.5 v ? 5+0.5- ? a i cc supply current v cc = 3.6 v; v i = gnd or v cc ; i o =0a output high - 0.07 0.12 ma output low - 4.0 6.0 ma outputs disabled [3] - 0.07 0.12 ma ? i cc additional supply current per input pin; v cc = 3.0 v to 3.6 v; one input at v cc ? 0.6 v other inputs at v cc or gnd [4] -0.10.2ma c i input capacitance v i = 0v or 3.0v - 3 - pf c o output capacitance outputs disabled; v o = 0 v or 3.0 v - 9 - pf
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 8 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 10. dynamic characteristics [1] typical values are measured at v cc = 3.3 v and t amb = 25 ? c. table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 . symbol parameter conditions min typ max unit t amb = ? 40 ? c to +85 ?c [1] t plh low to high propagation delay nan to nyn; see figure 5 v cc = 2.7 v - - 4.0 ns v cc = 3.0 v to 3.6 v 0.5 1.8 3.2 ns t phl high to low propagation delay nan to nyn; see figure 5 v cc = 2.7 v - - 4.0 ns v cc = 3.0 v to 3.6 v 0.5 1.7 3.2 ns t pzh off-state to high propagation delay noe to nyn; see figure 6 v cc = 2.7 v - - 5.0 ns v cc = 3.0 v to 3.6 v 1.0 2.3 4.0 ns t pzl off-state to low propagation delay noe to nyn; see figure 6 v cc = 2.7 v - - 5.3 ns v cc = 3.0 v to 3.6 v 1.0 2.1 4.0 ns t phz high to off-state propagation delay noe to nyn; see figure 6 v cc = 2.7 v - - 5.0 ns v cc = 3.0 v to 3.6 v 1.0 3.2 4.5 ns t plz low to off-state propagation delay noe to nyn; see figure 6 v cc = 2.7 v - - 4.4 ns v cc = 3.0 v to 3.6 v 1.0 2.9 4.0 ns
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 9 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 11. waveforms measurements points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 5. propagation delay input (nan) to output (nyn) mna171 nan input nyn output t plh t phl gnd v i v m v m v m v m v oh v ol measurements points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. 3-state output enable and disable times 001aae464 t pzl nyn output nyn output noe input v ol v oh 3.0 v v i v m gnd 0 v t plz t pzh t phz v x v y v m v m table 8. measurement points input output v m v m v x v y 1.5 v 1.5 v v ol + 0.3 v v oh ? 0.3 v
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 10 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state test data is given in table 9 . definitions test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 7. load circuit for measuring switching times v ext v cc v i v o 001aae235 dut c l r t r l r l pulse generator v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f table 9. test data input load v ext v i f i t w t r , t f c l r l t phz , t pzh t plz , t pzl t plh , t phl 2.7 v ? 10 mhz 500 ns ? 2.5 ns 50 pf 500 ? gnd 6 v open
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 11 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 12. package outline fig 8. package outlin e sot362-1 (tssop48) unit a 1 a 2 a 3 b p cd (1) e (2) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.2 0.1 8 0 o o 0.1 dimensions (mm are the original dimensions). notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. sot362-1 99-12-27 03-02-19 w m tssop48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1 a max. 1.2 0 2.5 5 mm scale mo-153
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 12 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state fig 9. package outline sot1134-1 (hxqfn60u) references outline version european projection issue date iec jedec jeita sot1134-1 - - - - - - - - - sot1134-1_po 08-12-17 09-01-22 unit mm max nom min 0.50 0.48 0.46 0.05 0.02 0.00 4.1 4.0 3.9 1.90 1.85 1.80 6.1 6.0 5.9 3.90 3.85 3.80 1 2.5 4.5 0.125 0.075 0.025 0.07 a dimensions hxqfn60u: plastic thermal enhanced extremely thin quad flat package; no leads; 60 terminals; utlp based; body 4 x 6 x 0.5 mm sot1134-1 a 1 b 0.35 0.30 0.25 dd h ee h 0.08 0.1 yy 1 e 0.5 e 1 e 2 e 3 3 e 4 er 0.5 k 0.25 0.20 0.15 l 0.35 0.30 0.25 l 1 v 0.05 w 0 2.5 5 mm scale ac b v c w b a terminal 1 index area d e c y c y 1 x detail x a a 1 e r e 3 e 4 e 2 e 1 e e 1/2 e 1/2 e b ac b v c w k l b20 b18 a27 d8 d4 a32 d5 d7 d6 d1 d3 d2 d h e h l 1 terminal 1 index area a11 a16 b10 b8 a17 b11 b17 a26 a1 b1 a10 b7
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 13 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 13. abbreviations 14. revision history table 10. abbreviations acronym description bicmos bipolar complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74lvtn16244b v.3 20110614 product data sheet - 74lvtn16244b v.2 modifications: ? 74lvtn16244bbq changed to 74lvtn16244bbx for hxqfn60u (sot1134-1) package. 74lvtn16244b v.2 20100323 product data sheet - 74lvtn16244b v.1 modifications: ? 74lvtn16244bbq changed from huqfn60u (sot1025-1) to hxqfn60u (sot1134-1) package. 74lvtn16244b v.1 20090713 product data sheet - -
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 14 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74lvtn16244b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 14 june 2011 15 of 16 nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74lvtn16244b 3.3 v 16-bit buffer/driver; 3-state ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 14 june 2011 document identifier: 74lvtn16244b please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 functional description . . . . . . . . . . . . . . . . . . . 5 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 recommended operating conditions. . . . . . . . 6 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 16 contact information. . . . . . . . . . . . . . . . . . . . . 15 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74LVTN16244BDGG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X