Part Number Hot Search : 
CXD2424R NFA09 SB310 GP2S28 1707B RM188 671CS LTC3728L
Product Description
Full Text Search
 

To Download 2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lab seme 2N2222A semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. document number 3554 issue 1 high speed medium power, npn switching transistor features ? silicon planar epitaxial npn transistor ? high speed saturated switching ? also available in ceramic surface mount package v cbo collector ? base voltage v ceo collector ? emitter voltage v ebo emitter ? base voltage i c collector current p d total device dissipation @ t a = 25c derate above 25c p d total device dissipation @ t c = 25c derate above 25c t j operating junction temperature t stg storage junction temperature range 75v 40v 6v 800ma 0.5w 3.33mw / c 1.8w 12.05mw / c 175c ?65 to +200c mechanical data dimensions in mm (inches) to?18 metal package (to-206aa) absolute maximum ratings (t a = 25c unless otherwise stated) pin 1 ? emitter underside view pin 2 ? base pin 3 ? collector             
          
        
              
         
         
         
         
         
         
            
         
         
  
parameter test conditions min. typ. max. unit f t transition frequency 2 c ob output capacitance c ib input capacitance h fe small signal current gain t d delay time t r rise time t s storage time t f fall time i c = 20ma v ce = 20v f = 100mhz v cb = 10v i e = 0 f = 100khz v eb = 0.5v i c = 0 f = 100khz i c = 1ma v ce = 10v f = 1khz i c = 10ma v ce = 10v f = 1khz v cc = 30v v be(off) = 0.5v i c = 150ma i b1 = 15ma v cc = 30v i c = 150ma i b1 = i b2 = 15ma lab seme 2N2222A semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. document number 3554 issue 1 i c = 10ma i b = 0 i c = 10 ai e = 0 i e = 10 ai c = 0 v ce = 60v v eb(off) = 3v i e = 0 v cb = 60v t a = 150c i c = 0 v eb = 3v v ce = 60v v eb(off) = 3v i c = 150ma i b = 15ma i c = 500ma i b = 50ma i c = 150ma i b = 15ma i c = 500ma i c = 50ma i c = 0.1ma v ce = 10v i c = 1ma v ce = 10v i c = 10ma v ce = 10v t a = ?55c i c = 150ma v ce = 10v 1 i c = 150ma v ce = 1v 1 i c = 500ma v ce = 10v 1 electrical characteristics (t a = 25c unless otherwise stated) v (br)ceo collector ? emitter sustaining voltage v (br)cbo collector ? base breakdown voltage v (br)ebo emitter ? base breakdown voltage i cex collector cut-off current i cbo collector ? base cut-off current i ebo emitter cut-off current (i c = 0) i bl base current v ce(sat) 1 collector ? emitter saturation voltage v be(sat) 1 base ? emitter saturation voltage h fe dc current gain 40 75 6 10 0.01 10 10 20 0.3 1 0.6 1.2 2 35 50 75 35 100 300 50 40 300 8 25 50 300 75 375 10 25 225 60 v v v na a na na v v ? mhz pf ? ns ns notes: 1) pulse test: t p 300 s , 2% 2) f t is defined as the frequency at which h fe extrapolates to unity. off characteristics on characteristics small signal characteristics switching characteristics


▲Up To Search▲   

 
Price & Availability of 2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X