Part Number Hot Search : 
ATP214 SM2T14A BR101 OM7664SC ATP214 TA75358P LT102 39111
Product Description
Full Text Search
 

To Download 29LV800BB-90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p/n:pm1062 rev. 1.3, dec. 20, 2004 mx29lv800bt/bb 8m-bit [1mx8/512k x16] cmos single voltage 3v only flash memory and erase operation completion. ? ready/busy# pin (ry/by#) - provides a hardware method of detecting program or erase operation completion.  sector protection - hardware method to disable any combination of sectors from program or erase operations - temporary sector unprotected allows code changes in previously locked sectors.  cfi (common flash interface) compliant - flash device parameters stored on the device and provide the host system to access  100,000 minimum erase/program cycles  latch-up protected to 100ma from -1v to vcc+1v  boot sector architecture - t = top boot sector - b = bottom boot sector  package type: - 44-pin sop - 48-pin tsop - 48-pin csp  compatibility with jedec standard - pinout and software compatible with single-power supply flash  10 years data retention features  extended single - supply voltage range 2.7v to 3.6v  1,048,576 x 8/524,288 x 16 switchable  single power supply operation - 3.0v only operation for read, erase and program operation  fast access time: 70/90ns  low power consumption - 20ma maximum active current - 0.2ua typical standby current  command register architecture - byte/word programming (9us/11us typical) - sector erase (sector structure 16k-bytex1, 8k-bytex2, 32k-bytex1, and 64k-byte x15) ? fully compatible with mx29lv800t/b device  auto erase (chip & sector) and auto program - automatically erase any combination of sectors with erase suspend capability. - automatically program and verify data at specified address  erase suspend/erase resume - suspends sector erase operation to read data from, or program data to, any sector that is not being erased, then resumes the erase.  status reply - data# polling & toggle bit for detection of program general description the mx29lv800bt/bb is a 8-mega bit flash memory organized as 1m bytes of 8 bits or 512k words of 16 bits. mxic's flash memories offer the most cost-effec- tive and reliable read/write non-volatile random access memory. the mx29lv800bt/bb is packaged in 44-pin sop, 48-pin tsop, and 48-ball csp. it is designed to be reprogrammed and erased in system or in standard eprom programmers. the standard mx29lv800bt/bb offers access time as fast as 70ns, allowing operation of high-speed micropro- cessors without wait states. to eliminate bus conten- tion, the mx29lv800bt/bb has separate chip enable (ce#) and output enable (oe#) controls. mxic's flash memories augment eprom functionality with in-circuit electrical erasure and programming. the mx29lv800bt/bb uses a command register to man- age this functionality. the command register allows for 100% ttl level control inputs and fixed power supply levels during erase and programming, while maintaining maximum eprom compatibility. mxic flash technology reliably stores memory contents even after 100,000 erase and program cycles. the mxic cell is designed to optimize the erase and programming mechanisms. in addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and program operations produces reliable cy- cling. the mx29lv800bt/bb uses a 2.7v~3.6v vcc supply to perform the high reliability erase and auto program/erase algorithms. the highest degree of latch-up protection is achieved with mxic's proprietary non-epi process. latch-up pro- tection is proved for stresses up to 100 milliamperes on address and data pin from -1v to vcc + 1v.
2 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 pin configurations pin description symbol pin name a0~a18 address input q0~q14 data input/output q15/a-1 q15(word mode)/lsb addr(byte mode) ce# chip enable input we# write enable input byte# word/byte selection input reset# hardware reset pin oe# output enable input ry/by# ready/busy output vcc power supply pin (2.7v~3.6v) gnd ground pin 48 tsop (standard type) (12mm x 20mm) 48-ball csp ball pitch = 0.8 mm, top view, balls facing down 44 sop(500 mil) a bcdef gh 6 a13 a12 a14 a15 a16 byte# q15/a-1 gnd 5 a9 a8 a10 a11 q7 q14 q13 q6 4 we# reset# nc nc q5 q12 vcc q4 3 ry/by# nc a18 nc q2 q10 q11 q3 2 a7 a17 a6 a5 q0 q8 q9 q1 1a3a4 a2a1a0ce#oe#gnd 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 ry/by# a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce# gnd oe# q0 q8 q1 q9 q2 q10 q3 q11 reset# we# a8 a9 a10 a11 a12 a13 a14 a15 a16 byte# gnd q15/a-1 q7 q14 q6 q13 q5 q12 q4 vcc mx29lv800bt/bb a15 a14 a13 a12 a11 a10 a9 a8 nc nc we# reset# nc nc ry/by# a18 a17 a7 a6 a5 a4 a3 a2 a1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 a16 byte# gnd q15/a-1 q7 q14 q6 q13 q5 q12 q4 vcc q11 q3 q10 q2 q9 q1 q8 q0 oe# gnd ce# a0 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 mx29lv800bt/bb
3 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 block structure table 1: mx29lv800bt sector architecture note: byte mode:address range a18:a-1, word mode:address range a18:a0. sector sector size address range sector address byte mode word mode byte mode (x8) word mode (x16) a18 a17 a16 a15 a14 a13 a12 sa0 64kbytes 32kwords 00000h-0ffffh 00000h-07fffh 0000xx x sa1 64kbytes 32kwords 10000h-1ffffh 08000h-0ffffh 0001xx x sa2 64kbytes 32kwords 20000h-2ffffh 10000h-17fffh 0010xx x sa3 64kbytes 32kwords 30000h-3ffffh 18000h-1ffffh 0011xx x sa4 64kbytes 32kwords 40000h-4ffffh 20000h-27fffh 0100xx x sa5 64kbytes 32kwords 50000h-5ffffh 28000h-2ffffh 0101xx x sa6 64kbytes 32kwords 60000h-6ffffh 30000h-37fffh 0110xx x sa7 64kbytes 32kwords 70000h-7ffffh 38000h-3ffffh 0111xx x sa8 64kbytes 32kwords 80000h-8ffffh 40000h-47fffh 1000xx x sa9 64kbytes 32kwords 90000h-9ffffh 48000h-4ffffh 1001xx x sa10 64kbytes 32kwords a0000h-affffh 50000h-57fffh 1010xx x sa11 64kbytes 32kwords b0000h-bffffh 58000h-5ffffh 1011xx x sa12 64kbytes 32kwords c0000h-cffffh 60000h-67fffh 1100xx x sa13 64kbytes 32kwords d0000h-dffffh 68000h-6ffffh 1101xx x sa14 64kbytes 32kwords e0000h-effffh 70000h-77fffh 1110xx x sa15 32kbytes 16kwords f0000h-f7fffh 78000h-7bfffh 11110x x sa16 8kbytes 4kwords f8000h-f9fffh 7c000h-7cfffh 111110 0 sa17 8kbytes 4kwords fa000h-fbfffh 7d000h-7dfffh 111110 1 sa18 16kbytes 8kwords fc000h-fffffh 7e000h-7ffffh 111111 x
4 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 sector sector size address range sector address byte mode word mode byte mode (x8) word mode (x16) a18 a17 a16 a15 a14 a13 a12 sa0 16kbytes 8kwords 00000h-03fffh 00000h-01fffh 000000 x sa1 8kbytes 4kwords 04000h-05fffh 02000h-02fffh 000001 0 sa2 8kbytes 4kwords 06000h-07fffh 03000h-03fffh 000001 1 sa3 32kbytes 16kwords 08000h-0ffffh 04000h-07fffh 00001x x sa4 64kbytes 32kwords 10000h-1ffffh 08000h-0ffffh 0001xx x sa5 64kbytes 32kwords 20000h-2ffffh 10000h-17fffh 0010xx x sa6 64kbytes 32kwords 30000h-3ffffh 18000h-1ffffh 0011xx x sa7 64kbytes 32kwords 40000h-4ffffh 20000h-27fffh 0100xx x sa8 64kbytes 32kwords 50000h-5ffffh 28000h-2ffffh 0101xx x sa9 64kbytes 32kwords 60000h-6ffffh 30000h-37fffh 0110xx x sa10 64kbytes 32kwords 70000h-7ffffh 38000h-3ffffh 0111xx x sa11 64kbytes 32kwords 80000h-8ffffh 40000h-47fffh 1000xx x sa12 64kbytes 32kwords 90000h-9ffffh 48000h-4ffffh 1001xx x sa13 64kbytes 32kwords a0000h-affffh 50000h-57fffh 1010xx x sa14 64kbytes 32kwords b0000h-bffffh 58000h-5ffffh 1011xx x sa15 64kbytes 32kwords c0000h-cffffh 60000h-67fffh 1100xx x sa16 64kbytes 32kwords d0000h-dffffh 68000h-6ffffh 1101xx x sa17 64kbytes 32kwords e0000h-effffh 70000h-77fffh 1110xx x sa18 64kbytes 32kwords f0000h-fffffh 78000h-7ffffh 1111xx x table 2: mx29lv800bb sector architecture note: byte mode:address range a18:a-1, word mode:address range a18:a0.
5 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 block diagram control input logic program/erase high voltage write s tat e machine (wsm) s tat e register mx29lv800bt/bb flash array x-decoder address latch and buffer y-pass gate y-decoder array source hv command data decoder command data latch i/o buffer pgm data hv program data latch sense amplifier q0-q15/a-1 a0-a18 ce# oe# we# reset#
6 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 automatic programming the mx29lv800bt/bb is byte programmable using the automatic programming algorithm. the automatic pro- gramming algorithm makes the external system do not need to have time out sequence nor to verify the data programmed. the typical chip programming time at room temperature of the mx29lv800bt/bb is less than 10 seconds. automatic programming algorithm mxic's automatic programming algorithm requires the user to only write program set-up commands (including 2 unlock write cycle and a0h) and a program command (program data and address). the device automatically times the programming pulse width, provides the pro- gram verification, and counts the number of sequences. the device provides an unlock bypass mode with faster programming. only two write cycles are needed to pro- gram a word or byte, instead of four. a status bit similar to data# polling and a status bit toggling between con- secutive read cycles, provide feedback to the user as to the status of the programming operation. refer to write operation status, table 8, for more information on these status bits. automatic chip erase the entire chip is bulk erased using 10 ms erase pulses according to mxic's automatic chip erase algorithm. typical erasure at room temperature is accomplished in less than 25 second. the automatic erase algorithm automatically programs the entire array prior to electri- cal erase. the timing and verification of electrical erase are controlled internally within the device. automatic sector erase the mx29lv800bt/bb is sector(s) erasable using mxic's auto sector erase algorithm. the automatic sector erase algorithm automatically programs the specified sector(s) prior to electrical erase. the timing and verification of electrical erase are controlled inter- nally within the device. an erase operation can erase one sector, multiple sectors, or the entire device. automatic erase algorithm mxic's automatic erase algorithm requires the user to write commands to the command register using stan- dard microprocessor write timings. the device will auto- matically pre-program and verify the entire array. then the device automatically times the erase pulse width, provides the erase verification, and counts the number of sequences. a status bit toggling between consecu- tive read cycles provides feedback to the user as to the status of the erasing operation. register contents serve as inputs to an internal state- machine which controls the erase and programming cir- cuitry. during write cycles, the command register inter- nally latches address and data needed for the program- ming and erase operations. during a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of we# or ce#, whichever happens first. mxic's flash technology combines years of eprom experience to produce the highest levels of quality, reli- ability, and cost effectiveness. the mx29lv800bt/bb electrically erases all bits simultaneously using fowler- nordheim tunneling. the bytes are programmed by us- ing the eprom programming mechanism of hot elec- tron injection. during a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. during a sector erase cycle, the command register will only respond to erase suspend command. after erase suspend is completed, the device stays in read mode. after the state machine has completed its task, it will allow the command regis- ter to respond to its full command set. automatic select the auto select mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on q7~q0. this mode is mainly adapted for programming equipment on the de- vice to be programmed with its programming algorithm. when programming by high voltage method, automatic select mode requires vid (11.5v to 12.5v) on address pin a9 and other address pin a6, a1 and a0 as referring to table 3. in addition, to access the automatic select codes in-system, the host can issue the automatic se-
7 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 lect command through the command register without requiring vid, as shown in table 5. to verify whether or not sector being protected, the sec- tor address must appear on the appropriate highest or- der address bit (see table 1 and table 2). the rest of address bits, as shown in table 3, are don't care. once all necessary bits have been set as required, the pro- gramming equipment may read the corresponding iden- tifier code on q7~q0. a18 a11 a9 a8 a6 a5 a1 a0 description mode ce# oe# we# | | | | q15~q0 a12 a10 a7 a2 manufacturer code l l h x x vid x l x l l c2h read device id word l l h x x vid x l x l h 22dah silicon (top boot block) byte l l h x x vid x l x l h xxdah id device id word l l h x x vid x l x l h 225bh (bottom boot block) byte l l h x x vid x l x l h xx5bh xx01h sector protection l l h sa x vid x l x h l (protected) verification xx00h (unprotected) table 3. mx29lv800bt/bb auto select mode operation note:sa=sector address, x=don't care, l=logic low, h=logic high
8 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 query command and common flash interface (cfi) mode ( for mx29lv800bt/ bb) mx29lv800bt/bb is capable of operating in the cfi mode. this mode all the host system to determine the manufacturer of the device such as operating param- eters and configuration. two commands are required in cfi mode. query command of cfi mode is placed first, then the reset command exits cfi mode. these are described in table 6. the single cycle query command is valid only when the device is in the read mode, including erase suspend, standby mode, and read id mode; however, it is ig- nored otherwise. the reset command exits from the cfi mode to the read mode, or erase suspend mode, or read id mode. the command is valid only when the device is in the cfi mode. table 4-1. cfi mode: identification data values (all values in these tables are in hexadecimal) description address address data (byte mode) (word mode) query-unique ascii string "qry" 20 10 0051 22 11 0052 24 12 0059 primary vendor command set and control interface id code 26 13 0002 28 14 0000 address for primary algorithm extended query table 2a 15 0040 2c 16 0000 alternate vendor command set and control interface id code (none) 2e 17 0000 30 18 0000 address for secondary algorithm extended query table (none) 32 19 0000 34 1a 0000 table 4-2. cfi mode: system interface data values (all values in these tables are in hexadecimal) description address address data (byte mode) (word mode) vcc supply, minimum (2.7v) 36 1b 0027 vcc supply, maximum (3.6v) 38 1c 0036 vpp supply, minimum (none) 3a 1d 0000 vpp supply, maximum (none) 3c 1e 0000 typical timeout for single word/byte write (2 n us) 3e 1f 0004 typical timeout for minimum size buffer write (2 n us) 40 20 0000 typical timeout for individual block erase (2 n ms) 42 21 000a typical timeout for full chip erase (2 n ms) 44 22 0000 maximum timeout for single word/byte write times (2 n x typ) 46 23 0005 maximum timeout for buffer write times (2 n x typ) 48 24 0000 maximum timeout for individual block erase times (2 n x typ) 4a 25 0004 maximum timeout for full chip erase times (not supported) 4c 26 0000
9 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 table 4-3. cfi mode: device geometry data values (all values in these tables are in hexadecimal) description address address data (byte mode) (word mode) device size (2 n bytes) 4e 27 0014 flash device interface code (refer to the cfi publication 100) 50 28 0002 52 29 0000 maximum number of bytes in multi-byte write (not supported) 54 2a 0000 56 2b 0000 number of erase block regions 58 2c 0004 erase block region 1 information (refer to the cfi publication 100) 5a 2d 0000 5c 2e 0000 5e 2f 0040 60 30 0000 erase block region 2 information 62 31 0001 64 32 0000 66 33 0020 68 34 0000 erase block region 3 information 6a 35 0000 6c 36 0000 6e 37 0080 70 38 0000 erase block region 4 information 72 39 000e 74 3a 0000 76 3b 0000 78 3c 0001 table 4-4. cfi mode: primary vendor-specific extended query data values (all values in these tables are in hexadecimal) description address address data (byte mode) (word mode) query-unique ascii string "pri" 80 40 0050 82 41 0052 84 42 0049 major version number, ascii 86 43 0031 minor version number, ascii 88 44 0030 address sensitive unlock (0=required, 1= not required) 8a 45 0000 erase suspend (2= to read and write) 8c 46 0002 sector protect (n= # of sectors/group) 8e 47 0001 temporary sector unprotected (1=supported) 90 48 0001 sector protect/unprotected scheme 92 49 0004 simultaneous r/w operation (0=not supported) 94 4a 0000 burst mode type (0=not supported) 96 4b 0000 page mode type (0=not supported) 98 4c 0000
10 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 first bus second bus third bus fourth bus fifth bus sixth bus command bus cycle cycle cycle cycle cycle cycle cycle addr data addr data addr data addr data addr data addr data reset 1 xxxh f0h read 1 ra rd read silicon id word 4 555h aah 2aah 55h 555h 90h adi ddi byte 4 aaah aah 555h 55h aaah 90h adi ddi sector protect word 4 555h aah 2aah 55h 555h 90h (sa) xx00h verify x02h xx01h byte 4 aaah aah 555h 55h aaah 90h (sa) 00h x04h 01h program word 4 555h aah 2aah 55h 555h a0h pa pd byte 4 aaah aah 555h 55h aaah a0h pa pd chip erase word 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h 555h 10h byte 6 aaah aah 555h 55h aaah 80h aaah aah 555h 55h aaah 10h sector erase word 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h sa 30h byte 6 aaah aah 555h 55h aaah 80h aaah aah 555h 55h sa 30h sector erase suspend 1 xxxh b0h sector erase resume 1 xxxh 30h cfi query word 1 55h 98 byte 1 aah 98 table 5. mx29lv800bt/bb command definitions note: 1. adi = address of device identifier; a1=0, a0 = 0 for manufacturer code,a1=0, a0 = 1 for device code. a2-a18=do not care. (refer to table 3) ddi = data of device identifier : c2h for manufacture code, 22da/da(top), and 225b/5b(bottom) for device code. x = x can be vil or vih ra=address of memory location to be read. rd=data to be read at location ra. 2. pa = address of memory location to be programmed. pd = data to be programmed at location pa. sa = address of the sector. 3. the system should generate the following address patterns: 555h or 2aah to address a10~a0 in word mode/aaah or 555h to address a10~a-1 in byte mode. address bit a11~a18=x=don't care for all address commands except for program address (pa) and sector address (sa). write sequence may be initiated with a11~a18 in either state. 4. for sector protect verify operation: if read out data is 01h, it means the sector has been protected. if read out data is 00 h, it means the sector is still not being protected. 5. any number of cfi data read cycle are permitted.
11 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 table 6. mx29lv800bt/bb bus operation notes: 1. manufacturer and device codes may also be accessed via a command register write sequence. refer to table 5. 2. vid is the silicon-id-read high voltage, 11.5v to 12.5v. 3. refer to table 5 for valid data-in during a write operation. 4. x can be vil or vih. 5. code=00h/xx00h means unprotected. code=01h/xx01h means protected. 6. a18~a12=sector address for sector protect. 7. the sector protect and chip unprotected functions may also be implemented via programming equipment. sequences. note that the erase suspend (b0h) and erase resume (30h) commands are valid only while the sector erase operation is in progress. command definitions device operations are selected by writing specific ad- dress and data sequences into the command register. writing incorrect address and data values or writing them in the improper sequence will reset the device to the read mode. table 5 defines the valid register command address q8~q15 description ce# oe# we# reset# a18 a10 a9 a8 a6 a5 a1 a0 q0~q7 byte byte a12 a11 a7 a2 =vih =vil read l l h h ain dout dout q8~q14 =high z q15=a-1 write l h l h ain din(3) din reset x x x l x high z high z high z temporary sector unlock x x x vid ain din din high z output disable l h h h x high z high z high z standby vcc x x vcc x high z high z high z 0.3v 0.3v sector protect l h l vid sa x x x l x h l din x x chip unprotected l h l vid x x x x h x h l din x x sector protection verify l l h h sa x vid x l x h l code(5) x x
12 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 requirements for reading array data to read array data from the outputs, the system must drive the ce# and oe# pins to vil. ce# is the power control and selects the device. oe# is the output control and gates array data to the output pins. we# should remain at vih. the internal state machine is set for reading array data upon device power-up, or after a hardware reset. this ensures that no spurious alteration of the memory content occurs during the power transition. no command is necessary in this mode to obtain array data. standard microprocessor read cycles that assert valid address on the device address inputs produce valid data on the device data outputs. the device remains enabled for read access until the command register contents are altered. write commands/command sequences to program data to the device or erase sectors of memory , the system must drive we# and ce# to vil, and oe# to vih. the device features an unlock bypass mode to facilitate faster programming. once the device enters the unlock bypass mode, only two write cycles are required to program a byte, instead of four. the "byte program command sequence" section has details on programming data to the device using both standard and unlock bypass command sequences. an erase operation can erase one sector, multiple sectors , or the entire device. table indicates the address space that each sector occupies. a "sector address" consists of the address bits required to uniquely select a sector. the "writing specific address and data commands or sequences into the command register initiates device operations. table 1 defines the valid register command sequences. writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. after the system writes the autoselect command sequence, the device enters the autoselect mode. the system can then read autoselect codes from the internal register (which is separate from the memory array) on q7-q0. standard read cycle timings apply in this mode. refer to the autoselect mode and autoselect command sequence section for more information. icc2 in the dc characteristics table represents the active current specification for the write mode. the "ac characteristics" section contains timing specification table and timing diagrams for write operations. standby mode when using both pins of ce# and reset#, the device enter cmos standby with both pins held at vcc 0.3v. if ce# and reset# are held at vih, but not within the range of vcc 0.3v, the device will still be in the standby mode, but the standby current will be larger. during auto algorithm operation, vcc active current (icc2) is required even ce# = "h" until the operation is completed. the device can be read with standard access time (tce) from either of these standby modes, before it is ready to read data. output disable with the oe# input at a logic high level (vih), output from the devices are disabled. this will cause the output pins to be in a high impedance state. reset# operation the reset# pin provides a hardware method of resetting the device to reading array data. when the reset# pin is driven low for at least a period of trp, the device immediately terminates any operation in progress, tri- states all output pins, and ignores all read/write commands for the duration of the reset# pulse. the device also resets the internal state machine to reading array data. the operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity current is reduced for the duration of the reset# pulse. when reset# is held at vss 0.3v, the device draws cmos standby current (icc4). if reset# is held at vil but not within vss 0.3v, the standby current will be greater. the reset# pin may be tied to system reset circuitry. a system reset would that also reset the flash memory, enabling the system to read the boot-up firmware from
13 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 read/reset command the read or reset operation is initiated by writing the read/reset command sequence into the command reg- ister. microprocessor read cycles retrieve array data. the device remains enabled for reads until the command register contents are altered. if program-fail or erase-fail happen, the write of f0h will reset the device to abort the operation. a valid com- mand must then be written to place the device in the desired state. silicon-id read command flash memories are intended for use in applications where the local cpu alters memory contents. as such, manu- facturer and device codes must be accessible while the device resides in the target system. prom program- mers typically access signature codes by raising a9 to a high voltage (vid). however, multiplexing high volt- age onto address lines is not generally desired system design practice. the mx29lv800bt/bb contains a silicon-id-read op- eration to supple traditional prom programming meth- odology. the operation is initiated by writing the read silicon id command sequence into the command regis- ter. following the command write, a read cycle with a1=vil, a0=vil retrieves the manufacturer code of c2h/ 00c2h. a read cycle with a1=vil, a0=vih returns the device code of dah/22dah for mx29lv800bt, 5bh/ 225bh for mx29lv800bb. set-up automatic chip/sector erase commands chip erase is a six-bus cycle operation. there are two "unlock" write cycles. these are followed by writing the "set-up" command 80h. two more "unlock" write cy- cles are then followed by the chip erase command 10h or sector erase command 30h. the automatic chip erase does not require the device to be entirely pre-programmed prior to executing the au- tomatic chip erase. upon executing the automatic chip erase, the device will automatically program and verify the entire memory for an all-zero data pattern. when the device is automatically verified to contain an all-zero pattern, a self-timed chip erase and verify begin. the erase and verify operations are completed when the data on q7 is "1" at which time the device returns to the read mode. the system is not required to provide any control or timing during these operations. when using the automatic chip erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). if the erase operation was unsuccessful, the data on q5 is "1" (see table 8), indicating the erase operation exceed internal timing limit. the automatic erase begins on the rising edge of the last we# or ce# pulse, whichever happens first in the command sequence and terminates when the data on q7 is "1" at which time the device returns to the read mode, or the data on q6 stops toggling for two consecu- tive read cycles at which time the device returns to the read mode. the flash memory. if reset# is asserted during a program or erase operation, the ry/by# pin remains a "0" (busy) until the internal reset operation is complete, which requires a time of tready (during embedded algorithms). the system can thus monitor ry/by# to determine whether the reset operation is complete. if reset# is asserted when a program or erase operation is completed within a time of tready (not during embedded algorithms). the system can read data trh after the reset# pin returns to vih. refer to the ac characteristics tables for reset# parameters and to figure 22 for the timing diagram.
14 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 reading array data the device is automatically set to reading array data after device power-up. no commands are required to re- trieve data. the device is also ready to read array data after completing an automatic program or automatic erase algorithm. after the device accepts an erase suspend command, the device enters the erase suspend mode. the sys- tem can read array data using the standard read tim- ings, except that if it reads at an address within erase- suspended sectors, the device outputs status data. af- ter completing a programming operation in the erase suspend mode, the system may once again read array data with the same exception. see erase suspend/erase resume commands ? for more information on this mode. the system must issue the reset command to re-en- able the device for reading array data if q5 goes high, or while in the autoselect mode. see the "reset command" section, next. reset command writing the reset command to the device resets the de- vice to reading array data. address bits are don't care for this command. the reset command may be written between the se- quence cycles in an erase command sequence before erasing begins. this resets the device to reading array data. once erasure begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in a program command sequence before programming begins. this resets the device to reading array data (also applies to programming in erase sus- pend mode). once programming begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in an silicon id read command se- quence. once in the silicon id read mode, the reset command must be written to return to reading array data (also applies to silicon id read during erase sus- pend). if q5 goes high during a program or erase operation, writing the reset command returns the device to read- ing array data (also applies during erase suspend). pins a0 a1 q15~q8 q7 q6 q5 q4 q3 q2 q1 q0 code (hex) manufacture code word vil vil 00h 1 1 0 0 0 0 1 0 00c2h byte vil vil x 1 1 0 0 0 0 1 0 c2h device code word vih vil 22h 1 1 0 1 1 0 1 0 22dah for mx29lv800bt byte vih vil x 1 1 0 1 1 0 1 0 dah device code word vih vil 22h 0 1 0 1 1 0 1 1 225bh for mx29lv800bb byte vih vil x 0 1 0 1 1 0 1 1 5bh sector protection word x vih x 0 0 0 0 0 0 0 1 01h (protected) verification byte x vih x 0 0 0 0 0 0 0 0 00h (unprotected) table 7. silicon id code
15 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 sector erase commands the automatic sector erase does not require the de- vice to be entirely pre-programmed prior to executing the automatic sector erase set-up command and au- tomatic sector erase command. upon executing the automatic sector erase command, the device will auto- matically program and verify the sector(s) memory for an all-zero data pattern. the system is not required to provide any control or timing during these operations. when the sector(s) is automatically verified to contain an all-zero pattern, a self-timed sector erase and verify begin. the erase and verify operations are complete when either the data on q7 is "1" at which time the de- vice returns to the read mode, or the data on q6 stops toggling for two consecutive read cycles at which time the device returns to the read mode. the system is not required to provide any control or timing during these operations. when using the automatic sector erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). sector erase is a six-bus cycle operation. there are two "un- lock" write cycles. these are followed by writing the set-up command 80h. two more "unlock" write cycles are then followed by the sector erase command 30h. the sector address is latched on the falling edge of we# or ce#, whichever happens later, while the command (data) is latched on the rising edge of we# or ce#, whichever happens first. sector addresses selected are loaded into internal register on the sixth falling edge of we# or ce#, whichever happens later. each succes- sive sector load cycle started by the falling edge of we# or ce#, whichever happens later must begin within 50us from the rising edge of the preceding we# or ce#, which- ever happens first. otherwise, the loading period ends and internal auto sector erase cycle starts. (monitor q3 to determine if the sector erase timer window is still open, see section q3, sector erase timer.) any command other than sector erase (30h) or erase suspend (b0h) during the time-out period resets the device to read mode. erase suspend this command only has meaning while the state ma- chine is executing automatic sector erase operation, and therefore will only be responded during automatic sector erase operation. when the erase suspend com- mand is issued during the sector erase operation, the device requires a maximum 20us to suspend the sector erase operation. however, when the erase suspend com- mand is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. after this command has been executed, the command register will initiate erase suspend mode. the state machine will return to read mode automatically after suspend is ready. at this time, state machine only allows the command register to re- spond to erase resume, program data to , or read data from any sector not selected for erasure. the system can determine the status of the program operation using the q7 or q6 status bits, just as in the standard program operation. after an erase-suspend pro- gram operation is complete, the system can once again read array data within non-suspended sectors. erase resume this command will cause the command register to clear the suspend state and return back to sector erase mode but only if an erase suspend command was previously issued. erase resume will not have any effect in all other conditions. another erase suspend command can be written after the chip has resumed erasing. however, a delay time must be required after the erase resume command (1.5ms for mx29lv800bt/bb), if the system implements an endless erase suspend/resume loop, or the number of erase suspend/resume is exceeded 1024 times. the erase times will be expended if the erase behavior always be suspended. (please refer to mxic flash application note for details.) word/byte program command sequence the device programs one byte of data for each program operation. the command sequence requires four bus cycles, and is initiated by writing two unlock write cycles, followed by the program set-up command. the program address and data are written next, which in turn initiate the embedded program algorithm. the system is not required to provide further controls or timings. the device automatically generates the program pulses and verifies the programmed cell margin. table 1 shows the address and data requirements for the byte program command sequence. when the embedded program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. the system can
16 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 write operation status the device provides several bits to determine the sta- tus of a write operation: q2, q3, q5, q6, q7, and ry/ by#. table 10 and the following subsections describe the functions of these bits. q7, ry/by#, and q6 each offer a method for determining whether a program or erase operation is complete or in progress. these three bits are discussed first. q7: data# polling the data# polling bit, q7, indicates to the host system whether an automatic algorithm is in progress or com- pleted, or whether the device is in erase suspend. data# polling is valid after the rising edge of the final we# pulse in the program or erase command sequence. during the automatic program algorithm, the device out- puts on q7 the complement of the datum programmed to q7. this q7 status also applies to programming dur- ing erase suspend. when the automatic program algo- rithm is complete, the device outputs the datum pro- grammed to q7. the system must provide the program address to read valid status information on q7. if a pro- gram address falls within a protected sector, data# poll- ing on q7 is active for approximately 1 us, then the de- vice returns to reading array data. during the automatic erase algorithm, data# polling pro- duces a "0" on q7. when the automatic erase algo- determine the status of the program operation by using q7, q6, or ry/by#. see "write operation status" for information on these status bits. any commands written to the device during the em- bedded program algorithm are ignored. note that a hardware reset immediately terminates the programming operation. the byte program command sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. programming is allowed in any sequence and across sector boundaries. a bit cannot be programmed from a "0" back to a "1". attempting to do so may halt the operation and set q5 to "1" , ? or cause the data# polling algorithm to indicate the operation was successful. however, a succeeding read will show that the data is still "0". only erase operations can convert a "0" to a "1". rithm is complete, or if the device enters the erase sus- pend mode, data# polling produces a "1" on q7. this is analogous to the complement/true datum out-put de- scribed for the automatic program algorithm: the erase function changes all the bits in a sector to "1" prior to this, the device outputs the "co mplement, ? or "0". ? the system must provide an address within any of the sec- tors selected for erasure to read valid status information on q7. after an erase command sequence is written, if all sec- tors selected for erasing are protected, data# polling on q7 is active for approximately 100 us, then the device returns to reading array data. if not all selected sectors are protected, the automatic erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. when the system detects q7 has changed from the complement to true data, it can read valid data at q7-q0 on the following read cycles. this is because q7 may change asynchronously with q0-q6 while output en- able (oe#) is asserted low. ry/by# : ready/busy the ry/by# is a dedicated, open-drain output pin that indicates whether an automatic erase/program algorithm is in progress or complete. the ry/by# status is valid after the rising edge of the final we# or ce#, whichever happens first, in the command sequence. since ry/by# is an open-drain output, several ry/by# pins can be tied together in parallel with a pull-up resistor to vcc. if the output is low (busy), the device is actively erasing or programming. (this includes programming in the erase suspend mode.) if the output is high (ready), the de- vice is ready to read array data (including during the erase suspend mode), or is in the standby mode. table 8 shows the outputs for ry/by# during write op- eration. q6:toggle bit i toggle bit i on q6 indicates whether an automatic pro- gram or erase algorithm is in progress or complete, or whether the device has entered the erase suspend mode. toggle bit i may be read at any address, and is valid after the rising edge of the final we# or ce#, whichever
17 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 during an automatic program or erase algorithm opera- tion, successive read cycles to any address cause q6 to toggle. the system may use either oe# or ce# to control the read cycles. when the operation is complete, q6 stops toggling. after an erase command sequence is written, if all sec- tors selected for erasing are protected, q6 toggles and returns to reading array data. if not all selected sectors are protected, the automatic erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. the system can use q6 and q2 together to determine whether a sector is actively erasing or is erase sus- pended. when the device is actively erasing (that is, the automatic erase algorithm is in progress), q6 toggling. when the device enters the erase suspend mode, q6 stops toggling. however, the system must also use q2 to determine which sectors are erasing or erase-sus- pended. alternatively, the system can use q7. if a program address falls within a protected sector, q6 toggles for approximately 2 us after the program com- mand sequence is written, then returns to reading array data. q6 also toggles during the erase-suspend-program mode, and stops toggling once the automatic program algo- rithm is complete. table 8 shows the outputs for toggle bit i on q6. q2:toggle bit ii the "toggle bit ii" on q2, when used with q6, indicates whether a particular sector is actively erasing (that is, the automatic erase algorithm is in process), or whether that sector is erase-suspended. toggle bit ii is valid after the rising edge of the final we# or ce#, whichever happens first, in the command sequence. q2 toggles when the system reads at addresses within those sectors that have been selected for erasure. (the system may use either oe# or ce# to control the read cycles.) but q2 cannot distinguish whether the sector is actively erasing or is erase-suspended. q6, by com- parison, indicates whether the device is actively eras- ing, or is in erase suspend, but cannot distinguish which sectors are selected for erasure. thus, both status bits are required for sectors and mode information. refer to table 8 to compare outputs for q2 and q6. reading toggle bits q6/ q2 whenever the system initially begins reading toggle bit status, it must read q7-q0 at least twice in a row to determine whether a toggle bit is toggling. typically, the system would note and store the value of the toggle bit after the first read. after the second read, the system would compare the new value of the toggle bit with the first. if the toggle bit is not toggling, the device has completed the program or erase operation. the system can read array data on q7-q0 on the following read cycle. however, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the sys- tem also should note whether the value of q5 is high (see the section on q5). if it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as q5 went high. if the toggle bit is no longer toggling, the device has successfully completed the program or erase op- eration. if it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. the remaining scenario is that system initially determines that the toggle bit is toggling and q5 has not gone high. the system may continue to monitor the toggle bit and q5 through successive read cycles, determining the sta- tus as described in the previous paragraph. alterna- tively, it may choose to perform other system tasks. in this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation. q5 exceeded timing limits q5 will indicate if the program or erase time has ex- ceeded the specified limits (internal pulse count). under these conditions q5 will produce a "1". this time-out condition indicates that the program or erase cycle was not successfully completed. data# polling and toggle bit are the only operating functions of the device under this condition. happens first, in the command sequence (prior to the program or erase operation), and during the sector time- out.
18 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 if this time-out condition occurs during sector erase op- eration, it specifies that a particular sector is bad and it may not be reused. however, other sectors are still func- tional and may be used for the program or erase opera- tion. the device must be reset to use other sectors. write the reset command sequence to the device, and then execute program or erase command sequence. this allows the system to continue to use the other active sectors in the device. if this time-out condition occurs during the chip erase operation, it specifies that the entire chip is bad or com- bination of sectors are bad. status q7 q6 q5 q3 q2 ry/by# (note1) (note2) byte program in auto program algorithm q7 toggle 0 n/a no 0 toggle auto erase algorithm 0 toggle 0 1 toggle 0 erase suspend read 1 no 0 n/a toggle 1 (erase suspended sector) toggle in progress erase suspended mode erase suspend read data data data data data 1 (non-erase suspended sector) erase suspend program q7 toggle 0 n/a n/a 0 byte program in auto program algorithm q7 toggle 1 n/a no 0 toggle exceeded time limits auto erase algorithm 0 toggle 1 1 toggle 0 erase suspend program q7 toggle 1 n/a n/a 0 table 8. write operation status note: 1. q7 and q2 require a valid address when reading status information. refer to the appropriate subsection for further details. 2. q5 switches to '1' when an auto program or auto erase operation has exceeded the maximum timing limits. see "q5:exceeded timing limits " for more information. if this time-out condition occurs during the byte program- ming operation, it specifies that the entire sector con- taining that byte is bad and this sector may not be re- used, (other sectors are still functional and can be re- used). the time-out condition will not appear if a user tries to program a non blank location without erasing. please note that this is not a device failure condition since the device was incorrectly used.
19 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 pow er supply decoupling in order to reduce power switching effect, each device should have a 0.1uf ceramic capacitor connected be- tween its vcc and gnd. power-up sequence the mx29lv800bt/bb powers up in the read only mode. in addition, the memory contents may only be altered after successful completion of the predefined command sequences. temporary sector unprotected this feature allows temporary unprotected of previously protected sector to change data in-system. the tempo- rary sector unprotected mode is activated by setting the reset# pin to vid(11.5v-12.5v). during this mode, formerly protected sectors can be programmed or erased as un-protected sector. once vid is remove from the reset# pin, all the previously protected sectors are protected again. sector protection the mx29lv800bt/bb features hardware sector pro- tection. this feature will disable both program and erase operations for these sectors protected. to activate this mode, the programming equipment must force vid on address pin a9 and oe# (suggest vid = 12v). pro- gramming of the protection circuitry begins on the falling edge of the we# pulse and is terminated on the rising edge. please refer to sector protect algorithm and wave- form. to verify programming of the protection circuitry, the pro- gramming equipment must force vid on address pin a9 ( with ce# and oe# at vil and we# at vih). when a1=vih, a0=vil, a6=vil, it will produce a logical "1" code at device output q0 for a protected sector. other- wise the device will produce 00h for the unprotected sector. in this mode, the addresses, except for a1, are don't care. address locations with a1 = vil are reserved to read manufacturer and device codes. (read silicon id) it is also possible to determine if the sector is protected in the system by writing a read silicon id command. q3 sector erase timer after the completion of the initial sector erase command sequence, the sector erase time-out will begin. q3 will remain low until the time-out is complete. data# polling and toggle bit are valid after the initial sector erase com- mand sequence. if data# polling or the toggle bit indicates the device has been written with a valid erase command, q3 may be used to determine if the sector erase timer window is still open. if q3 is high ("1") the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by data# polling or toggle bit. if q3 is low ("0"), the device will accept additional sector erase commands. to insure the com- mand has been accepted, the system software should check the status of q3 prior to and following each sub- sequent sector erase command. if q3 were high on the second status check, the command may not have been accepted. data protection the mx29lv800bt/bb is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transition. during power up the device automatically re- sets the state machine in the read mode. in addition, with its control register architecture, alteration of the memory contents only occurs after successful comple- tion of specific command sequences. the device also incorporates several features to prevent inadvertent write cycles resulting from vcc power-up and power-down tran- sition or system noise. write pulse "glitch" protection noise pulses of less than 5ns(typical) on ce# or we# will not initiate a write cycle. logical inhibit writing is inhibited by holding any one of oe# = vil, ce# = vih or we# = vih. to initiate a write cycle ce# and we# must be a logical zero while oe# is a logical one.
20 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 performing a read operation with a1=vih, it will produce a logical "1" at q0 for the protected sector. chip unprotected the mx29lv800bt/bb also features the chip unpro- tected mode, so that all sectors are unprotected after chip unprotected is completed to incorporate any changes in the code. it is recommended to protect all sectors before activating chip unprotected mode. to activate this mode, the programming equipment must force vid on control pin oe# and address pin a9. the ce# pins must be set at vil. pins a6 must be set to vih. refer to chip unprotected algorithm and waveform for the chip unprotected algorithm. the unprotection mechanism begins on the falling edge of the we# pulse and is terminated on the rising edge. it is also possible to determine if the chip is unprotected in the system by writing the read silicon id command. performing a read operation with a1=vih, it will produce 00h at data outputs (q0-q7) for an unprotected sector. it is noted that all sectors are unprotected after the chip unprotected algorithm is completed.
21 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 absolute maximum ratings storage temperature plastic packages . . . . . . . . . . . . . ..... -65 o c to +150 o c ambient temperature with power applied. . . . . . . . . . . . . .... -65 o c to +125 o c voltage with respect to ground vcc (note 1) . . . . . . . . . . . . . . . . . -0.5 v to +4.0 v a9, oe#, and reset# (note 2) . . . . . . . . . . . ....-0.5 v to +12.5 v all other pins (note 1) . . . . . . . -0.5 v to vcc +0.5 v output short circuit current (note 3) . . . . . . 200 ma notes: 1. minimum dc voltage on input or i/o pins is -0.5 v. during voltage transitions, input or i/o pins may over- shoot vss to -2.0 v for periods of up to 20 ns. see figure 6. maximum dc voltage on input or i/o pins is vcc +0.5 v. during voltage transitions, input or i/o pins may overshoot to vcc +2.0 v for periods up to 20 ns. 2. minimum dc input voltage on pins a9, oe#, and reset# is -0.5 v. during voltage transitions, a9, oe#, and reset# may overshoot vss to -2.0 v for peri- ods of up to 20 ns. see figure 6. maximum dc input voltage on pin a9 is +12.5 v which may overshoot to 14.0 v for periods up to 20 ns. 3. no more than one output may be shorted to ground at a time. duration of the short circuit should not be greater than one second. stresses above those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those in- dicated in the operational sections of this data sheet is not implied. exposure of the device to absolute maxi- mum rating conditions for extended periods may affect device reliability. operating ratings commercial (c) devices ambient temperature (t a ). . . . . . . . . . . . 0 c to +70 c industrial (i) devices ambient temperature (t a ). . . . . . . . . . -40 c to +85 c v cc supply voltages v cc for full voltage range. . . . . . . . . . . +2.7 v to 3.6 v operating ranges define those limits between which the functionality of the device is guaranteed.
22 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 capacitance ta = 25 o c, f = 1.0 mhz symbol p arameter min. typ max. unit conditions cin1 input capacitance 8 pf vin = 0v cin2 control pin capacitance 12 pf vin = 0v cout output capacitance 12 pf vout = 0v notes: 1. vil min. = -1.0v for pulse width is equal to or less than 50 ns. vil min. = -2.0v for pulse width is equal to or less than 20 ns. 2. vih max. = vcc + 1.5v for pulse width is equal to or less than 20 ns if vih is over the specified maximum value, read operation cannot be guaranteed. 3. automatic sleep mode enable the low power mode when addresses remain stable for tacc +30ns. table 9. dc characteristics ta = -40 o c to 85 o c, vcc = 2.7v~3.6v symbol p arameter min. typ max. unit conditions ili input leakage current 1 ua vin = vss to vcc ilit a9 input leakage current 35 ua vcc=vcc max; a9=12.5v ilo output leakage current 1 ua vout = vss to vcc, vcc=vcc max icc1 vcc active read current 7 12 ma ce#=vil, oe#=vih @5mhz 2 4 ma (byte mode) @1mhz 7 12 ma ce#=vil, oe#=vih @5mhz 2 4 ma (word mode) @1mhz icc2 vcc active write current 15 30 ma ce#=vil, oe#=vih icc3 vcc standby current 0.2 5 ua ce#; reset#=vcc 0.3v icc4 vcc standby current 0.2 5 ua reset#=vss 0.3v during reset icc5 automatic sleep mode 0.2 5 ua vih=vcc 0.3v; vil=vss 0.3v vil input low voltage(note 1) -0.5 0.8 v vih input high voltage 0.7xvcc vcc+ 0.3 v vid voltage for automatic select and temporary 11.5 12.5 v vcc=3.3v sector unprotected vol output low voltage 0.45 v iol = 4.0ma, vcc= vcc min voh1 output high voltage(ttl) 0.85xvcc ioh = -2ma, vcc=vcc min voh2 output high voltage vcc-0.4 ioh = -100ua, vcc min (cmos)
23 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 29l v800bt/bb-70 29l v800bt/bb-90 symbolparameter min. max. min. max. unit conditions trc read cycle time (note 1) 70 90 ns tacc address to output delay 70 90 ns ce#=oe#=vil tce ce# to output delay 70 90 ns oe#=vil toe oe# to output delay 30 35 ns ce#=vil tdf oe# high to output float (note1) 0 25 0 30 ns ce#=vil toeh output enable read 0 0 ns hold time toggle and data# polling 10 10 ns toh address to output hold 0 0 ns ce#=oe#=vil note: 1. not 100% tested. 2. tdf is defined as the time at which the output achieves the open circuit condition and data is no longer driven. test conditions:  input pulse levels: 0v/3.0v.  input rise and fall times is equal to or less than 5ns.  output load: 1 ttl gate + 100pf (including scope and jig), for 29lv800t/b-90. 1 ttl gate + 30pf (including scope and jig) for 29lv800bt/bb-70  reference levels for measuring timing: 1.5v. ac characteristics ta = -40 o c to 85 o c, vcc = 2.7v~3.6v table 10. read operations
24 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 switching test circuits switching test waveforms test points 3.0v 0v ac testing: inputs are driven at 3.0v for a logic "1" and 0v for a logic "0". input pulse rise and fall times are < 5ns. output input device under test diodes=in3064 or equivalent cl 6.2k ohm 2.7k ohm +3.3v cl= 100pf including jig capacitance (30pf for mx29lv800bt/bb-70)
25 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 1. read timing waveforms addresses ce# oe# tacc we# vih vil vih vil vih vil vih vil voh vol vih vil high z high z data valid toe toeh tdf tce tacc trc outputs reset# toh add valid
26 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 ac characteristics ta = -40 o c to 85 o c, vcc = 2.7v~3.6v table 11. erase/program operations 29lv800bt/bb-70 29lv800bt/bb-90 symbol parameter min. max. min. max. unit twc write cycle time (note 1) 70 90 ns tas address setup time 0 0 ns tah address hold time 45 45 ns tds data setup time 35 45 ns tdh data hold time 0 0 ns toes output enable setup time 0 0 ns tghwl read recovery time before write 0 0 ns (oe# high to we# low) tcs ce# setup time 0 0 ns tch ce# hold time 0 0 ns twp write pulse width 35 35 ns twph write pulse width high 30 30 ns twhwh1 programming operation (note 2) 9/11(typ.) 9/11(typ.) us (byte/word program time) twhwh2 sector erase operation (note 2) 0.7(typ.) 0.7(typ.) sec tvcs vcc setup time (note 1) 50 50 us trb recovery time from ry/by# 0 0 ns tbusy program/erase valid to ry/by# delay 90 90 ns twpp1 write pulse width for sector protect 100ns 10us 100ns 10us (a9, oe# control) (typ.) (typ.) twpp2 write pulse width for chip unprotected 100ns 12ms 100ns 12ms (a9, oe# control) (typ.) (typ.) tbal sector address load time 50 50 us notes: 1. not 100% tested. 2. see the "erase and programming performance" section for more information.
27 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 29l v800bt/bb-70 29l v800bt/bb-90 symbol parameter min. max. min. max. unit twc write cycle time (note 1) 70 90 ns tas address setup time 0 0 ns tah address hold time 45 45 ns tds data setup time 35 45 ns tdh data hold time 0 0 ns toes output enable setup time 0 0 ns tghel read recovery time before write 0 0 ns tws we# setup time 0 0 ns twh we# hold time 0 0 ns tcp ce# pulse width 35 35 ns tcph ce# pulse width high 30 30 ns twhwh1 programming byte 9(typ.) 9(typ.) us operation(note2) word 11(typ.) 11(typ.) us twhwh2 sector erase operation (note2) 0.7(typ.) 0.7(typ.) sec note: 1. not 100% tested. 2. see the "erase and programming performance" section for more information. ac characteristics ta = -40 o c to 85 o c, vcc = 2.7v~3.6v table 12. alternate ce# controlled erase/program operations
28 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 2. command write timing waveform addresses ce# oe# we# din tds tah data tdh tcs tch tcwc twph twp toes tas vcc vih vil 3v vih vil vih vil vih vil vih vil add valid
29 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 automatic programming timing waveform figure 3. automatic programming timing waveform one byte data is programmed. verify in fast algorithm and additional verification by external control are not re- quired because these operations are executed automati- cally by internal control circuit. programming comple- tion can be verified by data# polling and toggle bit check- ing after automatic programming starts. device outputs data# during programming and data# after program- ming on q7. (q6 is for toggle bit; see toggle bit, data# polling, timing waveform) twc address oe# ce# a0h 555h pa pd status dout pa pa notes: 1.pa=program address, pd=program data, dout is the true data the program address tas tah tghwl tch twp tds tdh twhwh1 read status data (last two cycle) program command sequence(last two cycle) tbusy trb tcs twph tvcs we# data ry/by# vcc
30 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 4. automatic programming algorithm flowchart start write data aah address 555h write data 55h address 2aah write program data/address write data a0h address 555h yes verify word ok ? yes auto program completed data poll from system increment address last address ? no no
31 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 5. ce# controlled program timing waveform twc twh tghel twhwh1 or 2 tcp address we# oe# ce# data dq7 pa data polling dout reset# ry/by# notes: 1.pa=program address, pd=program data, dout=data out, dq7=complement of data written to device. 2.figure indicates the last two bus cycles of the command sequence. tah tas pa for program sa for sector erase 555 for chip erase trh tdh tds tws a0 for program 55 for erase tcph tbusy pd for program 30 for sector erase 10 for chip erase 555 for program 2aa for erase
32 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 all data in chip are erased. external erase verification is not required because data is verified automatically by internal control circuit. erasure completion can be veri- fied by data# polling and toggle bit checking after auto- matic erase starts. device outputs 0 during erasure and 1 after erasure on q7. (q6 is for toggle bit; see toggle bit, data# polling, timing waveform) figure 6. automatic chip erase timing waveform automatic chip erase timing waveform twc address oe# ce# 55h 2aah 555h 10h in progress complete va va notes: sa=sector address(for sector erase), va=valid address for reading status data(see "write operation status"). tas tah tghwl tch twp tds tdh twhwh2 read status data erase command sequence(last two cycle) tbusy trb tcs twph tvcs we# data ry/by# vcc
33 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 7. automatic chip erase algorithm flowchart start write data aah address 555h write data 55h address 2aah write data aah address 555h write data 80h address 555h yes no data=ffh ? write data 10h address 555h write data 55h address 2aah data pall from system auto chip erase completed
34 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 8. automatic sector erase timing waveform sector indicated by a12 to a18 are erased. external erase verify is not required because data are verified automatically by internal control circuit. erasure comple- tion can be verified by data# polling and toggle bit check- ing after automatic erase starts. device outputs 0 dur- ing erasure and 1 after erasure on q7. (q6 is for toggle bit; see toggle bit, data# polling, timing waveform) automatic sector erase timing waveform twc address oe# ce# 55h 2aah sector address 1 sector address 0 30h in progress complete va va 30h notes: sa=sector address(for sector erase), va=valid address for reading status data(see "write operation status"). sector address n tas tah tbal tghwl tch twp tds tdh twhwh2 read status data erase command sequence(last two cycle) tbusy trb tcs twph tvcs we# data ry/by# vcc 30h
35 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 9. automatic sector erase algorithm flowchart start write data aah address 555h write data 55h address 2aah write data aah address 555h write data 80h address 555h write data 30h sector address write data 55h address 2aah data poll from system auto sector erase completed no last sector to erase yes yes no data=ffh
36 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 10. erase suspend/erase resume flowchart note: 1. if the system implements an endless erase suspend/resume loop, or the number of erase suspend/resume is exceeded 1024 times, then the delay time must be put into consideration. 2. delay timing: 1.5ms for mx29lv800bt/bb. start write data b0h toggle bit checking q6 not toggled erase suspend yes no write data 30h delay time (note 2) continue erase reading or programming end read array or program another erase suspend ? no yes yes no erase resume
37 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 11. in-system sector protect/unprotected timing waveform (reset# control) sector protect =150us chip unprotect =15ms 1us vid vih data sa, a6 a1, a0 ce# we# oe# valid* valid* status valid* sector protect or chip unprotect 40h 60h 60h verify reset# note: when sector protect, a6=0, a1=1, a0=0. when chip unprotect, a6=1, a1=1, a0=0.
38 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 12. sector protect timing waveform (a9, oe# control) toe data oe# we# 12v 3v 12v 3v ce# a9 a1 a6 toesp twpp 1 tvlht tvlht tvlht verify 01h f0h a18-a12 sector address
39 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 13. sector protection algorithm (a9, oe# control) start set up sector addr plscnt=1 sector protection complete data=01h? ye s . oe#=vid, a9=vid, ce#=vil a6=vil activate we# pulse time out 150us set we#=vih, ce#=oe#=vil a9 should remain vid read from sector addr=sa, a1=1 protect another sector? remove vid from a9 write reset command device failed plscnt=32? ye s no no
40 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 14. in-system sector protection algorithm with reset#=vid start plscnt=1 first write cycle=60h ye s no reset#=vid wait 1us set up sector address write 60h to sector address with a6=0, a1=1, a0=0 verify sector protect : write 40h with a6=0, a1=1, a0=0 wait 150us increment plscnt read from sector address remove vid from reset# temporary sector unprotect mode reset plscnt=1 data=01h ye s ye s ye s no no no ? plscnt=25? protect another sector? write reset command sector protect complete device failed
41 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 15. in-system chip unprotection algorithm with reset#=vid start plscnt=1 first write cycle=60h ? ye s no reset#=vid wait 1us set up first sector address chip unprotect : write 60h with a6=1, a1=1, a0=0 verify chip unprotect write 40h to sector address with a6=1, a1=1, a0=0 wait 50ms increment plscnt read from sector address with a6=1, a1=1, a0=0 remove vid from reset# temporary sector unprotect mode set up next sector address all sector protected? ye s data=00h ye s ye s ye s no no no no protect all sectors ? plscnt=1000? last sector verified? write reset command chip unprotect complete device failed
42 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 16. timing waveform for chip unprotection (a9, oe# control) notes: tvlht (voltage transition time)=4us min. twpp1 (write pulse width for sector protect)=100ns min, 10us(typ.) twpp2 (write pulse width for chip unprotected)=100ns min, 12ms(typ.) toesp (oe# setup time to we# active)=4us min. toe data oe# we# 12v vcc 3v 12v vcc 3v ce# a9 a1 toesp twpp 2 tvlht tvlht tvlht verify 00h a6 sector address a18-a12 f0h
43 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 17. chip unprotection algorithm (a9, oe# control) start protect all sectors plscnt=1 chip unprotect complete data=00h? ye s set oe#=a9=vid ce#=vil,a6=1 activate we# pulse time out 50ms set oe#=ce#=vil a9=vid,a1=1 set up first sector addr all sectors have been verified? remove vid from a9 write reset command device failed plscnt=1000? no increment plscnt no read data from device ye s ye s no increment sector addr * it is recommended before unprotect whole chip, all sectors should be protected in advance.
44 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 18. data# polling algorithm write operation status read q7~q0 add.=va(1) read q7~q0 add.=va start q7 = data ? q5 = 1 ? q7 = data ? fail pass no no (2) no ye s ye s ye s note : 1.va=valid address for programming 2.q7 should be re-checked even q5="1" because q7 may change simultaneously with q5.
45 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 19. toggle bit algorithm read q7-q0 read q7-q0 q5= 1? read q7~q0 twice program/erase operation not complete,write reset command program/erase operation complete toggle bit q6= toggle? toggle bit q6 = toggle ? no (note 1) (note 1,2) yes no no yes yes note:1.read toggle bit twice to determine whether or not it is toggling. 2. recheck toggle bit because it may stop toggling as q5 change to "1". start
46 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 20. data# polling timings (during automatic algorithms) ry/by# notes: 1. va=valid address. figure shows are first status cycle after command sequence, last status read cycle, and array data read cy cle. 2. ce# must be toggled when data# polling. tdf tce tacc trc tch toe toeh toh tbusy address ce# oe# we# dq7 q0-q6 status data status data complement complement valid data tr u e va va va high z high z valid data tr u e
47 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 21. toggle bit timings (during automatic algorithms) notes: 1. va=valid address; not required for q6. figure shows first two status cycle after command sequence, last status read cycle, and array data read cycle. 2. ce# must be toggled when toggle bit toggling. tdf tce tacc trc tch toe toeh tbusy high z toh address ce# oe# we# q6/q2 ry/by# valid status (first raed) valid status (second read) (stops toggling) valid data va va va va valid data
48 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 22. reset# timing waveform table 13. ac characteristics parameter std description test setup all speed options unit tready1 reset# pin low (during automatic algorithms) max 20 us to read or write (see note) tready2 reset# pin low (not during auto matic max 500 ns algorithms) to read or write (see note) trp reset# pulse width (during automatic algorithms) min 500 ns trh reset# high time before read (see note) min 50 ns trb ry/by# recovery time (to ce#, oe# go low) min 0 ns note: not 100% tested trh trb tready1 trp trp tready2 ry/by# ce#, oe# reset# reset timing not during automatic algorithms reset timing during automatic algorithms ry/by# ce#, oe# reset#
49 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 23. byte# timing waveform for read operations (byte# switching from byte mode to word mode) ac characteristics table 14. word/byte configuration (byte#) parameter description speed options unit jedec std -70 -90 telfl/telfh ce# to byte# switching low or high max 5 ns tflqz byte# switching low to output high z max 25 30 ns tfhqv byte# swi tching high to output active min 70 90 ns tfhqv telfh dout (q0-q7) dout (q0-q14) va dout (q15) ce# oe# byte# q0~q14 q15/a-1
50 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 24. byte# timing waveform for read operations (byte# switching from word mode to byte mode) figure 25. byte# timing waveform for program operations tflqz telfh dout (q0-q7) dout (q0-q14) va dout (q15) ce# oe# byte# q0~q14 q15/a-1 tas tah the falling edge of the last we# signal ce# we# byte#
51 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 table 15. temporary sector unprotected parameter std. description test setup all speed options unit tvidr vid rise and fall time (see note) min 500 ns trsp reset# setup time for temporary sector unprotected min 4 us note: not 100% tested figure 26. temporary sector unprotected timing diagram figure 27. q6 vs q2 for erase and erase suspend operations reset# ce# we# ry/by# tvidr tvidr program or erase command sequence 12v 0 or vcc 0 or vcc trsp notes: the system can use oe or ce to toggle q2/q6, q2 toggles only when read at an address within an erase-suspended we# enter embedded erasing erase suspend enter erase suspend program erase suspend program erase suspend read erase erase resume erase complete erase q6 q2
52 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 28. temporary sector unprotected algorithm start reset# = vid (note 1) perform erase or program operation reset# = vih temporary sector unprotect completed(note 2) operation completed 2. all previously protected sectors are protected again. note : 1. all protected sectors are temporary unprotected. vid=11.5v~12.5v
53 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 figure 29. id code read timing waveform tacc tce tacc toe toh toh tdf data out c2h/00c2h dah/5bh (byte) 22dah/225bh (word) vid vih vil add a9 add a2-a8 a10-a18 ce# oe# we# add a0 data out data q0-q15 vcc a1 3v vih vil vih vil vih vil vih vil vih vil vih vil vih vil
54 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 limits parameter min. typ.(2) max.(3) units sector erase time 0.7 15 sec chip erase time 14 sec byte programming time 9 300 us word programming time 11 360 us chip programming time byte mode 9 27 sec word mode 5.8 17 sec erase/program cycles 100,000 cycles table 16. erase and programming performance (1) note: 1. not 100% tested, excludes external system level over head. 2. typical values measured at 25 c, 3v. 3. maximum values measured at 25 c, 2.7v. min. max. input voltage with respect to gnd on acc, oe#, reset#, a9 -1.0v 12.5v input voltage with respect to gnd on all power pins, address pins, ce# and we# -1.0v vcc + 1.0v input voltage with respect to gnd on all i/o pins -1.0v vcc + 1.0v current -100ma +100ma includes all pins except vcc. test conditions: vcc = 3.0v, one pin at a time. table 17. latch-up characteristics
55 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 ordering information plastic package part no. access operating standby package remark time (ns) current max. (ma) current max. (ua) mx29lv800btmc-70 70 30 5 44 pin sop mx29lv800bbmc-70 70 30 5 44 pin sop mx29lv800btmc-90 90 30 5 44 pin sop mx29lv800bbmc-90 90 30 5 44 pin sop mx29lv800bttc-70 70 30 5 48 pin tsop (normal type) mx29lv800bbtc-70 70 30 5 48 pin tsop (normal type) mx29lv800bttc-90 90 30 5 48 pin tsop (normal type) mx29lv800bbtc-90 90 30 5 48 pin tsop (normal type) mx29lv800btxbc-70 70 30 5 48 ball csp (ball size:0.3mm) mx29lv800btxbc-90 90 30 5 48 ball csp (ball size:0.3mm) mx29lv800bbxbc-70 70 30 5 48 ball csp (ball size:0.3mm) mx29lv800bbxbc-90 90 30 5 48 ball csp (ball size:0.3mm) mx29lv800btmi-70 70 30 5 44 pin sop mx29lv800bbmi-70 70 30 5 44 pin sop mx29lv800btmi-90 90 30 5 44 pin sop mx29lv800bbmi-90 90 30 5 44 pin sop mx29lv800btti-70 70 30 5 48 pin tsop (normal type) mx29lv800bbti-70 70 30 5 48 pin tsop (normal type) mx29lv800btti-90 90 30 5 48 pin tsop (normal type) mx29lv800bbti-90 90 30 5 48 pin tsop (normal type) mx29lv800btxbi-70 70 30 5 48 ball csp (ball size:0.3mm) mx29lv800btxbi-90 90 30 5 48 ball csp (ball size:0.3mm) mx29lv800bbxbi-70 70 30 5 48 ball csp (ball size:0.3mm) mx29lv800bbxbi-90 90 30 5 48 ball csp (ball size:0.3mm)
56 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 part no. access operating standby package remark time (ns) current max. (ma) current max. (ua) mx29lv800btxec-70 70 30 5 48 ball csp (ball size:0.4mm) mx29lv800btxec-90 90 30 5 48 ball csp (ball size:0.4mm) mx29lv800bbxec-70 70 30 5 48 ball csp (ball size:0.4mm) mx29lv800bbxec-90 90 30 5 48 ball csp (ball size:0.4mm) mx29lv800btxei-70 70 30 5 48 ball csp (ball size:0.4mm) mx29lv800btxei-90 90 30 5 48 ball csp (ball size:0.4mm) mx29lv800bbxei-70 70 30 5 48 ball csp (ball size:0.4mm) mx29lv800bbxei-90 90 30 5 48 ball csp (ball size:0.4mm) mx29lv800bttc-70g 70 30 5 48 pin tsop pb free (normal type) mx29lv800bbtc-70g 70 30 5 48 pin tsop pb free (normal type) mx29lv800bttc-90g 90 30 5 48 pin tsop pb free (normal type) mx29lv800bbtc-90g 90 30 5 48 pin tsop pb free (normal type) mx29lv800btxbc-70g 70 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800btxbc-90g 90 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800bbxbc-70g 70 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800bbxbc-90g 90 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800btti-70g 70 30 5 48 pin tsop pb free (normal type) mx29lv800bbti-70g 70 30 5 48 pin tsop pb free (normal type) mx29lv800btti-90g 90 30 5 48 pin tsop pb free (normal type) mx29lv800bbti-90g 90 30 5 48 pin tsop pb free (normal type)
57 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 part no. access operating standby package remark time (ns) current max. (ma) current max. (ua) mx29lv800btxbi-70g 70 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800btxbi-90g 90 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800bbxbi-70g 70 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800bbxbi-90g 90 30 5 48 ball csp pb free (ball size:0.3mm) mx29lv800btxec-70g 70 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800btxec-90g 90 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800bbxec-70g 70 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800bbxec-90g 90 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800btxei-70g 70 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800btxei-90g 90 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800bbxei-70g 70 30 5 48 ball csp pb free (ball size:0.4mm) mx29lv800bbxei-90g 90 30 5 48 ball csp pb free (ball size:0.4mm)
58 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 package information
59 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004
60 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 48-ball csp (for mx29lv800btxbc/btxbi/bbxbc/bbxbi)
61 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 48-ball csp (for mx29lv800btxec/btxei/bbxec/bbxei)
62 p/n:pm1062 mx29lv800bt/bb rev. 1.3, dec. 20, 2004 revision history revision no. description page date 1.0 1. to corrected data retention information p1,54 may/28/2004 2. removed "advanced information" p1 1.1 1. to corrected cfi query command address p10 jun/30/2004 1.2 1. added mx29lv800btxei/bbxei-70/90 & mx29lv800btxec/ p56,57 aug/19/2004 bbxec/btxei/bbxei-70g/90g in ordering information 1.3 1. to corrected trc definition from max. to min. p23 dec/20/2004
mx29lv800bt/bb m acronix i nternational c o., l td . headquarters: tel:+886-3-578-6688 fax:+886-3-563-2888 europe office : tel:+32-2-456-8020 fax:+32-2-456-8021 hong kong office : tel:+86-755-834-335-79 fax:+86-755-834-380-78 japan office : kawasaki office : tel:+81-44-246-9100 fax:+81-44-246-9105 osaka office : tel:+81-6-4807-5460 fax:+81-6-4807-5461 singapore office : tel:+65-6346-5505 fax:+65-6348-8096 taipei office : tel:+886-2-2509-3300 fax:+886-2-2509-2200 m acronix a merica, i nc. tel:+1-408-262-8887 fax:+1-408-262-8810 http : //www.macronix.com macronix international co., ltd. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of 29LV800BB-90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X