Part Number Hot Search : 
68HC90 H2324S C1005CH1 3EZ33 E001056 14600 P0402FC MC74VHC1
Product Description
Full Text Search
 

To Download 10SQ030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features metal of silicon rectifier , majority carrier conduction guard ring for transient protection low power loss,high efficiency high current capability,low vf high surge capacity plastic package has ul flammability classification 94v-0 for use in low voltage,high frequency inverters,free wheeling,and polarity protection applications mechanical data case: jedec r-6 molded plastic polarity: color band denotes cathode weight: 0.07 ounces , 2.1 grams mounting position: any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol10SQ03010sq03510sq04010sq04510sq05010sq06010sq08010sq100 unit maximum recurrent peak reverse voltage v rrm 30 35 40 45 50 60 80 100 v maximum rms voltage v rms 21 24.5 28 31.5 35 42 56 70 v maximum dc blocking voltage v dc 30 35 40 45 50 60 80 100 v maximum average forward rectified current@tc=95 i (av) a peak forward surage current 8.3ms single half sine-wave super imposed on rated load(jedec method) i fsm a peak forward voltage at 10a dc(note1) v f v maximum dc reverse current @tj=25 at rated dc bolcking voltage @tj=100 tyical junction capacitance (note2) c j pf tyical thermal resistance (note3) r jc /w operating temperature range t j storage temperature range t stg reverse voltage -30 to 100volts forward current -10.0 amperes schottky barrier rectifiers 3.0 ma 0.5 i r 450 -55 to+150 10SQ030 thru 10sq100 0.55 0.7 0.8 10 275 dimensions in inches and (millimeters) 50 3.thermal resistance junction to case. -55 to+150 notes:1.300us pulse width, 2%dudy cycle. 2.measured at 1.0 mhz and applied reverse voltage of 4.0vdc. r - 6 2100 .360(9.1) .340(8.6) .052(1.3) .048(1.2) dia .360(9.1) .340(8.6) dia 1.0(25.4) min 1.0(25.4) min www.datasheet.co.kr datasheet pdf - http://www..net/
rating and charactertic curves 10SQ030 thru 10sq100 12 10 8 6 4 2 0 100 100 10 10 1 0.01 0.1 1000 100 10 0.1 1 c a p a c i t a n c e , ( p f ) 360 300 240 180 120 60 0 1 2 5 10 20 50 100 p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s 0 20 50 75 100 125 150 175 tj=100 tj=50 tj=25 j =25 f=1mhz 10SQ030 to 10sq045 10sq080 to10sq100 tj=25 pulse width 300us 2%duty cycle 10sq050 to10sq060 number of cycles at 60hz fig.2-maximum non-repetitve surge a v e r a g e f o r w a r d c u r r e n t a m p e r e s 20 50 75 100 125 150 175 case temperature fig.1-forward current derating curve fig.4-typical forward characteristics fig.3-typical reverse characteristics fig.5-typical junction capacitance instantaneous forward voltage percent of rated peak reverse voltage(%) reverse voltage volts www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of 10SQ030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X