Part Number Hot Search : 
231F12 BD9898 N1N2822B 2R350 T110041 ADM691A PC4004 STPS2045
Product Description
Full Text Search
 

To Download ZUMT617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  super323 ? sot323 npn silicon power (switching) transistor issue 1 - september 1998 features * 500mw power dissipation *i c cont 1.5a * 5a peak pulse current * excellent h fe characteristics up to 5a (pulsed) * extremely low equivalent on resistance; r ce(sat) applications * dc-dc converter boost functions * motor drive functions device type complement partmarking r ce(sat) ZUMT617 zumt717 t61 135m w at 1.5a absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 15 v collector-emitter voltage v ceo 15 v emitter-base voltage v ebo 5v peak pulse current** i cm 5a continuous collector current i c 1.5 a base current i b 200 ma power dissipation at t amb =25c* p tot 385 ? 500 ? mw operating and storage temperature range t j :t stg -55 to +150 c ? recommended p tot calculated using fr4 measuring 10 x 8 x 0.6mm (still air). ? maximum power dissipation is calculated assuming that the device is mounted on fr4 size 25x25x0.6mm and using comparable measurement methods adopted by other suppliers. ZUMT617
ZUMT617 electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo 15 v i c = 100 m a collector-emitter breakdown voltage v (br)ceo 15 v i c = 10ma* emitter-base breakdown voltage v (br)ebo 5v i e = 100 m a collector cut-off current i cbo 10 na v cb = 10v emitter cut-off current i ebo 10 na v eb = 4v collector emitter cut-off current i ces 10 na v ces = 10v collector-emitter saturation voltage v ce(sat) 16.5 40 75 150 205 20 55 100 200 245 mv mv mv mv mv i c = 100ma, i b =10ma* i c = 250ma, i b = 10ma* i c = 500ma, i b =10ma* i c = 1a, i b =10ma* i c = 1.5a, i b =20ma* base-emitter saturation voltage v be(sat) 930 1100 mv i c = 1.5a, i b =20ma* base-emitter turn-on voltage v be(on) 865 1100 mv i c = 1.5a, v ce = 2v* static forward current transfer ratio h fe 200 300 250 200 75 30 420 450 390 300 150 75 i c = 10ma, v ce = 2v* i c = 100ma, v ce = 2v* i c = 500ma, v ce =2v* i c = 1a, v ce =2 v* i c = 3a, v ce =2v* i c =5a, v ce = 2v* transition frequency f t 180 mhz i c = 50ma, v ce = 10v f= 100mhz output capacitance c obo 15 pf v cb = 10v, f=1mhz turn-on time t (on) 50 ns v cc = 10v, i c = 1a i b1 =i b2 =100ma turn-off time t (off) 250 ns *measured under pulsed conditions. pulse width=300 m s. duty cycle 2%
ZUMT617 1m 1m 1m 100m 100 1m 1m i c - collector current (a) v ce(sat) v i c 0 v ce(sat) - (v) ic/ib=10 ic/ib=50 ic/ib=100 +25c -55c h fe - typical gain +100c 0 i c - collector current (a) h fe v i c v be(on) - (v) 0 i c - collector current (a) v be(on) v i c +100c +150c v ce(sat) - (v) +25c 0 i c - collector current (a) v ce(sat) v i c +100c +150c v be(sat) - (v) +25c 0 i c - collector current (a) v be(sat) v i c 1s 100ms i c - collector current (a) 10 dc 10m v ce - collector emitter voltage (v) safe operating area 10ms 1ms 100us +25c -55c ic/ib=50 vce=2v -55c ic/ib=50 +25c +150c +100c -55c 10m 100m 1 10 0.1 0.2 0.3 0.4 0.1 0.2 0.3 0.4 10m 100m 1 10 200 400 600 800 10m 100m 1 10 10m 100m 1 10 1.0 0.25 0.5 0.75 10m 100m 1 10 0.6 0.2 0.4 0.8 1.0 110 100m 1 typical characteristics


▲Up To Search▲   

 
Price & Availability of ZUMT617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X