|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control february 17, 2004 v5 ! low power consumption : 25 a (typ.) ! applications ! dropout voltage : 30ma @ 60mv " mobile phones, cordless phones : 100ma @ 200mv " wireless communication equipment ! output current : 150ma (xc6209a ~d series) " portable games : 300ma (xc6209e ~h series) " cameras, video recorders ! highly accurate : 2% ( 30mv less than 1.5v) " portable av equipment ! output voltage range : 0.9v ~ 6.0v (50mv step) " reference voltage ! low esr capacitor compatible " battery powered equipment ! general description ! features maximum output current (*) : 150ma (xc6209a ~ d series) : 300ma (xc6209e ~ h series) dropout voltage : 200mv @ iout=100ma operating voltage range : 2.0v ~ 10v output voltage range : 0.9v ~ 6.0v (50mv step) highly accurate : 2% (vout>1.5v) : 30mv (vout< 1.5v) low power consumption : 25 a (typ.) standby current : less than 0.1 a (typ.) high ripple rejection : 70db (10khz) operating temperature range : - 40 o c ~ + 85 o c low esr capacitor compatible : ceramic capacitor ultra small packages : sot-25 sot-89-5 usp-6b * maximum output current of the xc6209e ~ h series depends on the setting voltage. ! typical application circuit ! typical performance characteristics # supply current vs. input voltage the xc6209 series are precise, low noise, positive voltage ldo regulators manufactured using cmos processes. the series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor. output voltage is selectable in 50mv increments within a range of 0.9v ~ 6.0v. the series is also compatible with low esr ceramic capacitors which give added output stability. this stability can be maintained even during load fluctuations due to the excellent transient response of the series. the current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. the ce function enables the output to be turned off, resulting in greatly reduced power consumption. v in v out nc ce cl 1 f v ss cin 1 f 54 3 2 1 semiconductor ltd. xc6209x302 0 10 20 30 40 50 0246810 input voltage vin (v) supply current iss ( a) topr= 85 o c = 25 o c = - 40 o c data sheet 1
xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! pin configuration ! pin assignment ! selection guide the following options for the ce pin logic and internal pull-up/down are available: high active + no pull-down resistor built-in (standard) high active + 2.0m ? pull-down resistor built-in xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! packaging information # sot-25 # sot-89-5 # usp-6b 6 5 4 1 2 3 a ' a aaa a a a 1 . 4 5 6 3 2 1 0 1 1 1 1 1 2.0 + 0.15 (0.45) 0.5+0.1 (0.05) (0.45) (0.45) 4 5 o 4 5 o 1.8+0.15 (0.27) (0.27) (0.27) ( 0.45) 4 5 o 4 5 o (0.125) (0.65) 0.005+0.002 (0.05) -0.005 +0.01 -0.05 +0.15 0.7+0.03 5-0.2+0.05 0.5+0.1 1.6+0.15 0.5+0.1 0.1+0.03 0.2+0.05 1.0+0.1 0.25+0.1 0.25+0.1 o semiconductor ltd. * pin no. 1 is thicker than other pins. data sheet 3 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! marking rule # sot-25 & sot-89-5 1 represents product series * sequential number for custom products (0 to 9 or a to z) 2 represents the type of voltage regulator 3 represents output voltage 4 represents production lot number 0 to 9, a to z, reversed character of 0 to 9 and a to z repeated (g,i,j,o,q excepted) 3.05 - 3.00 6.00 2.85 5.85 2.90 5.90 2.95 5.95 2.80 5.80 2.65 5.65 2.70 5.70 2.75 5.75 2.60 5.60 2.45 5.45 2.50 5.50 2.55 5.55 2.40 5.40 2.25 5.25 2.30 5.30 2.35 5.35 2.20 5.20 2.05 5.05 2.10 5.10 2.15 5.15 2.00 5.00 1.85 4.85 1.90 4.90 1.95 4.95 1.80 4.80 1.65 4.65 1.70 4.70 1.75 4.75 1.60 4.60 ez 1.50 4.50 1.55 4.55 dy 1.40 4.40 1.45 4.45 cx 1.30 4.30 1.35 4.35 bv 1.20 4.20 1.25 4.25 au 1.10 4.10 1.15 4.15 9t 1.00 4.00 1.05 4.05 8s 0.90 3.90 0.95 3.95 7r - 3.80 - 3.85 6p - 3.70 - 3.75 5n - 3.60 - 3.65 4m - 3.50 - 3.55 3l - 3.40 - 3.45 2k - 3.30 - 3.35 1h - 3.20 - 3.25 0f - 3.10 - 3.15 xc6209exxxxx xc6209fxxxxx xc6209gxxxxx xc6209hxxxxx xc6209axxxxx xc6209bxxxxx xc6209cxxxxx xc6209dxxxxx n d k p c h l b f m a e n dkp ch l bfm ae v x y z product series symbol product series 9 xc6209xxxxxx symbol symbol output voltage (v) vout 100mv steps vout 50mv steps vout= 0.1~3.0v vout= 3.1~6.0v vout= 0.15~3.05v vout= 3.15~6.05v symbol output voltage (v) v x y z 1234 1 2 3 4 sot-25 (top view) sot-89-5 (top view) semiconductor ltd. data sheet 4 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! marking rule (continued) # usp-6b 12 represents product series 3 represents the type of voltage regulator 4 represents the integer of output voltage 5 represents the decimal point of output voltage 4 represents production lot number 0 to 9, a to z, reversed character of 0 to 9 and a to z repeated (g,i,j,o,q excepted) ce pin, high active with no pull-down resistor ce pin, high active with pull-up resistor ce pin, high active with no pull-up resistor x.95 xc6209xx9adx x.75 xc6209xx7adx xc6209xx5adx x.85 xc6209xx8adx x.45 xc6209xx4adx x.55 x.65 xc6209xx6adx x.25 xc6209xx2adx x.35 xc6209xx3adx x.05 xc6209xx0adx x.15 xc6209xx1adx xc6209xx4xdx xc6209xx5xdx f e xc6209xx6xdx xc6209xx7xdx 7k 6h x.6 x.7 9m 8l x.8 x.9 xc6209xx8xdx xc6209xx9xdx 3d xc6209xx3xdx 5 x.3 x.4 x.5 4 2c 1b x.1 x.2 xc6209xx1xdx xc6209xx2xdx 5 xc6209x5xxdx 5.x a 0 x.0 symbol output voltage (v) symbol xc6209xx0xdx 3 3.x product series xc6209x3xxdx symbol type d xc6209dxxxdx c symbol xc6209axxxdx b xc6209bxxxdx a type ce pin, high active with pull-down resistor product series symbol xc6209axxxdx product series 2 1 09 xc6209cxxxdx output voltage (v) usp-6b (top view) semiconductor ltd. 6 5 4 1 2 3 1 23 4 56 data sheet 5 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! block diagram ! absolute maximum ratings ta=25 o c * iout should be less than pd / (vin - vout) v iout ma vout v 12 input voltage ratings symbol vin 500 vss -0.3 ~ vin +0.3 v vce output current output voltage ce input voltage units parameter mw topr o c tstg pd - 55 ~ + 125 o c vss -0.3 ~ vin +0.3 250 100 - 40 ~ + 85 500 operating temperature range storage temperature range sot-25 sot-89-5 usp-6b power dissipation v ss v out v in current limiter on/off control voltage reference each circuit ce r2 r1 semiconductor ltd. data sheet 6 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! electrical characteristics xc6209b series ta=25 o c (note 1) vout(t)=specified output voltage (note 2) vout(e)=effective output voltage (i.e. the output voltage when "vout(t)+1.0v" is provided at the vin pin while maintaining a certain iout value). (note 3) vdif={vin1 (note5) -vout1 (note4) } (note 4) vout1=a voltage equal to 98% of the output voltage whenever an amply stabilized iout {vout(t)+1.0v} is input. (note 5) vin1=the input voltage when vout1 appears as input voltage is gradually decreased. (note 6) unless otherwise stated, vin=vout(t)+1.0v. if vout is less than 1.0v, vin=2.0v. iout=30ma (vout< 1.0v) - 1 % / v 0.20 0.01 ? vin ? vout ? vout / line regulation - 0.03 vout(t) vout(t)+1.0v< vin< 10v iout=30ma (vout>1.0v) vce=vin iout=30ma iout=100ma 1ma< iout< 100ma v output voltage vout (e) iout=30ma (0.9 ~ 1.5v) + 0.03 mv mv a v ppm/ o c 2.0v< vin< 10v - iout=30ma -40 o c< topr< 85 o c conditions iout=30ma (1.55v~) 2 - 10 - 100 - 1 vce=vin iout=50ma, f=10khz - - 0.01 0.10 1 - 1 15 50 ma mv ripple rejection rate psrr - -0.10 - - vce=vss 2 4 300 - 1 - a db ma ma 0.10 - vin temperature characteristics 0.25 ce "low" current icel 70 50 - ? topr ? vout 2 0.10 - v a ilim 1 - 1 2 v output voltage ce "low" voltage vcel short-circuit current ishort current limiter ? vout / input voltage - - standby current istby vce=vss 2 ce "high" voltage vceh 1.60 150 - maximum output current ioutmax circuit min max units typ 1 1 - 25 50 2 e-2 (page 9) e-3 (page 9) a 1.02 parameter symbol load regulation ? vout supply current idd dropout voltage vdif1 vdif2 vin ce "high" current iceh -0.10 0.98 semiconductor ltd. data sheet 7 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! electrical characteristics xc6209f series ta=25 o c (note 1) vout(t)=specified output voltage (note 2) vout(e)=effective output voltage (i.e. the output voltage when "vout(t)+1.0v" is provided at the vin pin while maintaining a certain iout value). (note 3) vdif={vin1 (note5) -vout1 (note4) } (note 4) vout1=a voltage equal to 98% of the output voltage whenever an amply stabilized iout {vout(t)+1.0v} is input. (note 5) vin1=the input voltage when vout1 appears as input voltage is gradually decreased. (note 6) unless otherwise stated, vin=vout(t)+1.0v. if vout is less than 1.0v, vin=2.0v. 2 ce "low" current icel vce=vss -0.10 - 0.10 a 2 0.25 v 2 ce "high" current iceh vce=vin -0.10 - 0.10 a ce "low" voltage vcel - 1 ce "high" voltage vceh 1.60 - vin v 1 -ma 1 short-circuit current ishort -50-ma current limiter ilim - ppm/ o c 1 ripple rejection rate psrr iout=50ma, f=10khz - 70 - db 4 - output voltage ? vout / iout=30ma - temperature characteristics ? topr ? vout -40 o c< topr< 85 o c 100 - 0.20 % / v 1 input voltage vin 2 - 10 v line regulation vout(t)+1.0v< vin< 10v - ? vout / iout=30ma (vout>1.0v) ? vin ? vout 2.0v< vin< 10v iout=30ma (vout< 1.0v) 2 standby current istby vce=vss - 0.01 0.10 a 2 e-3 (page 9) mv supply current idd vce=vin - 25 50 a 50 mv 1 dropout voltage vdif1 iout=30ma e-2 (page 9) mv 1 vdif2 + 0.03 ma 1 e-1 (page 9) units circuit vout (e) iout=30ma (1.55v~) 0.98 vout(t) 1.02 v 1 iout=30ma (0.9 ~ 1.5v) ioutmax load regulation ? vout 1ma< iout< 100ma iout=100ma typ max - 0.03 -15 0.01 380 - parameter symbol conditions min output voltage maximum output current semiconductor ltd. data sheet 8 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! maximum output current, output voltage xc6209e ~ h series ! dropout voltage * the input voltage 2.0v (min.) is needed to operate the series. when the output voltage is less than 2.0v, 2.0v-vout(t) of dropout voltage is needed at minimum. 400 510 500 550 270 e-1 2.00 ~ 6.00 450 400 400 300 300 310 300 500 550 600 700 750 800 650 700 1000 800 800 810 800 850 900 50 1.10 ~ 1.15 1.20 ~ 1.25 1.30 ~ 1.35 1.40 ~ 1.45 1.50 ~ 1.55 1.60 ~ 1.65 1.70 ~ 1.75 900 900 80 80 60 60 80 vin = vout + 1.0v 300 vin = 2.9v vin = 3.0v e-2 dropout voltage 1 (mv) typ 200 910 vin = 2.5v 260 700 700 710 500 vin = 2.8v 290 1.20 ~ 1.25 1.30 ~ 1.35 1.40 ~ 1.45 1.50 ~ 1.95 vin = 2.7v ioutmax (ma) min 1.00 ~ 1.05 1.10 ~ 1.15 output voltage (v) condition 0.90 ~ 0.95 vin = 2.5v vin = 2.6v 260 -70 230 -80 1150 330 1.00 ~ 1.05 180 270 70 100 220 290 200 250 200 - 60 90 -90 310 70 120 - 100 220 270 240 - 120 - - 240 - 1.80 ~ 1.85 1.90 ~ 1.95 1000 100 0.90 ~ 0.95 2.00 ~ 2.05 1100 120 240 1010 1050 350 150 400 1100 300 1000 120 210 280 380 500 900 950 1200 max typ 160 210 1100 1000 symbol min max e-3 dropout voltage 2 (mv) min 1100 200 200 1110 600 600 610 600 410 400 2.10 ~ 2.25 - 4.00 ~ 4.95 5.00 ~ 6.00 2.30 ~ 2.45 2.50 ~ 2.75 2.80 ~ 2.95 3.00 ~ 3.05 3.10 ~ 3.95 - - - - - - - 100 - parameter output voltage semiconductor ltd. data sheet 9 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! test circuits circuit 1 2 3 4 cin=1.0 f (ceramic) v vin vout vss ce cl=1.0 f (ceramic) rl a v v vin vout vss ce a open a vin vout vss ce cin=1.0 f (ceramic) cl=1.0 f (ceramic) f.f.t iout=10ma semiconductor ltd. vin vout vss ce v iout=50ma v vin={vout+1} v dc +0.5v p-pac cl=1.0 m f (ceramic) data sheet 10 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! operational explanation output voltage control with the xc6209 series : low esr capacitors current limiter, short-circuit protection ce pin ! notes on use 1 please use this ic within the stated absolute maximum ratings. the ic is liable to malfunction should the ratings be exceeded. 2 where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. please strengthen vin and vss wiring in particular. 3 please wire the input capacitor (cin) and the output capacitor (cl) as close to the ic as possible. the ic's internal circuitry can be shutdown via the signal from the ce pin with the xc6209 series. in shutdown mode, output at the vout pin will be pulled down to the vss level via r1 & r2. the operational logic of the ic's ce pin is selectable (please refer to the selection guide on page 3). note that as the standard xc6209b/f type is ' high active/no pull down', operations will become unstable with the ce pin open. although the ce p in is equal to an inverter input with cmos hysteresis, with either the pull-up or pull-down options, the ce pin input current will increase when the ic is in operation. we suggest that you use this ic with either a vin voltage or a vss voltage input at the ce pin. if this ic is used with the correct specificati ons for the ce pin, the ic will operate normally. however, supply current may increase as a result of through current in the ic's internal circuitry. with the xc6209 series, a stable output voltage is achievable even if used with low esr capacitors as a phase compensation circ uit is built-in. in order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (cl) is connected as close as possibl e to the output pin (vout) and the vss pin. please use an output capacitor with a capacitance value of at least 1 f. also, please connect an input capacitor (cin) of 0.1 f between the vin pin and the vss pin in order to ensure a stable power input. the xc6209 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the operations of th e current limiter and circuit protection. when the load current reaches the current limit level, the fixed current limiter circuit operates and output voltag e drops. as a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases. when the output pin i s shorted, a current of about 50ma flows. current limiter on/off control voltage reference each circuit ce v ss v out v in r2 r1 the voltage divided by resistors r1 & r2 is compared with the internal reference voltage by the error amplifier. the p-channel mosfet, which is connected to the vout pin, is then driven by the subsequent output signal. the output voltage at the vout pin is controlled & stabilized by a system of negative feedback. the current limit circuit and short protect circuit operate in relation to the level of output current. further, the ic's internal circuitry can be shutdown via the ce pin's signal. semiconductor ltd. data sheet 11 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (1) output voltage vs. output current xc6209b302 0.0 1.0 2.0 3.0 4.0 0 100 200 300 400 output current iout (ma) output voltage vout (v) xc6209b302 0.0 1.0 2.0 3.0 4.0 0 100 200 300 400 output current iout (ma) output voltage vout (v) xc6209f302 0.0 1.0 2.0 3.0 4.0 0 100 200 300 400 output current iout (ma) output voltage vout (v) xc6209f302 0.0 1.0 2.0 3.0 4.0 0 100 200 300 400 output current iout (ma) output voltage vout (v) xc6209b122 0.0 0.3 0.6 0.9 1.2 1.5 0 100 200 300 400 output current iout (ma) output voltage vout (v) xc6209b122 0.0 0.3 0.6 0.9 1.2 1.5 0 100 200 300 400 output current iout (ma) output voltage vout (v) vin=4.0v, cin=1uf (ceramic), cl=1uf (ceramic) topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) - 40 o c 25 o c 85 o c vin=3.3 v vin=4.0 v vin=7.0 v vin=10 v vin=4.0v, cin=1uf (ceramic), cl=1uf (ceramic) topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) vin=3.3 v vin=4.0 v vin=7.0 v vin=10 v - 40 o c 25 o c 85 o c topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.7v, cin=1uf (ceramic), cl=1uf (ceramic) - 40 o c 25 o c 85 o c - 40 o c 25 o c 85 o c vin=2.0 v vin=2.5 v vin=2.7 v vin=3.6 v semiconductor ltd. data sheet 12 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (1) output voltage vs. output current (continued) (2) output voltage vs. input voltage xc6209b/f302 2.2 2.4 2.6 2.8 3.0 3.2 2.5 3.0 3.5 input voltage vin (v) output voltage vout (v) iout=0ma =1ma =30ma =100ma xc6209b/f302 2.85 2.90 2.95 3.00 3.05 3.10 45678910 input voltage vin (v) output voltage vout (v) iout=0ma =1ma =30ma xc6209b/f122 0.8 0.9 1.0 1.1 1.2 1.3 1.0 2.0 3.0 input voltage vin (v) output voltage vout (v) iout=0ma =1ma =30ma =100ma xc6209b/f122 1.00 1.10 1.20 1.30 1.40 246810 input voltage vin (v) output voltage vout (v) iout=0ma =1ma =30ma topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) xc6209f122 0.0 0.3 0.6 0.9 1.2 1.5 0 100 200 300 400 output current iout (ma) output voltage vout (v) xc6209f122 0.0 0.3 0.6 0.9 1.2 1.5 0 100 200 300 400 output current iout (ma) output voltage vout (v) - 40 o c 25 o c 85 o c vin=2.7v, cin=1uf (ceramic), cl=1uf (ceramic) topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.0 v vin=2.5 v vin=2.7 v vin=3.6 v topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) topr=25 o c, cin=1uf (ceramic), cl=1uf (ceramic) semiconductor ltd. data sheet 13 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (3) dropout voltage vs. output current (4) supply current vs. input voltage xc6209b302 0.0 0.2 0.4 0.6 0.8 1.0 0 40 80 120 160 200 output current iout (ma) dropout voltage vdif (v) xc6209f302 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 50 100 150 200 250 300 350 400 output current iout (ma) dropout voltage vdif (v) xc6209b122 0.0 0.2 0.4 0.6 0.8 1.0 0 40 80 120 160 200 output current iout (ma) dropout voltage vdif (v) xc6209f122 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 50 100 150 200 250 300 350 400 output current iout (ma) dropout voltage vdif (v) xc6209b/f302 0 10 20 30 40 50 0246810 input voltage vin (v) supply current iss ( a) xc6209b/f122 0 10 20 30 40 50 0246810 input voltage vin (v) supply current iss ( a) topr = 85 o c 25 o c -40 o c topr = 85 o c 25 o c -40 o c cin=1uf (ceramic), cl=1uf (ceramic) cin=1uf (ceramic), cl=1uf (ceramic) topr = 85 o c 25 o c -40 o c topr = 85 o c 25 o c -40 o c cin=1uf (ceramic), cl=1uf (ceramic) cin=1uf (ceramic), cl=1uf (ceramic) minimum operation requirement minimum operation requirement topr = 85 o c 25 o c -40 o c topr = 85 o c 25 o c -40 o c semiconductor ltd. data sheet 14 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (5) output voltage vs. ambient temperature (6) supply current vs. ambient temperature (7) p-ch driver transistor characteristics xc6209b/f302 2.90 2.95 3.00 3.05 3.10 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) output voltage vout (v) iout=0ma =1ma =30ma =100ma xc6209b/f122 1.10 1.15 1.20 1.25 1.30 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) output voltage vout (v) iout=0ma =1ma =30ma =100ma xc6209b/f302 0 10 20 30 40 50 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) supply current iss ( a) xc6209b/f122 0 10 20 30 40 50 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) supply current iss ( a) xc6209b/f -300 -250 -200 -150 -100 -50 0 0 0.4 0.8 1.2 1.6 2 vds (v) id (ma) vin=4.0v, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.5v, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.5 v vin=4.0 v topr=25 o c vin=5.0 v =4.0v =3.0v =2.7v =2.5v =2.0v semiconductor ltd. data sheet 15 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (8) input transient response xc6209b/f302 0 1 2 3 4 5 6 time (40usec/div) input voltage vin (v) 2.90 2.95 3.00 3.05 3.10 3.15 3.20 output voltage vout (v) input voltage output voltage xc6209b/f302 0 1 2 3 4 5 6 time (40usec/div) input voltage vin (v) 2.90 2.95 3.00 3.05 3.10 3.15 3.20 output voltage vout (v) output voltage input voltage xc6209b/f302 0 1 2 3 4 5 6 time (40usec/div) input voltage vin (v) 2.90 2.95 3.00 3.05 3.10 3.15 3.20 output voltage vout (v) input voltage output voltage xc6209b/f122 -1 0 1 2 3 4 time (40usec/div) input voltage vin (v) 1.15 1.20 1.25 1.30 1.35 1.40 output voltage vout (v) input voltage output voltage xc6209b/f122 -1 0 1 2 3 4 time (40usec/div) input voltage vin (v) 1.15 1.20 1.25 1.30 1.35 1.40 output voltage vout (v) output voltage input voltage xc6209b/f122 -1 0 1 2 3 4 time (40usec/div) input voltage vin (v) 1.15 1.20 1.25 1.30 1.35 1.40 output voltage vout (v) input voltage output voltage iout=1ma, tr=5usec, cl=1uf (ceramic) iout=30ma, tr=5usec, cl=1uf (ceramic) iout=100ma, tr=5usec, cl=1uf (ceramic) iout=1ma, tr=5usec, cl=1uf (ceramic) iout=30ma, tr=5usec, cl=1uf (ceramic) iout=100ma, tr=5usec, cl=1uf (ceramic) semiconductor ltd. data sheet 16 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (9) load transient response xc6209b/f302 2.60 2.70 2.80 2.90 3.00 3.10 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f302 2.60 2.70 2.80 2.90 3.00 3.10 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f302 2.60 2.70 2.80 2.90 3.00 3.10 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f302 2.60 2.70 2.80 2.90 3.00 3.10 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f302 2.60 2.70 2.80 2.90 3.00 3.10 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f302 2.60 2.70 2.80 2.90 3.00 3.10 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current vin=4.0v, tr=tf=5usec, cin=1uf (ceramic), cl=1uf (ceramic) vin=4.0v, tr=tf=5usec, cin=1uf (ceramic), cl=2.2uf (ceramic) vin=4.0v, tr=tf=5usec, cin=1uf (ceramic), cl=1uf (ceramic) vin=4.0v, tr=tf=5usec, cin=1uf (ceramic), cl=2.2uf (ceramic) vin=4.0v, tr=tf=5usec, cin=1uf (ceramic), cl=1uf (ceramic) vin=4.0v, tr=tf=5usec, cin=1uf (ceramic), cl=2.2uf (ceramic) semiconductor ltd. data sheet 17 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (9) load transient response xc6209b/f122 0.8 0.9 1.0 1.1 1.2 1.3 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f122 0.8 0.9 1.0 1.1 1.2 1.3 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f122 0.8 0.9 1.0 1.1 1.2 1.3 time (40usec/div) output current vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f122 0.8 0.9 1.0 1.1 1.2 1.3 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f122 0.8 0.9 1.0 1.1 1.2 1.3 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current xc6209b/f122 0.80 0.90 1.00 1.10 1.20 1.30 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 output current iout (ma) output voltage output current vin=2.5v, tr=tf=5usec, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.5v, tr=tf=5usec, cin=1uf (ceramic), cl=2.2uf (ceramic) vin=2.5v, tr=tf=5usec, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.5v, tr=tf=5usec, cin=1uf (ceramic), cl=2.2uf (ceramic) vin=2.5v, tr=tf=5usec, cin=1uf (ceramic), cl=1uf (ceramic) vin=2.5v, tr=tf=5usec, cin=1uf (ceramic), cl=2.2uf (ceramic) semiconductor ltd. data sheet 18 xc6209 series high speed ldo regulators, low esr cap. compatible, output on/off control ! typical performance characteristics (continued) (10) ripple rejection rate xc6209b/f302 0 20 40 60 80 100 0.1 1 10 100 1000 ripple frequency f (khz) ripple rejection rate rr (db) xc6209b/f122 0 20 40 60 80 100 0.1 1 10 100 1000 ripple frequency f (khz) ripple rejection rate rr (db) vin=4vdc+1vp-pac, iout=30ma, cl=1uf (ceramic) vin=2.5vdc+1vp-pac, iout=30ma, cl=1uf (ceramic) semiconductor ltd. data sheet 19 |
Price & Availability of XC6209F30ADL |