Part Number Hot Search : 
2SJ164 G150XG03 0M350 FDN360 1N2815 BGA2022 556K1 K1426
Product Description
Full Text Search
 

To Download VEMI45AB-HNH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 81716 for tec hnical questions, contact: emifilter@vishay.com www.vishay.com rev. 1.5, 18-may-10 1 4-channel emi-filter with esd-protection VEMI45AB-HNH vishay semiconductors marking (example only) dot = pin 1 marking y = type code (see table below) xx = date code features ? ultra compact llp1713-9l package ? low package profile of 0.6 mm ? 4-channel emi-filter ? low leakage current ? line resistance r s = 100 ? typical cut off frequency f 3db = 130 mhz ? esd-protection acc. iec 61000-4-2 18 kv contact discharge 25 kv air discharge ? e4 - precious metal (e.g. ag, au, nipd, nipdau) (no sn) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec 20383 1 23 4 8 7 6 5 9 20522 yxx 20719 ordering information device name ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity VEMI45AB-HNH VEMI45AB-HNH-gs08 3000 15 000 package data device name package name type code weight molding compound flammability rating moisture sensitivity level soldering conditions VEMI45AB-HNH llp1713-9l d 3.7 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings parameter test conditions symbol value unit peak pulse current all i/o pin to pin 9; acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 4a esd immunity contact discharge acc. iec61000-4-2; 10 pulses v esd 18 kv air discharge acc. iec61000-4-2; 10 pulses 25 operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c ** please see document vishay material category policy: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: emifilter@vishay.com document number: 81716 2 rev. 1.5, 18-may-10 VEMI45AB-HNH vishay semiconductors 4-channel emi-filter with esd-protection application note with the VEMI45AB-HNH 4 different signal or data lines can be filtered and clamped to ground. due to the different clamping levels in forward and reverse dire ction the clamping behaviour is bi directional and as ymmetric (bias). the 4 independent emi-filter are placed between pin 1 and pin 8, pin 2 and pin 7, pin 3 and pin 6 and pin 4 and pin 5. they all are connected to a common ground pin 9 on the backside of the package. the circuit diagram of one emi-filter-channel shows two identica l z-diodes at the input to ground and the output to ground. these z-diodes are characterized by the breakthrough voltage level (v br ) and the diode capacitance (c d ). below the breakthrough voltage level the z-diodes can be considered as capacitors. together with these capacitors and the line resistance r s between input and output the device works as a low pass filter. low frequency signals (f < f 3db ) pass the filter while high frequency signals (f > f 3db ) will be shorted to ground through the diode capacitances c d . each filter is symmetrical so that both ports can be used as input or output. l1 in l1 out l3 in l3 out l2 in l2 out l4 in l4 out 20384 1 2 3 4 8 7 6 5 9 r s out ( pin 5, 6, 7, 8) in (pin 1, 2, 3, 4) gnd (pin 9) c d 20385 c d c d
document number: 81716 for tec hnical questions, contact: emifilter@vishay.com www.vishay.com rev. 1.5, 18-may-10 3 VEMI45AB-HNH 4-channel emi-filter with esd-protection vishay semiconductors note ? ratings at 25 c, ambient temperature unless otherwise specif ied. all inputs (pin 1, 2, 3 and 4) to ground (pin 9) typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - esd discharge current wave form acc. iec 61000-4-2 (330 /150 pf) fig. 2 - 8/20 s peak pulse current wave form acc. iec 61000-4-5 electrical characteristics VEMI45AB-HNH parameter test conditions/re marks symbol min. typ. max. unit protection paths number of chan nels which can be protected n channel - - 4 channel reverse stand off voltage at i r = 1 a v rwm 5--v reverse current at v r = v rwm i r -0.251 a reverse break down voltage at i r = 1 ma v br 6--v pos. clamping voltage at i pp = 1 a applied at the input, measured at the output; acc. iec 61000-4-5 v c-out --7v at i pp = i ppm = 4 a applied at the input, measured at the output; acc. iec 61000-4-5 v c-out --8v neg. clamping voltage at i pp = - 1 a applied at the input, measured at the output; acc. iec 61000-4-5 v c-out - 1 - - v at i pp = i ppm = - 4 a applied at the input, measured at the output; acc. iec 61000-4-5 v c-out - 1.2 - - v input capacitance at v r = 0 v; f = 1 mhz c in -4045pf at v r = 2.5 v; f = 1 mhz c in -2428pf esd-clamping voltage at 18 kv esd-pulse acc. iec 61000-4-2 v cesd -7.5- v line resistance measured between input and output; i s = 10 ma r s 90 100 110 cut-off frequency v in = 0 v; measured in a 50 system f 3db - 130 - mhz 0 % 20 % 40 % 60 % 80 % 100 % 120 % - 10 0 10 20 30 40 50 60 70 80 90 100 time (ns) discharge current i esd rise time = 0.7 ns to 1 ns 53 % 27 % 20557 0 % 20 % 40 % 60 % 80 % 100 % 010203040 time (s) i ppm 20 s to 50 % 8 s to 100 % 20548
www.vishay.com for technical questions, contact: emifilter@vishay.com document number: 81716 4 rev. 1.5, 18-may-10 VEMI45AB-HNH vishay semiconductors 4-channel emi-filter with esd-protection fig. 3 - typical forward current i f vs. forward voltage v f fig. 4 - typical reverse voltage v r vs. reverse current i r fig. 5 - typical peak clamping voltage v c vs. peak pulse current i pp fig. 6 - typical input capacitance c in vs. input voltage v in fig. 7 - typical small signal transmission (s21) at z o = 50 0.5 0.6 0.7 0.8 0.9 1 0.001 0.01 0.1 1 10 100 v f (v) i f (ma) 20705 0 1 2 3 4 5 6 7 8 0.01 0.1 1 10 100 1000 10 000 i r (a) v r (v) 20707 i pp (a) 01234567 0 2 4 6 8 10 12 14 v c (v) 20709 input clamping voltage output clamping voltage measured acc. iec 61000-4-5 (8/20 s - wave form) v c 0 10 20 30 40 50 60 70 0123456 20706 v in (v) c in (pf) f = 1 mhz - 35 - 30 - 25 - 20 - 15 - 10 - 5 0 1 100 1000 10 000 frequency (mhz) transmission (s21) (db) v input = 5 v 20708 v input = 0 v v input = 1 v v input = 2 v measured in a 50 system 10 - 40
document number: 81716 for tec hnical questions, contact: emifilter@vishay.com www.vishay.com rev. 1.5, 18-may-10 5 VEMI45AB-HNH 4-channel emi-filter with esd-protection vishay semiconductors package dimensions in millimeters (inches): llp1713-9l 20386 foot print recommendation: created - date: 28. august 2006 document no.:s8-v-3906.04-001 (4) 1.75 (0.069) 1.65 (0.065) pin 1 marking 0.05 (0.002) 0 (0.000) 0.152 (0.006) ref. 1.2 (0.047) ref. 0.3 (0.012) 0.24 (0.009) 0.4 (0.016) bsc 0.23 (0.009) 0.17 (0.007) 1.05 (0.041) 1.4 (0.055) 1.3 (0.051) 0.6 (0.024) 0.5 (0.020) 0.45 (0.018) 0.35 (0.014) exp. dap 0.2 (0.008) x 45 solder resist mask solder pad 0.4 (0.016) 0.2 (0.008) 3 x 0.4 = 1.2 (0.047) 1 (0.039) 0.4 (0.016) 0.15 (0.006) 0.4 (0.016) 0.42 (0.017) rev. 1 - date: 27. may 2008
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VEMI45AB-HNH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X