Part Number Hot Search : 
SR310 B0303XLS L3234 BUZ80A MC14566 DP8105 TBU3502G 02M10
Product Description
Full Text Search
 

To Download VCUT0505B-HD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 81852 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.6, 26-oct-10 1 bidirectional symmetrical (bisy) single line esd-protection diode in llp1006-2l VCUT0505B-HD1 vishay semiconductors marking (example only) bar = pin 1marking x = date code y = type code (see table below) features ? ultra compact llp1006-2l package ? low package profile < 0.4 mm ? 1-line esd-protection ? working range 5 v ? low leakage current i r < 0.1 a ? low load capacitance c d = 18 pf ? esd-protection acc. iec 61000-4-2 20 kv contact discharge 25 kv air discharge ? soldering can be checked by standard vision inspection; no x-ray necessary ? pin plating nipdau (e4) no whisker growth ? e4 - precious metal (e.g. ag, au, nipd, nipdau) (no sn) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec 20 8 55 21129 1 2 21121 xy ordering information device name ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity VCUT0505B-HD1 VCUT0505B-HD1-gs08 8000 8000 package data device name package name type code weight molding compound flammability rating moisture sensitivity level soldering conditions VCUT0505B-HD1 llp1006-2l l 0.72 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings parameter test conditions symbol value unit peak pulse current acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 3.5 a peak pulse power pin 1 to pin 2 acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 56 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 20 kv air discharge acc. iec 61000-4-2; 10 pulses 25 kv operating temperatur e junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test conditions/remarks symbol min. typ. max. unit protection paths number of lines which can be protected n lines - - 1 lines reverse working voltage at i r = 0.1 a v rwm 5- -v reverse current at v r = 5 v i r --0.1a reverse breakdown voltage at i r = 1 ma v br 7- -v reverse clamping voltage at i pp = 1 a v c --12v at i pp = i ppm = 3.5 a v c --16v capacitance at v r = 0 v; f = 1 mhz c d -1820v at v r = 2.5 v; f = 1 mhz c d -14.5- pf ** please see document ?vishay material category policy?: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 81852 2 rev. 1.6, 26-oct-10 VCUT0505B-HD1 vishay semiconductors bidirectional symmetri cal (bisy) single line esd-protection di ode in llp1006-2l cut the spikes with VCUT0505B-HD1: the VCUT0505B-HD1 is a bi directional and sy mmetrical ( bisy ) esd-protection device which clamps positive and negative overvoltage transients to ground. connected between the signal or data line and the ground the VCUT0505B-HD1 offers a high isolation (low leakage current, low capacitance) within the sp ecified working range. due to the short leads and small package size of the tiny llp1006-2l package the line inductance is very low, so that fast tr ansients like an esd-strike can be clamped with minimal over- or undershoots. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - esd discharge current wave form acc. iec 61000-4-2 (330 /150 pf) fig. 2 - 8/20 s peak pulse current wave form acc. iec 61000-4-5 fig. 3 - typical capacitance c d vs. reverse voltage v r fig. 4 - typical reverse voltage v r vs. reverse current i r 0 % 20 % 40 % 60 % 8 0 % 100 % 120 % - 10 0 10 20 30 40 50 60 70 8 0 90 100 time (ns) discharge c u rrent i esd rise time = 0.7 ns to 1 ns 53 % 27 % 20557 0 % 20 % 40 % 60 % 8 0 % 100 % 010203040 time ( s) i ppm 20 s to 50 % 8 s to 100 % 2054 8 0 2 4 6 8 10 12 14 16 1 8 20 0123456 v r ( v ) c d (pf) 21122 f = 1 mhz - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 0.01 0.1 1 10 100 1000 10 000 i r ( a) v r ( v ) 21123 pin 1 to 2
document number: 81852 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.6, 26-oct-10 3 VCUT0505B-HD1 bidirectional symmetri cal (bisy) single line esd-protection diode in llp1006-2l vishay semiconductors fig. 5 - typical reverse voltage v r vs. reverse current i r fig. 6 - typical peak clamping voltage v c vs. peak pulse current i pp fig. 7 - typical clamping performance at + 8 kv contact discharge (acc. iec 61000-4-2) fig. 8 - typical clamping performance at - 8 kv contact discharge (acc. iec 61000-4-2) fig. 9 - typical peak. clamping voltage at esd contact discharge (acc. iec 61000-4-2) - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 0.01 0.1 1 10 100 1000 10 000 i r ( a) v r ( v ) 21124 pin 2 to 1 - 15 - 10 - 5 0 5 10 15 20 01234 i pp (a) v c ( v ) 21125 v c positi v e s u rge n egati v e s u rge meas u red acc. iec 61000-4-5 ( 8 /20 s - w a v e form) pin 2 to 1 - 20 - 10 0 10 20 30 40 50 60 70 8 0 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 + 8 k v contact discharge t (ns) v c-esd ( v ) 21126 pin 2 to 1 - 8 0 - 60 - 40 - 20 0 20 40 -100 10 203040506070 8 090 acc. iec 61000-4-2 - 8 k v contact discharge t (ns) v c-esd ( v ) 21127 pin 2 to 1 - 200 - 150 - 100 - 50 0 50 100 150 200 0 5 10 15 20 25 v esd (k v ) v c-esd ( v ) 2112 8 acc. iec 61000-4-2 contact discharge v c-esd positi v e discharge n egati v e discharge pin 2 to 1
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 81852 4 rev. 1.6, 26-oct-10 VCUT0505B-HD1 vishay semiconductors bidirectional symmetri cal (bisy) single line esd-protection di ode in llp1006-2l package dimensions in millimeters (inches): llp1006-2l 20 8 12 doc u ment no.:s 8 - v -3906.04-005 (4) 0.55 (0.022) 0.45 (0.01 8 ) 0.25 (0.010) 0.15 (0.006) 0.45 (0.01 8 ) 0.35 (0.014) 0.3 (0.012) 0.2 (0.00 8 ) 0.4 (0.016) 0.33 (0.013) 1.05 (0.041) 0.95 (0.037) 0.05 (0.002) 0 (0.000) 0.125 (0.005) ref. 0.65 (0.026) 0.55 (0.022) 0.05 (0.002) 0.25 (0.010) 0.5 (0.020) 1 (0.039) 0.5 [0.020] 0.6 (0.024) 0.2 (0.00 8 ) re v . 4 - date: 12. sept. 200 8 created - date: 13. j u ly. 2007 orientation identification foot print recommendation: solder resist mask solder pad soldermask opening 0.03 meas u red middle of the package
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VCUT0505B-HD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X