Part Number Hot Search : 
3314G SR20100C SSCDA100 SR20100C NTE5496 45KN033 5TRPB AD9773
Product Description
Full Text Search
 

To Download SMP400G-CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 1 2 2 . 54 0 . 2 ? 5 . 4 0 . 2 2 . 15 0 . 3 ? 4 . 65 0. 1 5 . 0 0 . 2 ? 0 . 45 l e ad 14 SMP400G-CC prelim. 7/97 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. mechanical data dimensions in mm. p.i.n. photodiode description the SMP400G-CC is a silicon p.i.n. photodiode incorporated in a compact, lensed, hermetic metal can package. the electrical terminations are via three leads of diameter 0.008" on a pitch centre diameter of 0.1". the photodiode is electrically isolated from the package, which has a separate earth lead. the photodiode structure has been optimised for high sensitivity, high speed light measurement applications. the narrow viewing angle provides better coupling to on-axis illumination sources. the metal can, isolated photodiode and optional screening mesh ensure a rugged device with a high degree of immunity to conducted and radiated electrical interference. to-18 package operating temperature range storage temperature range temperature coefficient of responsively temperature coefficient of dark current reverse breakdown voltage -40c to +70c -45c to +80c 0.35% per c x2 per 8c rise 60v absolute maximum ratings (t case = 25c unless otherwise stated) features ? narrow receiving angle ? photodiode isoloated from package ? excellent linearity ? low noise ? wide spectral response ? wide intrinsic bandwidth ? low leakage current ? low capacitance ? integral optical filter option note 1 ? to18 hermetic metal can package ? emi screening mesh available note 1 contact semelab plc for filter options pin 1 C anode pin 2 C cathode pin 3 Ccase
SMP400G-CC prelim. 7/97 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. characteristic t est conditions. min. t yp. max. units responsiv ely activ e area dar k current breakdo wn v oltage capacitance rise time nep l at 900nm e = 0 dar k 1v re v erse e = 0 dar k 10v re v erse e = 0 dar k 10a re v erse e = 0 dar k 0v re v erse e = 0 dar k 20v re v erse 30v re v erse 50 w 900nm 0.45 0.55 0.62 0.1 1.0 0.5 2.5 60 80 8 12 1.5 2.5 4 7.2 0.45 a/w mm 2 na v pf ns w/ ? hz chara cteristics (t amb =25c unless otherwise stated) s p e c t r a l r e s p o n s e 0 2 0 4 0 6 0 8 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 w a v e l e n g t h ( n m ) relative responsivity (%)


▲Up To Search▲   

 
Price & Availability of SMP400G-CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X