Part Number Hot Search : 
2GBJ01 0SSV1M4 LVR008N 74ACT520 166TQC 20H100 38905 MJE150
Product Description
Full Text Search
 

To Download SMP400G-BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 5.4 ? 4.7 3.6 13 nom. cathode and case anode ? 0.45 lead 2.54 SMP400G-BB prelim. 1/98 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. mechanical data dimensions in mm. p.i.n. photodiode description the SMP400G-BB is a silicon p.i.n. photodiode incorporated in a compact, hermetic metal can package. the package window has greater ultra-violet light transmission, thus extending the useful spectral range of the device. the electrical terminations are via two leads of diameter 0.005" on a pitch of 0.1". the cathode of the photodiode is electrically connected to the package. the photodiode structure has been optimised for high sensitivity, high speed light measurement applications across the infra-red to ultra-violet spectrum. inclusion of a suitable optical filter into the package can produce a device that responds only to ultra-violet light. the metal can and optional screening mesh ensure a rugged device with a high degree of immunity to radiated electrical interference. to-18 package operating temperature range storage temperature range temperature coefficient of responsively temperature coefficient of dark current reverse breakdown voltage -40c to +70c -45c to +80c 0.35% per c x2 per 8c rise 60v absolute maximum ratings (t case = 25c unless otherwise stated) features ? excellent linearity ? low noise ? widest spectral response ? wide intrinsic bandwidth ? enhanced uv sensitivity ? low leakage current ? low capacitance ? integral optical filter option note 1 ? to18 hermetic metal can package ? emi screening mesh available note 1 contact semelab plc for filter options pin 1 C anode pin 2 C cathode & case www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet
SMP400G-BB prelim. 1/98 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. characteristic t est conditions. min. t yp. max. units responsiv ely activ e area dar k current breakdo wn v oltage capacitance rise time nep l at 900nm e = 0 dar k 1v re v erse e = 0 dar k 10v re v erse e = 0 dar k 10a re v erse e = 0 dar k 0v re v erse e = 0 dar k 20v re v erse 30v re v erse 50 w 900nm 0.45 0.55 0.62 0.1 1.0 0.5 2.5 60 80 8 12 1.5 2.5 4 7.2 0.45 a/w mm 2 na v pf ns w/ ? hz chara cteristics (t amb =25c unless otherwise stated) d i r e c t i o n a l c h a r a c t e r i s t i c s 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 a n g l e f r o m s e n s o r t o i l l u m i n a t i o n d i r e c t i o n a l c h a r a c t e r i s t i c s 0 0 . 2 0 . 4 0 . 6 0 . 8 1 0 0 . 2 0 . 4 0 . 6 0 . 8 1 n o r m a l i s e d i n c i d e n t p o w e r 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 a n g l e f r o m s e n s o r t o i l l u m i n a t i o n s p e c t r a l r e s p o n s e 0 2 0 4 0 6 0 8 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 w a v e l e n g t h ( n m ) relative responsivity (%) normalised incident power www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of SMP400G-BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X