Part Number Hot Search : 
C3025 AD771 STK03Y60 M5201FP W91810AN MAX9994 20RPC LEDIL103
Product Description
Full Text Search
 

To Download LM7815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter symbol typ unit input voltage v i 35 v output voltage v o 15.0 v peak current i p k 2.2 a operating temperature range t o p r 0~125 o c storage temperature range t s t g -65~150 o c LM7815 general description parameter symbol test conditions min typ max unit output voltage v o v i = 17.5v to 30v 14.55 15.0 15.45 v line regulation (note1) regline v i = 17.5v to 30v 11 300 mv v i = 20v to 26v 3.0 150 load regulation (note1) regload i o = 5.0ma to1.5a 12 300 mv i o =250ma to 750ma 4 150 quiescent current i q t j =+25 o c 5.2 8 ma ripple rejection rr f = 120hz, v o = 15v to 30v 54 70 db dropout voltage v d r o p i o = 1a, t j =+25 o c 2 v output resistance r o f = 1khz 0.019 w short circuit current i s c v i = 35v, t a =+25 o c 250 ma peak current i p k t j =+25 o c 2.2 a 3-terminal 1a positive voltage regulator the LM7815 series of three terminal positive regulators are available in the to-220 package and with several fixed output voltages, making them useful in a wide range of applications. each type employs internal current limiting, thermal shut down and safe operating area protection, making it essentially indestructible. if adequate heat sinking is provided, they can deliver over 1a output current. although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. product specification absolute maximum ratings electrical characteristics (refer to test circuit, io = 500ma, vi = 23v, ci= 0.33uf, co=0.1uf unless otherwise specified) ( ta = 25 c) o ( ta = 25 c) o to-220 tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of LM7815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X