Part Number Hot Search : 
4957GM LJSA2N2M 60ZFDT AMS41221 167BZI M2N60F FDMS8 PC28F128
Product Description
Full Text Search
 

To Download DDB-KJS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27/06/2007 v(o) 1 features: > high brightness surface mount led. > based on gan technology. > 120 viewing angle. > small package outline (lxwxh) of 3.2 x 2.8 x 1.8mm. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. domiled tm synonymous with function and performance, the domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: domiled tm gan : ddx-kjs-i1 ? 2005 domiled is a trademark of dominant semiconductors. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: lcd illumination as in pdas, lcd tv. > communication: indicator and backlight in mobilephone. > display: full color display video notice board. > industry: white goods (eg: oven, microwave, etc.). dominant tm semiconductors innovating illumination
27/06/2007 v(o) 2 DDB-KJS-lm2-1-i1 ? DDB-KJS-l1 ? DDB-KJS-l2 ? DDB-KJS-m1 ? DDB-KJS-m2 gan blue, 470nm 120 11.2 - 28.5 11.2 - 14.0 14.0 - 18.0 18.0 - 22.4 22.4 - 28.5 gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination part ordering number chip technology / color viewing angle? luminous intensity @ if = 10ma iv (mcd) note 1. all part number above comes in a quantity of 2000 units per reel. 2. other luminious intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping wavelength distribution (nm) color ddb; blue full w x y 464 - 476 464 - 468 468 - 472 472 - 476 vr @ ir = 10 a electrical characteristics at ta=25 0 c vf @ if = 10 ma 3.9 5.0 forward voltage, vf is measured with an accuracy of 0.1 v. part number typ. (v) max. (v) min. (v) DDB-KJS 4.2
unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage (ir = 10 a) esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) thermal resistance - junction / ambient, r th ja - junction / solder point, r th js (mounting on fr4 pcb, pad size >= 16 mm 2 per pad) 20 200 5 2000 125 -40 +100 -40 +100 85 500 280 ma ma v v ?c ?c ?c mw k/w k/w gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination 27/06/2007 v(o) 3 unit kdudfwhulvwlfvd value temperature coeffcient of i f = 10ma; 0 ?c <= t <= 100 ?c temperature coeffcient of v f (typ) i f = 10ma; 0 ?c <= t <= 100 ?c temperature coeffcient of i v (typ) i f = 10ma; 0 ?c <= t <= 100 ?c nm / k symbol o dom (typ) o dom (typ) tc 0.01 tc v -2.60 mv / k tc iv -0.30 mcd / k DDB-KJS part number DDB-KJS DDB-KJS
relative luminous intensity vs forward current forward current, ma relative intensity; normalized at 10 ma 0 5 10 15 20 25 30 35 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage, v forward current, ma 3 3.5 4 4.5 5 0 5 10 15 20 25 30 35 maximum forward current vs temperature ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 relative intensity vs wavelength wavelength, nm relative intensity 350 400 450 500 550 600 650 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 allowable forward current vs duty ratio duty ratio, % allowable forward current, ma 1 10 100 1 10 100 1000 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 27/06/2007 v(o) 4 gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination radiation pattern allowable forward current vs duty ratio (ta=25 deg c, tp<10us)
gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination 27/06/2007 v(o) 5 domiled tm ? gan : ddx-kjs-i1 package outlines
27/06/2007 v(o) 6 gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination recommended solder pad
27/06/2007 v(o) 7 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 180 mm. gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination
27/06/2007 v(o) 8 packaging specifcation gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination
27/06/2007 v(o) 9 packaging specifcation moisture sensitivity level barcode label moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel average 1pc domiled / multi domiled 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 300 x 250 x 250 416 x 516 x 476 15 reels max 55 reels max small large for domiled tm reel / box quantity / box (pcs) cardboard box size 0.58 1.74 30,000 max 110,000 max dominant semiconductors lot no : lotno part no : partno qty : qty s/n : xxx d/c: xxxx group : group weight (gram) 0.034 190 10 rohs compliant pb free gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination dominant tm semiconductors
27/06/2007 v(o) 10 recommended sn-pb ir-refow soldering profle time (sec) 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination
27/06/2007 v(o) 11 gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant semiconductors does not assume any liability arising out of the application or use of any product described herein. dominant semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant semiconductors . page - subjects initial release date of modifcation 27 jun 2007
gan : ddx-kjs-i1 dominant tm semiconductors innovating illumination please contact us for more information: head quarter dominant semiconductors sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant china sales office dominant semiconductors (shenzhen) co. ltd. 24bc newbaohui building, no. 1007 west nanhai blvd., nanshan, shenzhen, china p.c. 518054 tel: +86 (755) 86031785 / +86 (755) 86031786 fax: +86 (755) 86031789 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. 902 sunil technopia, 440 sangdaewon-dong, jungwon-gu, sungnam-si, kyunggi-do, korea 462726 tel: 82-31-777-3978 fax: 82-31-777-3976 e-mail: sales_korea@dominant-semi.com dominant tm semiconductors innovating illumination about us dominant semiconductors is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in - dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant semiconductors can be found on the internet at http://www.dominant-semi.com.


▲Up To Search▲   

 
Price & Availability of DDB-KJS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X