Part Number Hot Search : 
YS64V XXXZFZ 74AHC1 TQ9203 B1361 EC2D01B 33910 NDHV310
Product Description
Full Text Search
 

To Download AT05SC3216R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 8-bit secure microcontroller with 16k eeprom and advanced security features AT05SC3216R preliminary summary rev. 1523as?04/00 features general  0.35 process technology  industry-standard m68hc05 instruction set, including: 8 x 8 bits unsigned multiply instruction, true bit manipulation, memory-mapped i/o  operating voltage: 3.0v 10% or 5.0v 10%  meets gsm 11.11 & 11.12 specifications  5.0 mhz maximum internal bus frequency at 3.0v and 5.0v  esd protection to 4000v  bond pad layout conforming to iso standard iso 7816/2  external maskable interrupt on iso standard i/o port (pa0)  power-saving wait and very low power stop modes  power-up detection  available as sawn or unsawn wafers or in industry-standard packages and modules eeprom  16320 bytes of on-chip user eeprom plus security 64 bytes  1 to 64-byte write/program/erase  1 ms program time, 1 ms erase time  10 years data retention  typically more than 1,000,000 write/erase cycles  on-chip charge pump for eeprom programming, driven by an internal oscillator ram and rom  32752 bytes of on-chip user rom plus 16 bytes reserved for vectors  1536 bytes of on-chip ram with security wipe on selected areas peripherals  single bidirectional i/o line (1-bit iso 7816/3 standard i/o port)  time base circuitry (with preset and maskable interrupt capabilities)  watchdog capability  hardware des module (capable of single encryption or decryption in 16 clock cycles)  crc module (allowing generation of checksums (iso/iec 3309))  random number generator security  dedicated hardware to resist power analysis attacks  featureless rom  low and high voltage monitors  low and high temperature monitors  low frequency monitor  high frequency filter/monitor  advanced physical barrier to enhance tamper resistance  illegal address reset  illegal opcode reset  memory partitioning with address lockout reset  scrambling logic  tamper monitor  physical removal of test mode when testing is complete development tools  hardware emulation module (for the motorola mmds05 development system)  software simulator based on hiware?s hi-wave product note: this is a summary document. a complete document is available under nda. for more information, please contact your local atmel sales office.
? atmel corporation 2000. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standard warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products a re not authorized for use as critical components in life support devices or systems. atmel headquarters, 2325 orchard parkway, san jose, ca 95131, tel (408) 441-0311, fax (408) 487-2600 atmel colorado springs, 1150 e. cheyenne mtn. blvd., colorado springs, co 80906, tel (719) 576-3300, fax (719) 540-1759 atmel rousset, zone industrielle, 13106 rousset cedex, france, tel (33) 4-4253-6000, fax (33) 4-4253-6001 atmel smart card ics, scottish enterprise technology park, east kilbride, scotland g75 0qr, tel (44) 1355-357000, fax (44) 1355 -242743 printed on recycled paper. description the AT05SC3216R is a new member of atmel?s at05sc family of single chip microcontrollers. designed specifically for embedded conditional access systems and other secu- rity conscious systems, these devices are based on the industry-standard m68hc05 low-power core and its instruction set, and are manufactured in atmel?s standard 0.35 process technology. the AT05SC3216R is designed to give a high level of pro- tection against physical and power analysis attacks, and includes hardware features to assist in protecting against spa and dpa attacks. on-board des, crc and rng modules are provided to assist in the design of high-secu- rity applications. on-board memory comprises 32k bytes of rom, 1.5k bytes of ram and 16k bytes of eeprom. the eeprom features 64-byte write, 1 ms program time, 1 ms erase time, typically more than 1,000,000 write/erase cycles, and greater than 10 years data retention. application areas for the AT05SC3216R include gsm mobile phones, finance and set-top boxes. block diagram note: 1. a sampling/smoothing algorithm must be used in conjunction with the rng to obtain statistically random results across al l operating conditions. pa 0 port a interrupt m68hc05 cpu 4/2/1 reset clk vdd vss ddra security logic time base and watchdog charge crc module control logic oscillator pump eeprom des module control dpa logic random number generator (rng) (1) user eeprom ? 16320 bytes (plus 64 control bytes) user rom ? 32752 bytes (plus 16 bytes for vectors) ram ? 1536 bytes 1523as?04/00/xm marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT05SC3216R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X