Part Number Hot Search : 
0505E SD550T LM431AC 0F0S5 74HC04D PCA10 APC18T04 VXZ22
Product Description
Full Text Search
 

To Download ARC242 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 arra y c hip resistor s siz e 4 0603 arc241/ARC242 ar v241/ar v242 fea tures 4 0603 siz ed resistors in one 1206-siz ed pac kage reduced reel e xchange time lo w assemb ly costs reduced pcb area reduced siz e of final equipment higher component and equipment reliability . applica tions camcorders hand held measur ing equipment car telephones computers p or tab le r adio , cd and cassette pla y ers . description the resistors are constr ucted on a high g r ade cer amic body (aluminium o xide). inter nal metal electrodes are added at each end and connected b y a resistiv e paste which is applied to the top surf ace of the substr ate . the composition of the paste is adjusted to giv e the appro ximate resistance required and the v alue is tr immed to within toler ance , b y laser cutting of this resistiv e la y er . the resistiv e la y er is co v ered with a protectiv e coating and pr inted with the resistance v alue . finally , e xter nal end ter minations are added. f or ease of solder ing the outer la y er of these end ter minations is a lead-tin allo y . fig.1 equiv alent circuit diag r am. r1 = r2 = r3 = r4. f or dimensions see fig.3 and t ab le 3. handbook, 2 columns r1 r2 r3 r4 cca862 q uick reference d a t a r-arra y o ver vie w description v alue arc241 ar v241 ARC242 ar v242 resistance r ange 10 w to 1 m w resistance toler ance and e-ser ies 5%; e24 ser ies 1%; e96 ser ies 1%; e24/e96 ser ies t emper ature coef cient 200 10 - 6 /k 100 10 - 6 /k 200 10 - 6 /k absolute maxim um dissipation per resistiv e element at t amb =7 0 c 0.063 w maxim um per missib le v oltage 50 v (dc or rms) climatic categor y (iec 60 068) 55/155/56 basic speci cation iec 60 115-8 type termina tion technology size t olerance (%) arc241 conca v e 4 0603 5 ARC242 conca v e 4 0603 1 ar v241 con v e x 4 0603 5 ar v242 con v e x 4 0603 1
3 arr a y chip resistors siz e 4 0603 arc241/ARC242 ar v241/ar v242 functional description pr oduct c haracterization standard v alues of nominal resistance are tak en from the e24 or e96 ser ies f or resistors with a toler ance of 5% or 1%. the v alues of the e24/e96 ser ies are in accordance with iec pub lication 60 063 . limiting v alues note 1. this is the maxim um v oltage that ma y be contin uously applied to the resistor element, see iec pub lication 60 115-8 . type limiting v o l t a g e (1) (v) limiting po wer (w) arc241 50 0.063 ARC242 ar v241 ar v242 d era ting the po w er that the resistor can dissipate depends on the oper ating ambient temper ature; see fig.2. handbook, 4 columns 70 100 50 0 0 50 100 155 ccb412 - 55 t amb ( c) p max (%p r ated ) fig.2 maxim um dissipation (p max ) in percentage of r ated po w er as a function of the oper ating ambient temper ature (t amb ).
4 arr a y chip resistors siz e 4 0603 arc241/ARC242 ar v241/ar v242 mechanical d a t a mass per 100 units marking all resistors within the e24 ser ies are mar k ed with a 3-digit code and a 4-digit code f or resistors of the e96 ser ies , on the protectiv e coat to designate the nominal resistance v alue . 3- digit marking f or v alues up to 91 w the r is used as a decimal point. f or v alues of 100 w or g reater the first 2 digits apply to the resistance v alue and the third indicates the n umber of z eros to f ollo w . example 4- digit marking f or v alues up to 976 w the r is used as a decimal point. f or v alues of 1 k or g reater the first 3 digits apply to the resistance v alue and the f our th indicates the n umber of z eros to f ollo w . example type mass (g) arc241 1.1 ARC242 1.1 ar v241 0.9186 ar v242 0.9186 marking resist ance 12r 12 w 124 120 k w 000 jumper marking resist ance 12r0 12 w 1203 120 k w p a cka ge marking the pac kaging is also mar k ed and includes resistance v alue , toler ance , catalogue n umber , quantity , production per iod, batch n umber and source code . outlines t ab le 3 ph ysical dimensions; see fig.3 symbol arc241/242 ar v241 ar v242 unit v alue t ol. v alue t ol. v alue t ol. l 3.20 +0.20/ - 0.10 3.20 0.15 3.20 0.15 mm w 1.60 +0.20/ - 0.10 1.60 0.15 1.60 0.15 mm t 0.60 0.20 0.55 0.10 0.55 0.10 mm a 0.60 0.15 0.40 0.15 0.60 0.05 mm b 0.35 0.15 0.30 0.20 0.30 0.20 mm p 0.80 0.15 0.80 0.15 0.80 0.15 mm e 0.50 0.15 ---- mm g 0.50 0.15 0.30 0.15 0.30 0.15 mm c 0.10 min. 0.10 min. 0.40 0.15 mm fig.3 outlines . dimensions in mm. f or dimensions see t ab le 3. handbook, 4 columns a a a c p l a a b 103 103 a t w p l b g e g c c con v e x ter mination conca v e ter mination cca863
5 arr a y chip resistors siz e 4 0603 arc241/ARC242 ar v241/ar v242 tests and req uirements essentially all tests are carr ied out in accordance with the schedule of iec pub lication 60 115-8 , categor y lct / uct / 56 (r ated temper ature r ange: l o w er c ategor y t emper ature , u pper c ategor y t emper ature; damp heat, long ter m, 56 da ys). the testing also co v ers the requirements specified b y eia and eiaj . the tests are carr ied out in accordance with iec pub lication 60 068, recommended basic climatic and mechanical rob ustness testing procedure f or electronic components and under standard atmospher ic conditions according to iec 60 068-1 , subclause 5.3. unless otherwise specified the f ollo wing v alues apply: t emper ature: 15 ct o3 5 c relativ e humidity: 25% to 75% air pressure: 86 kp a to 106 kp a (860 mbar to 1 060 mbar). in t ab le 4 the tests and requirements are listed with ref erence to the rele v ant clauses of iec pub lications 60 115-8 and 60 068 ; a shor t descr iption of the test procedure is also giv en. in some instances de viations from the iec recommendations w ere necessar y f or our method of specifying. all solder ing tests are perf or med with mildly activ ated flux. t ab le 4 t est procedures and requirements iec 60 115-8 cla use iec 60 068-2 test method test pr ocedure req uirements arc241 ar v241 ARC242 ar v242 t ests in accor dance with the sc hedule of iec pub lication 60 115-8 4.4.1 visual e xamination no holes; clean surf ace; no visib le damage 4.4.2 dimensions (outline; see fig.3) gauge (mm) see t ab le 3 - 4.5 resistance applied v oltage (+0/ - 10%): r - r nom : max. 5% r - r nom : max. 1% r - r nom : max. 5% 10 w r < 100 w : 0.3 v 100 w r<1k w :1v 1k w r < 10 k w :3v 10 k w r < 100 k w :1 0v 100 k w r<1m w :2 5v r 1m w :5 0v 4.18 20 (tb) resistance to solder ing heat unmounted chips; 10 1s ;2 6 0 5 c no visib le damage d r/r max.: (0.5% +0.05 w ) d r/r max.: (1% +0.05 w ) 4.29 45 (xa) component solv ent resistance isoprop yl alcohol or h 2 o f ollo w ed b y br ushing in accordance with mil 202 f no visib le damage 4.17 20 (t a) solder ability unmounted chips completely immersed f or 2 0.5 s in a solder bath at 235 2 c good tinning ( 95% co v ered); no visib le damage
6 arr a y chip resistors siz e 4 0603 arc241/ARC242 ar v241/ar v242 4.7 v oltage proof on insulation maxim um v oltage (rms) dur ing 1 min ute , metal b loc k method no breakdo wn or ? asho v er 4.13 shor t time o v er load room temper ature; p = 6.25 p n ; 5 s (v 2 v max ) d r/r max.: (1% +0.05 w ) d r/r max.: (2% +0.1 w ) 4.33 bending resistors mounted on a 90 mm glass epo xy resin pcb (fr4), bending: 5 mm no visib le damage d r/r max.: (1% +0.05 w ) d r/r max.: (0.5% +0.05 w ) d r/r max.: (1% +0.05 w ) 4.19 14 (na) r apid change of temper ature 30 min utes at lct and 30 min utes at uct ; 5 cycles no visib le damage d r/r max.: (0.5% +0.05 w ) d r/r max.: (1% +0.05 w ) 4.24.2 3 (ca) damp heat (steady state) 56 da ys; 40 2 c; 93 +2/ - 3% rh; loaded with 0.01 p n d r/r max.: (3% +0.1 w ) d r/r max.: (1% +0.05 w ) d r/r max.: (2% +0.1 w ) 4.25.1 endur ance 1 000 +48 /- 0 hours; 70 2 c; loaded with p n or v max ; 1.5 hours on and 0.5 hours off d r/r max.: (2% +0.1 w ) d r/r max.: (1% +0.05 w ) d r/r max.: (2% +0.1 w ) 4.23.2 27 (ba) endur ance at upper categor y temper ature 1 000 +48/ - 0 hours; no load d r/r max.: (2% +0.1 w) d r/r max.: (1% +0.05 w ) d r/r max.: (2% +0.1 w ) 4.8.4.2 temper ature coef t cient at 20/lct/20 c and 20/uct/20 c 200 10 - 6 /k 100 10 - 6 /k 200 10 - 6 /k other tests in accor dance with iec 60 115 c lauses and iec 60 068 test method 4.17 20 (t a) solder ability (after ageing) 8 hours steam or 16 hours 155 c; unmounted chips completely immersed f or 2 0.5 s in a solder bath at 235 2 c good tinning ( 3 95% co v ered); no damage 4.6.1.1 insulation resistance v oltage (dc) after 1 min ute , metal b loc k method: 10 v r ins min.: 10 3 m w 4.12 noise iec pub lication 60 195 (measured with quantech-equipment): r 100 w max. 0.316 m v/v ( - 10 db) 100 w ARC242 ar v242
7 arr a y chip resistors siz e 4 0603 arc241/ARC242 ar v241/ar v242 other applicab le tests (jis) c 5202 7.9 endur ance (under damp and load) 1 000 +48/ - 0 hours; 40 2 c; 93 +2 /- 3% rh; loaded with p n or v max ; 1.5 hours on and 0.5 hours off d r/r max.: (3% +0.1 w ) d r/r max.: (2% +0.1 w ) eia 575 3.13 leaching unmounted chips; 60 1 s; 260 5 c good tinning; no leaching eia/is 703 4.5 load humidity 1 000 +48/ - 0 hours; 85 2 c; 85 5% rh; loaded with 0.01 p n or v max d r/r max.: (2% +0.1 w ) iec 60 115-8 cla use iec 60 068-2 test method test pr ocedure req uirements arc241 ar v241 ARC242 ar v242


▲Up To Search▲   

 
Price & Availability of ARC242

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X